Part Number Hot Search : 
SRUDH 200BZ 2SC3355 B72F9 TDA749 18F6622 AHC1G125 ACSL6XX0
Product Description
Full Text Search
 

To Download FMMT497 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 NPN SILICON PLANAR HIGH VOLTAGE HIGH PERFORMANCE TRANSISTOR
ISSUE 3 DECEMBER 1995 COMPLIMENTARY TYPE PARTMARKING DETAIL 7 FMMT597 497
FMMT497
E
C B
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Peak Pulse Current Base Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range PARAMETER SYMBOL V(BR)CBO VCEO(sus) V(BR)EBO ICBO ICES IEBO VCE(sat) VBE(sat) VBE(on) hFE fT Cobo 100 80 20 75 5 SYMBOL VCBO VCEO VEBO IC ICM IB Ptot Tj:Tstg MIN. MAX. VALUE 300 300 5 500 1 200 500 -55 to +150 UNIT V V V 100 100 100 0.2 0.3 1.0 1.0 300 MHz pF nA nA nA V V V V
SOT23 UNIT V V V mA A mA mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C).
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Turn On Voltage Static Forward Current Transfer Ratio Transition Frequency Collector-Base Breakdown Voltage 300 300 5
CONDITIONS. IC=100A IC=10mA* IE=100A VCB=250V VCES=250V VEB=4V IC=100mA, IB=10mA IC=250mA, IB=25mA IC=250mA, IB=25mA IC=250mA, VCE=10V IC=1mA, VCE=10V IC=100mA, VCE=10V* IC=250mA, VCE=10V* IC=50mA, VCE=10V f=100MHz VCB=10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% 3 - 125
FMMT497
TYPICAL CHARACTERISTICS
0.6 0.5 0.4 0.3 0.2 0.1 0 1mA 10mA 100mA 1A
I+/I*=10 I+/I*=50 +25 C
0.6 0.5 0.4 0.3 0.2 0.1 0
I+/I*=10
-55 C +25 C +100 C
1mA
10mA
100mA
1A
IC-Collector Current
IC-Collector Current
VCE(sat) v IC
400
VCE(sat) v IC
V+-=10V +100 C
0.9 0.8 0.6 0.4
I+/I*=10
300
200
+25 C
100
-55 C
-55 C +25 C +100 C
0.2 0
0 1mA
10mA
100mA
1A
1mA
10mA
100mA
1A
IC-Collector Current
IC-Collector Current
hFE V IC
1
VBE(sat) v IC
0.9 0.8 0.6 0.4 0.2 0
V+-=10V
0.1
DC 1s 100ms 10ms 1ms 100s
-55 C +25 C +100 C
0.01
1mA
10mA
100mA
1A
0.001 0.1
1
10
100
1000
IC-Collector Current
VCE - Collector Emitter Voltage (V)
VBE(on) v IC
Safe Operating Area
3 - 126


▲Up To Search▲   

 
Price & Availability of FMMT497

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X