Part Number Hot Search : 
045MK B1642 AT057 HSM590J FQP34N20 E001510 AO461310 PU600C24
Product Description
Full Text Search
 

To Download FLI2310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FLI2310
Digital Video Format Converter
Product Brief
March 2003, document C0702-PBR-01B
The FLI2310 is a highly integrated digital video format converter for Flat Panel TV and digital projectors. It uses patented deinterlacing and post processing algorithms from Faroudja(R), coupled with highly flexible scaling, a wide variety of aspect ratio conversions, and other special video enhancing features to produce the highest quality image. INPUTS - * Input all industry standard and non-standard video resolutions, including 480i (NTSC), 576i (PAL/SECAM), 480p, 720p, 1080i, and VGA to SXGA Digital input, 8-bit Y/Cr/Cb (ITU-R BT656), 8-bit Y/Pr/Pb, 16-bit Y Cr/Cb (ITU-R BT601), 24-bit RGB, YCrCb, YPrPb Input pixel rate up to 75 MHz maximum Output resolutions include 480p, 576i, 576p, 720p, 1080i, 1080p, and VGA to SXGA Interlaced or Progressive output Output is digital 24-bit RGB, YCrCb, YPrPb (4:4:4), or 16/20-bit Y Cr/Cb (4:2:2) Output pixel rate up to 150 MHz maximum Motion Adaptive Noise Reduction - Improves picture quality for off-air material. Cross Color Suppressor (CCS) - Removes cross color artifacts in composite video signals due to poor Y/C separation in standard 2D video decoders, eliminating the need for expensive 3D video decoders. Input color manipulation matrix supports all color spaces: RGB, YPrPb, 4:4:4 YCrCb, 4:2:2 YCr/Cb, ITU-R BT656, ITU-R BT601
*
Output supports digital RGB, YPrPb, 4:4:4 YCrCb, 4:2:2 YCr/Cb Per-pixel Motion Adaptive Deinterlacing Patented FilmMode Processing - Used for proper de-interlacing of 3:2 and 2:2 pulldown material. Edit Correction - Film content is continuously monitored for any break in sequence caused by "bad edits" and quickly compensates for the most effective reduction in artifacts. DCDiTM by Faroudja - Video is analyzed on a single pixel granularity to detect presence or absence of angled lines and edges, which are then processed to produce a smooth & natural looking image without visible artifacts or "jaggies". High Quality Fully Programmable Two Dimensional Scaler Aspect Ratio Conversion for "Anamorphic" or "Panoramic" (non-linear) Display 4:3 images on 16:9 displays and vice versa, including Letterbox to Fullscreen, Pillarbox and Subtitle Display Modes Tearless Frame Rate Conversion, 50/60/72/75/100/120 Hz. 2-Wire control interface 0.18u technology, 1.8V/3.3V operation 208 pin PQFP package
DEINTERLACING - * *
*
*
*
* * * * * * *
OUTPUTS -
SCALING - * * *
FRONT END PROCESSING - *
FRC -
SPECIFICATIONS - * * *
FORMATS - *
MEMORY - * 32-bit wide SDRAM (i.e. one 2Mx32bit, or two 1Mx16bit), up to 166 MHz operation
Genesis Microchip Inc.
2150 Gold Street, P.O. Box 2150, Alviso, CA USA 95002, Tel 408-262-6599, Fax 408-262-6365 165 Commerce Valley Dr. West, Thornhill, ON Canada L3T 7V8, Tel 905-889-5400, Fax 905-889-5422 George Thangiah Complex(E), 2nd Flr, 80 Feet Road, Jeevan Bhima Nagar, Bangalore 560 075, India, Tel 91-80-526 3878, Fax 91-80-529 6245 4F, No. 57, Sing Jung Road, NeiHu Taipei, Taiwan 114, R.O.C, Tel 886-2-2791-0118, Fax 886-2-2791-0196 143-37 Hyundai Tower, #902, Samsung-dong, Kangnam-gu, Seoul, Korea 135-090, Tel 82-2-553-5693, Fax 82-2-552-4942 Rm2614-2618 Shenzhen Office Tower, 6007 Shennan Blvd, 518040, Shenzhen, Guangdong, P.R.C., Tel 86-755-83860101, Fax 86-755-83867874 #310-311 Century Financial Tower, No. 1, Su Hua Road, Suzhou Industrial Park, Suzhou, Jiangsu Province, P.R.C., 215021 Tel 86-512-67620380, Fax 86-512-67620385 2-9-5 Higashigotanda, Shinagawa-ku, Tokyo, 141-0022, Japan, Tel 81-3-5798-2758, Fax 81-3-5798-2759
www.genesis-microchip.com
Product Brief - FLI2310
TrueLifeTM ENHANCER - Two dimensional, non-linear, luma & chroma video enhancer brings out details in the picture, producing a more life-like image Applications LCD TV PDP TV LCOS/DLP Projection TV Digital Projectors
Chip Block Diagram
Port 2 8-bit 656 Input
Port 1
8/16/24-bit RGB/YCrCb Input
Input Processor with Auto Sync and auto Adjust
Noise Reducer, Deinterlacer, Frame Rate Converter and SDRAM interface
Vertical and Horizontal Scalers
Output Processor with Sync Generation and DACs
16/20/24-bit RBG/YCrCb Digital Outputs
Clock Generation PLLs
2Mx32 SDRAM (external)
Vertical and Horizontal Enhancers
System Block Diagram
Flat Panel TV Application
NTSC/PAL Composite (CVBS) NTSC/PAL S-video (Y/C) video decoder SDRAM
8 24
FLI2310
Progressive Scan Display
ADC HDTV Component (YPrPb/RGB) MCU
FLI2310 Product Brief
Page 2
www.genesis-microchip.com
(c) Copyright 2003 Genesis Microchip Inc. All Rights Reserved. All other trademarks are the property of their respective owners.


▲Up To Search▲   

 
Price & Availability of FLI2310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X