|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
A-1130 Wien Lilienberggasse 13 Tel.: +43-1-403 08 12 Fax: +43-1-408 72 13 e-mail: info@knap.at http://www.knap.at EXO-3 12,8 max. 8765 7,0 max. 1234 o1,6 7,62 CRYSTAL OSCILLATOR FOR P's WITH PROGRAMMABLE OUTPUT Frequency Range Standard Frequency Divider Select Frequency Stability Operating Temperature Range Supply Voltage Supply Current Output Waveform Output Symmetry Output Rise-/Fall Time Load Table 1 f0 / 22 (MHz) 3,000000 3,072000 3,200000 3,579545 3,625000 3,686400 3,727625 3,750000 3,840000 3,993600 4,000000 4,032000 4,064250 4,096000 4,433619 4,608000 4,772727 4,800000 4,915200 5,000000 5,120000 5,369318 5,500000 5,529600 6,000000 6,144000 7,500000 8,000000 f0 / 23 (MHz) 1,500000 1,536000 1,600000 1,789772 1,812500 1,843200 1,863813 1,875000 1,920000 1,996800 2,000000 2,016000 2,032125 2,048000 2,216809 2,304000 2,386364 2,400000 2,457600 2,500000 2,560000 2,684659 2,750000 2,764800 3,000000 3,072000 3,750000 4,000000 f0 / 24 (kHz) 750,000 768,000 800,000 894,886 906,250 921,600 931,906 937,500 960,000 998,400 1000,000 1008,000 1016,063 1024,000 1108,400 1152,000 1193,182 1200,000 1228,800 1250,000 1280,000 1342,329 1375,000 1382,400 1500,000 1536,000 1875,000 2000,000 Table 2 INPUT Select B L L H H L L H H original frequency F (OUT #1) f0 clock f0 clock f0 clock f0 clock f0 clock f0 clock f0 clock f0 clock L OUTPUT divided frequency D (OUT #2) f0 / 21 clock f0 / 2 clock f0 / 2 clock f0 / 24 clock f0 / 25 clock f0 / 26 clock f0 / 27 clock f0 / 28 clock L 2,54 VDD C B A 8 7 6 5 all Dimensions in mm 1 2 3 4 F D ST VSS 12 - 24,576 MHz 30 - 32 MHz Table 1 Table 2 100 x 10-6 150 x 10-6 -10 ... +70C +5 0,5 V 20 mA max. (8 mA typ. at 16 MHz) CMOS 40 / 60% 15 ns max. (10 ns typ.) 50 pF 15 pF f0 / 25 (kHz) 375,000 384,000 400,000 447,443 453,125 460,800 465,953 468,750 480,000 499,200 500,000 504,000 508,031 512,000 554,200 576,000 596,591 600,000 614,400 625,000 640,000 671,165 687,500 691,200 750,000 768,000 937,500 1000,000 f0 / 26 (kHz) 187,500 192,000 200,000 223,722 226,563 230,400 232,977 234,375 240,000 249,600 250,000 252,000 254,016 256,000 277,100 288,000 298,295 300,000 307,200 312,500 320,000 335,582 343,750 345,600 375,000 384,000 468,750 500,000 f0 / 27 (kHz) 93,750 96,000 100,000 111,861 113,281 115,200 116,488 117,188 120,000 124,800 125,000 126,000 127,008 128,000 138,550 144,000 149,148 150,000 153,600 156,250 160,000 167,791 171,875 172,800 187,500 192,000 234,375 250,000 f0 / 28 (kHz) 46,875 48,000 50,000 55,930 56,641 57,600 58,244 58,594 60,000 62,400 62,500 63,000 63,504 64,000 69,275 72,000 74,574 75,000 76,800 78,125 80,000 83,896 85,938 86,400 93,750 96,000 117,188 125,000 f0 (MHz) 12,00000 12,28800 12,80000 14,31818 14,50000 14,74560 14,91050 15,00000 15,36000 15,97440 16,00000 16,12800 16,25700 16,38400 17,73447 18,43200 19,09090 19,20000 19,66080 20,00000 20,48000 21,47727 22,00000 22,11840 24,00000 24,57600 30,00000 32,00000 f0 / 21 (MHz) 6,000000 6,144000 6,400000 7,159090 7,250000 7,372800 7,455250 7,500000 7,680000 7,987200 8,000000 8,064000 8,128500 8,192000 8,867238 9,216000 9,545455 9,600000 9,830400 10,000000 10,240000 10,738635 11,000000 11,059200 12,000000 12,288000 15,000000 16,000000 C L L L L H H H H - A L H L H L H L H - ST H H H H H H H H L Seite - 46 - Ausgabedatum: 00-09-21 |
Price & Availability of EXO-3 |