Part Number Hot Search : 
AT120 CL1503 74HC163 99004 PC384 99004 0FSU70Z STV3208
Product Description
Full Text Search
 

To Download ESS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ESS, ESW, ESN, EGS, EGW, EGN
Vishay Dale
Wirewound Resistors, Military/Established Reliability
MIL-PRF-39007 Qualified, Type RWR, R Level
FEATURES
* High temperature silicone coated * Complete welded construction * Qualified to MIL-PRF-39007 * Available in non-inductive styles (types ESN and EGN) with Aryton-Perry winding for lowest reactive components * "S" level failure rate available
STANDARD ELECTRICAL SPECIFICATIONS
MIL-PRF-39007 MODEL EGS-1-80 EGW-1 EGN-1-80 EGN-1-10 EGS-2 EGW-2 EGN-2 EGN-2-10 EGS-3-80 EGW-3 EGN-3-80 EGN-3-10 ESS-2A ESW-2A ESN-2A ESN-2A-10 ESS-2B ESW-2B ESN-2B ESN-2B-10 ESS-5 ESW-5 ESN-5 ESN-5-10 EGS-10-80 EGW-10 EGN-10-80 EGN-10-10 ESS-10 ESW-10 ESN-10 ESN-10-10 TYPE RWR81S RWR81W RWR81N RWR81Z RWR82S RWR82W RWR82N RWR82Z RWR80S RWR80W RWR80N RWR80Z RWR71S RWR71W RWR71N RWR71Z RWR89S RWR89W RWR89N RWR89Z RWR74S RWR74W RWR74N RWR74Z RWR84S RWR84W RWR84N RWR84Z RWR78S RWR78W RWR78N RWR78Z POWER RATING P25C W 1 1 1 1 1.5 1.5 1.5 1.5 2 2 2 2 2 2 2 2 3 3 3 3 5 5 5 5 7 7 7 7 10 10 10 10 MILITARY RANGE
0.1% 0.499 - 1k 0.499 - 1k 0.499 - 499 0.499 - 499 0.499 - 1.3k 0.499 - 1.3k 0.499 - 649 0.499 - 649 0.499 - 3.16k 0.499 - 3.16k 0.499 - 1.58k 0.499 - 1.58k 0.499 - 12.1k 0.499 - 12.1k 0.499 - 6.04k 0.499- 6.04k 0.499 - 4.12k 0.499 - 4.12k 0.499 - 2.05k 0.499 - 2.05k 0.499 - 12.1k 0.499 - 12.1k 0.499 - 6.04k 0.499 - 6.04k 0.499 - 12.4k 0.499 - 12.4k 0.499- 6.19k 0.499- 6.19k 0.499 - 39.2k 0.499 - 39.2k 0.499- 19.6k 0.499- 19.6k
0.5 & 1%
0.1 - 1k 0.1 - 1k 0.1 - 499 0.1 - 499 0.1 - 1.3k 0.1 - 1.3k 0.1 - 649 0.1 - 649 0.1 - 3.16k 0.1 - 3.16k 0.1 - 1.58k 0.1 - 1.58k 0.1 - 12.1k 0.1 - 12.1k 0.1 - 6.04k 0.1 - 6.04k 0.1 - 4.12k 0.1 - 4.12k 0.1 - 2.05k 0.1 - 2.05k 0.1 - 12.1k 0.1 - 12.1k 0.1 - 6.04k 0.1 - 6.04k 0.1 - 12.4k 0.1 - 12.4k 0.1 - 6.19k 0.1 - 6.19k 0.1 - 39.2k 0.1 - 39.2k 0.1 - 19.6k 0.1 - 19.6k
WEIGHT (Typical) g 0.21 0.21 0.21 0.21 0.23 0.23 0.23 0.23 0.34 0.34 0.34 0.34 0.90 0.90 0.90 0.90 0.70 0.70 0.70 0.70 4.2 4.2 4.2 4.2 3.6 3.6 3.6 3.6 9.0 9.0 9.0 9.0
ORDERING INFORMATION
RWR74 MILITARY TYPE S TERMINAL WIRE AND WINDING 49R9 RESISTANCE F TOLERANCE M FAILURE RATE
www.vishay.com 126
For technical questions, contact ww2bresistors@vishay.com
Document Number 30203 Revision 23-Sep-02
ESS, ESW, ESN, EGS, EGW, EGN
Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
DIMENSIONS
A 1.50 [38.10]* Min.
Vishay Dale
MIL-PRF-39007 MODEL RWR81 RWR82 RWR80 RWR71 RWR89 RWR74 RWR84 RWR78
DIMENSIONS - in inches [millimeters] A 0.250 0.031 [6.35 0.787] 0.312 0.016 [7.92 0.406] 0.406 0.031 [10.31 0.787] 0.812 0.062 [20.62 1.58] 0.560 0.062 [14.22 1.58] 0.875 0.062 [22.23 1.58] 0.875 0.062 [22.23 1.58] 1.780 0.062 [45.21 1.58] B .085 0.020 [2.16 0.508] 0.078 + 0.016 - 0.031 [1.98 + 0.406 - 0.787] 0.094 0.031 [2.39 0.787] 0.187 0.031 [4.75 0.787] 0.187 0.031 [4.75 0.787] 0.312 0.031 [7.92 0.787] 0.312 0.031 [7.92 0.787] 0.375 0.031 [9.53 0.787] C 0.020 0.0015 [0.508 0.038] 0.020 0.0015 [0.508 0.038] 0.020 0.0015 [0.508 0.038] 0.032 0.002 [0.813 0.051] 0.032 0.002 [0.813 0.051] 0.040 0.002 [1.02 0.051] 0.040 0.002 [1.02 0.051] 0.040 0.002 [1.02 0.051]
B
C
*On some standard reel pack methods, the leads may be trimmed to a shorter length than shown.
MATERIAL SPECIFICATIONS
Element: Copper-nickel alloy or nickel-chrome alloy, depending on resistance value Core: Ceramic, Beryllium oxide, steatite or alumina, depending on power requirement Coating: Special high temperature silicone Terminal and Winding: The terminal and the winding are identified by a letter symbol in the military type designation. Military Symbol: S = Solderable, inductively wound W = Weldable, inductively wound N = Solderable, non-inductively wound Z = Weldable, non-inductively wound Terminals: Solderable - Tinned Copperweld(R) Weldable - Bare Nickel per MIL-STD-1276, Type N-1 End Caps: StainlESS Steel Part Marking: Source Code, JAN, Military PIN, Date/Lot Code
RATED POWER IN %
120 100 80 60 40 20 0 -65-50
APPLICABLE MIL-SPECIFICATION
MIL-PRF-39007: This is the military specification covering axial lead established reliability power wirewound resistors. Vishay Dale ESS, ESW, EGS, EGW, ESN and EGN resistors meet or exceed the electrical, environmental and dimensional requirements of this specification.
0
25
50
Derating
150 250 AMBIENT TEMPERATURE IN C
TECHNICAL SPECIFICATIONS
PARAMETER Temperature Coefficient Dielectric Withstanding Voltage Short Time Overload Maximum Working Voltage Insulation Resistance Terminal Strength Solderability Operating Temperature Range UNIT ppm/C VAC V lb C ESS, ESW, ESN, EGS, EGW, EGN RESISTOR CHARACTERISTICS 650 for 0.1 to 0.499, 400 for 0.505 to 1, 50 for 1.1 to 10, 20 for 10 and above 500 minimum for 2 watt and smaller, 1000 minimum for 3 watt and larger 5 x rated power for 5 seconds for 3 watt size and smaller, 10 x rated power for 5 seconds for 5 watt size and greater (P x R)1/2 1000 Megohm minimum dry, 100 Megohm minimum after moisture test 5 minimum for 2 watt and smaller, 10 minimum for 3 watt and larger Meets requirements of ANSI J-STD-002 - 65/+ 250
PERFORMANCE
TEST Thermal Shock Short Time Overload Dielectric Withstanding Voltage Low Temperature Storage High Temperature Exposure Moisture Resistance Shock, Specified Pulse Vibration, High Frequency Load Life Extended Life Terminal Strength CONDITIONS OF TEST MIL-STD-2.2, Method 303 5 x rated power (RWR71, 80, 81, 89, 82), 10 x rated power (RWR74, 78, 84) for 5 seconds 500Vrms (RWR80, 81, 82), 1000Vrms (RWR71, 74, 78, 84, 89), 1 minute duration - 65C for 24 hours 250C for 2000 hours MIL-STD-202, Method 106 MIL-STD-202, Method 205, Condition C MIL-STD-202, Method 204, Condition D 2000 hours at rated power, + 25C, 1.5 hours "ON", 0.5 hours "OFF" 10,000 hours at rated power, + 25C, 1.5 hours "ON", 0.5 hours "OFF" MIL-STD-202, Method 211, Condition A and C 5 pound (RWR80, 81, 82), 10 pound (RWR71, 74, 78, 84, 89) TEST LIMITS (0.2% + 0.005) R (0.2% + 0.005) R (0.1% + 0.005) R (0.1% + 0.005) R (1.0% + 0.005) R* (0.2% + 0.005) R (0.1% + 0.005) R (0.1% + 0.005) R (0.5% + 0.005) R (1.0% + 0.005) R (0.1% + 0.005) R
*For resistance values above 100 ohms, Test Limit is 1.0%. Document Number 30203 Revision 23-Sep-02 For technical questions, contact ww2bresistors@vishay.com www.vishay.com 127


▲Up To Search▲   

 
Price & Availability of ESS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X