Part Number Hot Search : 
A101M UR202 MAX63 ISL5727 SKHI23 AAT1155 2SB118 MAX63
Product Description
Full Text Search
 

To Download ESML-2-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E-Series 2-Way 0 Power Divider 10 - 1000 MHz
Features
q q q
ESML-2-4
V3.00
SM-24
2 Way 0 Surface Mount
Specifications @ 25C
Frequency Range Insertion Loss 10 - 100 MHz 100 - 500 MHz 500 - 1000 MHz Isolation 10 - 100 MHz 100 - 500 MHz 500 - 1000 MHz Amplitude Unbalance 10 - 100 MHz 100 - 500 MHz 500 - 1000 MHz Phase Unbalance 10 - 100 MHz 100 - 500 MHz 500 - 1000 MHz Typical 0.3 dB 0.5 dB 1.0 dB Typical 25 dB 17 dB 15 dB 10 - 1000 MHz Maximum 0.5 dB 1.0 dB 1.8 dB Minimum 20 dB 14 dB 12 dB Maximum 0.15 dB 0.3 dB 0.7 dB Maximum 1 3 5
Operating Characteristics
Impedance 50 Ohms Nominal
Dimensions in ( ) are in mm. Unless Otherwise Noted: .x = 0.04 (1.00) .xx = 0.02 (0.50) .xxx = 0.010 (0.250)
Ordering Information
Part No. ESML-2-4 ESML-2-4TR Packaging Tube Forward Tape & Reel
Pin Configuration
Function Not Connected Ground Input Port 1 Port 2 Pin No. 5 1,2 6 4 3
Absolute Maximum Ratings
Parameter Maximum Power Rating Internal Load Dissipation Pin Temperature (10 sec) Storage Temperature Absolute Maximum 1 Watt 0.125 Watt 260C -55C to 100C
S 0609 D Specifications Subject to Change Without Notice.
M/A-COM, Inc.
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
1
Asia/Pacific: Tel. +81 (03) 3226-1671 Fax +81 (03) 3226-1451
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020


▲Up To Search▲   

 
Price & Availability of ESML-2-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X