Part Number Hot Search : 
XMG16 1N4148 PIC16C TC186 20C1X 18N50 WGXXX APM9968C
Product Description
Full Text Search
 

To Download ESML-2-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E-Series 2-Way 0 Power Divider 5 - 500 MHz
Features
q q q
ESML-2-1
V3.00
SM-24
2 Way 0 Surface Mount
Specifications @ 25C
Frequency Range Insertion Loss 5 - 500 MHz 50 - 250 MHz 250 - 500 MHz Isolation 5 - 500 MHz 50 - 250 MHz 250 - 500 MHz Amplitude Unbalance 5 - 500 MHz 50 - 250 MHz 250 - 500 MHz Phase Unbalance 5 - 500 MHz 50 - 250 MHz 250 - 500 MHz Typical 0.25 dB 0.3 dB 0.5 dB Typical 50 dB 33 dB 30 dB 5 - 500 MHz Maximum 0.5 dB 0.6 dB 1.0 dB Minimum 25 dB 24 dB 23 dB Maximum 0.15 dB 0.3 dB 0.6 dB Maximum 1 2 5
Operating Characteristics
Impedance 50 Ohms Nominal
Dimensions in ( ) are in mm. Unless Otherwise Noted: .x = 0.04 (1.00) .xx = 0.02 (0.50) .xxx = 0.010 (0.250)
Ordering Information
Part No. ESML-2-1 ESML-2-1TR Packaging Tube Forward Tape & Reel
Pin Configuration
Function Not Connected Ground Input Port 1 Port 2 Pin No. 2,5 1 6 4 3
Absolute Maximum Ratings
Parameter Maximum Power Rating Internal Load Dissipation Storage Temperature Pin Temperature (10 seconds) Absolute Maximum 1 Watt 0.125 Watt 260C -55C to 100C
S 0554 C Specifications Subject to Change Without Notice.
M/A-COM, Inc.
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
1
Asia/Pacific: Tel. +81 (03) 3226-1671 Fax +81 (03) 3226-1451
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020


▲Up To Search▲   

 
Price & Availability of ESML-2-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X