Part Number Hot Search : 
KDR521T BAS19 ADTR2 ADP32 E003787 ADTR2 KBPC3510 D1005
Product Description
Full Text Search
 

To Download EMC60DRAF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
_ * Accommodates .062" + .008" PC board (Consult factory for .032", .093" and .125" thick boards) * PBT or PPS insulator * Molded-in key available * 3 amp current rating * 10 milli ohm maximum at rated current
.265 INSERTION DEPTH [6.73] FULL BELLOWS
BACK-UP SPRING
PLA-K1
KEY IN BETWEEN CONTACTS (ORDER SEPARATELY)
LETTER 'A' SIDE .230 [5.84] .103 [2.62] .032 [0.81]
.200 [5.08]
ETA-K3
KEY REPLACES ONE PAIR OF CONTACTS (ORDER SEPARATELY)
.175 [4.44]
.280 [7.11]
.051 [1.30]
DUAL (D)
HALF LOADED (H)
.505 [12.83]
CONSULT FACTORY FOR MOLDED-IN KEY
.125 [3.18] .140 [3.56] ROW SPACING EYELET ACCEPTS 3-#26 AWG .185 [4.70] .050 [1.27] .275 [6.98] .225 [5.72] LETTER B SIDE FITS .043 [1.09] .200 [5.08] (RT) .440 [11.15] (RY) .156 [3.96] .140 [3.56] FITS .043 [1.09] FITS .043 [1.09] .200 [5.08] .185 [4.70]
.016 [0.41] THICK, OVERALL PLATED ONLY
.007 [0.18]
THICK
EYELET (TE)
EYELET (RE)
RIGHT ANGLE (RA)
NARROW DIP SOLDER (RT,RY)
WIDE DIP SOLDER (RX)
.125 [3.18]
#4-40
.116 [2.95], CLEARANCE FOR #4 SCREW
.135 [3.43]
.125 [3.18]
CLEARANCE HOLE (H)
THREADED INSERT (I)
FLOATING BOBBIN (F)
NO MOUNTING EARS (N)
SIDE MOUNTING (S)
30
s''OE"TM
PHONE 760.744.0125
www.SullinsElectronics.com
FAX 760.744.6081
E Z C 43 D RE H -S13
MATERIALS (Insulator/Contact) E = PBT/Phosphor Bronze (Standard) H = PBT/Beryllium Copper R = PPS/Phosphor Bronze A = PPS/Beryllium Copper C = PPS/Beryllium Nickel (Consult Factory) N = PEEK/Beryllium Copper (Consult Factory) W = PEEK/Beryllium Nickel (Consult Factory) F = PPS/Pfinodal*** (Consult Factory) MODIFICATIONS (Consult Factory) Omit for Standard -S13 = Card Extender For .062" [1.58 mm] Thick PCB -S93 = .093" [2.36 mm] Thick PCB MOUNTING STYLE (Opposite page) H = .125" [3.18 mm] Clearance Holes N = No Mounting S = Side Mounting I = Threaded Insert F = Floating Bobbin TERMINATION TYPE (Opposite page) RA = Right Angle RE = Eyelet (Standard) TE = Eyelet (Overall Plated Only) RT = .140" [3.56 mm] x .200" [5.08 mm] Dip Solder RY = .140" [3.56 mm] x .440" [11.18 mm] Dip Solder RX = .200" [5.08 mm] x .185" [4.70 mm] Dip Solder READOUT (Opposite page) D = Dual H = Half Loaded NUMBER OF CONTACT POSITIONS 05 thru 60
Consult Factory for Other Materials
CONTACT FINISH Contact Surface Z = .000010" Gold X = .000030" Gold G = .000010" Gold Y = .000030" Gold Contact Surface T = .000100" Tin S = .000010" Gold M = .000030" Gold CONTACT CENTERS C = .100" [2.54 mm]
Termination .000100" Tin .000100" Tin .000005" Gold .000005" Gold Overall Plating .000100" Tin .000010" Gold .000010" Gold
Underplate .000050" Nickel .000050" Nickel .000050" Nickel .000050" Nickel Underplate .000050" Nickel .000050" Nickel .000050" Nickel
.265 INSERTION DEPTH [6.73] B A F D E REFER TO MOUNTING STYLE .025 [0.64] .100 TYP. [2.54]
INCHES C D +.015 +.010 _ _ 0.675 0.975 0.775 1.075 0.875 1.175 0.975 1.275 1.075 1.375 1.275 1.575 1.475 1.775 1.575 1.875 1.775 2.075 1.975 2.275 2.075 2.375 2.175 2.475 2.275 2.575 2.475 2.775 2.575 2.875 2.775 3.075 2.875 3.175 3.075 3.375 3.275 3.575 3.375 3.675 3.775 4.075 3.875 4.175 4.275 4.575 4.575 4.875 4.675 4.975 5.175 5.475 5.275 5.575 5.475 5.775 6.275 6.575
C
.431 [10.95]
B12 A12
CONTACT MARKINGS B 1 2 3 ... 58 59 60 B A 1 2 3 ... 58 59 60 A
59 60 B 59 60 A
.245 [6.22] REFER TO TERMINATION TYPE
Dimensions in [ ] are in millimeters, all others in inches. PART NUMBER** EZC04 EZC05 EZC06 EZC07 EZC08 EZC10 EZC12 EZC13 EZC15 EZC17 EZC18 EZC19 EZC20 EZC22 EZC23 EZC25 EZC26 EZC28 EZC30 EZC31 EZC35 EZC36 EZC40 EZC43 EZC44 EZC49 EZC50 EZC52 EZC60 _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _* _ _ _* _ _ _ _ _ _ _ _ _ _ _* _ _ _ _ _ _ _ _ _ _ _ _ _* _ NUMBER OF CONTACTS 4/8 5/10 6/12 7/14 8/16 10/20 12/24 13/26 15/30 17/34 18/36 19/38 20/40 22/44 23/46 25/50 26/52 28/56 30/60 31/62 35/70 36/72 40/80 43/86 44/88 49/98 50/100 52/104 60/120 A +.008 _ 0.300 0.400 0.500 0.600 0.700 0.900 1.100 1.200 1.400 1.600 1.700 1.800 1.900 2.100 2.200 2.400 2.500 2.700 2.900 3.000 3.400 3.500 3.900 4.200 4.300 4.800 4.900 5.100 5.900 B +.008 _ 0.500 0.600 0.700 0.800 0.900 1.100 1.300 1.400 1.600 1.800 1.900 2.000 2.100 2.300 2.400 2.600 2.700 2.900 3.100 3.200 3.600 3.700 4.100 4.400 4.500 5.000 5.100 5.300 6.100 E +.020 _ 1.275 1.375 1.475 1.575 1.675 1.875 2.075 2.175 2.375 2.575 2.675 2.775 2.875 3.075 3.175 3.375 3.475 3.675 3.875 3.975 4.375 4.475 4.875 5.175 5.275 5.775 5.875 6.075 6.875 F +.005 _ A + 0.20 _ 7.62 10.16 12.70 15.24 17.78 22.86 27.94 30.48 35.56 40.64 43.18 45.72 48.26 53.34 55.88 60.96 63.50 68.58 73.66 76.20 86.36 88.90 99.06 106.68 109.22 121.92 124.46 129.54 149.86 B + 0.20 _ 12.70 15.24 17.78 20.32 22.86 27.94 33.02 35.56 40.64 45.72 48.26 50.80 53.34 58.42 60.96 66.04 68.58 73.66 78.74 81.28 91.44 93.98 104.14 111.76 114.30 127.00 129.54 134.62 154.94 MILLIMETERS C D + 0.38 + 0.25 _ _ 17.15 24.77 19.69 27.31 22.23 29.85 24.77 32.39 27.31 34.93 32.39 40.01 37.47 45.09 40.01 47.63 45.09 52.71 50.17 57.79 52.71 60.33 55.25 62.87 57.79 65.41 62.87 70.49 65.41 73.03 70.49 78.11 73.03 80.65 78.11 85.73 83.19 90.81 85.73 93.35 95.89 103.51 98.43 106.05 108.59 116.21 116.21 123.83 118.75 126.37 131.45 139.07 133.99 141.61 139.07 146.69 159.39 167.01 E F
+ 0.51 _
32.39 34.93 37.47 40.01 42.55 47.63 52.71 55.25 60.33 65.41 67.95 70.49 73.03 78.11 80.65 85.73 88.27 93.35 98.43 100.97 111.13 113.67 123.83 131.45 133.99 146.69 149.23 154.31 174.63
+ 0.13 _
.330
8.38
.400
10.16
* Consult factory for availability. ** For complete part number, add readout, termination type and mounting style from Part Number Coding (e.g. EZC43DREH). *** Request special soldering instructions before use of Pfinodal material. Low tin solder, non-aggressive flux, and special soldering method required.
s''OE"TM
PHONE 760.744.0125
www.SullinsElectronics.com
FAX 760.744.6081
31


▲Up To Search▲   

 
Price & Availability of EMC60DRAF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X