Part Number Hot Search : 
3362R205 SMART P1100EL TFS468G 11AK03 P4KE68 ERB32 MAN6750
Product Description
Full Text Search
 

To Download DTC343TK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DTC343TK / DTC343TS
Transistors
Digital transistors (built-in resistor)
DTC343TK / DTC343TS
Features In addition to the features of regular digital transistors, 1) Low VCE(sat) makes these transistors ideal for muting circuits. (Typ. 0.04V at IC/IB=50/2.5mA) 2) They can be used at high current. (ICMax. =600mA) Circuit schematic
C
R1
B
E
E : Emitter C : Collector B : Base
Absolute maximum ratings (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature DTC343TK DTC343TS Symbol VCBO VCEO VEBO IC Pc Tj Tstg Limits 30 15 5 600 200 300 150 -55 to +150 Unit V V V mA mW C C
Package, marking, and packaging specifications
Part No. Package Marking Packaging code Basic ordering unit (pieces) DTC343TK SMT3 H03 T146 3000 DTC343TS SPT - TP 5000
External characteristics (Ta=25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio Input resistance Symbol Min. 30 15 5 - - - 100 3.29 - - Typ. - - - - - 40 250 4.7 200 0.95 Max. - - - 0.5 0.5 80 600 6.11 - - Unit V V V A A mV - k MHz IC=50A IC=1mA IE=50A VCB=20V VEB=4V IC=50mA , IB=2.5mA IC=50mA , VCE=5V - VCE=10V , IE= -50mA , f=100MHz VI=7V , R=1k , f=1kHz Conditions
BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE R1 fT Ron
Transition frequency Output on resistance Transition frequency of the device.
Rev.A
1/2
DTC343TK / DTC343TS
Transistors
Electrical characteristics curves
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
1k 500
VCE=5V
Ta=25C Ta=100C
1 500m
IC/IB=20/1
100 50
Ta=25C f=1kHz RL=1k hFE=250(5V/50mA)
ON RESISTANCE : Ron ()
DC CURRENT GAIN : hFE
200 100 50 20 10 5 2 1 1m 2m 5m 10m 20m 50m 100m 200m 500m
Ta= -40C
200m 100m 50m 20m
Ta= -40C Ta=25C Ta=100C
20 10 5 2 1 500m 200m
10m 5m 2m 1m 1m 2m 5m 10m 20m 50m 100m 200m 500m
100m 100m 200m 500m 1
2
5
10
20
50
100
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
INPUT VOLTAGE : VI (V)
Fig.1 DC current gain vs. Collector current Fig.2 Collector-emitter saturation voltage vs. Collector current
Fig.3 ON resistance vs. Input voltage
Rev.A
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of DTC343TK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X