Part Number Hot Search : 
0605D ISL9440A 72012 230D6 600BW SF166CT EK7304 1N541508
Product Description
Full Text Search
 

To Download BUZ342 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 342
SIPMOS (R) Power Transistor * N channel * Enhancement mode * Avalanche-rated * dv/dt rated * Ultra low on-resistance * 175C operating temperature Pin 1 G Type BUZ 342 Pin 2 D Pin 3 S
VDS
50 V
ID
60 A
RDS(on)
0.01
Package TO-218 AA
Ordering Code C67078-S3135-A2
Maximum Ratings Parameter Continuous drain current Symbol Values 60 Unit A
ID IDpuls
240
TC = 150 C
Pulsed drain current
TC = 25 C
Avalanche energy, single pulse
EAS
460 dv/dt
mJ
ID = 60 A, VDD = 25 V, RGS = 25 L = 128 H, Tj = 25 C
Reverse diode dv/dt kV/s
IS = 0 A, VDS = 0 V, diF/dt = 0 A/s Tjmax = 0 C
Gate source voltage Power dissipation
VGS Ptot
20 400
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Tj Tstg RthJC RthJA
-55 ... + 175 -55 ... + 175 0.37 75 E 55 / 175 / 56
C K/W
Semiconductor Group
1
07/96
BUZ 342
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
50 3 0.1 1 10 10 0.007 4 1 100 100 100
V
VGS = 0 V, ID = 0.25 mA, Tj = -40 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
A nA A nA 0.01
VDS = 50 V, VGS = 0 V, Tj = 25 C VDS = 50 V, VGS = 0 V, Tj = -40 C VDS = 50 V, VGS = 0 V, Tj = 150 C
Gate-source leakage current
IGSS RDS(on)
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
VGS = 10 V, ID = 60 A
Semiconductor Group
2
07/96
BUZ 342
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
30 55 4450 1450 650 -
S pF 6000 2200 1000 ns 85 130
VDS 2 * ID * RDS(on)max, ID = 60 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Rise time
tr
220 330
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Turn-off delay time
td(off)
285 380
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Fall time
tf
155 210
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Semiconductor Group
3
07/96
BUZ 342
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A 1.1 85 200 60 240 V 1.6 ns nC Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 120 A
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 342
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
65 A
450 W
55
Ptot
350 300
ID
50 45 40
250 200 150 100 50 0 0
35 30 25 20 15 10 5 0 20 40 60 80 100 120 140 C 180 0 20 40 60 80 100 120 140 C 180
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 3
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0
A
/ID =
) on S( D R
V
D
S
t = 47.0s p
100 s
K/W
ID
10 2
ZthJC
10 -1
1 ms
10 ms
D = 0.50 0.20 10
1
10 DC
-2
0.10 0.05 single pulse 0.02 0.01
10 0 0 10
10
1
V 10
2
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 342
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
140 A 120
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
0.032
a b c d
Ptot =l 400W
kj i h g f VGS [V]
a b 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
RDS (on) 0.024
ID
110 100 90 80 70 60 50 40
c e
c d e f g
0.020
0.016
dh
i j k l
0.012
e f g
0.008 0.004 VGS [V] =
a 4.5 4.0 5.0 b 5.5 c 6.0 d 6.5 e f 7.0 7.5 g 8.0 h i j 9.0 10.0 20.0
30 20
b
i j
h
10 a 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
V
5.0
0.000 0
20
40
60
80
100
A
130
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
60 A 50
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
60 S 50
ID
45 40 35 30 25 20 15 10 5 0 0 1 2 3 4 5 6 7 8 V VGS 10
gfs
45 40 35 30 25 20 15 10 5 0 0 10 20 30 40 A 60
ID
Semiconductor Group
6
07/96
BUZ 342
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 60 A, VGS = 10 V
0.028
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
0.024
98%
RDS (on) 0.022
0.020 0.018 0.016 0.014 0.012 0.010 0.008 0.006 0.004 0.002 0.000 -60
VGS(th)
3.6 3.2 2.8 2.4
typ
98%
2.0
2%
typ
1.6 1.2 0.8 0.4 0.0 -60 -20 20 60 100 C 180
-20
20
60
100
C
180
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 4
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 3
C
Ciss
pF
A
IF
10 2
10 3
Coss
Crss
10 1
Tj = 25 C typ Tj = 175 C typ Tj = 25 C (98%) Tj = 175 C (98%)
10 2 0 10 0 0.0
5
10
15
20
25
30
V 40 VDS
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 342
Avalanche energy EAS = (Tj ) parameter: ID = 60 A, VDD = 25 V RGS = 25 , L = 128 H
500 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 90 A
16
V
EAS
400 350 300 250 200 150
VGS
12
10
0,2 VDS max
0,8 VDS max
8
6
4 100 50 0 20 2 0 40 60 80 100 120 140 C 180 0 20 40 60 80 100 120 140 160 nC 200
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
62 V 60
V(BR)DSS 59
58 57 56 55 54 53 52 51 50 49 48 47 -60
-20
20
60
100
C
180
Tj
Semiconductor Group
8
07/96
BUZ 342
Package Outlines TO-218 AA Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ342

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X