Part Number Hot Search : 
102J0 S1215 MR2920 CDLL944A FDP5800 KDR731S KKA6107Q EL308X
Product Description
Full Text Search
 

To Download BRT21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRT 21, BRT 22, BRT 23 SITAC(R) AC Switches With Zero Voltage Switch Without Zero Voltage Switch
* AC switch with zero-voltage detector * Electrically insulated between input and output circuit * Microcomputer-compatible by very low trigger current * UL-tested (file no. E 52744), code letter "J" * Available with the following options: Option 1: VDE 0884-approved Option 6: Pins in 10.16 mm spacing Option 7: Pins for sourface mounting
Type BRT 21 H BRT 21 H BRT 22 H BRT 22 H BRT 22 H BRT 22 H BRT 22 H
Opt. 1 7
VDRM
400 V 600 V 600 V 600 V
ITRMS
300 mA 300 mA 300 mA 300 mA 300 mA 300 mA 300 mA 300 mA 300 mA 300 mA 300 mA 300 mA 300 mA 300 mA
IFT
2 mA 2 mA 2 mA 2 mA 2 mA 2 mA 2 mA 3 mA 3 mA 2 mA 2 mA 2 mA 2 mA 3 mA
dv/dtcr 10 kV/s 10 kV/s 10 kV/s 10 kV/s 10 kV/s 10 kV/s 10 kV/s 10 kV/s 10 kV/s 10 kV/s 10 kV/s 10 kV/s 10 kV/s 10 kV/s
Marking BRT 21 H BRT 21 H BRT 22 H BRT 22 H BRT 22 H BRT 22 H BRT 22 H
Ordering Code C67079-A1020-A6 C67079-A1050-A16 C67079-A1021-A6 C67079-A1051-A5 C67079-A1051-A11 C67079-A1051-A16 C67079-A1051-A17
1 + 6 400 V
1 + 6 600 V 1 + 7 600 V 600 V 600 V 800 V 800 V 800 V 800 V
BRT 22 M BRT 22 M 1 BRT 23 H BRT 23 H BRT 23 H BRT 23 H 6 7
BRT 22 M C67079-A1021-A10 BRT 22 M C67079-A1051-A6 BRT 23 H BRT 23 H BRT 23 H BRT 23 H C67079-A1022-A6 C67079-A1052-A8 C67079-A1052-A11 C67079-A1052-A14
1 + 6 800 V
BRT 23 M -
BRT 23 M C67079-A1022-A10
Information
Package 1 2 3 Anode
Pin Configuration 4 A1 5 do not connect 6 A2
Cathode not Kathode
50 pcs per tube P-DIP-6
connected
Semiconductor Group
1
12.96
BRT 21, BRT 22, BRT 23
Maximum Ratings, at Tj = 25 C, unless otherwise specified. Tj AC Switch Parameter Max. Power dissipation Chip or operating temperature Storage temperature Insulation test voltage
1)
Symbol
Value 630 -40 ...+ 100 -40 ...+ 150 5300
Unit mW C
Ptot Tj Tstg VIS
VRMS
between input/output circuit (climate in acc. with DIN 40046, part2, Nov.74) Reference voltage in acc. with VDE 0110 b (insulation group C) Creepage tracking resistance (in acc. with DIN IEC 112/VDE 0303, part 1) Insulation resistance
Vref CTI
500 600 175
VRMS VDC
(group IIIa acc. to DIN VDE 0109)
Ris
1012 1011 F 7.2 7.2
VIO = 500 V, TA = 25 C VIO = 500 V, TA = 100 C
DIN humidity category, DIN 40 040 Creepage distance (input/output circuit) Clearance (input/output circuit) Input Circuit Parameter Param VR Continuous forward current Surge forward current, , Max. power dissipation, t 10 s s Symbol
mm
Value 6 20 1.5 30
Unit V mA A mW
VR IF IFSM(I) Ptot
Symbol BRT 21 400 300 3 600
Output Circuit Parameter Repetitive peak off-state voltage RMS on-state current Single cycle surge current (50 Hz) Max. power dissipation
Semiconductor Group 2
BRT BRT 22 600 23 800
Unit V mA A mW
12.96
VDRM ITRMS ITSM(I) Ptot
BRT 21, BRT 22, BRT 23
Characteristics at Tj = 25 C, unless otherwise specified. Tj Input Circuit Parameter Forward Voltage, Symbol min. Values typ. 1.1 max. 1.35 V 10 A Unit
VF IR RthJA
-
IF = 10 mA
Reverse current,
VR = 6 V
Thermal resistance 2) junction - ambient Output Circuit Parameter Critical rate of rise of off-state voltage Symbol min. dv/dtcr 10 5 dv/dtcrq 10 5 di/dtcr 8 2 A/s A Values typ. max. kV/s Unit 750 K/W
VD = 0.67 VDRM, Tj = 25 C VD = 0.67 VDRM, Tj = 80 C
Critical rate of rise of voltage at current commutation communication
VD = 0.67 VDRM, Tjj = 25 C, di/dtcrq 15 A/ms T = 25 C, di/dtcrq 15 A/ms T = 80 C, di/dtcrq 15 VD = 0.67 VDRM, Tjj = 80 C, di/dtcrq 15 A/ms
Critical rate of rise of on-state current Pulse current
Itp VT ID
tp 5 s, ff = 100 Hz, tp/dt/dt 8 A/s p 5 s, = 100 , di ditp 8 A/ms On-state voltage, IT = 300 mA
Off-state current
-
-
2.3
V A
TC = 25 C, VDRM TC = 80 C, VDRM
Holding current,
-
7 12 80 -
30 100 1000 500 125 K/W
IH RthJA
-
VD = 10 V
Thermal resistance 2) junction - ambient
Semiconductor Group
3
12.96
BRT 21, BRT 22, BRT 23
Response Characteristics at Tj = 25 C, unless otherwise specified. Parameter Trigger current 1 Symbol min. Values typ. max. mA 0.4 0.4 2 3 Unit
IFT1
type H type M
VD = 6 V
Trigger current 2
IFT2
Vop = 220 V, = 50 Hz,Tj = 100C tpF > 10 ms
type H type M Trigger current temperature gradient Inhibit voltage, IF = IFT1 Inhibit voltage temperature gradient Off-state current in inhibit state IFT1/Tj IFT2/Tj 7 7 8 -20 50 6 9 14 12 A/K V mV/K
VDINH
VDINH / Tj
IDINH CIO
200 A 2 pF
IF = IFT1 , VDRM
Capacitance between input and output circuit
VR = 0 V, f = 1 kHz
1) Static air, SITAC soldered in pcb or base plate. 2) Test AC voltage in acc. with DIN 57883, June 1980. 3) The SITAC switch is soldered in pcb or base plate. 4) Termocouple measurement has to be performed potentially separated to A1 and A2. The measuring junction should be as near as possible at the case. 5) The SITAC zero voltage switch can be triggered only in the hatched area below the Tj curves.
Semiconductor Group
4
12.96
BRT 21, BRT 22, BRT 23
Characteristics at Tj = 25 C, unless otherwise specified. Tj
Typical input characteristics IF = (V F) Typical output characteristics IT = (V T)
Current reduction ITRMS = (TA)
RthJA = 125 K/W 3)
Current reduction I TRMS = (TPIN5) RthJ-PIN5 = 16,5 K/W 4)
Semiconductor Group
5
12.96
BRT 21, BRT 22, BRT 23
Typical trigger delay time tgd = f(IF/IFT25C) V D = 200V Power dissipation for 40 ... 60 Hz line operation Ptot = (ITRMS)
Typ. inhibit current IDINH = (IF/IFT 25C) V D = 800 V
Typ.static inhibit voltage limit 5) V DINHmin = (IF/IFT 25C),parameter: Tj
Semiconductor Group
6
12.96


▲Up To Search▲   

 
Price & Availability of BRT21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X