Part Number Hot Search : 
KBPC25 C3875 BD140 XXXJX B2412 MXT224 74000 XEP100
Product Description
Full Text Search
 

To Download BI-DORECTI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
BI-DIRECTIONAL TRIGGER DIODES
DO-35 DO-35 GLASS-SEALED BI-DIRECTIONAL TRIGGER DIODES
Symbol Parameter Test Condition Type DB-3 DB-4 DB-6 DB-3 DB-4 DB-6 DB-3 DB-4 DB-6 Min 28 35 56 Typ 32 40 60 Max 36 45 70 3 3 4 Unit Package mm
+VBO - -VBO V VO
Breakover Voltage Symmetry Dynamic Breakback Voltage See Fig 1
V
V
1.8 0.2
See Fig 1
Output Voltage
See Fig 2
5
V
I BO
100 Breakdown Current 1.5 Rise Time See Fig 3 Vm=0.5VBO(Max) 10 Leakage Current See Fig 1
A
tr
S DO - 35 (mm)
IB
A
LIMITING VALUES
Symbol Parameter Value Unit
PC
Power Dissipation
t a =50C
DB-3 DB-4 DB-6
150
2.0 2.0 16
mW A
I Fmax
t p =10s 120pps Peak Pulse Current T a < 40C
Tr Storage and Operating Junction Temperatuer Range TJ
40 to 125 40 to 110
C
29 1
3.8 0.2
I= IBO toIF=10mA
5 5 10
29 1
Breakdown Voltage
See Fig 1
0.5 0.1
V BO
V
9B-1/2
LESHAN RADIO COMPANY, LTD.
DO-35 DO-35 GLASS-SEALED BI-DIRECTIONAL TRIGGER DIODE
+I F 90% 10mA 10K 500K DIAC
IP
-V
I BO IB 0.5VBO V
+V V BO
220V 50Hz
10% 0.1F VO 20 tr
FIG-2
-I F
Test circuit for output voltage
2, R, I P=0.5A Test circuit see diagram 2. Adjust R for I =0.5A FIG-3
FIG-1 I - V Current - voltage characterisitics
160
mW
load up to 1500 watts
120
3.3K 200K 120V 50Hz DIAC TRIAC
60 40 Tamp(C)
0.1F 100V
0 0 50 100
FIG-4 DIAC-TRIAC Typical DIAC-TRIAC full-wave Phase control
FIG-5 Power dissipation versus ambient temperature(maximum values)
1.1
VBO ( TJ ) I VBO ( TJ =25C )
2 1 0.5
1.08 1.06 1.04
F=100Hz T J =25C
0.2 0.1 0.05
1.02 T(C) 1 25 50 75 100
0.02 0.01 10 10 2 10 3
t ps 10 4
FIG-7 Peak pulse Current versus pulse duration (maximum values)
FIG-6 V BO Relative variation of VBO versus junction temperature (typical values)
9B-2/2


▲Up To Search▲   

 
Price & Availability of BI-DORECTI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X