Part Number Hot Search : 
PR10KL TRRPB 2SC2739 HHM1533 13020 MN675058 BCTB3 64738
Product Description
Full Text Search
 

To Download BF244A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BF244A / BF244B / BF244C
BF244A BF244B BF244C
S
G
TO-92
D
N-Channel RF Amplifier
This device is designed for RF amplifier and mixer applications operating up to 450 MHz, and for analog switching requiring low capacitance. Sourced from Process 50.
Absolute Maximum Ratings*
Symbol
VDG VGS ID IGF Tstg Drain-Gate Voltage Gate-Source Voltage Drain Current Forward Gate Current Storage Temperature Range
TA = 25C unless otherwise noted
Parameter
Value
30 - 30 50 10 -55 to +150
Units
V V mA mA C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient
Max
BF244A / BF244B / BF244C 350 2.8 125 357
Units
mW mW/C C/W C/W
1997 Fairchild Semiconductor Corporation
BF244A / BF244B / BF244C
N-Channel RF Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Typ
Max Units
OFF CHARACTERISTICS
V(BR)GSS IGSS VGSS(off) VGS Gate-Source Breakdown Voltage Gate Reverse Current Gate-Source Cutoff Voltage Gate-Source Voltage IG = 1.0 A, VDS = 0 VGS = - 20 V, VDS = 0 VDS = 15 V, ID = 10 nA VDS = 15 V, ID = 200 A 244A 244B 244C 30 5.0 - 0.5 - 0.4 - 1.6 - 3.2 - 8.0 - 2.2 - 3.8 - 7.5 V nA V V V V
ON CHARACTERISTICS
IDSS Zero-Gate Voltage Drain Current VDS = 15 V, VGS = 0 244A 244B 244C 2.0 6.0 12 6.5 15 25 mA mA mA
SMALL SIGNAL CHARACTERISTICS
yfs yos yrs Ciss Crss Coss NF F(Yfs) Forward Transfer Admittance Output Admittance Reverse Transfer Admittance Input Capacitance Reverse Transfer Capacitance Output Capacitance Noise Figure Cut-Off Frequency VDS = 15 V, VGS = 0, f = 1.0 kHz VDS = 15 V, VGS = 0, f = 200 MHz VDS = 15 V, VGS = 0, f = 1.0 kHz VDS = 15 V, VGS = 0, f = 200 MHz VDS = 20 V, VGS = - 1.0 V VDS = 20 V, VGS = - 1.0 V, f = 1.0 MHz VDS = 20 V, VGS = - 1.0 V, f = 1.0 MHz VDS = 15 V, VGS = 0, RG = 1.0 k, f = 100 MHz VDS = 15 V, VGS = 0 3.0 5.6 40 1.0 3.0 0.7 0.9 1.5 700 6.5
mmhos mmhos
mhos mhos pF pF pF dB MHz
5
Typical Characteristics
Transfer Characteristics
20 ID - DRAIN CURRENT (mA) r DS - DRAIN ON RESISTANCE ( )
Channel Resistance vs Temperature
1000 500 300 200 100
V GS(OFF) = -4.5V TA = -55 C T A = +25 C
O O
V DS
= 15V
16
V GS(OFF) = -1.0V -2.5 V -5.0V -8.0 V
12
T A = +125O C
TA = -55 C T A = +25 C T A = +125O C
O
O
8
50 30 20 10
4
V DS
= 100mV
-2.5 V
0 0 -1 -2 -3 -4 VGS - GATE-SOURCE VOLTAGE(V) -5
V GS = 0 V
-50 0 50 100 150 T A - AMBIENT TEMPERATURE ( C)


▲Up To Search▲   

 
Price & Availability of BF244A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X