Part Number Hot Search : 
00AXI ATS02 LS11K1T P4N40FI SNC12060 2N305 16NO7 CA14122
Product Description
Full Text Search
 

To Download BCR512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCR 512
NPN Silicon Digital Transistor * Switching circuit, inverter, interface circuit, drive circuit * Built in bias resistor (R1=4.7k, R2=4.7k)
Type BCR 512
Marking Ordering Code XFs Q62702-C2445
Pin Configuration 1=B 2=E 3=C
Package SOT-23
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Input on Voltage DC collector current Total power dissipation, TS = 79 C Junction temperature Storage temperature Symbol Values 50 50 10 30 500 330 150 - 65 ... + 150 mA mW C Unit V
VCEO VCBO VEBO Vi(on) IC Ptot Tj Tstg
Thermal Resistance Junction ambient
1)
RthJA RthJS
325 215
K/W
Junction - soldering point
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 6cm2 Cu
Semiconductor Group
1
Nov-27-1996
BCR 512
Electrical Characteristics at TA=25C, unless otherwise specified Parameter Symbol min. DC Characteristics Collector-emitter breakdown voltage Values typ. max. Unit
V(BR)CEO
50 4.7 1 -
V
IC = 100 A, IB = 0
Collector-base breakdown voltage
V(BR)CBO
50
IC = 10 A, IB = 0
Collector cutoff current
ICBO
100
nA mA 1.61 60 mV 0.3 V 0.6 1.5 2.2 6.2 1.1 k -
VCB = 40 V, IE = 0
Emitter cutoff current
IEBO hFE VCEsat Vi(off) Vi(on)
1
VEB = 10 V, IC = 0
DC current gain
IC = 50 mA, VCE = 5 V
Collector-emitter saturation voltage 1)
IC = 50 mA, IB = 2.5 mA
Input off voltage
IC = 100 A, VCE = 5 V
Input on Voltage
IC = 2 mA, VCE = 0.3 V
Input resistor Resistor ratio AC Characteristics Transition frequency
R1 R1/R2 fT
3.2 0.9
MHz 100 -
IC = 50 mA, VCE = 5 V, f = 100 MHz
1) Pulse test: t < 300s; D < 2%
Semiconductor Group
2
Nov-27-1996
BCR 512
DC Current Gain hFE = f (IC) VCE = 5V (common emitter configuration)
Collector-Emitter Saturation Voltage VCEsat = f(IC), hFE = 20
10 3 -
10 3
mA
hFE
10 2
IC
10 2
10 1
10 1 10 0
10 -1 -1 10
10
0
10
1
10
2
mA
10 0 0.0
0.2
0.4
0.6
V
IC
1.0 V CEsat
Input on Voltage Vi(on) = f(IC) VCE = 0.3V (common emitter configuration)
Input off voltage Vi(off) = f(IC) VCE = 5V (common emitter configuration)
10 3
10 1
mA mA
IC
10 2
IC
10 0
10 1
10 -1 10 0
10 -1 -1 10
10
0
10
1
V
10 -2 0.0
0.5
1.0
V
2.0
V i(on)
V i(off)
Semiconductor Group
3
Nov-27-1996
BCR 512
Total power dissipation Ptot = f (TA*;TS) * Package mounted on epoxy
400
mW
Ptot
300
TS TA
250
200
150
100
50 0 0 20 40 60 80 100 120 C 150 TA ,TS
Permissible Pulse Load RthJS = f(tp)
Permissible Pulse Load Ptotmax / PtotDC = f(tp)
10 3
10 4
K/W
-
RthJS
10 2
Ptotmax/PtotDC 10 3
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 1 0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 2
10 0
10 1
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
Semiconductor Group
4
Nov-27-1996


▲Up To Search▲   

 
Price & Availability of BCR512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X