Part Number Hot Search : 
HB3201 R5F7149 01006 74HC593 2N2894 BR604 FGA40N RP100
Product Description
Full Text Search
 

To Download BA41W12ST Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Regulator ICs
Dual output voltage regulator with power saving
BA41W12ST
The BA41W12ST is a general-purpose power supply with two outputs : 8V, 1A and 5V, 500mA. The IC is available in a compact TO220FP-5 package. The outputs can be turned off during the power saving state with a built-in switch. Also built in the IC are an overcurrent protection circuit, an overvoltage protection circuit, and a thermal shutdown circuit. FApplications Car audio systems, VCRs, facsimiles, air conditioners, and other household and industrial equipment FFeatures 1) Minimum I / O voltage differential is 0.5V or less. 2) Built-in protection circuits against overcurrent, overvoltage, and overheat. FBlock diagram
3) Available in a compact TO220FP-5 package (pins are bendable). 4) Zero power saving current. (Typ.)
108
Regulator ICs
FAbsolute maximum ratings (Ta = 25_C)
BA41W12ST
FRecommended operating conditions (Ta = 25_C)
FPin descriptions
FInput / output circuits
109
Regulator ICs
FElectrical characteristics (unless otherwise noted, Ta = 25_C and VCC = 13.0V)
BA41W12ST
110
Regulator ICs
FMeasurement circuits
BA41W12ST
111
Regulator ICs
BA41W12ST
112
Regulator ICs
BA41W12ST
113
Regulator ICs
FApplication circuit
BA41W12ST
114
Regulator ICs
FOperation notes (1) Although the circuit examples included in this handbook are highly recommendable for general use, you should be thoroughly familiar with circuit characteristics as they relate to your own use conditions. If you intend to change the number of external circuits, leave an ample margin, taking into account discrepancies in both static and dynamic characteristics of external parts and Rohm ICs. In addition, please be advised that Rohm cannot provide complete assurance regarding patent rights. (2) Operating power supply voltage When operating within the proper ranges of power supply voltage and ambient temperature, most circuit functions are guaranteed. Although the rated values of electrical characteristics cannot be absolutely guaranteed, characteristic values do not change drastically within the proper ranges. (3) Power dissipation (Pd) Refer to the power dissipation characteristics in Fig. 10. If power dissipation exceeds the allowable limit, the functionality of the IC will be degraded (such as reduction of current capacity by increased chip temperature). Make sure to use the IC within the allowable range of power dissipation with a sufficient margin. (4) Preventing oscillation at each output and bypass capacitor To stop output oscillation, make sure to connect a capacitor between GND and each output pin (capacitance of at least 10F over the whole operating temperature is recommended). Oscillation can occur if capacitance is susceptible to temperature. We recommend using a tantalum electrolytic capacitor with minimal changes in capacitance. Also, output can be further stabilized by connecting a bypass capacitor of about 0.33F between VCC and GND.
BA41W12ST
(5) Overcurrent protection circuit An overcurrent protection circuit is installed in each output system, based on the respective output current. This prevents IC destruction due to overcurrent, by limiting the current with a curve shape of "7" in the voltage-current graph. The IC is designed with margins so that current flow will be restricted and latching will be prevented even if a large current suddenly flows through a large capacitor. Note that these protection circuits are only good for preventing damage from sudden accidents. Make sure your design does not cause the protection circuit to operate continuously under transitional conditions (for instance, if output is clamped at 1VF or higher, short mode circuit operates at 1VF or lower). Note that the capacitance is negatively correlated with temperature. (6) Thermal protection circuit A built-in thermal protection circuit prevents thermal damage to the IC. All outputs are turned off when the circuit operates, and revert to the original state when the temperature drops to a certain level. (7) We recommend installing a bypass line in your application if there is a mode where potential difference between each output and input (VCC) or GND is reversed from the normal state. A revered mode may cause damage to the IC. (8) Although the quality of this IC is rigorously controlled, the IC may be destroyed when the applied voltage or the operating temperature exceeds their absolute maximum ratings. Because short mode or open mode cannot be specified when the IC is destroyed, be sure to take physical safety measures, such as fusing, if any of the absolute maximum ratings might be exceeded. (9) When used within a strong magnetic field, be aware that there is a slight possibility of malfunction.
115
Regulator ICs
FElectrical characteristic curves
BA41W12ST
FExternal dimensions (Units: mm)
116


▲Up To Search▲   

 
Price & Availability of BA41W12ST

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X