Part Number Hot Search : 
S1M8833 4558C XC9129 1N746A ST6215 B39212B 1N4730 MZ85C18
Product Description
Full Text Search
 

To Download AP1084 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator Features
1.4V maximum dropout at full load current Built-in thermal shutdown * Output current limiting * Adjustable output voltage or fixed 1.5V, 1.8V, 2.5V, 3.3V, 5.0V * Fast transient response * Good noise rejection * Package : TO252, TO263, TO220
* *
General Description
AP1084 is a low dropout positive adjustable or fixedmode regulator with minimum of 5.0A output current capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications such as high-speed bus termination and low current 3.3V logic supply. AP1084 is also well suited for other applications such as VGA cards. AP1084 is guaranteed to have lower than 1.4V dropout at full load current making it ideal to provide well-regulated outputs of 1.25 to 3.3V with 4.7 to 12V input supply.
Ordering Information
AP1084 X X X X
Low Dropout Regulator
Package D : TO252-3L K : TO263-3L T : TO220-3L
Vout Blank : Adj 15 = 1.5V 18 = 1.8V 25 = 2.5V 33 = 3.3V 50 = 5.0V
Lead Free
Packing
Blank : Normal Blank : Tube L : Lead Free Package A : Taping
Typical Circuit
5.0V to 3.3V Fixed Mode Regulator
5V 5V C1 100uF Vin Vout GND Tab is Vout 3.3V/5A C2 100uF Vin Vout Adj Tab is Vout R1 121 R2 121 C2 100uF 2.5V/5A
Adjustable Regulator
C1 100uF
Note: Vo = VREF (1+
R2 ) R1
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Rev.1.0 Aug.27, 2004 1/10
AP1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator Block Diagram
Vin 3 2 Vout
+ + 1.25V CURRENT LIMIT + Thermal Shutdown 1 Adj +
Connection Diagram
TO263 FRONT VIEW TO252 FRONT VIEW 3 2 1 Tab is Vout Vin Vout Adj (GND) Tab is Vout TO220 FRONT VIEW 3 2 Vout Adj (GND) 1 Vin Vout Adj (GND)
3 2 1
Vin
Tab is Vout
Pin Descriptions
NAME Adj (GND) I/O PIN # 1 FUNCTION Adjustable (Ground only for fixed mode) The output of the regulator. A minimum of 10uF capacitor must be connected from this pin to ground to insure stability. The input pin of regulator. Typically a large storage capacitor is connected from this pin to ground to insure that the input voltage does not sag below the minimum dropout voltage during the load transient response. This pin must always be 1.4V higher than Vout in order for the device to regulate properly.
Vout
O
2
Vin
I
3
Anachip Corp. www.anachip.com.tw Rev.1.0 Aug.27, 2004 2/8
AP1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator Absolute Maximum Ratings
Symbol Vin PD TST TOP Parameter DC Supply Voltage Power Dissipation Storage Temperature Operating Junction Temperature Range Rating Unit -0.3 to 12 V Internally Limited oC -65 to +150 oC 0 to +150
Electrical Characteristics
PARAMETER Reference Voltage AP1084-XXX AP1084-1.5 AP1084-1.8 Line Regulation AP1084-2.5 AP1084-3.3 AP1084-5.0 AP1084-Adj AP1084-1.5 Load Regulation AP1084-1.8 AP1084-2.5 AP1084-3.3 AP1084-5.0 Dropout Voltage Current Limit Minimum Load Current Temperature Stability Thermal Resistance Junction-to-Ambient (No heat sink ;No air flow) Thermal Resistance Junction-to-Case SYM. VREF
(Under Operating Conditions)
MIN 1.225 1.470 1.764 2.450 3.235 4.900 TYP 1.250 1.500 1.800 2.500 3.300 5.000 MAX 1.275 0.2 1.530 1.836 2.550 3.365 5.100 1 12 15 20 26 40 1.3 5.1 5 10 15 18 25 33 50 1.4 UNIT V % V V V V V % mV mV mV mV mV V A mA %
O
Vo
CONDITIONS (Notes) Io=10mA, Tj=25oC, (Vin-Vout)=1.5V o IO=10mA, VOUT+1.5VIo=10mA TO-252 TO-263 TO-220 TO-252: Control Circuitry/Power Transistor TO-263: Control Circuitry/Power Transistor TO-220: Control Circuitry/Power Transistor
0.5 98 91 83 15 10 0.65/2.7
JA
C/W
JC
O
C/W
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18" from the package. Note 2:Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the difference between input and output and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.
Anachip Corp. www.anachip.com.tw 3/10
Rev.1.0 Aug.27, 2004
AP1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator Functional Description
Introduction The AP1084 adjustable Low Dropout (LDO) regulator is a 3 terminal device that can easily be programmed with the addition of two external resistors to any voltages within the range of 1.25 to 5V. The AP1084 only needs 1.4V differential between Vin and Vout to maintain output regulation. In addition, the output voltage tolerances are also extremely tight and they include the transient response as part of the specification. For example, Intel VRE specification calls for a total of +/- 100mV including initial tolerance, load regulation and 0 to 5.0A load step. The AP1084 is specifically designed to meet the fast current transient needs as well as providing an accurate initial voltage, reducing the overall system cost with the need for fewer output capacitors. Output Voltage Setting The AP1084 can be programmed to any voltages in the range of 1.25V to 5V with the addition of R1 and R2 external resistors according to the following formula:
Vout = Vref (1+ R2/R1) +Iadj *R2 , where Vref = 1.25 typically, Iadj = 55uA typically R1&R2 as shown at below Vin
AP1084
Adj Vref Iadj=55uA R2 R1
Vout
The AP1084 keeps a constant 1.25V between the output pin and the adjust pin. By placing a resistor R1 across these two pins a constant current flows through R1, adding to the Iadj current and into the R2 resistor producing a voltage equal to the (1.25/R1)*R2+Iadj*R2 which will be added to the 1.25V to set the output voltage. This is summarized in the above equation. Since the minimum load current requirement of the AP1084 is 10mA, R1 is typically selected to be 121 resistor so that it automatically satisfies the minimum current requirement. Notice that since Iadj is typically in the range of 55uA it only adds a small error to the output voltage and should only be considered when a very precise output voltage setting is required. For example, in a typical 3.3V application where R1=121 and R2=200 the error due to Iadj is only 0.3% of the nominal set point. Load Regulation Since the AP1084 is only a 3 terminal device, it is not possible to provide true remote sensing of the
output voltage at the load. The best load regulation is achieved when the bottom side of R2 is connected to the load and the top-side of R1 resistor is connected directly to the case or the Vout pin of the regulator and not to the load. It is important to note that for high current applications, this can re-present a significant percentage of the overall load regulation and one must keep the path from the regulator to the load as short as possible to minimize this effect. Stability The AP1084 requires the use of an output capacitor as part of the frequency compensation in order to make the regulator stable. For most applications a minimum of 10uF aluminum electrolytic capacitor insures both stability and good transient response.
Anachip Corp. www.anachip.com.tw 4/10
Rev.1.0 Aug.27, 2004
AP1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator Functional Description (Continued)
Thermal Design The AP1084 incorporates an internal thermal shutdown that protects the device when the junction temperature exceeds the maximum allowable junction temperature. Although this device can operate with junction temperatures in the range of 150oC, it is recommended that the selected heat sink be chosen such that during maximum continuous load operation the junction temperature is kept below the temperature. Layout Consideration The output capacitors must be located as close to the Vout terminal of the device as possible. It is recommended to use a section of a layer of the PC board as a plane to connect the Vout pin to the output capacitors to prevent any high frequency oscillation that may result due to excessive trace inductance.
Anachip Corp. www.anachip.com.tw 5/10
Rev.1.0 Aug.27, 2004
AP1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator Performance Characteristics
2. 0 1. 8
0.20
Output Voltage Deviation (%)
1. 6
0 I load=1.5A
Dropout Voltage (V)
1. 4 1. 2 1. 0 0. 8 0. 6 0. 4 0. 2 0 0 1 Tj = 125 oC Tj = 25 oC
-0.20
-0.40
-0.80
Dropout Voltage vs Output Current
2 1.5 1
Output Current (A)
2
3
4
5
-1
-25
0
Load Regulation vs Temperature
Temperature ( oC)
25
50
75
100
125
Output Voltage Change (%)
1 0. 5 0 -0.5 -1 -1.5 -2 -50 -25 0 25 50 75 100 125 150
0.8
Output Voltage Deviation (%)
0.6
0.4
0.2
0
Percent Change in Output Voltage vs Temperature
Output Voltage Deviation (mV) Input Voltage (V) Load Current (A) Output Voltage Deviation (mV) 7.5 6.5 5.5 40 20 0 -20 -40 Cin=1uF Cout=10uF Tantalum 60 40 20 0 -20 -40 6 4 2 0 0 10 20
Temperature ( oC)
2
4
Line Regulation
Cin=1uF Cout=10uF Tantalum Preload=100mA
Input Voltage (V)
6
8
10
12
0
20
40
60
TIME (us)
80
100 120 140 160 180 200
30
Line Transient Response
Anachip Corp. www.anachip.com.tw 6/10
Load Transient Response
TIME (us)
40
50
60
70
80
90
100
Rev.1.0 Aug.27, 2004
AP1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator Marking Information
( Top View)
Logo Part Number 1084 for ADJ 84-VV : 15 for 1.5V 18 for 1.8V 25 for 2.5V 33 for 3.3V 50 for 5V
84-VV YYWWX X
Blank: normal L: Lead Free Package
YY : Year WW: Nth week X : Internal code ( Optional)
(TO252-3L)
( Top View) Logo
Part Number VV : 15 for 1.5V 18 for 1.8V 25 for 2.5V 33 for 3.3V 50 for 5V Blank for ADJ
1084-VV YYWWX X
Blank: normal L: Lead Free Package
YY : Year WW: Nth week X : Internal code ( Optional)
(TO220-3L / TO263-3L)
Anachip Corp. www.anachip.com.tw 7/10
Rev.1.0 Aug.27, 2004
AP1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator Package Dimension
(1) TO263-3L
10.9
L2
E
D
9.1
L
L3
1.3 e b b2
2.54
Land Pattern Recommendation (Unit: mm)
C
3 L1
Symbol A b b2 C C2 D E e L L1 L2 L3
Dimensions In Millimeters Min. Nom. Max. 4.06 4.45 4.83 0.51 0.75 0.99 1.14 1.27 1.40 0.38 TYP. 1.14 1.27 1.40 8.65 9.15 9.65 9.65 9.97 10.29 2.54 BSC. 14.61 15.24 15.88 2.28 2.54 2.80 1.30 2.92 1.27 1.52 1.78
Dimensions In Inches Min. Nom. Max. 0.160 0.175 0.190 0.020 0.030 0.039 0.045 0.050 0.055 0.015 TYP. 0.045 0.050 0.055 0.341 0.380 0.575 0.090 0.050 0.360 0.393 0.100 BSC. 0.600 0.100 0.051 0.060 0.380 0.405 0.625 0.110 0.115 0.070
Anachip Corp. www.anachip.com.tw 8/10
C2
Rev.1.0 Aug.27, 2004
A
15.7
AP1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
(2) TO252-3L
5.6 E b2 L2 5.6 11.0
2.25 2.0
7.2 1.2 H SEE NOTE2 C1 L SEATING PLANE
L1
D
b e1
e
Land Pattern Recommendation (Unit: mm)
A1
C
Notes: 1. 2.
JEDEC Outline: TO-252 AB Mils suggested for positive contact at mounting.
Symbol A A1 b b2 C C1 D E e e1 H L L1 L2
Dimensions In Millimeters Min. Nom. Max. 2.18 2.29 2.39 1.02 1.15 1.27 0.61 TYP. 5.20 5.35 5.50 0.46 0.52 0.58 0.46 0.52 0.58 5.33 5.57 5.80 6.35 6.58 6.80 2.25 BSC. 4.50 BSC. 9.00 9.70 10.40 0.51 0.64 0.83 1.02 1.52 1.78 2.03
Dimensions In Inches Min. Nom. Max. 0.086 0.090 0.094 0.040 0.045 0.050 0.024 TYP. 0.205 0.211 0.217 0.018 0.020 0.023 0.018 0.020 0.023 0.210 0.219 0.228 0.250 0.259 0.268 0.089 BSC. 0.177 BSC. 0.354 0.382 0.409 0.020 0.025 0.033 0.040 0.060 0.070 0.080
Anachip Corp. www.anachip.com.tw 9/10
A
Rev.1.0 Aug.27, 2004
AP1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
(3) TO220-3L
E Q
P
A
F
H1 D
b1 L
L1
b e e1
C J1
Symbol A b1 b C D E e e1 F H1 J1 L L1 oP Q
Dimensions In Millimeters Min. Nom. Max. 3.55 4.20 4.85 1.14 1.46 1.78 0.51 0.83 1.14 0.31 0.72 1.14 14.20 15.35 16.50 9.70 10.20 10.70 2.29 2.54 2.79 4.83 5.08 5.33 0.51 0.95 1.40 5.84 6.35 6.86 2.03 2.48 2.92 12.72 13.72 14.72 3.66 5.00 6.35 3.53 3.81 4.09 2.54 2.98 3.43
Dimensions In Inches Min. Nom. Max. 0.140 0.165 0.191 0.045 0.057 0.070 0.020 0.033 0.045 0.012 0.028 0.045 0.559 0.604 0.650 0.382 0.402 0.421 0.090 0.100 0.110 0.190 0.200 0.210 0.020 0.037 0.055 0.230 0.250 0.270 0.080 0.098 0.115 0.501 0.540 0.580 0.144 0.197 0.250 0.139 0.150 0.161 0.100 0.117 0.135
Anachip Corp. www.anachip.com.tw 10/10
SEATING PLANE
Rev.1.0 Aug.27, 2004


▲Up To Search▲   

 
Price & Availability of AP1084

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X