Part Number Hot Search : 
0BUTI 1N514 2N4953 67BGC 2SC2958K 0A120 AL1692 45984
Product Description
Full Text Search
 

To Download AN6652 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ICs for Motor
AN6652
Motor Control Circuit
s Overview
The AN6652 is an IC designed for the rotating speed control of a compact DC motor which is used for a tape recorder, record player, etc.
8.0 - 0.1 3.05
+ 0.5
Unit : mm
3.8 1.94 1234 1.778 1.778 5.334 1234
s Features * Small four-lead plastic package for compact motor.
Fewer external parts Stable low reference voltage (1.25V typ.), wide motor speed setting * Highly stable operation over a wide range of supply voltage and torque supply voltage, VCC = 6V ~ 20V * Reverse voltage protection circuit is built-in
0.50.2 1.778 3.5max.
15.0min.
*
11.5max.
0.50.1 1.44 1.76
4-Lead SIP Package (SSIP004-P-0000)
s Pin Descriptions
Pin No. 1 2 3 4 VCC Control Pin GND Motor Pin Pin Name
s Block Diagram
VREF x 20 (K) COM
1 VCC
2 Control
3 GND
4 Motor
AN6652
s Absolute Maximum Ratings (Ta= 25C)
Parameter Supply Voltage Supply Current Power Dissipation Operating Ambient Temperature Storage Temperature Symbol VCC ICC *2 PD *1 Topr Tstg Rating 22 1500 1300 -20 ~ + 75 - 40 ~ +150
ICs for Motor
Unit V mA mW C C
*1 Ta = 25C, With a 10 x 10mm bakelite printed circuit board (35m Cu leaf) *2 t 5s
s Electrical Characteristics (Ta = 25C)
Parameter Reference Voltage Bias Current Current Proportional Constant Saturation Voltage Voltage Characteristics (1) Voltage Characteristics (2) Current Characteristics (1) Current Characteristics (2) Temperature Characteristics (1) Temperature Characteristics (2) Symbol VREF IBias K Vsat VREF /VCC VREF K /VCC K VREF /I4 VREF K /I4 K VREF /Ta VREF K /Ta K Condition VCC = 12V, Ra = 1k VCC = 12V VCC = 12V, DI4 = 20mA VCC = 8.0V, Ra = 18 VCC = 9V ~ 16V, Ra = 1k VCC = 9V ~ 16V, DI4 = 20mA I4 = 10mA ~ 50mA I4 = 50mA ~ 100mA Ta = -20C + 75C, VCC = 12V, Ra = 1k Ta = -20C + 75C, DI4 = 20mA - 0.6 - 0.7 - 0.1 - 0.15 18 min. 1.15 typ. 1.25 0.1 20 1 - 0.02 0.2 - 0.03 - 0.01 0.01 0.01 max. 1.40 1 22 2 0.6 0.7 0.1 0.15 V %/V %/V %/mA %/mA %/C %/C Unit V mA
s Characteristics Curve
PD -Ta
1.6 1.4 Power Dissipatior PD (W) 1.2 1.0 0.8 0.6 0.4 0.2 0 -20 0 (2) (1) With a 10 x 10mm bakelite printed circuit board (35m Cu leaf) (2) Without heat sink (1)
s Application Circuit
VCC 22H RT 330 Micro Motor M Ea Ra
RS 2 10F 1
AN6652
3
4
Motor Constants
20 40 60 80 100 120 140 160 180 Ambient Temperature Ta (C)
Ka : Generation constant=2.4mV/rpm Ra : Internal resistor=18 KT : Torque constant=200g * cm/A


▲Up To Search▲   

 
Price & Availability of AN6652

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X