Part Number Hot Search : 
D3055 BT151X KBK10B PT2250A M38C81M2 40N25 M38C81M2 90583C
Product Description
Full Text Search
 

To Download ADP3401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Handles all GSM Baseband Power Management Functions Four LDOs Optimized for Specific GSM Subsystems Charges Li-Mn Coin Cell for Real-Time Clock Charge Pump and Logic Level Translators for 3 V and 5 V GSM SIM Modules Thermally Enhanced 6.1 mm 28-Lead TSSOP Package APPLICATIONS GSM/DCS/PCS Handsets TeleMatic Systems ICO/Iridium Terminals
GSM Power Management System ADP3401
FUNCTIONAL BLOCK DIAGRAM
VBAT
ADP3401
DIGITAL LDO VCC
RESET PWRONKEY ROWX POWER-UP SEQUENCING AND PROTECTION LOGIC
RTC LDO
VRTC
PWRONIN ANALOGON RESCAP
XTAL OSC LDO
VTCXO
GENERAL DESCRIPTION
The ADP3401 is a multifunction power management system IC optimized for GSM cell phones. The wide input voltage range of 3.0 V to 7.0 V makes the ADP3401 ideal for both single cell Li-Ion and three cell NiMH designs. The current consumption of the ADP3401 has been optimized for maximum battery life, featuring a ground current of only 150 A when the phone is in standby (digital LDO, and SIM card supply active). An undervoltage lockout (UVLO) prevents the startup when there is not enough energy in the battery. All four integrated LDOs are optimized to power one of the critical sub-blocks of the phone. Their novel anyCAPTM architecture requires only very small output capacitors for stability, and the LDOs are insensitive to the capacitors' equivalent series resistance (ESR). This makes them stable with any capacitor, including ceramic (MLCC) types for space-restricted applications. A step-up converter is implemented to supply both the SIM module and the level translation circuitry to adapt logic signals for 3 V and 5 V SIM modules. Sophisticated controls are available for power-up during battery charging, keypad interface, and charging of an auxiliary backup battery for the real-time clock. These allow an easy interface between ADP3401, GSM processor, charger, and keypad. The 28-lead TSSOP package has been thermally enhanced to maximize power dissipation capability. Furthermore, a reset circuit and a thermal shutdown function have been implemented to support reliable system design.
CHRON
ANALOG LDO
VCCA
SIMBAT CAP+ CAP SIMPROG SIMON SIMGND REF + RESETIN CLKIN DATAIO I/O CLK RST DGND LOGIC LEVEL TRANSLATION AGND BUFFER REFOUT CHARGE PUMP VSIM
anyCAP is a trademark of Analog Devices, Inc.
REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2000
ADP3401-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS1
Parameter SHUTDOWN SUPPLY CURRENT VBAT = Low (UVLO Low) VBAT = High (UVLO High) OPERATING GROUND CURRENT VCC and VRTC On VCC, VRTC and VSIM On All LDOs and VSIM On All LDOs and VSIM On UVLO CHARACTERISTICS UVLO On Threshold UVLO Hysteresis INPUT CHARACTERISTICS Input High Voltage PWRONIN and ANALOGON PWRONKEY Input Low Voltage PWRONIN and ANALOGON PWRONKEY PWRONKEY INPUT PULL-UP RESISTANCE TO VBAT CHRON CHARACTERISTICS CHRON Threshold CHRON Hysteresis Resistance CHRON Input Bias Current ROWX CHARACTERISTICS ROWX Output Low Voltage ROWX Output High Leakage Current SHUTDOWN Thermal Shutdown Threshold2 Thermal Shutdown Hysteresis DIGITAL LDO (VCC) Output Voltage Line Regulation Load Regulation Output Capacitor3 Dropout Voltage ANALOG LDO (VCCA) Output Voltage Line Regulation Load Regulation Output Capacitor3 Dropout Voltage Ripple Rejection Output Noise Voltage VCC DVCC DVCC CO VDO VT RIN IB VOL IIH Symbol IBAT
(-20C TA +85C, VBAT = 3 V to 7 V, CVBAT = CSIMBAT = CVSIM = 10 F, CVCC = C VCCA = 2.2 F, C VRTC = 0.1 F, CVTCXO = 0.22 F, C VCAP = 0.1 F, min. loads applied on all outputs, unless otherwise noted)
Conditions VBAT = 2.7 V VBAT = 3.6 V, VRTC On
Min
Typ 3 12 100 150 260 15 3.0 100
Max 20 30 140 240 400
Unit A A A A A mA V mV
IGND Minimum Loads, VBAT = 3.6 V Minimum Loads, VBAT = 3.6 V Minimum Loads, VBAT = 3.6 V Maximum Loads, VBAT = 3.6 V VBATUVLO
3.3
VIH 2 0.7 VIL 0.4 0.3 15 2.38 108 20 2.48 125 25 2.58 138 0.5 0.4 1 V VBAT V k V k A V A VBAT V V
2.38 < CHRON < VT CHRON > VT PWRONKEY = Low IOL = 200 A PWRONKEY = High V(ROWX) = 5 V Junction Temperature Junction Temperature Line, Load, Temp 3 V < VBAT < 7 V, Min Load 50 A < ILOAD < 100 mA, VBAT = 3.6 V VO = VINITIAL - 100 mV ILOAD = 100 mA Line, Load, Temp 3 V < VBAT < 7 V, Min Load 200 A < ILOAD < 130 mA, VBAT = 3.6 V VO = VINITIAL - 100 mV ILOAD = 130 mA f = 217 Hz (t = 4.6 ms) VBAT = 3.6 V f = 10 Hz to 100 kHz ILOAD = 130 mA, VBAT = 3.6 V
160 35 2.710 2.765 2.820 2 15
C C V mV mV F mV
2.2 215
VCCA DVCCA DVCCA CO VDO DVBAT/ DVCCA VNOISE
2.710
2.765 2.820 2 15
V mV mV F mV dB V rms
2.2 215 65 70 75
-2-
REV. 0
ADP3401
Parameter CRYSTAL OSCILLATOR LDO (VTCXO) Output Voltage Line Regulation Load Regulation Output Capacitor3 Dropout Voltage Ripple Rejection Output Noise Voltage VOLTAGE REFERENCE (REFOUT) Output Voltage Line Regulation Load Regulation Ripple Rejection Maximum Capacitive Load Output Noise Voltage REAL-TIME CLOCK LDO/ BATTERY CHARGER (VRTC) Maximum Output Voltage Current Limit Off Reverse Leakage Current Dropout Voltage SIM CHARGE PUMP (VSIM) Output Voltage for 5 V SIM Modules Output Voltage for 3 V SIM Modules GSM/SIM LOGIC TRANSLATION (GSM INTERFACE) Input High Voltage (SIMPROG, SIMON, RESETIN, CLKIN) Input Low Voltage (SIMPROG, SIMON, RESETIN, CLKIN) DATAIO Symbol VTCXO VTCXO VTCXO CO VDO VBAT/ VTCXO VNOISE Conditions Line, Load, Temp 3 V < VBAT < 7 V, Min Load 100 A < ILOAD < 5 mA, VBAT = 3.6V VO = VINITIAL - 100 mV ILOAD = 5 mA f = 217 Hz (t = 4.6 ms) VBAT = 3.6 V f = 10 Hz to 100 kHz ILOAD = 5 mA, VBAT = 3.6 V Line, Load, Temp 3 V < VBAT < 7 V, Min Load 0 A < ILOAD < 50 A, VBAT = 3.6 V f = 217 Hz (t = 4.6 ms), VBAT = 3.6 V f = 10 Hz to 100 kHz VBAT = 3.6 V Min 2.710 Typ 2.765 2 1 Max 2.820 Unit V mV mV F mV dB V rms
0.22 150 65 72 80
VREFOUT VREFOUT VREFOUT VBAT/ VREFOUT CO VNOISE
1.192
1.210 2 0.5
1.228
V mV mV dB pF V rms
65 100
75
40
VRTC IMAX IL VDO
ILOAD 10 A 3.050 V < VBAT < 7 V 2.0 V < VBAT < UVLO VO = VINITIAL - 10 mV ILOAD = 10 A 0 mA ILOAD 10 mA SIMPROG = High 0 mA ILOAD 6 mA SIMPROG = Low
2.810
2.850 175
2.890 1 170
V A A mV
VSIM VSIM
4.70 2.82
5.00 3.00
5.30 3.18
V V
VIH VIL VIL VOL (I/O) = 0.4 V, IOL (I/O) = 1 mA VOL (I/O) = 0.4 V, IOL (I/O ) = 0 mA IIH, IOH = 10 A VIL = 0 V VIL (I/O) = 0.4 V
VCC - 0.6 0.6 0.230 0.335 VCC - 0.4 -0.9 0.420 24
V V V V V mA V k
DATAIO Pull-Up Resistance to VCC
VIH, V OH IIL VOL RIN
16
20
REV. 0
-3-
ADP3401
Parameter SIM INTERFACE VSIM = 5 V RST RST CLK CLK I/O I/O I/O I/O VSIM = 3 V RST RST CLK CLK I/O I/O I/O I/O I/O Pull-Up Resistance to VSIM Max Frequency (CLK) Prop Delay (CLK) Output Rise/Fall Times (CLK) Output Rise/Fall Times (I/O, RST) Duty Cycle (CLK) RESET GENERATOR (RESET) Output High Voltage Output Low Voltage Delay Time Per Unit Capacitance Applied to RESCAP Pin Symbol Conditions Min Typ Max Unit
VOL VOH VOL VOH VIL VIH, V OH IIL VOL VOL VOH VOL VOH VIL VIH, V OH IIL VOL RIN fMAX tD tR, tF tR, tF D
I = +200 A I = -20 A I = +200 A I = -20 A IIH, I OH = 20 A VIL = 0 V IOL = +1 mA DATAIO 0.23 V I = +200 A I = -20 A I = +20 A I = -20 A IIH, I OH = 20 A VIL= 0 V IOL = 1 mA DATAIO 0.23 V CL = 30 pF CL = 30 pF CL = 30 pF D CLKIN = 50% f = 5 MHz IOH = -15 A IOL = -15 A
0.6 VSIM - 0.7 0.5 0.7 VSIM 0.4 VSIM - 0.4 -0.9 0.4
V V V V V V mA V
0.2 0.8 0.7 VSIM 0.2 VSIM 0.4 VSIM - 0.4 -0.9 0.4 8 5 10 30 9 47 12 50 18 1 53
VSIM VSIM
V V V V V V mA V k MHz ns ns s %
VOH VOL tD
VCC - 0.3 0.3 1.0
V V ms/nF
NOTES 1 All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods . 2This feature is intended to protect against catastophic failure of the device. Maximum allowed operating junction temperature is 125C. Operation beyond 125C could cause permenant damage to the device. 3Required for stability. Specifications subject to change without notice.
-4-
REV. 0
ADP3401
ABSOLUTE MAXIMUM RATINGS* PIN FUNCTION DESCRIPTIONS
Voltage on Any Pin with Respect to Any GND Pin . . . . . . . . . . . . . . . . . . . . . . -0.3 V, +10 V Voltage on Any Pin May Not Exceed VBAT, with the Following Exceptions: VRTC, VSIM, CAP+, PWRONIN, I/O, CLK, RST Storage Temperature Range . . . . . . . . . . . . -65C to +150C Operating Temperature Range . . . . . . . . . . . -20C to +85C Maximum Junction Temperature . . . . . . . . . . . . . . . . . 125C JA, Thermal Impedance (TSSOP-28) . . 2-Layer Board 90C/W JA, Thermal Impedance (TSSOP-28) . . 4-Layer Board 60C/W Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300C
*This is a stress rating only, operation beyond these limits can cause the device to be permanently damaged.
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
Mnemonic VBAT VCC PWRONKEY ANALOGON PWRONIN ROWX CHRON VRTC CAP- SIMBAT DATAIO RESETIN CLKIN SIMGND I/O RST SIMPROG SIMON CLK VSIM CAP+ RESCAP DGND VTCXO RESET REFOUT VCCA AGND
Function Battery Input Voltage Digital Low Dropout Regulator Power On/Off Key VTCXO Enable Power On/Off Signal from Microprocessor Microprocessor Keyboard Output Charger On/Off Input Real-Time Clock Supply/Coin Cell Battery Charger Negative Side of Boost Capacitor Battery Input for the SIM Charge Pump Non-Level-Shifted Bidirectional Data I/O Non-Level-Shifted SIM Reset Non-Level-Shifted Clock Charge Pump Ground Level-Shifted Bidirectional SIM Data Input/Output Level-Shifted SIM Reset VSIM Programming: Low = 3 V, High = 5 V VSIM Enable Level-Shifted SIM Clock SIM Supply Positive Side of Boost Capacitor Reset Delay Timing Cap Digital Ground Crystal Oscillator Low Dropout Regulator Main Reset Reference Output Analog Low Dropout Regulator Analog Ground
PIN CONFIGURATION
VBAT 1 VCC 2 PWRONKEY
3 28 27 26 25 24 23
AGND VCCA REFOUT RESET VTCXO DGND RESCAP CAP+ VSIM CLK SIMON SIMPROG RST I/O
ANALOGON 4 PWRONIN 5 ROWX 6 CHRON 7 VRTC 8 CAP
9
ADP3401
22 21 20 19 18 17 16 15
SIMBAT 10 DATAIO 11 RESETIN 12 CLKIN 13 SIMGND 14
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option RU-28A
ADP3401ARU -20C to +85C 28-Lead TSSOP
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADP3401 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. 0
-5-
ADP3401
Table I. LDO Control Logic
INPUTS UVLO L H H H H H CHRON X H X L L L PWRONKEY X X L H H H PWRONIN X X X L H H ANALOGON X X X X L H
OUTPUTS VRTC Off On On On On On VCC Off On On Off On On VCCA Off On On Off Off On REFOUT Off On On Off Off On VTCXO Off On On Off Off On
X = Don't care Bold denotes the active control signal.
Table II. VSIM Control Logic
INPUTS VCC Off On On On On RESET L L H H H SIMON X X L H H SIMPROG X X X L H
OUTPUTS VSIM Off Off Off 3V 5V
X = Don't care
VBAT
ADP3401
DIGITAL LDO VBAT VREF 20k UVLO UVLO ADJ EN GND OUT PG DGND VCC 2.765V
PWRONKEY ROWX OVER TEMP
POWER GOOD RTC LDO VBAT OUT GND
VRTC 2.85V
PWRONIN RESCAP
EN
RESET GENERATOR
RESET XTAL OSC LDO VBAT VREF EN GND OUT VTCXO 2.765V
CHRON ANALOGON SIMBAT CAP+ CAP SIMPROG SIMON SIMGND RESETIN CLKIN DATAIO
CHARGER ON THRESHOLD
ANALOG LDO EN CHARGE PUMP 3V/5V EN VBAT VREF EN GND OUT VCCA 2.765V
LOGIC LEVEL TRANSLATION + 1.210V
EN REF BUFFER
REFOUT
AGND
I/O CLK RST
VSIM
Figure 1. Functional Block Diagram
-6-
REV. 0
ADP3401
350 PWRONIN, SIMON, AND ANALOGON 300 250 300
250 IGND - A
200
IRTC - A
PWRONIN AND SIMON 200
+85 C 150
150 PWRONIN
100
+25 C 20 C
100
50
50
3
4
5 VBAT - V
6
7
0
0
0.5
1.0
1.5 VRTC - V
2.0
2.5
3
Figure 2. Ground Current vs. Battery Voltage
Figure 5. RTC I/V Characteristic
140 MLCC CAPS 120 DROPOUT VOLTAGE - mV 100 VCC 80 60 40 VTCXO 10 mV/DIV 20 0 VOLTAGE VCCA 3.0 VCC 10 mV/DIV 3.2 VBAT 100 mV/DIV
VCCA 10 mV/DIV
0
20
40
60 80 100 LOAD CURRENT - mA
120
140 TIME - 100 s/DIV
Figure 3. VCC, VCCA Dropout Voltage vs. Load Current
Figure 6. Line Transient Response, Maximum Loads
70
MLCC CAPS
60
3.2 DROPOUT VOLTAGE - mV
VBAT (100 mV/DIV)
50
VOLTAGE
40 30 20
3.0 VCC (10 mV/DIV)
VCCA (10 mV/DIV)
VTCXO (10 mV/DIV)
10 0
0
1
2 3 LOAD CURRENT - mA
4
5
TIME - 100 s/DIV
Figure 4. VTCXO Dropout Voltage vs. Load Current
Figure 7. Line Transient Response, Minimum Loads
REV. 0
-7-
ADP3401
MLCC CAPS ILOAD I = 200 A I = 100mA PWRONIN AND ANALOGON (2V/DIV)
VOLTAGE - 20mV/DIV
VOLTAGE
VCC
VCCA (100mV/DIV)
REFOUT (100mV/DIV) VCC (100mV/DIV)
VTCXO (100mV/DIV)
TIME - 200 s/DIV
TIME - 50 s/DIV
Figure 8. VCC Load Step
Figure 11. Turn-On Transients, Maximum Loads
80 MLCC CAPS ILOAD I = 50 A I = 130mA RIPPLE REJECTION - dB 70 60 50 40 30 20 10 0 TIME - 100 s/DIV MLCC OUTPUT CAPS VBAT = 3.2V, FULL LOADS REFOUT VCC VCCA VTCXO
VOLTAGE - 20mV/DIV
VCCA
4
10
100
1k FREQUENCY - Hz
10k
100k
Figure 9. VCCA Load Step
Figure 12. Ripple Rejection vs. Frequency
80 REFOUT 70 PWRONIN AND ANALOGON (2V/DIV) VCCA (100mV/DIV) RIPPLE REJECTION - dB 60 50 40 VCCA 30 VTCXO 20 10 0 2.5 TIME - 50 s/DIV FREQUENCY = 217Hz MAX LOADS 2.6 2.7 2.8 2.9 3.0 VBAT - V 3.1 3.2 3.3 VCC
VOLTAGE
VTCXO (100mV/DIV)
VCC (100mV/DIV)
Figure 10. Turn-On Transients, Minimum Loads
Figure 13. Ripple Rejection vs. Battery Voltage
-8-
REV. 0
ADP3401
Hz 600 FULL LOAD MLCC CAPS 500 VCCA 400 TCXO VOLTAGE SPECTRAL NOISE DENSITY - nV/
These functions have traditionally been done as either a discrete implementation or a custom ASIC design. ADP3401 combines the benefits of both worlds by providing an integrated standard product solution where every block is optimized to operate in a GSM environment while maintaining a cost-competitive solution. Figure 15 shows the external circuitry associated with the ADP3401. Only a few support components, mainly decoupling capacitors, are required.
Input Voltage
300
200 REF 100
0 10
100
1k FREQUENCY - Hz
10k
100k
Figure 14. Output Noise Density
THEORY OF OPERATION
The ADP3401 is a power management chip optimized for use with the AD20msp425 GSM baseband chipsets in handset applications. Figure 1 shows a functional block diagram of the ADP3401. The ADP3401 contains several blocks: * Four Low Dropout Regulators (Digital, Analog, Crystal Oscillator, Real-Time Clock) * Reset Generator * Buffered Precision Reference * SIM Interface Logic Level Translation (3 V/5 V) * SIM Voltage Supply * Power-On/-Off Logic * Undervoltage Lockout
CHARGER INPUT R1 1 1 Li-ION OR 3 NiMH CELLS 10 F 2.2 F 2 3 4 GSM PROCESSOR 5 6 R2 7 8 BACKUP COIN CELL 100nF 9 CAP- CHRON VCC PWRONKEY ANALOGON PWRONIN ROWX VBAT
The input voltage range for ADP3401 is 3 V to 7 V and optimized for a single Li-Ion cell or three NiMH/NiCd cells. The ADP3401 uses Analog Devices' patented package thermal enhancement technology, which allows 15% improvement in power handling capability over standard plastic packages. The thermal impedance (JA) of the ADP3401 is 60C/W. The charging voltage for a high capacity NiMH cell can be as high as 5.5 V. Power dissipation should be calculated at maximum ambient temperatures and battery voltage in order not to exceed the 125C maximum allowable junction temperature. Figure 16 shows the maximum total LDO output current as a function of ambient temperature and battery voltage. However, high battery voltages normally occur only when the battery is being charged and the handset is not in conversation mode. In this mode there is a relatively light load on the LDOs. A fully charged Li-Ion battery is 4.25 V, where the LDOs deliver the maximum 240 mA up to the max 85C ambient temperature.
AGND 28 VCCA 27 100 REFOUT 26 10 F RESET 25 VTCXO 24 0.22 F DGND 23 RESCAP 22 DIGITAL AND SIM GND 100nF CAP+ 21 VSIM 20 10 F CLK 19 SIMON 18 SIMPROG 17 RST 16 I/O 15 RST TO SIMCARD I/O TO SIM CARD CLK TO SIMCARD ANALOG GND 2.2 F
ADP3401
VRTC
10 SIMBAT 100nF 10 F 11 DATAIO SIM PIN OF GSM PROCESSOR 12 RESETIN 13 CLKIN 14 SIMGND
GSM PROCESSOR
Figure 15. Typical Application Circuit
REV. 0
-9-
ADP3401
300 4-LAYER BOARD JA = 60 C/W 250 VBAT = 5V VBAT = 5.5V 200 VBAT = 6V VBAT = 7V 150
RTC LDO (VRTC)
TOTAL LDO CURRENT - mA
The RTC LDO charges a rechargable coin cell to run the realtime clock module. It has been targeted to charge Manganese Lithium batteries such as the ML series (ML621/ML1220) from Sanyo. The ML621 has a small physical size (6.8 mm diameter) and a nominal capacity of 2.5 mAh, which yields about 250 hours of backup time. Figure 18 shows the use of VRTC with the Enhanced GSM Processor which is a part of the AD20msp425 chipset.
ADP3401
ENHANCED GSM PROCESSOR (AD20msp425) VRTC COIN CELL
100
50
0
20
0
20 40 60 AMBIENT TEMPERATURE - C
80 85
VRTC
Figure 16. Total LDO Load Current vs. Temperature and VBAT
Low Dropout Regulators (LDOs)
RTC MODULE
The ADP3401 high-performance LDOs are optimized for their given functions by balancing quiescent current, dropout voltage, line/load regulation, ripple rejection, and output noise. 2.2 F tantalum or MLCC ceramic capacitors are recommended for use with the digital and analog LDOs, and 0.22 F for the TCXO LDO.
Digital LDO (VCC)
PWRONIN
PWRON
Figure 18. Connecting VRTC and POWERONIN to the AD20msp425 Chipset
The digital LDO (VCC) supplies all the digital circuitry in the handset (baseband processor, baseband converter, external memory, display, etc). The LDO has been optimized for very low quiescent current (30 A maximum) at light loads as this LDO is on at all times. This is due to both the structure of GSM and a new clocking scheme used in the AD20msp425. Figure 17 shows how the digital current varies as a function of time.
POWER
~2ms
0.5s TO 2s
The ADP3401 supplies current both for charging the coin cell and for the RTC module when the digital supply is off. The nominal charging voltage of 2.85 V ensures charging down to a main battery voltage of 3.0 V. The inherent current limit of VRTC ensures long cell life while the precise output voltage regulation charges the cell to more than 90% of its capacity. In addition, it features a very low quiescent current (10 A) since this LDO is running all the time, even when the handset is switched off. It also has reverse current protection with low leakage which is needed when the main battery is removed and the coin cell supplies the RTC module. The RTC module has a built-in alarm which, when it expires, will pull POWERONIN high, allowing an alarm function even if the handset is switched off.
Reference Output (REFOUT)
~50mA
~200 A TIME MICROPROCESSOR START MICROPROCESSOR STOP
Figure 17. Digital Power as a Function of Time
Analog LDO (VCCA)
The reference output is a low-noise, high-precision reference with a guaranteed accuracy of 1.5% over temperature. The reference can be fed to the baseband converter, such as the AD6425, improving the absolute accuracy of the converters from 5% to 1.5%. This significantly reduces calibration time needed for the baseband converter during production.
SIM Interface
This LDO has the same features as the digital LDO. It has furthermore been optimized for good low frequency ripple rejection for use with analog sections in order to reject the ripple coming from the RF power amplifier. VCCA is rated to 130 mA load which is sufficient to supply the complete analog section of a baseband converter such as the AD6421/AD6425, including a 32 earpiece. The analog LDO and the TCXO LDO can be controlled by ANALOGON.
TCXO LDO (VTCXO)
The SIM interface generates the needed SIM voltage--either 3 V or 5 V, dependent on SIM type, and also performs the needed logic level translation. Quiescent current is low, as the SIM card will be powered all the time. Note that DATAIO and I/O have integrated pull-up resistors as shown in Figure 19. See Table II for the control logic of the charge pump output, VSIM.
The TCXO LDO is intended as a supply for the temperaturecompensated crystal oscillator, which needs its own ultralow noise supply. The output current is rated to 5 mA for the TCXO LDO.
-10-
REV. 0
ADP3401
RESET
ADP3401
VCC RESETIN LEVEL SHIFT VCC CLKIN VCC VSIM LEVEL SHIFT VSIM CLK VSIM RST
ADP3401 contains reset circuitry that is active both at power-up and at power-down. RESET is held low at power-up. An internal power-good signal starts the reset delay. The delay is set by an external capacitor on RESCAP: tRESET = 1.0 ms x CRESCAP nF
DATAIO
I/O
Figure 19. Schematic for Level Translators
Power-On/-Off
A 100 nF capacitor will produce a 100 ms reset time. At power-off, RESET will be kept low to prevent any spurious microprocessor starts. The current capability of RESET is low (a few hundred nA) when VCC is off, to minimize power consumption. Therefore, RESET should only be used to drive a single CMOS input. When VCC is on, RESET will drive about 15 A.
Overtemperature Protection
ADP3401 handles all issues regarding power-on/-off of the handset. It is possible to turn on the ADP3401 in three different ways: * Pulling PWRONKEY low * Pulling PWRONIN high * CHRON exceeds threshold Pulling PWRONKEY key low is the normal way of turning on the handset. This will turn on all the LDOs as long as PWRONKEY is held low. The microprocessor then starts and pulls PWRONIN high after which PWRONKEY can be released. PWRONIN going high will also turn on the handset. This is the case when the alarm in the RTC module expires. An external charger can also turn on the phone. The turn-on threshold and hysteresis can be programmed via external resistors to allow full flexibility with any external charger and battery chemistry. These resistors are referred to as R1 and R2 in Figure 15.
Undervoltage Lockout (ULVO)
The maximum die temperature for ADP3401 is 125C. If the die temperature exceeds 160C, the ADP3401 will disable all the LDOs except the RTC LDO, which has very limited current capabilities. The LDOs will not be re-enabled before the die temperature is below 125C, regardless of the state of PWRONKEY, PWRONIN, and CHRON. This ensures that the handset will always power-off before the ADP3401 exceeds its absolute maximum thermal ratings.
APPLICATIONS INFORMATION Input Capacitor Selection
For the input voltage, VBAT, of the ADP3401, a local bypass capacitor is recommended. Use a 5 F to 10 F, low ESR capacitor. Multilayer ceramic chip capacitors provide the best combination of low ESR and small size, but may not be cost-effective. A lower cost alternative may be to use a 5 F to 10 F tantalum capacitor with a small (1 F to 2 F) ceramic in parallel.
LDO Capacitor Selection
The UVLO function in the ADP3401 prevents startup when the initial voltage of the main battery is below the 3.0 V threshold. If the battery is this low with no load, there will be little or no capacity left. When the battery is greater than 3.0 V, as with the insertion of a fresh battery, the UVLO comparator trips, the RTC LDO is enabled, and the threshold is reduced to 2.9 V. This allows the handset to start normally until the battery voltage decays to 2.9 V open circuit. Once the 3.0 V threshold is exceeded, the RTC LDO is enabled. If, however, the backup coin cell is not connected, or is damaged or discharged below 1.5 V, the RTC LDO will not start on its own. In this situation, the RTC LDO will be started by enabling the VCC LDO. Once the system is started, i.e., the phone is turned on and the VCC LDO is up and running, the UVLO function is entirely disabled. The ADP3401 is then allowed to run down to very low battery voltages, typically around 2 V. The battery voltage is normally monitored by the microprocessor and usually shuts the phone off at around 3.0 V. If the phone is off, i.e., the VCC LDO is off, and the battery voltage drops below 2.9 V, the UVLO circuit disables startup and the RTC LDO. This is implemented with very low quiescent current, typically 3 A, to protect the main battery against any damage. NiMH batteries can reverse polarity if the 3-cell battery voltage drops below 3.0 V and a current of more than about 40 A continues to flow. Lithium ion batteries will lose their capacity, although the built-in safety circuits normally present in these cells will most likely prevent any damage. REV. 0
The performance of any LDO is a function of the output capacitor. The digital and analog LDOs require a 2.2 F capacitor and the TCXO LDO requires a 0.22 F capacitor. Larger values may be used, but the overshoot at startup will increase slightly. If a larger output capacitor is desired, be sure to check that the overshoot and settling time are acceptable for the application. All the LDOs are stable with a wide range of capacitor types and ESR due to Analog Devices' anyCAP technology. The ADP3401 is stable with extremely low ESR capacitors (ESR ~ 0), such as multilayer ceramic capacitors, but care should be taken in their selection. Note that the capacitance of some capacitor types shows wide variations over temperature or with dc voltage. A good quality dielectric, X7R or better, is recommended. The RTC LDO has a rechargeable coin cell or an electric doublelayer capacitor as a load, but an additional 0.1 F ceramic capacitor is recommended for stability and best performance.
Charge Pump Capacitor Selection
For the input (SIMBAT) and output (VSIM) of the SIM charge pump, use 10 F low ESR capacitors. The use of low ESR capacitors improves the noise and efficiency of the SIM charge pump. Multilayer ceramic chip capacitors provide the best combination of low ESR and small size but may not be cost-effective. A lower cost alternative may be to use a 10 F tantalum capacitor with a small (1 F to 2 F) ceramic capacitor in parallel.
-11-
ADP3401
For the lowest ripple and best efficiency, use a 0.1 F, ceramic capacitor for the charge pump flying capacitor (CAP+ and CAP-). A good quality dielectric, such as X7R is recommended.
Setting the Charger Turn-On Threshold
Example: R1 = 10 k and R2 = 30.2 k gives a charger threshold (not counting the drop in the power Schottky diode) of 3.5 V 160 mV with a 200 mV 30 mV hysteresis.
Charger Diode Selection
The turn-on threshold for the charger is calculated using: R2 + RHYS VCHR = x R1 + 1 x VT R2 x RHYS Where VT is the CHRON threshold voltage and RHYS is the CHRON hysteresis resistance. The hysteresis is determined using: VHYS = VT x R1 RHYS
Printed Circuit Board Layout Considerations
Use the following general guidelines when designing printed circuit boards: 1. Split the battery connection to the VBAT and SIMBAT pins of the ADP3401. Use separate traces for each connection and locate the input capacitors as close to the pins as possible. 2. SIM input and output capacitors should be returned to the SIMGND and kept as close as possible to the ADP3401 to minimize noise. Traces to the SIM charge pump capacitor should be kept as short as possible to minimize noise. 3. VCCA and VTCXO capacitors should be returned to AGND. 4. VCC and VRTC capacitors should be returned to DGND. 5. Split the ground connections. Use separate traces or planes for the analog, digital, and power grounds, and tie them together at a single point, preferably close to the battery return.
Combining the above equations and solving for R1 and R2 gives the following formulas: R1 = R2 = RHYS x VHYS VT
R1 x RHYS VCHR - 1 x RHYS - R1 VT
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Lead Thin Shrink Small Outline (TSSOP) (RU-28A)
0.386 (9.80) 0.378 (9.60)
28
15
0.244 (6.20) 0.236 (6.00)
1
14
PIN 1 0.0374 (0.95) 0.0335 (0.85) 0.0433 (1.10) MAX
0.006 (0.15) 0.0256 0.0118 (0.30) SEATING 0.002 (0.05) (0.65) 0.0075 (0.19) PLANE BSC
0.0078 (0.200) 0.0035 (0.090)
8 0
0.030 (0.75) 0.020 (0.50)
-12-
REV. 0
PRINTED IN U.S.A.
0.325 (8.25) 0.313 (7.95)
C3768-8-1/00 (rev. 0)
The ADP3401 can be turned on when the charger input exceeds a programmable threshold voltage. The charger's threshold and hysteresis are set by selecting the values for R1 and R2 shown in Figure 15.
The diode shown in Figure 15 is used to prevent the battery from discharging into the charger turn-on setting resistors, R1 and R2. A Schottky diode is recommended to minimize the voltage difference from the charger to the battery and the power dissipation. Choose a diode with a current rating high enough to handle both the battery charging current and the current the ADP3401 will draw if powered up during charging. The battery charging current is dependent on the battery chemistry and the charger circuit. The ADP3401 current will be dependent on the loading.


▲Up To Search▲   

 
Price & Availability of ADP3401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X