Part Number Hot Search : 
20301 TCR5SB24 C431PC1 P89LPC POWER AME88 CX4SCSM5 39PLA23
Product Description
Full Text Search
 

To Download 7P008FLV2100C15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCMCIA Flash Memory Card
FLV Series PCMCIA Flash Memory Card General Description
WEDC's FLV Series Flash memory cards offer high density linear Flash solid state storage solutions for code and data storage, high performance disk emulation and execute in place (XIP) applications in mobile PC and dedicated (embedded) equipment. FLV series cards conform to the PCMCIA international standard The card's control logic provides the system interface and controls the internal Flash memories. The card can be read/written in byte-wide or word-wide mode which allows for flexible integration into various systems. Combined with file management software, such as Flash Translation Layer (FTL), FLV Flash cards provide removable highperformance disk emulation. The FLV series offers low power modes controlled by registers. Cards contain separate 2kB EEPROM memory for Card Information Structure (CIS) which can be used for easy identification of card characteristics. The WEDC FLV series is based on Intel/Sharp Flash memories.
Note: Standard options include attribute memory.Cards without attribute memory are available. Cards are also available with or without a hardware write protect switch.
1 MEGABYTE through 40 MEGABYTE (Intel/Sharp based) Features
* Low cost High Density Linear Flash Card * Supports 3V or 5V only systems * x8/ x16 Data Interface *Based on Intel/Sharp FlashFile Components *Fast Read Performance - 150ns @ 5V - 200ns @ 3.3V * High Performance Random Writes - 8s Typical Word Write Time @ 5V - 17s Typical Word Write Time @ 3.3V * Automated Write and Erase Algorithms - Command User Interface * 100,000 Erase Cycles per Block * 64K word symmetrical Block Architecture * PC Card Standard Type I Form Factor
Architecture Overview
WEDC's FLV series is designed to support from 2 to 20 of 4Mb, 8Mb or 16MB components, providing a wide range of density options. Cards are based on the 28F004SC (4Mb), 28F008SC (8Mb) and 28F016SC (16Mb) devices for 3.3V or 5V only applications. Devices codes for the 28F004SC, 28F008SC and the 28F016SC are: A7H, A6H and AAH respectively. Systems should be able to recognize all three codes. Cards utilizing the 8Mb components provide densities ranging from 2MB to 20MB in 2MB increments, cards utilizing 16Mb components provide densities ranging from 4MB to 40MB in 4MB increments. 4 Mbit memory devices are used only for smallest capacity cards (1MB). In support of the PC Card 95 standard for word wide access, devices are paired. Therefore, the Flash array is structured in 64K word (128kBytes) blocks. Write, read and block erase operations can be performed as either a word or byte wide operation . By multiplexing A0, CE1# and CE2#, 8-bit hosts can access all data on data lines DQ0 - DQ7. The FLA21-FLA28 series also supports the following PCMCIA compatible register functions: Soft Reset via the Configuration Option Register, Power Down (sleep mode) via the Configuration and Status Register and monitoring of Ready/Busy, Soft Reset and Power Down via the Card Status Register (cards without attribute memory do not have registers). The FLV series cards conform to the PC Card (PCMCIA) and JEIDA standards, providing electrical and physical compatibility. The PC Card form factor offers an industry standard pinout and mechanical outline, allowing density upgrades without system design changes. WEDC's standard cards are shipped with WEDC's Logo. Cards are also available with blank housings (no Logo). The blank housings are available in both a recessed (for label) and flat housing. Please contact your WEDC sales representative for further information on Custom artwork.
August 2000 Rev. 4 - ECO #13133 1 PC Card Products
PCMCIA Flash Memory Card
FLV Series Block Diagram
Device type Manuf ID Device ID 28F004SC
Device Pair (N/2 - 1) Device (N-1) Device (N-2) CSn
89H 89H 89H
A7H A6H AAH
28F008SC 28F016SC
Array Address Bus
ADDRESS BUFFER
ADDRESS BUS
A1-A25
Control Address Bus M Res WL# RL# WH# RH# CSn Device 3 Device 2 CS1 CS0 Control Logic PCMCIA Interface WE# OE# CE2# CE1# Cn C0 Ctrl At/Reg enable REG# A0 WP
Device Pair 1
SR Clr Reg Clr /SR /PD Card Management Registers
Device Pair 0
Device 1
Device 0
CS0
4000h
Vcc
WH# RH#
DATA BUS Q8-Q15
DATA BUS Q0-Q7
WL# RL#
0000h
attrib. mem CIS EEPROM 2kB
Vcc
control Q0-Q7 Vcc
I/O buffer
DATA BUS D8-D15 DATA BUS D0-D7
Registers in Attribute Memory Space
ADDRESS 4100h Register NAME Status Reg.
CSR
Configuration Status Register: ADRS=4002h
not supported
Write Only
PDwn not supported
4002h 4000h
Config. and Status Reg. Configuration Option Register
D7 D6 D5 D4 D3 D2 D1 D0 D2 Power Down; active High 1=Place all memory devices in power down mode 0=normal operation Power On default=0
SR
Status Register: ADRS=4100h Read Only D2 D1 D0
COR
Configuration Option Register: ADRS=4000h -Configuration IndexD7 D6 D5 D4 D3 D2 D1 D0 D7 Soft Reset, active High 1 = Reset State 0 = End Reset State D6 LevelReq (not supported) D5-D0 Configuration index (not supported)
SRES LREQ
not supported SReset
PDwn not supported R/BSY
Write Only
D7
D6
D5
D4
D3
D5 Represents the state of SRESET bit in COR (4000h) 1=Reset 0=Normal operation Power On default D5=0 D3 Represents the state of Power Down bit (D2) in CSR (4002h) 1=Power Down D0 Reflects the card's Ready/Busy signal (pin 16) driven by memory components Ready/Busy outputs.This bit allows software polling of the card's Ready/Busy status. 1=Ready 2 PC Card Products
August 2000 Rev. 4 - ECO #13133
PCMCIA Flash Memory Card
FLV Series Pinout
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 Signal name GND DQ3 DQ4 DQ5 DQ6 DQ7 CE1# A10 OE# A11 A9 A8 A13 A14 WE# RDY/BSY# Vcc Vpp1 A16 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 WP GND I/O I/O I/O I/O I/O I/O I I I I I I I I I O Function Ground Data bit 3 Data bit 4 Data bit 5 Data bit 6 Data bit 7 Card enable 1 Address bit 10 Output enable Address bit 11 Address bit 9 Address bit 8 Address bit 13 Address bit 14 Write Enable Ready/Busy Supply Voltage Prog. Voltage Address bit 16 Address bit 15 Address bit 12 Address bit 7 Address bit 6 Address bit 5 Address bit 4 Address bit 3 Address bit 2 Address bit 1 Address bit 0 Data bit 0 Data bit 1 Data bit 2 Write Potect Ground Active Pin 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 Signal name GND CD1# DQ11 DQ12 DQ13 DQ14 DQ15 CE2# VS1 RFU RFU A17 A18 A19 A20 A21 Vcc Vpp2 A22 A23 A24 A25 VS2 RST Wait# RFU REG# BVD2 BVD1 DQ8 DQ9 DQ10 CD2# GND I/O O I/O I/O I/O I/O I I O Function Ground Card Detect 1 Data bit 11 Data bit 12 Data bit 13 Data bit 14 Data bit 15 Card Enable 2 Voltage Sense 1 Reserved Reserved Address bit 17 Address bit 18 Address bit 19 Address bit 20 Address bit 21 Supply Voltage Prog. Voltage Address bit 22 Address bit 23 Address bit 24 Address bit 25 Voltage Sense 2 Card Reset Extended Bus cycle Reserved Attrib Mem Select Bat. Volt. Detect 2 Bat. Volt. Detect 1 Data bit 8 Data bit 9 Data bit 10 Card Detect 2 Ground Active LOW
LOW LOW
LOW LOW
LOW LOW N.C.
I I I I I
2MB(3) 4MB(3) N.C. 8MB(3) 16MB(3) 32MB(3) 64MB(3) N.C. HIGH Low(2,)
I I I I I I I I I I I I/O I/O I/O O
I I I I O I O I O O I/O I/O O O
(2) (2)
HIGH
LOW
Notes: 1. RDY/BSY signal is an "Open drain" type output, pull-up resistor on host side is required. 2. Wait#, BVD1 and BVD2 are driven high for compatibility. 3. Shows density for which specified address bit is MSB. Higher order address bits are no connects (ie 4MB A21 is MSB A22 - A25 are NC).
Mechanical
Interconnect area 1.6mm 0.05 (0.063") 10.0mm MIN (0.400") 3.0mm MIN 1.0mm 0.05 (0.039")
Substrate area
54.0mm 0.10 (2.126")
1.0mm 0.05 (0.039") 10.0mm MIN (0.400")
85.6mm 0.20 (3.370")
3.3mm T1 (0.130") T1=0.10mm interconnect area T1=0.20mm substrate area
August 2000 Rev. 4 - ECO #13133
3
PC Card Products
PCMCIA Flash Memory Card
FLV Series Card Signal Description
Symbol Type INPUT
A0 - A25 DQ0 - DQ15 CE1#, CE2# OE# WE# RDY/BSY#
INPUT/OUTPUT INPUT
INPUT INPUT OUTPUT
CD1#, CD2# WP
OUTPUT
OUTPUT
VPP1, VPP2 VCC GND REG# RST WAIT# BVD1, BVD2 VS1, VS2 RFU N.C.
N.C.
INPUT
INPUT OUTPUT OUTPUT OUTPUT
Name and Function ADDRESS INPUTS: A0 through A25 enable direct addressing of up to 64MB of memory on the card. Signal A0 is not used in word access mode. A25 is the most significant bit DATA INPUT/OUTPUT: DQ0 THROUGH DQ15 constitute the bidirectional databus. DQ15 is the MSB. CARD ENABLE 1 AND 2: CE1# enables even byte accesses, CE2# enables odd byte accesses. Multiplexing A0, CE1# and CE2# allows 8-bit hosts to access all data on DQ0 - DQ7. OUTPUT ENABLE: Active low signal gating read data from the memory card. WRITE ENABLE: Active low signal gating write data to the memory card. READY/BUSY OUTPUT: Indicates status of internally timed erase or program algorithms. A high output indicates that the card is ready to accept accesses. A low output indicates that one or more devices in the memory card are busy with internally timed erase or write activities. CARD DETECT 1 and 2: Provide card insertion detection. These signals are internally connected to ground on the card. The host shall monitor these signals to detect card insertion (pulled-up on host side). WRITE PROTECT: Write protect reflects the status of the Write Protect switch on the memory card. WP set to high = write protected, providing internal hardware write lockout to the Flash array. If card does not include optional write protect switch, this signal will be pulled low internally indicating write protect = "off". PROGRAM/ERASE POWER SUPPLY: Provides programming voltages for card . Not connected for 3.3V/5V only card. CARD POWER SUPPLY: (3.3V or 5.0V nominal). CARD GROUND ATTRIBUTE MEMORY SELECT : Active low signal, enables access to Attribute Memory Plane, occupied by Card Information Structure and Card Registers. RESET: Active high signal for placing card in Power-on default state. Reset can be used as a Power-Down signal for the memory array. WAIT: This signal is pulled high internally for compatibility. No wait states are generated. BATTERY VOLTAGE DETECT: These signals are pulled high to maintain SRAM card compatibility. VOLTAGE SENSE: Notifies the host socket of the card's VCC requirements. VS1 grounded and VS2 is open to indicate a 3.3V/5V card. RESERVED FOR FUTURE USE NO INTERNAL CONNECTION TO CARD: pin may be driven or left floating
Functional Truth Table
READ function Common Memory Attribute Memory
Function Mode Standby Mode Byte Access (8 bits) Word Access (16 bits) Odd-Byte Only Access
WRITE function
/CE2 /CE1 H H H L H L L L L H H H H L L H L L L H
A0 X L H X X X L H X X
/OE X L L L L X H H H H
/WE X H H H H X L L L L
/REG D15-D8 D7-D0 X High-Z High-Z H High-Z Even-Byte H High-Z Odd-Byte H Odd-Byte Even-Byte H Odd-Byte High-Z X H H H H X X X Even-Byte X Odd-Byte Odd-Byte Even-Byte Odd-Byte X
/REG D15-D8 D7-D0 X High-Z High-Z L High-Z Even-Byte L High-Z Not Valid L Not Valid Even-Byte L Not Valid High-Z X L L L L X X X X X X Even-Byte X Even-Byte X
Standby Mode Byte Access (8 bits) Word Access (16 bits) Odd-Byte Only Access
August 2000 Rev. 4 - ECO #13133
4
PC Card Products
PCMCIA Flash Memory Card
FLV Series Absolute Maximum Ratings (1)
Operating Temperature TA (ambient) Commercial Industrial Storage Temperature Commercial Industrial Voltage on any pin relative to VSS VCC supply Voltage relative to VSS 0C to +60 C -40C to +85 C -30C to +80 C -40C to +85 C -0.5V to VCC+0.5V -0.5V to +7.0V
Note: (1) Stress greater than those listed under "Absolute Maximum ratings" may cause permanent damage to the device. This is a stress rating only and functional operation at these or any other conditions greater than those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
DC Characteristics (1)
Vcc = 3.3V / 5V
Symbol Parameter ICCR ICCW ICCE ICCS (CMOS) VCC Read Current VCC Program Current VCC Erase Current VCC Standby Current
Density (Mbytes) All All All 2MB 20MB 4MB 40MB
Units Test Conditions 3.3V Vcc 5V Vcc Typ(3) Max Typ(3) Max 10 12 20 35 mA VCC = VCCmax tcycle = 150ns,CMOS levels 28F008SC 60 75 mA Notes
28F016SC
40 2
28F008SC
50 60 420 60 420 230 230
mA A VCC = VCCmax Control Signals = VCC Reset = VSS, CMOS levels
50 400 50 400
200 200
2
28F016SC
CMOS Test Conditions: VCC = 5V 5%, VIL = VSS 0.2V, VIH = VCC 0.2V Notes: 1. All currents are RMS values unless otherwise specified. ICCR, ICCW and ICCE are based on Byte wide operations. For 16 bit operation values are double. 2. Control Signals: CE1#, CE2#, OE#, WE#, REG#. 3. Typical: VCC = 5V, T = +25C.
Symbol ILI ILO VIL VIH VOL VOH VLKO
Parameter Input Leakage Current Output Leakage Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage VCC Erase/Program Lock Voltage
Notes 1 1 1 1 1 1 1
Min
Max 20 20
Units A A V V V V V
Test Conditions VCC = VCCMAX Vin =VCC or VSS VCC = VCCMAX Vout =VCC or VSS
0 0.7VCC VCC-0.4 2.0
0.8 VCC+0.5 0.4 VCC
IOL = 3.2mA IOH = -2.0mA
Notes: 1. Values are the same for byte and word wide modes for all card densities. 2. Exceptions: Leakage currents on CE1#, CE2#, OE#, REG# and WE# will be < 500 A when VIN = GND due to internal pull-up resistors. Leakage currents on RST will be <150A when VIN=VCC due to internal pull-down resistor.
August 2000 Rev. 4 - ECO #13133 5 PC Card Products
PCMCIA Flash Memory Card
FLV Series AC Characteristics
Read Timing Parameters
150ns SYMBOL (PCMCIA) tC(R) ta(A) ta(CE) ta(OE) tsu(A) tsu(CE) th(A) th(CE) tv(A) tdis(CE) tdis(OE) ten(CE) ten(OE) trec(RSR) Parameter Read Cycle Time Address Access Time Card Enable Access Time Output Enable Access Time Address Setup Time Card Enable Setup Time Address Hold Time Card Enable Hold Time Output Hold from Address Change Output Disable Time from CE# Output Disable Time from OE# Output Enable Time from CE# Output Enable Time from OE# Power Down recovery to Output Delay. VCC = 5V 5 5 500 Min 150 150 150 75 20 0 20 20 0 75 75 5 5 Max
250ns Min 250 250 250 125 30 0 30 30 0 100 100 Max Unit ns ns ns ns ns ns ns ns ns ns ns ns ns 600 ns
Note: AC timing diagrams and characteristics are guaranteed to meet or exceed PCMCIA 2.1 specifications.
Read Timing Diagram
tc(R ) ta (A ) th (A )
A [2 5::0], /R E G tv(A )
ta(C E ) /C E 1, /C E 2
NOTE 1
tsu(C E )
NOTE 1
tsu(A )
ta(O E )
th(C E )
/O E ten(O E ) D [1 5::0] D A TA V A LID tdis(O E )
tdis(C E )
Note: Signal may be high or low in this area.
August 2000 Rev. 4 - ECO #13133
6
PC Card Products
PCMCIA Flash Memory Card
FLV Series
Write Timing Parameters
150ns @ 5V SYMBOL (PCMCIA) tCW tw(WE) tsu(A) tsu(A-WEH) tsu(CEWEH) tsu(D-WEH) th(D) trec(WE) tdis(WE) tdis(OE) ten(WE) ten(OE) tsu(OE-WE) th(OE-WE) tsu(CE) th(CE) Parameter Write Cycle Time Write Pulse Width Address Setup Time Address Setup Time for WE# Card Enable Setup Time for WE# Data Setup Time for WE# Data Hold Time Write Recover Time Output Disable Time from WE# Output Disable Time from OE# Output Enable Time from WE# Output Enable Time from OE# Output Enable Setup from WE# Output Enable Hold from WE# Card Enable Setup Time from OE# Card Enable Hold Time 5 5 10 10 0 20 Min 150 80 20 100 100 50 20 20 75 75 Max
250ns @ 3.3V Min 250 150 30 180 180 80 30 30 100 100 5 5 10 10 0 20 Max Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Note: AC timing diagrams and characteristics are guaranteed to meet or exceed PCMCIA 2.1 specifications.
Write Timing Diagram
tc (W )
A [ 2 5 :: 0 ], / R E G
ts u ( A - W E H ) ts u ( C E - W E H ) /C E 1 , /C E 2
NO TE 1
tre c (W E ) th (C E )
ts u (C E )
NOTE 1
/O E ts u ( A ) /W E ts u (O E -W E ) D [ 1 5 : :0 ] ( D in ) th ( D ) ts u (D -W E H ) tw (W E ) th (O E -W E )
NO TE 2
D A T A IN P U T t d is ( W E ) t d is ( O E ) te n (W E ) D [ 1 5 ::0 ] ( D o u t )
NO TE 2
te n (O E )
Notes: 1. Signal may be high or low in this area. 2. When the data I/O pins are in the output state, no signals shall be applied to the data pins (D15 - D0) by the host system.
August 2000 Rev. 4 - ECO #13133 7 PC Card Products
PCMCIA Flash Memory Card
FLV Series Data Write and Erase Performance (1,3)
VCC = 5V 5%, TA = 0C to + 70C
Symbol Parameter
Notes 4 device SC device SC
Min
Typ(1) 8
Max
Units s sec sec
tWHQV1 tEHQV1 tWHQV2 tEHQV2
Word/Byte Program time Block Program Time Block Erase Time
0.4 0.9
0.5 1.1
VCC = 3.3V 0.3V, TA = 0C to + 70C
Symbol Parameter
Notes 4 device SC device SC
Min
Typ(1) 17 1.1 1.8
Max
Units s sec sec
tWHQV1 tEHQV1 tWHQV2 tEHQV2
Word/Byte Program time Block Program Time Block Erase Time
Notes: 1. Typical: Nominal voltages and TA = 25C. 2. Excludes system overhead. 3. Valid for all speed options. 4. To maximize system performance RDY/BSY# signal should be polled.
August 2000 Rev. 4 - ECO #13133
8
PC Card Products
PCMCIA Flash Memory Card
FLV Series
PRODUCT MARKING WED 7P016FLV2600C15 C995 9915
EDI
Date code Lot code / trace number Part number Company Name
Note: Some products are currently marked with our pre-merger company name/acronym (EDI). During our transition period, some products will also be marked with our new company name/acronym (WED). Starting October 2000 all PCMCIA products will be marked only with the WED prefix.
PART NUMBERING 7 P 016 FLV26 00 C 15
Card access time
15 25 150ns 250ns
Temperature range
C Commercial 0C to +70C I Industrial -40C to +85C
Packaging option
00 Standard, type 1
Card family and version
- See Card Family and Version Info. for details (next page)
Card capacity
016 16MB
PC card
P R 7 8
August 2000 Rev. 4 - ECO #13133 9
Standard PCMCIA Ruggedized PCMCIA FLASH SRAM
PC Card Products
Card technology
PCMCIA Flash Memory Card
FLV Series Card Family and Version Information
FLV 21-FLV24 FLV 21 FLV 22 FLV 23 FLV 24 Based on 28F008SC for 3.3V / 5V application No Attribute Memory, No Write Protect switch With Attribute Memory, No Write Protect switch No Attribute Memory,with Write Protect switch With Attribute Memory, with Write Protect switch
Example P/N 7P XXX FLV 22 SS T ZZ FLV 25-FLV28 FLV 25 FLV 26 FLV 27 FLV 28 Based on 28F016SC for 3.3V / 5V application No Attribute Memory, No Write Protect switch With Attribute Memory, No Write Protect switch No Attribute Memory,with Write Protect switch With Attribute Memory, with Write Protect switch
Example P/N 7P XXX FLV 26 SS T ZZ
Ordering Information
7P XXX FLVYY SS T ZZ
where XXX: 002 1) 004 006 1) 008 010 1) 012 014 1) 016 018 1) 020 024 2) 028 2) 032 2) 036 2) 040 2) 2MB 4MB 6MB 8MB 10MB 12MB 14MB 16MB 18MB 20MB 24MB 28MB 32MB 36MB 40MB
1) 2)
available only for FLV21 - FLV24 available only for FLV25 - FLV28
FLVYY: SS:
Card Version (See Card Family and Version Information) 00 01 02 C I** 15 WEDC Silkscreen Blank Housing, Type I Blank Housing, Type I Recessed Commercial Industrial 150ns
T:
ZZ:
Note: Options without attribute memory and with hardware write protect switch are available. ** Denotes advanced information.
August 2000 Rev. 4 - ECO #13133 10 PC Card Products
PCMCIA Flash Memory Card
FLV Series CIS Information for FLV Series Cards
Example for FLV26 family, built with 28F016SC.
Address 00H 02H 04H 06H Value 01H 03H 53H 0EH 1EH 2EH 3EH 4EH 5EH 6EH 7EH 8EH 9EH 08H 0AH 0CH 0EH 10H 12H FFH 1CH 04H 02H 51H 0EH 1EH 2EH 3EH 4EH 5EH 6EH 7EH 8EH 9EH 14H 16H 18H 1AH 1CH 1EH 20H 22H 24H 26H 28H FFH 18H 03H 89H AAH FFH 17H 03H 42H 01H FFH INTEL Description CISTPL_DEVICE TPL_LINK FLASH = 150ns (device writable) CARD SIZE: 4MB 8MB 12MB 16MB 20MB 24MB 28MB 32MB 36MB 40MB END OF DEVICE CISTPL_DEVICE_OC TPL_LINK 3 VOLT OPERATION FLASH = 250ns (device writable) CARD SIZE: 4MB 4MB 12MB 16MB 20MB 24MB 28MB 32MB 36MB 40MB END OF DEVICE CISTPL_JEDEC_C TPL_LINK INTEL - ID 28F016SC - ID(4-40MB) END OF DEVICE CISTPL_DEVICE_A TPL_LINK EEPROM - 200ns Device Size = 2KBytes END OF TUPLE 54H 56H 58H 5AH 5CH 5EH 60H 62H 64H 66H 68H 6AH 6CH 6EH 70H 72H 20H 04H F6H 01H 00H 00H 15H 47H 05H 00H 45H 44H 49H 37H 50H 30H EDI EDI LSB: MSB: Address 2AH 2CH 2EH 30H 32H 34H 36H 38H 3AH 3CH 3EH 40H 42H 44H 46H 48H 4AH 4CH 4EH 50H 52H Value 1DH 03H 02H 11H FFH 1AH 06H 01H 00H 00H 40H 03H FFH 1EH 06H 02H 11H 01H 01H 01H 01H Description CISTPL_DEVICE_OA TPL_LINK 3 VOLT OPERATION ROM - 250ns END OF DEVICE CISTPL_CONF TPL_LINK TPCC_SZ TPCC_LAST TPCC_RADR TPCC_RADR TPCC_RMSK CISTPL_END CISTPL_DEVICEGEO TPL_LINK DGTPL_BUS DGTPL_EBS DGTPL_RBS DGTPL_WBS DGTPL_PART FLASH DEVICE NON-INTERLEAVED CISTPL_MANFID TPL_LINK(04H) TPLMID_MANF: LSB TPLMID_MANF: MSB Number Not Assigned Number Not Assigned CISTPL_VERS1 TPL_LINK TPLLV1_MAJOR TPLLV1_MINOR E D I 7 P 0
August 2000 Rev. 4 - ECO #13133
11
PC Card Products
PCMCIA Flash Memory Card
FLV Series CIS Information for FLV Series Cards (Cont.)
Address 74H 76H 78H 7AH 7CH 7EH 80H 82H 84H 86H 88H 8AH 8CH 8EH 90H 92H 94H 96H 98H 9AH 9CH 9EH A0H A2H A4H A6H A8H AAH ACH AEH B0H B2H B4H B6H B8H BAH BCH BEH C0H C2H C4H C6H Value 34H 30H 46H 4CH 56H 32H 36H 2DH 2DH 2DH 31H 35H 20H 00H 43H 4FH 50H 59H 52H 49H 47H 48H 54H 20H 45H 4CH 45H 43H 54H 52H 4FH 4EH 49H 43H 20H 44H 45H 53H 49H 47H 4EH 53H Description 4 0 F L V 2 6 1 5 SPACE END TEXT C O P Y R I G H T SPACE E L E C T R O N I C SPACE D E S I G N S
Address C8H CAH CCH CEH D0H D2H D4H D6H D8H DAH DCH DEH E0H E2H E4H E6H E8H EAH ECH EEH F0H Value 20H 49H 4EH 43H 4FH 52H 50H 4FH 52H 41H 54H 45H 44H 20H 00H 31H 39H 39H 37H 00H FFH Description SPACE I N C O R P O R A T E D SPACE END TEXT 1 9 9 7 END TEXT END OF LIST
August 2000 Rev. 4 - ECO #13133
12
PC Card Products
PCMCIA Flash Memory Card
FLV Series Revision History
revision 00 01 02 03 04 rev date Sep-98 02-Dec-98 7-Jun-99 30-May-00 1-Aug-00 descrpt initial release CIS, value in line 0CH Logo change Added Page 9, Revised Page 10, Changed Page Header Corrected Timing Error pg. 6
White Electronic Designs Corporation
One Research Drive, Westborough, MA 01581, USA tel: fax: (508) 366 5151 (508) 836 4850
www.whiteedc.com
August 2000 Rev. 4 - ECO #13133
13
PC Card Products


▲Up To Search▲   

 
Price & Availability of 7P008FLV2100C15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X