Part Number Hot Search : 
RFACEB CS553009 M810T CA3088 RS404M 000X1 MDC03 4ACT2
Product Description
Full Text Search
 

To Download 74LVC2GU04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
74LVC2GU04 Dual inverter
Product specification Supersedes data of 2004 May 24 2004 Sep 21
Philips Semiconductors
Product specification
Dual inverter
FEATURES * Wide supply voltage range from 1.65 V to 5.5 V * 5 V tolerant input/output for interfacing with 5 V logic * High noise immunity * ESD protection: - HBM EIA/JESD22-A114-B exceeds 2000 V - MM EIA/JESD22-A115-A exceeds 200 V. * 24 mA output drive (VCC = 3.0 V) * CMOS low power consumption * Latch-up performance exceeds 250 mA * Multiple package options * Specified from -40 C to +85 C and -40 C to +125 C. QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C. SYMBOL tPHL/tPLH PARAMETER propagation delay input nA to output nY CONDITIONS VCC = 1.8 V; CL = 30 pF; RL = 1 k VCC = 2.5 V; CL = 30 pF; RL = 500 VCC = 2.7 V; CL = 50 pF; RL = 500 VCC = 3.3 V; CL = 50 pF; RL = 500 VCC = 5.0 V; CL = 50 pF; RL = 500 CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts; N = total load switching outputs; (CL x VCC2 x fo) = sum of outputs. 2. The condition is VI = GND to VCC. input capacitance power dissipation capacitance per gate VCC = 3.3 V; notes 1 and 2 DESCRIPTION
74LVC2GU04
The 74LVC2GU04 is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families. Input can be driven from either 3.3 V or 5 V devices. These features allow the use of these devices in a mixed 3.3 V and 5 V environment. The 74LVC2GU04 provides two inverters. Each inverter is a single stage with unbuffered output.
TYPICAL 2.3 1.8 2.6 2.3 1.7 5 7.8 ns ns ns ns ns pF pF
UNIT
2004 Sep 21
2
Philips Semiconductors
Product specification
Dual inverter
FUNCTION TABLE See note 1. INPUT nA L H Note 1. H = HIGH voltage level; L = LOW voltage level. ORDERING INFORMATION PACKAGE TYPE NUMBER 74LVC2GU04GW 74LVC2GU04GV 74LVC2GU04GM PINNING PIN 1 2 3 4 5 6 1A GND 2A 2Y VCC 1Y SYMBOL data input ground (0 V) data input data output supply voltage data output DESCRIPTION TEMPERATURE RANGE -40 C to +125 C -40 C to +125 C -40 C to +125 C PINS 6 6 6 PACKAGE SC-88 SC-74 XSON6 MATERIAL plastic plastic plastic OUTPUT nY H L
74LVC2GU04
CODE SOT363 SOT457 SOT886
MARKING YD VU4 YD
04
1A GND 1 2 6 1Y VCC 2Y 1A 1 6 1Y
U04
5
GND
2
5
VCC
2A
3
001aab680
4
2A
3
4
2Y
001aab681
Transparent top view
Fig.1 Pin configuration SC-88 and SC-74.
Fig.2 Pin configuration XSON6.
2004 Sep 21
3
Philips Semiconductors
Product specification
Dual inverter
74LVC2GU04
handbook, halfpage
1
1A
1Y
6
handbook, halfpage
1
1
6
3
2A
2Y
4
3
1
4
MNB106
MNB107
Fig.3 Logic symbol.
Fig.4 IEC logic symbol.
handbook, halfpage
VCC
VCC
100 A Y
MNA636
Fig.5 Logic diagram (one gate).
2004 Sep 21
4
Philips Semiconductors
Product specification
Dual inverter
RECOMMENDED OPERATING CONDITIONS SYMBOL VCC VI VO Tamb tr, tf PARAMETER supply voltage input voltage output voltage operating ambient temperature input rise and fall times VCC = 1.65 V to 2.7 V VCC = 2.7 V to 5.5 V active mode CONDITIONS 0 0 -40 0 0 MIN. 1.65
74LVC2GU04
MAX. 5.5 5.5 VCC +125 20 10 V V V
UNIT
C ns/V ns/V
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). SYMBOL VCC IIK VI IOK VO IO ICC, IGND Tstg Ptot Note 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. PARAMETER supply voltage input diode current input voltage output diode current output voltage output source or sink current VCC or GND current storage temperature power dissipation Tamb = -40 C to +125 C VI < 0 V note 1 VO > VCC or VO < 0 V active mode; note 1 VO = 0 V to VCC CONDITIONS - -0.5 - -0.5 - - -65 - MIN. -0.5 MAX. +6.5 -50 +6.5 50 50 100 +150 300 V mA V mA mA mA C mW UNIT
VCC + 0.5 V
2004 Sep 21
5
Philips Semiconductors
Product specification
Dual inverter
DC CHARACTERISTICS At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +85 C VIH VIL VOL HIGH-level input voltage LOW-level input voltage LOW-level output voltage VI = VIH or VIL IO = 100 A IO = 4 mA IO = 8 mA IO = 12 mA IO = 24 mA IO = 32 mA VOH HIGH-level output voltage VI = VIH or VIL IO = -100 A IO = -4 mA IO = -8 mA IO = -12 mA IO = -24 mA IO = -32 mA ILI ICC input leakage current VI = 5.5 V or GND quiescent supply current VI = VCC or GND; IO = 0 A 1.65 to 5.5 1.65 2.3 2.7 3.0 4.5 5.5 5.5 VCC - 0.1 1.2 1.9 2.2 2.3 3.8 - - - - - - - - 0.1 0.1 1.65 to 5.5 1.65 2.3 2.7 3.0 4.5 - - - - - - - - - - - - 1.65 to 5.5 1.65 to 5.5 0.75 x VCC - - - VCC (V) MIN.
74LVC2GU04
TYP.(1)
MAX.
UNIT
- 0.25 x VCC 0.1 0.45 0.3 0.4 0.55 0.55 - - - - - - 5 10
V V V V V V V V V V V V V V A A
2004 Sep 21
6
Philips Semiconductors
Product specification
Dual inverter
74LVC2GU04
TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +125 C VIH VIL VOL HIGH-level input voltage LOW-level input voltage LOW-level output voltage VI = VIH or VIL IO = 100 A IO = 4 mA IO = 8 mA IO = 12 mA IO = 24 mA IO = 32 mA VOH HIGH-level output voltage VI = VIH or VIL IO = -100 A IO = -4 mA IO = -8 mA IO = -12 mA IO = -24 mA IO = -32 mA ILI ICC Note 1. All typical values are measured at Tamb = 25 C. input leakage current VI = 5.5 V or GND quiescent supply current VI = VCC or GND; IO = 0 A 1.65 to 5.5 1.65 2.3 2.7 3.0 4.5 5.5 5.5 VCC - 0.1 0.95 1.7 1.9 2.0 3.4 - - 1.65 to 5.5 1.65 2.3 2.7 3.0 4.5 - - - - - - 1.65 to 5.5 1.65 to 5.5 0.8 x VCC - VCC (V) MIN.
TYP.(1)
MAX.
UNIT
- - - - - - - - - - - - - - - -
- 0.2 x VCC 0.1 0.70 0.45 0.60 0.80 0.80 - - - - - - 20 40
V V V V V V V V V V V V V V A A
2004 Sep 21
7
Philips Semiconductors
Product specification
Dual inverter
AC CHARACTERISTICS GND = 0 V. TEST CONDITIONS SYMBOL PARAMETER WAVEFORMS Tamb = -40 C to +85 C tPHL/tPLH propagation delay nA to nY see Figs 6 and 7 1.65 to 1.95 2.3 to 2.7 2.7 3.0 to 3.6 4.5 to 5.5 Tamb = -40 C to +125 C tPHL/tPLH propagation delay nA to nY see Figs 6 and 7 1.65 to 1.95 2.3 to 2.7 2.7 3.0 to 3.6 4.5 to 5.5 Note 1. All typical values are measured at nominal VCC and Tamb = 25 C. AC WAVEFORMS 0.5 0.3 0.3 0.3 0.3 - - - - - 0.5 0.3 0.3 0.3 0.3 2.3 1.8 2.6 2.3 1.7 VCC (V) MIN. TYP.(1)
74LVC2GU04
MAX.
UNIT
5.0 4.0 4.5 3.7 3.0
ns ns ns ns ns
6.3 5.0 5.6 4.5 3.8
ns ns ns ns ns
handbook, halfpage
VI VM GND t PHL VOH t PLH
nA input
nY output VOL
VM
MNA344
INPUT VCC 1.65 V to 1.95 V 2.3 V to 2.7 V 2.7 V 3.0 V to 3.6 V 4.5 V to 5.5 V VM 0.5 x VCC 0.5 x VCC 1.5 V 1.5 V 0.5 x VCC VCC VCC 2.7 V 2.7 V VCC VI tr = tf 2.0 ns 2.0 ns 2.5 ns 2.5 ns 2.5 ns
VOL and VOH are typical output voltage drop that occur with the output load.
Fig.6 The input (nA) to output (nY) propagation delays.
2004 Sep 21
8
Philips Semiconductors
Product specification
Dual inverter
74LVC2GU04
VEXT VCC PULSE GENERATOR VI D.U.T. RT CL RL VO RL
mna616
VCC 1.65 V to 1.95 V 2.3 V to 2.7 V 2.7 V 3.0 V to 3.6 V 4.5 V to 5.5 V
VI VCC VCC 2.7 V 2.7 V VCC
CL 30 pF 30 pF 50 pF 50 pF 50 pF
RL 1 k 500 500 500 500
VEXT tPLH/tPHL open open open open open
Definitions for test circuit: RL = Load resistor. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
Fig.7 Load circuitry for switching times.
handbook, halfpage handbook, halfpage
160
MNB108
Rbias = 560 k VCC
gfs (mA/V) 120
0.47 F Vi
input
output
100 F 80 A Io
MNA638
40
I o g fs = -------V i fi = 1 kHz. VO is constant.
0 0 Tamb = 25 C. 1 2 3 4 5 6 VCC (V)
Fig.8
Test set-up for measuring forward transconductance.
Fig.9
Typical forward transconductance as a function of supply voltage.
2004 Sep 21
9
Philips Semiconductors
Product specification
Dual inverter
APPLICATION INFORMATION Some applications for the 74LVC2GU04 are: * Linear amplifier (see Fig.10) * Crystal oscillator (see Fig.11).
74LVC2GU04
Remark to the application information. All values given are typical values unless otherwise specified.
handbook, halfpage
R2 VCC
handbook, halfpage
R1
1 F
R1 U04 ZL
R2 U04 C1 out
MNA052
C2
MNA053
ZL > 10 k, R1 3 k and R2 1 M. Open loop amplification: AOL = 20 (typical). A OL Voltage amplification: A u = - ------------------------------------------R1 1 + ------- ( 1 + A OL ) R2 Maximum output voltage: VO(p-p) = VCC - 1.5 V centered at 0.5 x VCC. Unity gain bandwidth product: B = 5 MHz (typical). C1 = 47 pF (typical). C2 = 22 pF (typical). R1 = 1 M to 10 M (typical). R2 optimum value depends on the frequency and required stability against changes in VCC or average minimum ICC (ICC = 2 mA (typical) at VCC = 3.3 V and f = 10 MHz).
Fig.10 Linear amplifier configuration.
Fig.11 Crystal oscillator configuration.
2004 Sep 21
10
Philips Semiconductors
Product specification
Dual inverter
PACKAGE OUTLINES
Plastic surface mounted package; 6 leads
74LVC2GU04
SOT363
D
B
E
A
X
y
HE
vMA
6
5
4
Q
pin 1 index
A
A1
1
e1 e
2
bp
3
wM B detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.30 0.20 c 0.25 0.10 D 2.2 1.8 E 1.35 1.15 e 1.3 e1 0.65 HE 2.2 2.0 Lp 0.45 0.15 Q 0.25 0.15 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT363
REFERENCES IEC JEDEC EIAJ SC-88
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
2004 Sep 21
11
Philips Semiconductors
Product specification
Dual inverter
74LVC2GU04
Plastic surface mounted package; 6 leads
SOT457
D
B
E
A
X
y
HE
vMA
6
5
4
Q
pin 1 index
A A1 c
1
2
3
Lp
e
bp
wM B detail X
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 0.1 0.013 bp 0.40 0.25 c 0.26 0.10 D 3.1 2.7 E 1.7 1.3 e 0.95 HE 3.0 2.5 Lp 0.6 0.2 Q 0.33 0.23 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT457
REFERENCES IEC JEDEC EIAJ SC-74
EUROPEAN PROJECTION
ISSUE DATE 97-02-28 01-05-04
2004 Sep 21
12
Philips Semiconductors
Product specification
Dual inverter
74LVC2GU04
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm
SOT886
b 1 2 3 4x L1 L
(2)
e
6 e1
5 e1
4
6x
(2)
A
A1 D
E
terminal 1 index area 0 DIMENSIONS (mm are the original dimensions) UNIT mm A (1) max 0.5 A1 max 0.04 b 0.25 0.17 D 1.5 1.4 E 1.05 0.95 e 0.6 e1 0.5 L 0.35 0.27 L1 0.40 0.32 1 scale 2 mm
Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. OUTLINE VERSION SOT886 REFERENCES IEC JEDEC MO-252 JEITA EUROPEAN PROJECTION ISSUE DATE 04-07-15 04-07-22
2004 Sep 21
13
Philips Semiconductors
Product specification
Dual inverter
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development DEFINITION
74LVC2GU04
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2004 Sep 21
14
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2004
SCA76
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
R20/03/pp15
Date of release: 2004
Sep 21
Document order number:
9397 750 13787


▲Up To Search▲   

 
Price & Availability of 74LVC2GU04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X