|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VISHAY 3KBP005M thru 3KBP08M Vishay Semiconductors Glass Passivated Single-Phase Bridge Rectifier Case Style KBPM Major Ratings and Characteristics IF(AV) VRRM IFSM IR VF Tj max. 3A 50 V to 800 V 80 A 5 A 1.05 V 150 C ~ ~ ~ ~ Features * * * * * UL Recognition file number E54214 Ideal for printed circuit board High surge current capability High case dielectric strength Meets MSL level 1, per J-STD-020C Typical Applications General purpose use in ac-to-dc bridge full wave rectification for Switching Power Supply, Home Appliances, Office Equipment, and Telecommunication applications Maximum Ratings Parameter Ratings at 25 C ambient temperature unless otherwise specified. Symbols VRRM VRMS VDC IF(AV) IFSM I2 t TJ, TSTG 3KBP 005M 50 35 50 3KBP 01M 100 70 100 3KBP 02M 200 140 200 3.0 80 32 - 55 to + 150 3KBP 04M 400 280 400 3KBP 06M 600 420 600 3KBP 08M 800 560 800 Units V V V A A A2sec C Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward output rectified current at TA = 55 C (Fig. 1) Peak forward surge current 50 Hz single half sine-wave superimposed on rated load Rating for fusing (t < 10 ms) Operating junction and storage temperature range Document Number 88888 03-Dec-04 N ew Pr od uc t Mechanical Data Case: KBPM Epoxy meets UL-94V-0 Flammability rating Terminals: Silver plated (E4 Suffix) leads, solderable per J-STD-002B and MIL-STD-750, Method 2026 Polarity: As marked on body www.vishay.com 1 3KBP005M thru 3KBP08M Vishay Semiconductors Electrical Characteristics Ratings at 25 C ambient temperature unless otherwise specified. Parameter Maximum instantaneous forward voltage drop per leg Maximum DC reverse current at rated DC blocking voltage per leg Typical junction capacitance per leg Test condition at 3.0 A TA = 25 C TA = 125 C at 4.0 V, 1 MHz Symbols VF IR 3KBP 005M 3KBP 01M 3KBP 02M 1.05 5.0 500 25 3KBP 04M 3KBP 06M VISHAY 3KBP 08M Units V A CJ pF Thermal Characteristics Ratings at 25 C ambient temperature unless otherwise specified. Parameter Typical thermal resistance per leg (1) Notes: (1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with, 0.47 x 0.47" (12 x12 mm) copper pads. Symbols RJA RJL 3KBP 005M 3KBP 01M 3KBP 02M 30 11 3KBP 04M 3KBP 06M 3KBP 08M Units C/W Ratings and Characteristics Curves (TA = 25 C unless otherwise noted) 4 60 HZ Resistive or Induction Load Heat Sink Mounting: 3.0 x 3.0 x 0.11" Thick (7.5 x 7.5 x 0.3 cm) Al. Plate 100 Peak Forward Surge Current (A) 160 Average Forward Current (A) 3 WITH HEAT SINK 80 60 2 WITHOUT HEAT SINK 40 1 20 0 1 10 100 0 0 20 40 60 80 100 120 140 TA - Ambient Temperature (C) Number of Cycles at 60 HZ Figure 1. Forward Current Derating Curve Figure 2. Maximum Non-Repetitive Peak Forward Surge Current Per Leg www.vishay.com 2 Document Number 88888 03-Dec-04 VISHAY 3KBP005M thru 3KBP08M Vishay Semiconductors 10 100 Instantaneous Forward Current (A) Tj = 150C 1 Tj = 125C Junction Capacitance (pF) TJ = 25C f = 1.0 MHZ Vsig = 50mVp-p 10 Tj = 25C 0.1 0.01 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1 0.1 1 10 100 Instantaneous Forward Voltage (V) Reverse Voltage (V) Figure 3. Typical Forward Characteristics Per Leg Figure 5. Typical Junction Capacitance Per Leg 100 Instantaneous Reverse Current (A) TJ = 150C 10 TJ = 125C 1 0.1 TJ = 25C 0.01 10 20 30 40 50 60 70 80 90 100 Percent of Rated Peak Reverse Voltage (%) Figure 4. Typical Reverse Leakage Characteristics Per Leg Package outline dimensions in inches (millimeters) Case Style KBPM 0.125 x 45o (3.2) 0.600 (15.24) 0.560 (14.22) 0.460 (11.68) 0.500 (12.70) 0.420 (10.67) 0.460 (11.68) 60 (15.2) MIN. 0.060 (1.52) 0.160 (4.1) 0.140 (3.6) 0.50 (12.7) Min. 0.034 (0.86) 0.028 (0.76) DIA. 0.200 (5.08) 0.180 (4.57) 0.105 (2.67) 0.085 (2.16) Polarity shown on front side of case: positive lead by beveled corner Document Number 88888 03-Dec-04 www.vishay.com 3 |
Price & Availability of 3KBP04M |