Part Number Hot Search : 
1N445 MAX68 TJ49150 LOGIC G4PH30K GB4600 FA5109P D1755
Product Description
Full Text Search
 

To Download 2SD2444K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SD2444K
Transistors
Power Transistor (15V, 1A)
2SD2444K
Features 1) Low saturation voltage, VCE(sat) = 0.3V (Max.) at IC / IB = 0.4A / 20mA. 2) IC = 1A 3) Complements the 2SB1590K.
External dimensions (Unit : mm)
SMT3
2.9 0.4
(3)
1.1 0.8
0.95 0.95 0.15
Type Package hFE Marking Code Basic ordering unit (pieces)
2SD2444K SMT3 R BS T146 3000
(1)Emitter (2)Base (3)Collector
1.9
Each lead has same dimensions
Denotes hFE
Absolute maximum ratings (Ta=25C)
Parameter Symbol VCBO VCEO VEBO IC PC Tj Tstg Limits 15 15 6 1 0.2 150 -55 to +150 Unit V V V A (DC) W
Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature
C C
Electrical characteristics (Ta=25C)
Parameter
Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio Transition frequency Output capacitance
Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Cob
Min. 15 15 6 - - - 180 - -
Typ. - - - - - - - 200 15
Max. - - - 0.5 0.5 0.3 390 - -
Unit V V V A A V - MHz pF IC=50A IC=1mA IE=50A VCB=12V VEB=5V
Conditions
IC=400mA, IB=20mA VCE/IC=2V/50mA VCE=2V, IE= -50mA, f=100MHz VCB=10V, IE=0A, f=1MHz
Rev.A
0.3Min.
Packaging specification and hFE
(2)
(1)
1.6 2.8
1/2
2SD2444K
Transistors
Electrical characteristic curves
POWER DISSIPATION : PC / PC Max. (%)
1
100
COLLECTOR CURRENT : IC (A)
500m 200m 100m 50m 20m 10m 5m 2m 1m 0
COLLECTOR CURRENT : IC (A)
Ta=25C VCE=2V
1.0 0.9
Ta=25C
6mA
5mA 4mA 3mA
75
Ta=125C 25C -40C
10mA 0.8 9mA 8mA 0.7 7mA
0.6 0.5 0.4 0.3 0.2 0.1 0
50
2mA
25
IB=1mA
0
0
25
50
75
100
125
150
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
AMBIENT TEMPERATURE : Ta (C)
BASE TO EMITTER VOLTAGE : VBE (V)
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.1 Grounded emitter output characteristics
Fig.2 Grounded emitter propagation characteristics
Fig.3 Grounded emitter output characteristics
Ta=25C
VCE=5V 2V 1V
500
DC CURRENT GAIN : hFE
500
DC CURRENT GAIN : hFE
Ta=125C 25C -40C
VCE=2V
COLLECTOR SATURATION VOLTAGE : VCE (sat) (V)
1000
1000
1 500m 200m 100m 50m 20m 10m 5m 2m 1m 1m 2m 5m 10m 20m
Ta=25C
200 100 50
200 100 50
lC/lB=50 20 10
20
20
1m
2m
5m 10m 20m 50m 100m 200m 500m 1 COLLECTOR CURRENT : lC (A)
1m
2m
5m 10m 20m 50m 100m 200m 500m 1 COLLECTOR CURRENT : lC (A)
50m 100m 200m 500m 1
COLLECTOR CURRENT : IC (A)
Fig.4 DC current gain vs. collector current ( )
Fig.5 DC collector gain vs. collector current ( )
Fig.6 Collector-emitter saturation voltage vs. collector current ( )
COLLECTOR SATURATION VOLTAGE : VCE (sat) (V)
lC/lB=20
COLLECTOR OUTPUT CAPACITANCE : Cob (pF)
1 500m 200m 100m 50m 20m 10m 5m 2m 1m 1m 2m 5m 10m 20m
1000
1000 500 200 100 50 20 10 5 2 1 0.1 0.2 0.5 1 2 5 10
TRANSITION FREQUENCY : fT (MHz)
500
Ta=25C f=100MHz VCE=2V
Ta=25C f=1MHz lE=0A
Ta=125C 25C -40C
200 100 50
20 10 10m
50m 100m 200m 500m 1
20m
50m
100m
200m
500m
1
20
50 100
COLLECTOR CURRENT : IC (A)
EMITTER CURRENT : lE (A)
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.7 Collector-emitter saturation voltage vs. collector current ( )
Fig.8 Transition frequency vs. emitter current
Fig.9 Collector output capacitance vs. collector-base voltage
Rev.A
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of 2SD2444K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X