Part Number Hot Search : 
NCP15 IL358N IL358N MAX1110 B360A PEH200 FXT790A 100ZB1
Product Description
Full Text Search
 

To Download 2SD2318 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SD2318
Transistors
High-current gain Power Transistor (60V, 3A)
2SD2318
!Features 1) High DC current gain. 2) Low saturation voltage. (Typ. VCE(sat) =0.5V at IC / IB=2A / 0.5A) 3) Complements the 2SB1639. !External dimensions (Units : mm)
0.75
5.5
1.5
(3) (2) (1)
2.3
0.9
0.9
0.65 2.3
5.1 6.5
C0.5
1.0 0.5
0.5
1.5 2.5 9.5
!Absolute maximum ratings (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Limits 80 60 6 3 4.5 1 15 150 -55~+150 Unit V V V A A(Pulse) W W(Tc=25C) C C
ROHM : CPT3 EIAJ : SC-63
*
* Single pulse Pw=100ms
!Packaging specifications and hFE
Type Package hFE Code Basic ordering unit (pieces) 2SD2318 CPT3 UV TL 2500
!Electrical characteristics (Ta=25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage Base-emitter saturation voltage DC current transfer ratio Transition frequency Output capacitance Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) VBE(sat) hFE fT Cob Min. 80 60 6 560 Typ. 50 60 Max. 100 100 1.0 1.5 1800 Unit V V V A A V V MHz pF IC=50A IC=1mA IE=50A VCB=80V VEB=6V IC/IB=2A/0.05A IC/IB=2A/0.05A VCE/IC=4V/0.5A VCE=5V, IE=-0.2A, f=10MHz VCB=10V, IE=0A, f=1MHz Conditions
* * *
* Measured using pulse current.
2.3
0.8Min.
(1) Base(Gate) (2) Collector(Drain) (3) Emitter(Source)


▲Up To Search▲   

 
Price & Availability of 2SD2318

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X