Part Number Hot Search : 
01EDK3 MA11F 06780 13008 2SC3069 2SC454 SMS12 ISL59
Product Description
Full Text Search
 

To Download 2SC5270 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC5270, 2SC5270A
Silicon NPN triple diffusion mesa type
For horizontal deflection output
Unit: mm
15.50.5
4.5
10.0
s Features
q q q
3.20.1 5
26.50.5
3.00.3
High breakdown voltage, and high reliability through the use of a glass passivation layer High-speed switching Wide area of safe operation (ASO) (TC=25C)
Ratings 1500 1600 1500 1600 600 5 20 12 8 120 3 150 -55 to +150 Unit
5
23.4 22.00.5
2.0 1.2
5
18.60.5
5 5
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to base voltage 2SC5270 2SC5270A 2SC5270 2SC5270A Symbol VCBO VCES VCEO VEBO ICP IC IB Ta=25C PC Tj Tstg
4.0 2.00.2 1.10.1
2.0
0.70.1
5.450.3
3.30.3 0.70.1
5.450.3
5.50.3
V
5
V
1 2 3
2.0
Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power TC=25C dissipation Junction temperature Storage temperature
V V A A A W C C
1:Base 2:Collector 3:Emitter TOP-3E Full Pack Package
s Electrical Characteristics
Parameter 2SC5270 Collector cutoff current 2SC5270A 2SC5270 2SC5270A Emitter cutoff current Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Storage time Fall time
(TC=25C)
Symbol Conditions VCB = 1000V, IE = 0 ICBO VCB = 1500V, IE = 0 VCB = 1600V, IE = 0 IEBO hFE VCE(sat) VBE(sat) fT tstg tf VEB = 5V, IC = 0 VCE = 5V, IC = 6A IC = 6A, IB = 1.5A IC = 6A, IB = 1.5A VCE = 10V, IC = 0.1A, f = 0.5MHz IC = 6A, IB1 = 1.5A, IB2 = -3A 3 1.5 0.12 2.5 0.2 5 min typ max 50 50 1 1 50 12 3 1.5 V V MHz s s Unit A
mA A
1
Power Transistors
PC -- Ta
140 102
2SC5270, 2SC5270A
hFE -- IC
VCE=5V
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
5000 IC/IB=4
Collector power dissipation PC (W)
120
Forward current transfer ratio hFE
(1)
100
(1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink. (3) Without heat sink (PC=3.0W)
TC=100C 25C
4000
80
3000
-25C 10
60
2000 TC=100C 25C -25C
40
1000
20
(2) (3)
0 0 20 40 60 80 100 120 140 160
1 1 10
102
103
104
105
0 102
103
104
105
Ambient temperature Ta (C)
Collector current IC (mA)
Collector current IC (mA)
Area of safe operation (ASO)
100 ICP 10 IC 100ms 10ms t=100s 1ms
Area of safe operation, horizontal operation ASO
50 f=64kHz, TC<90C Area of safe operation with respect to the single pulse overload curve at the time of switching ON, shutting down by the high voltage spark, holding down and like that, during horizontal operation. 1.0 0.6 0.8
t f -- IB
TC=25C IC=6A fH=64kHz
Collector current IC (A)
Collector current IC (A)
40
Switching time tf (s)
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
1
DC
30
0.1
20
0.01 Non repetitive pulse TC=25C 1 3 10 30 100 300 1000
10
<1mA 0 0 500 1000
0.001
1500
2SC5270 2SC5270A
2000
0
1
2
3
4
5
Collector to emitter voltage VCE (V)
Collector to emitter voltage VCE (V)
End-of-scan current IB end (A)
tstg -- IB
10 TC=25C 9 IC=6A fH=64kHz 8 7 6 5 4 3 2 1 0 0 1 2 3 4 5
Switching time tstg (s)
End-of-scan current IB end (A)
2


▲Up To Search▲   

 
Price & Availability of 2SC5270

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X