Part Number Hot Search : 
50600 1N4699C MODEL 41000 X24008 6304A AT45DB DT25C04
Product Description
Full Text Search
 

To Download UPD78F9188 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW INFORMATION
PD78F9189/9188CT
8-BIT SINGLE-CHIP MICROCONTROLLER
MOS INTEGRATED CIRCUIT
The PD78F9189 is NEW Subseries (small, general-purpose) in the 78K/0S Series. The PD78F9189 replaces the internal ROM of the PD789188 with flash memory. Because flash memory allows the program to be written and erased electrically with the device mounted on the board, this product is ideal for the evolution stages of system development, small-scale production and rapid development of new products. Detailed function descriptions are provided in the following user's manuals. Be sure to read them before designing.
PD789167, 789177, 789167Y, 789177Y Subseries User's Manual: U14186E
78K/0S Series User's Manual Instruction: U11047E
FEATURES
* * * * * * * Pin compatible with mask ROM version (except VPP pin) Flash memory: 24 Kbytes ,Masked Version:16 Kbytes High-speed RAM: 512 bytes High-speed (0.4 s: @5.0-MHz operation with main system clock) 8-bit resolution A/D converter: 4 channels I/O ports: 22 Serial interface: 1 channel * 3-wire serial I/O mode / UART mode: 1 channel
* Timers: 6 channels * 16-bit timer: 1 channel * 8-bit timer/event counter: 2 channels * 8-bit timer: 1 channel * Watch timer: 1 channel * Watchdog timer: 1 channel * On-chip 16-bit multiplier * Power supply voltage: VDD = 4.5 to 5.5 V
Document No. (1st edition)valid in only China Date Published Feb. 2003 NS CP(K) Printed in China
NEC Electronics 2003
PD78F9189/9188CT
APPLICATIONS
Air-conditioner, White goods, etc
ORDERING INFORMATION
PD78F9189CT/789188CT
Part Number Package 32-pin plastic SDIP(400 mil) 32-pin plastic SDIP(400 mil)
PD78F9189CT PD789188CT-xxx
2
Data Sheet (1st edition)valid in only China
PD78F9189/9188CT
OVERVIEW OF FUNCTIONS
Item Internal memory Flash memory High-speed RAM Minimum instruction execution time General-purpose registers Instruction set
PD78F9189CT
24 Kbytes 512 bytes
PD789188CT-xxx
16 Kbytes
* 0.4/1.6 s (@5.0-MHz operation with main system clock) 8 bits x 8 registers * 16-bit operations * Bit manipulations (set, reset, test) 8 bits x 8 bits = 16 bits Total: * CMOS I/O: * CMOS Input: * N-ch open drain: 26 17 4(Shared with A/D converter) 5
Multiplier I/O ports
A/D converters Serial interfaces Timers
8-bit resolution x 4 channels 3-wire serial I/O/UART : 1 channel * * * * * 16-bit timer:1 channel 8-bit timer/event counter:2 channels 8-bit timer:1 channel Watch timer:1 channel Watchdog timer:1 channel
Timer output Buzzer output Vectored interrupt sources Non-maskable Power supply voltage Operating ambient temperature Package Maskable
4 output 1 Internal: 10, External: 4
Internal: 1 VDD = 4.5 to 5.5 V TA = -40C to +85C 32-pin plastic SDIP (400 mil)
Data Sheet (1st edition)valid in only China
3
PD78F9189/9188CT
1. PIN CONFIGURATION (TOP VIEW)
* 32-pin plastic shrink DIP (400mil)
PD78F9189CT PD789188CT-xxx
P50 P51 P52 P53
1 2 3 4
32 31 30 29

P04 P03 P02 P01
P60/ANI0 5 P61/ANI1 6 P62/ANI2 7 P63/ANI3 8 VSS 9 P10 10 P11 11 P30/INTP0/TI81/CPT90 12 P31/INTP1/TO81 13 P32/INTP2/TO90 14 P33/INTP3/TO82/BZO90 15 P20/SCK20/ASCK20 16
28 P00 27 P26/TO80 26 P25/SI20/RxD20 25 VDD 24 X1 23 X2 22 RESET 21 Vpp/IC 20 P24 19 P23 18 P22/SI20/RxD20 17 P21/SO20/TxD20
Note: The information of pin assign is subject to change without notice.
Cautions 1. Connect the VPP/IC pin directly to VSS.
4
Data Sheet (1st edition)valid in only China
PD78F9189/9188CT
3. PIN FUNCTIONS
3.1 Port Pins
I/O I/O Function Port 0 5-bit input/output port Input/output mode can be specified in 1-bit units When used as an input port, an on-chip pull-up resistor can be specified by software. Port 1 2-bit input/output port Input/output mode can be specified in 1-bit units When used as an input port, an on-chip pull-up resistor can be specified by software. Port 2 7-bit input/output port Input/output mode can be specified in 1-bit units For P20 to P22, P25, and P26, an on-chip pull-up resistor can be specified by software. Only P23 and P24 can be used as N-ch open-drain input/output port pins. After Reset Input Alternate Function -
Pin Name P00 to P04
P10, P11
I/O
Input
-
P20 P21 P22 P23 P24 P25 P26 P30 P31 P32 P33 P50 to P53
I/O
Input
SCK20/ASCK20 SO20/TxD20 SI20/RxD20
SI20/RxD20 TO80 I/O Port 3 4-bit input/output port Input/output mode can be specified in 1-bit units On-chip pull-up resistor can be specified by software. Input INTP0/TI81/CPT90 INTP1/TO81 INTP2/TO90 INTP3/TO82/BZO90 I/O Port 5 4-bit N-ch open-drain input/output port Input/output mode can be specified in 1-bit units Input -
P60 to P63
Input
Port 6 4-bit input port
Input
ANI0 to ANI3
Data Sheet (1st edition)valid in only China
5
PD78F9189/9188CT
3.2 Non-Port Pins
I/O Input Function External interrupt input for which the valid edge (rising edge, falling edge, or both rising and falling edges) can be specified After Reset Input Alternate Function P30/TI81/CPT90 P31/TO81 P32/TO90 P33/TO82/BZO90 Input Output I/O Input Input Input Output Input Input Output Output Output Output Output Input Input Input - - - Input - Serial data input to serial interface Serial data output from serial interface Serial clock input/output for serial interface Chip select input to serial interface Serial clock input for asynchronous serial interface Serial data input for asynchronous serial interface Serial data output for asynchronous serial interface External count clock input to 8-bit timer/event counter (TM80) External count clock input to 8-bit timer/event counter (TM81) 8-bit timer/event counter (TM80) output 8-bit timer/event counter (TM81) output 8-bit timer (TM82) output 16-bit timer (TM90) output 16-bit timer (TM90) Buzzer output Capture edge input A/D converter analog input Connecting crystal resonator for main system clock oscillation Positive power supply Ground potential System reset input Sets flash memory programming mode. Applies high voltage when a program is written or verified. Connect directly to VSS in normal operation mode.( PD78F9189CT) Sets test mode. Applies Vdd voltage when test mode. Connect directly to VSS in normal operation mode. ( PD789188CT) Input Input Input Input Input Input Input Input Input Input Input Input Input Input Input Input - - - - Input - P22/RxD20 P21/TxD20 P20/ASCK20 P25/TI80 P20/SCK20 P22/SI20 P21/SO20 P25/SS20 P30/INTP0/CPT90 P26 P31/INTP1 P33/INTP3/BZO90 P32/INTP2 P33/INTP3/TO82 P30/INTP0/TI81 P60 to P63 - - - - - -
Pin Name INTP0 INTP1 INTP2 INTP3 SI20 SO20 SCK20 SS20 ASCK20 RxD20 TxD20 TI80 TI81 TO80 TO81 TO82 TO90 BZO90 CPT90 ANI0 to ANI3 X1 X2 VDD VSS RESET VPP
IC
-
-
-
6
Data Sheet (1st edition)valid in only China
PD78F9189/9188CT
NOTES FOR CMOS DEVICES
1 PRECAUTION AGAINST ESD FOR SEMICONDUCTORS Note: Strong electric field, when exposed to a MOS device, can cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred. Environmental control must be adequate. When it is dry, humidifier should be used. It is recommended to avoid using insulators that easily build static electricity. Semiconductor devices must be stored and transported in an anti-static container, static shielding bag or conductive material. All test and measurement tools including work bench and floor should be grounded. The operator should be grounded using wrist strap. Semiconductor devices must not be touched with bare hands. Similar precautions need to be taken for PW boards with semiconductor devices on it. 2 HANDLING OF UNUSED INPUT PINS FOR CMOS Note: No connection for CMOS device inputs can be cause of malfunction. If no connection is provided to the input pins, it is possible that an internal input level may be generated due to noise, etc., hence causing malfunction. CMOS devices behave differently than Bipolar or NMOS devices. Input levels of CMOS devices must be fixed high or low by using a pull-up or pull-down circuitry. Each unused pin should be connected to VDD or GND with a resistor, if it is considered to have a possibility of being an output pin. All handling related to the unused pins must be judged device by device and related specifications governing the devices. 3 STATUS BEFORE INITIALIZATION OF MOS DEVICES Note: Power-on does not necessarily define initial status of MOS device. Production process of MOS does not define the initial operation status of the device. Immediately after the power source is turned ON, the devices with reset function have not yet been initialized. Hence, power-on does not guarantee out-pin levels, I/O settings or contents of registers. Device is not initialized until the reset signal is received. Reset operation must be executed immediately after power-on for devices having reset function.
Data Sheet (1st edition) valid in only China
7
PD78F9189/9188CT
Regional Information
Some information contained in this document may vary from country to country. Before using any NEC product in your application, pIease contact the NEC office in your country to obtain a list of authorized representatives and distributors. They will verify:
* * * * *
Device availability Ordering information Product release schedule Availability of related technical literature Development environment specifications (for example, specifications for third-party tools and components, host computers, power plugs, AC supply voltages, and so forth) Network requirements
*
In addition, trademarks, registered trademarks, export restrictions, and other legal issues may also vary from country to country.
NEC Electronics Inc. (U.S.)
Santa Clara, California Tel: 408-588-6000 800-366-9782 Fax: 408-588-6130 800-729-9288
NEC Electronics (Germany) GmbH
Benelux Office Eindhoven, The Netherlands Tel: 040-2445845 Fax: 040-2444580
NEC Electronics Hong Kong Ltd.
Hong Kong Tel: 2886-9318 Fax: 2886-9022/9044
NEC Electronics Hong Kong Ltd. NEC Electronics (France) S.A.
Velizy-Villacoublay, France Tel: 01-30-67 58 00 Fax: 01-30-67 58 99 Seoul Branch Seoul, Korea Tel: 02-528-0303 Fax: 02-528-4411
NEC Electronics (Germany) GmbH
Duesseldorf, Germany Tel: 0211-65 03 02 Fax: 0211-65 03 490
NEC Electronics (France) S.A. NEC Electronics (UK) Ltd.
Milton Keynes, UK Tel: 01908-691-133 Fax: 01908-670-290 Spain Office Madrid, Spain Tel: 91-504-2787 Fax: 91-504-2860
NEC Electronics Singapore Pte. Ltd.
United Square, Singapore 1130 Tel: 65-253-8311 Fax: 65-250-3583
NEC Electronics Taiwan Ltd. NEC Electronics Italiana s.r.l.
Milano, Italy Tel: 02-66 75 41 Fax: 02-66 75 42 99
NEC Electronics (Germany) GmbH
Scandinavia Office Taeby, Sweden Tel: 08-63 80 820 Fax: 08-63 80 388
Taipei, Taiwan Tel: 02-2719-2377 Fax: 02-2719-5951
NEC do Brasil S.A.
Electron Devices Division Rodovia Presidente Dutra, Km 214 07210-902-Guarulhos-SP Brasil Tel: 55-11-6465-6810 Fax: 55-11-6465-6829
J99.1
8
Data Sheet (1st edition) valid in only China
PD78F9189/9188CT
The export of this product from Japan is regulated by the Japanese government. To export this product may be prohibited without governmental license, the need for which must be judged by the customer. The export or re-export of this product from a country other than Japan may also be prohibited without a license from that country. Please call an NEC sales representative.
* The information in this document is current as of May, 2000. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC's data sheets or data books, etc., for the most up-to-date specifications of NEC semiconductor products. Not all products and/or types are available in every country. Please check with an NEC sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without prior written consent of NEC. NEC assumes no responsibility for any errors that may appear in this document. * NEC does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC semiconductor products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility of customer. NEC assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC endeavours to enhance the quality, reliability and safety of NEC semiconductor products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. * NEC semiconductor products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. The recommended applications of a semiconductor product depend on its quality grade, as indicated below. Customers must check the quality grade of each semiconductor product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC semiconductor products is "Standard" unless otherwise expressly specified in NEC's data sheets or data books, etc. If customers wish to use NEC semiconductor products in applications not intended by NEC, they must contact an NEC sales representative in advance to determine NEC's willingness to support a given application. (Note) (1) "NEC" as used in this statement means NEC Corporation and also includes its majority-owned subsidiaries. (2) "NEC semiconductor products" means any semiconductor product developed or manufactured by or for NEC (as defined above).
M8E 00. 4


▲Up To Search▲   

 
Price & Availability of UPD78F9188

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X