Part Number Hot Search : 
70220 150LR5A 167BZXC BYV28100 UI3001 HAT2027R PTB20219 SA627
Product Description
Full Text Search
 

To Download TVSF0603 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TVSF0603
TRANSIENT PROTECTION PRODUCTS
"FemtoFarad" Polymer ESD Suppressor
DESCRIPTION
KEY FEATURES
W W W.Microsemi .COM
The "FemtoFarad" product family is specifically for ESD bidirectional protection of vulnerable electronic components, especially at IO ports. Continued shrinking of onchip component geometries of sub-micron sizes have reduced levels of ESD at which upset and failure occurs to the extent that protection is mandatory for reliability of power and data line interfaces. The sub-picofarad capacitance of this series provides excellent performance up through six GHz with minimal attenuation without linear or harmonic distortion well into the GHz range. In the off-state, this FemtoFarad, polymeric based technology is virtually invisible to circuit performance. Its proven structure is thick film on a rugged ceramic base that is ideal for automated assembly. Subsequent paragraphs and charts describe the outstanding performance and reliability of FemtoFarad components and many other features that make them the designer's choice for ESD protection.
Exceeds surge per IEC 61000-4-2 Small 0603 footprint Linear performance at MHz levels Ultra-low capacitance Ultra-low-standby current Fast response time Bidirectional Lead-free plated terminals APPLICATIONS/BENEFITS APPLICATIONS/BENEFITS High speed data line protection Low signal distortion/attenuation ESD protection for mobile/cell phones Protects sensitive high frequency components
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
Part Ratings and Characteristics
Performance Characteristics Continuous dc operating voltage 3 Clamping voltage 4 Trigger voltage 5 ESD Threat voltage capability Capacitance (@ 1 MHz) Standby current (@ 12 V) 3, 5 Peak current Operating temperature 3 ESD pulse withstand
Notes:
Min 0.01 -56 20
Typ 35 125 8 0.15 <0.1 30 +25 2 >500
Max 24 60 15 0.25 45 +85 -
Units V V V kV pF nA A C # pulses
1. Continuous operation with 12 volts or more under extreme temperature and humidity may cause increasing leakage current and/or shifting device resistance. However, even under severe environmental test, characteristics of the device did not change up to 6 V dc operation. 2. Some shifting in characteristics may occur when tested over several hundred ESD pulses at very rapid rate of 1 pulse per second or faster.
3. Per IEC 61000-4-2, 30 A @ 8 kV, level 4, clamp measurement made 30 ns after initiation of pulse, all tests in contact discharge mode.
4. Trigger measurement made using Transmission Line Pulse (TLP) method.
5. FemtoFarad devices are capable of withstanding up to a 15 kV, 45 A ESD pulse. Device ratings are given at 8 kV per Note 1, unless
otherwise specified.
TVSF0603 TVSF0603
Environmental Specifications:
* Moisture Resistance, steady state: MIL-STD-883, method 1004.7, 85% RH, 85C, 240 hrs. * Thermal shock: MIL-STD-202, Method 107G, -65C to 125C, 30 min. cycle, 10 cycles * Vibration: MIL-STD-202F, Method 201A,(10 to 55 to 10 Hz, 1 min. cycle, 2 hrs each in X-Y-Z) * Chemical resistance: ASTM D-543, 4 hrs @ 40C, 3 solutions (H2O, detergent solution, defluxer) * Operating temperature characteristics, measurement at +25C, +85C and -56C * Full load voltage: 14.4 V dc, 1000 hrs, 25C * Solder leach resistance and terminal adhesion: Per EIA-576 * Solderability: MIL-STD-202, Method 208 (95% coverage) Copyright 2004 TVSF0603.PDF 02-04-2004 REV A
Microsemi
Transient Protection Products Group 8700 East Thomas Rd., PO Box 1390, Scottsdale AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 http://www.microsemi.com/tvs
Page 1
TVSF0603
TRANSIENT PROTECTION PRODUCTS
"FemtoFarad" Polymer ESD Suppressor
Definition of Terms:
W W W.Microsemi .COM
Clamp Voltage - The voltage at which the TVSF0603 device stabilizes during the transition from high to low impedance. This is the voltage experienced by the circuit, after stabilizing, for the duration of the ESD transient. Trigger Voltage - The voltage at which the TVSF0603 device begins to conduct. When the ESD threat voltage reaches this level, the TVSF0603 device begins the transition from high impedance to low impedance, shunting the ESD energy to ground. Threat Voltage - The voltage that the test equipment is set to operate (i.e., the voltage across the discharge capacitor). Peak Current - The maximum instanteneous current level that a device will receive. IEC-61000-4-2 states that the peak current should be 30 A at 8 kV ESD and 45 A at 15 kV ESD.
Product Dimension
R T H
0.6 min (.023 min) 1.1 ref (.043 ref)
Recommended Solder Pad Outline (per IPC-SM-782)
L W
E IA S I ZE
TVSF0603 mm (inches)
1.0 max (.039 max)
L
1.60 0.10 (.063 .004)
W
0.80 0.10 (.031 .004)
H
0.50 0.10 (.020 .004)
T
0.30 0.20 (.012 .008)
R
0.70 .10 (.028 .004)
Tape-and-Reel Specification
4.00.10 (.157.004) B 2.00.05 (.079.002) 3.50.05 (.138.002) 8.00.30 (.315.012) 1.750.10 (.069.004) 210.8 (.827.032) 13.00.5 (.512.020) 2.00.75 (.079.030)
mm (inches)
PACKAGE DATA PACKAGE DATA
A
2.00.5 (.080.020)
4.00.10 (.157.004)
60.01.5 (2.362.059) 178.02.0 (7.008.080)
1.50.10 (.059.004)
Dimension
A B
0603
1.800.20 (.071.008) .90.20 (.035.008)
9.01.5 (.354.059)
Copyright 2004 TVSF0603.PDF 02-04-2004 REV A
Microsemi
Transient Protection Products Group 8700 East Thomas Rd., PO Box 1390, Scottsdale AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 http://www.microsemi.com/tvs
Page 2
TVSF0603
TRANSIENT PROTECTION PRODUCTS
"FemtoFarad" Polymer ESD Suppressor
W W W.Microsemi .COM
Part Numbering FemtoFarad Device Designator Device Configuration Tape-and-Reel 5,000 pcs Part Numbering
TVSF devices are not individually marked, but labeled on the tape-and-reel unit. Components are symmetrically bi-directional, hence no polarity marking is required.
TVSF
0603
-TR1
Pick-and- Place Assembly
TVSF devices have a slightly rounded top that is inherent in their fabrication. This slight radius does not hinder standard pick-andplace assembly methods.
Test Methods
Multiple test methods are often required for surge characterization and withstand verification. Results may vary according to test method since secondary effects of the Electrical and Magnetic (E and H) fields on instrumentation and non-shielded circuits may produce undesired results. This is particularly observed below 3 kV where rise times in the 100 ps range have been reported producing electromagnetic conditions equivalent to 30 kV/ns.
ESD Open Air / Contact Discharge
This fast rise pulse, characterized in IEC 61000-4-2, can produce peak currents up to 45A with voltage levels of 15 kV. Contact discharge is the recommended method of test because of its repeatability; however, real world ESD events are open-air human body discharges. Air discharges introduce pre-corona discharge with E and H fields that allow energy to leak through narrow vents and radiate from isolated circuit and enclosure segments. A TVSF device may be very capable of providing protection from ESD, but its function can be nullified by poor board layout and inadequate shielding. ESD surges on a conductor have been observed to electromagnetically bypass suppressors causing circuit upset or failure. Shielding may be required for supplementing suppressor protection devices.
D DESCRIPTION
Transmission Line Pulse (TLP)
The Transmission Line Pulse tester implements a controlled impedance cable to deliver a square-wave current pulse. The advantage of this technique is that the constant current of the square wave allows the behavior of the protection structure to be more accurately studied. The actual implementation of this technique produces a waveform that has a slightly slower rise time than the ESD pulse but can be correlated to deliver approximately the same surge current and energy. This controlled impedance pulse provides a more accurate depiction of the trigger voltage of the device because of the reduced voltage overshoot caused by a fast-rising transient and the reactive components of the test fixture.
Copyright 2004 TVSF0603.PDF 02-04-2004 REV A
Microsemi
Transient Protection Products Group 8700 East Thomas Rd., PO Box 1390, Scottsdale AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 http://www.microsemi.com/tvs
Page 3
TVSF0603
TRANSIENT PROTECTION PRODUCTS
"FemtoFarad" Polymer ESD Suppressor
Selected Application Data
ESD Transient Suppression with TVSF
Figure 1. Typical Device Characteristics
W W W.Microsemi .COM
Figure 1 Depicts typical TVSF device response to an 8 kV contact ESD pulse. Triggered polymer in TSVF conducts excess energy to ground and prevents system damage from ESD transient threats. The top scope trace is current, and the bottom scope trace is voltage.
TVSF Signal Attenuation
The TVSF0603 ESD over voltage protection devices have an ultra-low capacitance of <0.25 pF. When typically installed from the signal line to ground, it has a negligible effect on the signal. Figure 2 shows the test results when conducted with a precision network analyzer on a 50 circuit up to 6 GHz. Only a 0.2 dB maximum
Figure 2. Signal Attenuation vs. Frequency
Attenuation dB
Figure 3. Typical Standby CurrentTemperature Average Leakage Current vs. vs. Temperature
100 80
Typical Standby Current (Leakage) of TVSF
StandbyCurrent (nA)
In Figure 3, the leakage current of TVSF Polymer is typical very low, well under 1 nA, even above 12 V dc operating voltage. Increase in leakage current can be expected at higher operating voltage and elevated temperatures.
Reference Temperature
GRAPHS GRAPHS
60
40
20
24VDC 12VDC 6VDC
0 -60
-40
-20
0
20 25
40
60
80
100
Temperature (C)
Copyright 2004 TVSF0603.PDF 02-04-2004 REV A
Microsemi
Transient Protection Products Group 8700 East Thomas Rd., PO Box 1390, Scottsdale AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 http://www.microsemi.com/tvs
Page 4
TVSF0603
TRANSIENT PROTECTION PRODUCTS
"FemtoFarad" Polymer ESD Suppressor
W W W.Microsemi .COM
Consistent Clamp Voltage through Many ESD Pulses
As Figure 4 shows, the TVSF Polymer device is reliable and stable over a duration of hundreds of pulses. The TVSF device has been tested with fast rate ESD pulses at 8kV contact discharge. Clamping voltage relatively consistent through 500 pulses. This is far more than most equipment would see in a lifetime.
70
Figure 4. ESD Clamping Voltage vs. Number of 8 kV ESD Pulse ESD Clamping Voltage vs. Number of 8 kV ESD Pulses
60
ESD Clamping Voltage (V)
50
40
30
20
10
0 0 100 200 300 400 500 600
Number of 8 kV ESD Pulses
Trigger Voltage Remains Consistent through Many ESD Pulses
TLP Trigger Voltage (V)
Figure 5. Typical Trigger Voltage vs. Number of ESD Pulses 450 400 350 300 250 200 150 100 50 0 0 100 200 300 400 500 600 8 kV ESD
As the number of ESD pulses increase, the trigger voltage stays within specification with minimal change. A very high rate of ESD pulsing might affect trigger voltage after hundreds of cycles, (e.g., 1 pulse per second). TVSF is designed for random events.
GRAPHS GRAPHS
Number of ESD Pulses
Copyright 2004 TVSF0603.PDF 02-04-2004 REV A
Microsemi
Transient Protection Products Group 8700 East Thomas Rd., PO Box 1390, Scottsdale AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 http://www.microsemi.com/tvs
Page 5
TVSF0603
TRANSIENT PROTECTION PRODUCTS
"FemtoFarad" Polymer ESD Suppressor
Device Applications
TVSF devices protect signal line circuits from ESD by placing them in a shunt-connected manner from line to ground as illustrated below. These devices are not applicable on lines where lightning or load-switching transients are present. TVSF devices are ideal for use in computers and computer-related equipment, such as modems, keyboards, and printers. They also find applications in portable electronic equipment such as mobile telephones, test equipment, and card scanners. Typical Applications W W W.Microsemi .COM
Antenna
RF Amplifier
USB CONTROLLER
v+ Data Data
USB PORT
TVSF0603 (2)
TVFS0603
DESCRIPTION DESCRIPTION
Note: Although diode symbols are shown in opposite directions to represent the polymer ESD suppressor, it is not a semiconductor diode. It is instead a polymer based thick film material on a ceramic substrate creating a bi-directional response in a reliable surface mount package.
Copyright 2004 TVSF0603.PDF 02-04-2004 REV A
Microsemi
Transient Protection Products Group 8700 East Thomas Rd., PO Box 1390, Scottsdale AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 http://www.microsemi.com/tvs
Page 6
TVSF0603
TRANSIENT PROTECTION PRODUCTS
"FemtoFarad" Polymer ESD Suppressor
W W W.Microsemi .COM
N NOTES
Copyright 2004 TVSF0603.PDF 02-04-2004 REV A
Microsemi
Transient Protection Products Group 8700 East Thomas Rd., PO Box 1390, Scottsdale AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 http://www.microsemi.com/tvs
Page 7


▲Up To Search▲   

 
Price & Availability of TVSF0603

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X