Part Number Hot Search : 
LH1526AB BZX82B36 6428B RC120 C0603 SMBJ26 PVT212S WG8040S
Product Description
Full Text Search
 

To Download TMP86FM29 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TMP86FM29
Comparison table of TMP86C829B/H29B/M29B/PM29A/PM29B/C929AXB and TMP86FM29
TMP86C829B TMP86CH29B TMP86CM29B ROM 8 K (Mask ROM) 16 K (Mask ROM) 32 K (Mask ROM) 512 1.5 K 1.5 K 42 pin 5 pin 10-bit AD converter x 8 ch 18-bit timer x 1 ch 8-bit timer x 4 ch 8-bit UART / SIO x 1 ch 32 seg x 4 com 4 ch 1.8 to 5.5 V at 4.2 MHz 2.7 to 5.5 V at 8 MHz 4.5 to 5.5 V at 16 MHz -40 to 85 - N/A 1.8 to 5.25 V at 4.2 MHz 2.7 to 5.25 V at 8 MHz 4.5 to 5.25 V at 16 MHz 0 to 60C TMP86PM29A TMP86PM29B TMP86C929AXB (Emulation chip) (Note 3) - TMP86FM29F
Difference
32 K (OTP)
32 K (Flash)
RAM I/O External Interrupt AD Converter Timer Counter Serial Interface LCD Key-on Wakeup Operating Voltage in MCU Mode Operating Temperature in MCU Mode Writing to Flash Memory CPU Wait (Note 1)
1.5 K
- 42 pin (MCU part)
2K 42 pin 5 pin 10-bit AD converter x 8 ch 18-bit timer x 1 ch 8-bit timer x 4 ch 8-bit UART / SIO x 1 ch 32 seg x 4 com (Note 2) 4 ch 1.8 to 3.6 V at 4.2 MHz (External clock) 1.8 to 3.6 V at 8 MHz (Resonator) 2.7 to 3.6 V at 16 MHz -40 to 85C 2.7 to 3.6V at 16 MHz 25C 5C Available
Note 1: The CPU wait is a CPU halt function for stabilizing of power supply of Flash memory. The CPU wait period is as follows. In the CPU wait period except RESET, CPU is halted but peripheral functions are not halted. Therefore, if the interrupt occurs during the CPU wait period, the interrupt latch is set. In this case, if the IMF has been set to "1", the interrupt service routine is executed after CPU wait period. For details refer to 2.14 "Flash Memory" in TMP86FM29 data sheet. Thus, even if the same software is executed in 86FM29 and 86C829B/H29B/M29B/PM29A/PM29B /C929AXB, the operation process is not the same. Therefore, when the final operating confirmation on target application is executed for software development of Mask ROM Product (86C829B/H29B/M29B), not the Flash product (86FM29) but the OTP product (86PM29A/PM29B) should be used. Condition
After reset release Changing from STOP mode to NORMAL mode (at EEPCR = "1") Changing from STOP mode to SLOW mode (at EEPCR = "1") Changing from IDLE0/1/2 mode to NORMAL mode (at EEPCR = "0") Changing from SLEEP0/1/2 mode to SLOW mode (at EEPCR = "0")
Wait Time
2 /fc[s] 2 /fc[s] 2 /fs[s] 2 /fc[s] 2 /fs[s]
3 10 3 10 10
Halt/Operate CPU
Halt Halt Halt Halt Halt
Peripherals
Halt Operate Operate Operate Operate
2004-03-01
TMP86FM29
Note 2: The 86FM29 can not drive the 5V LCD panel because the electrical characteristics in 86FM29 is altered from 86C829B/H29B/M29B/PM29A/PM29B/C929AXB. The recommended operating condition of V3 pin in TMP86FM29 is 3.6V(max). For details, refer to "Electrical Characteristics". When the LCD booster circuit is used in 86FM29, connect the reference voltage and capacitor as shown in "case2". Though the method of "case1" has been recommended in 86C829B /H29B/M29B/PM29A/PM29B datasheets, the 86FM29 should not use method of "case1". Even if the method of "case1" is used in the 86C829B/H29B/M29B/PM29A/PM29B/C929AXB, the function and operation are not issue at all. However, if the "case2" is used, the booster ability becomes higher than "case1". Therefore, when the application board is designed newly in future, the method of "case2" is also recommended in 86C829B/H29B/M29B/PM29A/PM29B/C929AXB.
VDD V3 V2 C0 C C1 VSS V1 Reference voltage (1 V) VSS Case 2 (For 86FM29 and 86C829B/H29B/M29B/ PM29A/PM29B/C929AXB) C C VDD V3 V2 V1 C C Reference voltage (1 V) C
C1 C0
Case 1 (For 86C829B/H29B/M29B/PM29A/PM29B/C929AXB)
Note 3: Flash function, CPU wait period and serial PROM mode cannot be emulated in the 86C929AXB. If the software including the flash function is executed in 86C929AXB, the operation process differs from 86FM29.
2004-03-01
TMP86FM29
CMOS 8-Bit Microcontroller
TMP86FM29UG/FG
The TMP86FM29 is the high-speed, high-performance and low power consumption 8-bit microcomputer, including FLASH, RAM, LCD driver, multi-function timer/counter, serial interface (UART/SIO), a 10-bit AD converter and two clock generators on chip. Product No.
TMP86FM29UG TMP86FM29FG
FLASH
32768 x 8 bits
RAM
1536 x 8 bits
Package
P-LQFP64-1010-0.50E P-QFP64-1414-0.80C
Emulation Chip
TMP86C929AXB
Feautures
* 8-bit single chip microcomputer TLCS-870/C series Instruction execution time: 0.25 s (at 16 MHz) 122 s (at 32.768 kHz) 132 types and 731 basic instructions 19 interrupt sources (External: 5, Internal: 14) Input/Output ports (39 pins) (Out of which 24 pins are also used as SEG pins) 18-bit timer counter: 1 ch Timer, Event counter, Pulse width measurement, Frequencymeasurement modes 8-bit timer counter: 4 ch * Timer, Event counter, PWM output, Programmable divider output, PPG output modes Time Base Timer Divider output function
030619EBP1
P-LQFP64-1010-0.50E
TMP86FM29UG
P-QFP64-1414-0.80C
TMP86FM29FG

* The information contained herein is subject to change without notice. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The products described in this document are subject to the foreign exchange and foreign trade laws. * TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations. * For a discussion of how the reliability of microcontrollers can be predicted, please refer to Section 1.3 of the chapter entitled Quality and Reliability Assurance/Handling Precautions.
86FM29-1
2004-03-01
TMP86FM29
* * * * * * * * * * * * * * Watchdog Timer * Interrupt source/reset output (programmable) Serial interface * 8-bit UART/SIO: 1ch 10-bit successive approximation type AD converter Analog input: 8 ch Four Key-On Wake-Up pins LCD driver/controller Built-in voltage booster for LCD driver With displaymemory LCD direct drive capability (max 32 seg x 4 com) 1/4, 1/3, 1/2duties or static drive are programmably selectable Dual clock operation Single/Dual-clock mode Nine power saving operating modes STOP mode : Oscillation stops. Battery/Capacitor back-up. Port output hold/High-impedance. SLOW 1, 2 mode : Low power consumption operation using low-frequency clock (32.768 kHz) IDLE 0 mode : CPU stops, and peripherals operate using high-frequency clock of Time-Base-Timer. Release by falling edge of TBTCR setting. IDLE 1 mode : CPU stops, and peripherals operate using high-frequency clock. Release by interruputs. IDLE 2 mode : CPU stops, and peripherals operate using high and low frequency clock. Release by interruputs. SLEEP 0 mode : CPU stops, and peripherals operate using low-frequency clock of Time-Base-Timer. Release by falling edge of TBTCR setting. SLEEP 1 mode : CPU stops, and peripherals operate using low-frequency clock. Release by interrupts. SLEEP 2 mode : CPU stops, and peripherals operate using high and low frequency clock. Release by interrupts. 1.8 to 3.6 V at 8 MHz/32.768 kHz 2.7 to 3.6 V at 16 MHz/32.768 kHz
Wide operating voltage:
86FM29-2
2004-03-01
TMP86FM29
Pin Assignments (Top View)
P-LQFP64-1010-0.50E P-QFP64-1414-0.80C SEG3 SEG4 SEG5 SEG6 SEG7 P77 (SEG8) P76 (SEG9) P75 (SEG10) P74 (SEG11) P73 (SEG12) P72 (SEG13) P71 (SEG14) P70 (SEG15) P57 (SEG16) P56 (SEG17) P55 (SEG18) SEG2 SEG1 SEG0 COM3 COM2 COM1 COM0 V3 V2 V1 C1 C0 ( DVO ) P30 ( PWM3 / PDO3 /TC3) P31 ( PWM4 / PDO4 / PPG4 /TC4) P32 ( PWM6 / PDO6 / PPG6 /TC6) P33 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
VSS XIN XOUT TEST VDD (XTIN) P21 (XTOUT) P22
RESET
( STOP / INT5 ) (AIN0) (AIN1/ECIN) (AIN2/ECNT) (AIN3/INT0) (AIN4/STOP2) (AIN5/STOP3) (AIN6/STOP4)
P20 P60 P61 P62 P63 P64 P65 P66
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64
P54 (SEG19) P53 (SEG20) P52 (SEG21) P51 (SEG22) P50 (SEG23) P17 (SEG24/ SCK ) P16 (SEG25/TXD/SO) P15 (SEG26/RXD/SI/BOOT) P14 (SEG27/INT3) P13 (SEG28/INT2) P12 (SEG29/INT1) P11 (SEG30) P10 (SEG31) AVDD VAREF P67 (AIN7/STOP5)
86FM29-3
2004-03-01
TMP86FM29
Block Diagram
I/O Port (Segment Output)
Common outputs COM3 to COM0 Power Supply VDD VSS Segment outputs SEG7 to SEG0 P77 (SEG8) P57 (SEG16) P17 (SEG24) to to to P70 (SEG15) P50 (SEG23) P10 (SEG31)
LCD driver circuit
C0 C1 V1 V2 V3
P7
P5
P1
LCD Power Supply
LCD Voltage booster circuit TLCS-870/C CPU System Control Circuit Standby Control Circuit (Key-On Wake-Up) Timing Generator Time Base Timer
Address/Data Bus
Data Memory (RAM) Program Memory RAM
Reset I/O Test Pin
RESET TEST
Interrupt Controller
18-bit Timer/Counter TC1 8-bit Timer/Counter TC3 TC4 TC5 TC6
Resonator Connecting Pins
XIN XOUT
High frequency Clock Generator Low frequency
UART/SIO SIO UART
Watchdog Timer
Address/Data Bus P2 P6 P3
10-bit AD Converter
P22 to P20
AVDD VAREF Analog reference Pins
P67 (AIN7) to P60 (AIN0) I/O Ports
P33 to P30
I/O Ports
86FM29-4
2004-03-01
TMP86FM29
Pin Functions
Pin Name
P17 (SEG24, SCK ) P16 (SEG25, TxD, SO)
Input/Output
I/O (I/O) I/O (Output)
Functions
Serial clock input/output 8-bit input/output port with latch. When used as input port, an external interrupt input, serial interface input/output and UART data input/output, the P1LCR must be set to "0" after setting output latch to "1". When used as a LCD segment output, the P1LCR must be set to "1". UART data output Serial data output UART data input Serial data input Serial PROM mode control LCD segment input outputs. External interrupt 3 input External interrupt 2 input External interrupt 1 input
P15 (SEG26, RxD, SI BOOT) P14 (SEG27, INT3) P13 (SEG28, INT2) P12 (SEG29, INT1) P11 (SEG30) P10 (SEG31) P22 (XTOUT) P21 (XTIN) P20 ( INT5 , STOP ) P33 ( PWM6 , PDO6 PPG6 , TC6) P32 ( PWM4 , PDO4 PPG4 , TC4) P31 ( PWM3 , PDO3 , TC3) P30 ( DVO ) P57 (SEG16) to P50 (SEG23) P67 (AIN7, STOP5) P66 (AIN6, STOP4) P65 (AIN5, STOP3) P64 (AIN4, STOP2) P63 (AIN3, INT0 ) P62 (AIN2, ECNT) P61 (AIN1, ECIN) P60 (AIN0) P77 (SEG8) to P70 (SEG15) SEG7 to SEG0 COM3 to COM0 V3 to V1 C1 to C0 XIN, XOUT
RESET
I/O (I/O)
I/O (I/O) I/O (I/O) I/O (I/O) I/O (Output) I/O (Output) I/O (Output) I/O (Input) I/O (Input) I/O (I/O) I/O (I/O) I/O (I/O) I/O (Output)
3-bit input/output port with latch. When used as an input port, the output latch must be set to "1". 4-bit programmable input/output port (Nch high current output). When used as a timer/counter output or divider output, the output latch must be set to "1". When used as an input port or timer/counter input, the P3OUTCR must be set to "0" after P3DR is set to "1". 8-bit input/output port with latch. When used as a LCD segment output, the P5LCR must be set to "1". 8-bit programmable input/output port (tri-state). Each bit of this port can be individually configured as an input or an output under software control. When used as an analog input, the P6CR must be set to "0" after setting output latch to "0". When used as an input port, a key on wake up input, an external interrupt input and timer/ counter input, the P6CR must be set to "0" after setting output latch to "1". 8-bit input/output port with latch. When used as a LCD segment output, the P7LCR must be set to "1". LCD segment outputs LCD common outputs
Resonator connecting pins (32.768 kHz) For inputting external clock, XTIN is used and XOUT is opened. External interrupt input 5 or STOP mode release signal input Timer counter 6 input/output Timer counter 4 input/output Timer counter 3 input/output Divider output
I/O (Output) I/O (Input) I/O (Input) I/O (Input) I/O (Input) I/O (Input) I/O (Input) I/O (Input) I/O (Input) I/O (Output)
LCD segment outputs STOP 5 input STOP 4 input STOP 3 input STOP 2 input External interrupt 0 input Timer/Counter 1 input AD converter analog inputs
LCD segment outputs
Output LCD voltage booster pin Input Output I/O Input
LCD voltage booster pin. Capacitors are required between C0 and C1 pin and V1/V2/V3 pin and GND. Resonator connecting pins for high-frequency clock. For inputting external clock, XIN is used and XOUT is opened. Reset signal input or watchdog timer output/address-trap-reset output/system clock reset output Test pin for out-going test, and the serial PROM mode control pin. Usually be fixed to low level. When the serial PROM mode starts, be fixed to "1". +5 V, 0 (GND) Analog reference voltage inputs (High) AD circuit power supply
TEST VDD, VSS VAREF AVDD
Power Supply
86FM29-5
2004-03-01
TMP86FM29
Operational Description 1. CPU Core Functions
The CPU core consists of a CPU, a system clock controller, and an interrupt controller. This section provides a description of the CPU core, the program memory, the data memory, the external memory interface, and the reset circuit.
1.1
Memory Address Map
The TMP86FM29 memory consists of 5 blocks: FLASH memory, BOOT ROM, RAM, DBR (Data buffer register) and SFR (Special function register). They are all mapped in 64-Kbyte address space. Figure 1.1.1 shows the TMP86FM29 memory address map. The general-purpose registers are not assigned to the RAM address space.
0000H 003FH 0040H
SFR
64 bytes FLASH memory: FLASH memory includes: FLASH memory Vector table BOOT ROM: FLASH writing program RAM: Random Access Memory includes: Data memory Stack SFR: Special Function Register includes: I/O ports Peripheral control registers Peripheral status registers System control registers Interrupt control registers Program Status Word DBR: Data Buffer Register includes: Peripheral control registers Peripheral Status registers
RAM 063FH DBR 0F80H
1536 bytes
128 bytes 0FFFH 3800H 2048 bytes 3FFFH 8000H 32688 bytes
BOOT ROM
FLASH memory FFB0H FFBFH FFC0H FFDFH FFE0H FFFFH 16 bytes 32 bytes 32 bytes Vector table for interrupts (8 vectors) Vector table for vector call instructions (16 vectors) Vector table for interrupts/reset (16 vectors)
Figure 1.1.1 Memory Address Maps
1.2
Program Memory (FLASH)
The TMP86FM29 has a 32 K x 8 bits (Address 8000H to FFFFH) of Flash memory.
86FM29-6
2004-03-01
TMP86FM29
Electrical Characteristics
Absolute Maximum Ratings Parameter
Supply voltage Input voltage Output voltage Output current (Per 1 pin)
(VSS = 0 V) Symbol
VDD VLCD VIN VOUT1 IOUT1 IOUT2 IOUT3 IOUT2 IOUT3 PD Tsld Tstg Topr P3, P6 ports P1, P2, P5, P6, P7 ports P3 ports P1, P2, P5, P6, P7 ports P3 ports V3 pin
Pins
Rating
-0.3 to 4.0 -0.3 to 4.0 -0.3 to VDD + 0.3 -0.3 to VDD + 0.3 -1.8 3.2 30 60 80 350 260 (10 s) -55 to 125 -40 to 85
Unit
V
mA
Output current (Total) Power dissipation [Topr = 85C] Soldering temperature (Time) Storage temperature Operating temperature
mW C
Note:
The absolute maximum ratings are rated values which must not be exceeded during operation, even for an instant. Any one of the ratings must not be exceeded. If any absolute maximum rating is exceeded, a device may break down or its performance may be degraded, causing it to catch fire or explode resulting in injury to the user. Thus, when designing products which include this device, ensure that no absolute maximum rating value will ever be exceeded.
86FM29-174
2004-03-01
TMP86FM29
Recommended Operating Condition-1 (MCU mode) Parameter Symbol Pins
(VSS = 0 V, Topr = -40 to 85C) Condition Min
2.7
Max
Unit
fc = 16 MHz fc = 8 MHz
(In case of connecting the resonator)
NORMAL1, 2 mode IDLE0, 1, 2 mode NORMAL1, 2 mode IDLE0, 1, 2 mode NORMAL1, 2 mode IDLE0, 1, 2 mode SLOW1, 2 mode SLEEP0, 1, 2 mode STOP mode
Supply voltage
VDD
fc = 4.2 MHz
(In case of external clock input)
1.8
3.6
fs = 32.768 kHz VIH1 Input high level VIH2 VIH3 VIL1 Input low level Clock frequency
(In case of connecting the resonator)
1.8 VDD x 0.70 VDD x 0.75 VDD x 0.90 VDD x 0.30 0 VDD x 0.25 VDD x 0.10 1.0 30.0 1.0 30.0 0.8 0.1 8.0 16.0 34.0 4.2 16.0 34.0 1.2 0.47 VDD
V
Except Hysteresis input Hysteresis input Except Hysteresis input Hysteresis input
VDD 2.7 V VDD < 2.7 V VDD 2.7 V VDD < 2.7 V
VIL2 VIL3 fc fs fc fs V1 CLCD
XIN, XOUT XTIN, XTOUT XIN, XOUT XTIN, XTOUT
VDD = 1.8 to 3.6 V VDD = 2.7 to 3.6 V VDD = 1.8 to 3.6 V VDD = 1.8 to 3.6 V VDD = 2.7 to 3.6 V VDD = 1.8 to 3.6 V Booster circuit is enable (V3 VDD) LCD booster circuit is enable (V3 VDD)
MHz kHz MHz kHz V F
Clock frequency
(In case of external clock input)
LCD reference voltage Capacity for LCD booster circuit
Note:
The recommended operating conditions for a device are operating conditions under which it can be guaranteed that the device will operate as specified. If the device is used under operating conditions other than the recommended operating conditions (Supply voltage, operating temperature range, specified AC/DC values etc.), malfunction may occur. Thus, when designing products which include this device, ensure that the recommended operating conditions for the device are always adhered to. (VSS = 0 V, Topr = 25C 5C) Min
2.7 2.0
Recommended Operating Condition-2 (Serial PROM mode) Parameter
Supply voltage Clock frequency
Symbol
VDD fc
Pins
Condition
2 MHz fc 16 MHz
Max
3.6 16.0
Unit
V MHz
XIN, XOUT
VDD = 2.7 to 3.6 V
Note:
The operating temperature area of serial PROM mode is 25C 5C and the operating area of high frequency of serial PROM mode is different from MCU mode.
86FM29-175
2004-03-01
TMP86FM29
DC Characteristics Parameter
Hysteresis voltage
(VSS = 0 V, Topr = -40 to 85C) Pins
Hysteresis input TEST Sink open drain, Tri-state
RESET
Symbol
VHS IIN1 IIN2 IIN3
Condition
VDD = 3.3 V VDD = 3.6 V, VIN = 0 V VDD = 3.6 V, VIN = 3.6 V/0 V VDD = 3.6 V, VIN = 3.6 V VDD = 3.6 V, VIN = 3.6 V VDD = 3.6 V, VIN = 0 V VDD = 3.6 V VDD = 3.6 V VDD = 3.6 V VOUT = 3.4V/0.2 V VDD = 3.6 V, lOH = -0.6 mA VDD = 3.6 V, IOL = 0.9 mA VDD = 3.6 V, VOL = 1.0 V V3 VDD Reference supply pin: V1 SEG/COM pin: No load
Min
- - - - - 100 - - - 3.2 - - - - - - - - - - - - - - -
Typ.
0.4 - - - 70 220 3 20 - - - 6 V1 x 2 V1 x 3 5.3 3.4 3.1 2.2 850 7 850 5.5 850 4.5 0.5
Max
- -5 5 +5 - 450 -
Unit
V A
Input current
Input resistance High frequency feedback resistor Low frequency feedback resistor Output leakage current Output high voltage Output low voltage Output low current LCD output voltage (LCD booster is enable) Supply current in NORMAL 1, 2 mode Supply current in IDLE 0, 1, 2 mode Supply current in SLOW 1 mode Supply current in SLEEP 1 mode Supply current in SLEEP 0 mode Supply current in STOP mode
RIN1 RIN2 RFB RFBT ILO VOH VOL IOL V2-3OUT
TEST pull down
RESET pull up
k
XOUT XTOUT Sink open drain, Tri-state CMOS, Tri-state Except XOUT, P3 port P3 port V2 pin V3 pin Fetch area Flash area RAM area
M - 10 - 0.4 - - - 7.3 5.2 5.2 4.2 1200 19 1200 17 1200 15 10 A mA V A V mA
VDD = 3.6 V
MNP = "1"
VIN = 3.4 V/0.2 V MNP = "0" fc = 16 MHz MNP*ATP = "1" fs = 32.768 kHz MNP*ATP = "0" MNP = "1" VDD = 3.0 V VIN = 2.8 V/0.2 V fs = 32.768 kHz MNP = "0" MNP*ATP = "1" MNP*ATP = "0" MNP*ATP = "1" MNP*ATP = "0" VDD = 3.6 V VIN = 3.4 V/0.2 V
Fetch area
Flash area RAM area
Note 1: Typical values show those at Topr = 25C. Note 2: Input current (IIN1, IIN2): The current through pull-up or pull-down resistor is not included. Note 3: IDD does not include IREF current. Note 4: The supply currents of SLOW2 and SLEEP2 modes are equivalent to IDLE0, IDLE1, IDLE2. Note 5: MNP (MNPWDW) shows bit0 in EEPCR register and ATP (ATPWDW) shows bit1 in EEPCR register. Note 6: "Fetch" means reading operation of FLASH data as an instruction by CPU.
86FM29-176
2004-03-01
TMP86FM29
AD Conversion Characteristics Parameter
Analog reference voltage Power supply voltage of analog control circuit Analog reference voltage range (Note 4) Analog input voltage Power supply current of analog reference voltage Non linearity error Zero point error Full scale error Total error
(VSS = 0.0 V, 2.7 V VDD 3.6 V, Topr = -40 to 85C) Condition Min
AVDD - 1.0
Symbol
VAREF AVDD VAREF VAIN IREF
Typ.
- VDD
Max
AVDD
Unit
V 2.5 VSS VDD = AVDD = VAREF = 3.6 V VSS = 0.0 V VDD = AVDD = 2.7 V VSS = 0.0 V VAREF = 2.7 V - - - - - - - 0.35 - - - - - VAREF 0.61 2 2 2 2 mA
LSB
(VSS = 0.0 V, 2.0 V VDD < 2.7 V, Topr = -40 to 85C) Parameter
Analog reference voltage Power supply voltage of analog control circuit Analog reference voltage range (Note 4) Analog input voltage Power supply current of analog reference voltage Non linearity error Zero point error Full scale error Total error
Symbol
VAREF AVDD VAREF VAIN IREF
Condition
Min
AVDD - 0.6
Typ.
- VDD
Max
AVDD
Unit
V 2.0 VSS VDD = AVDD = VAREF = 2.0V VSS = 0.0 V VDD = AVDD = 2.0 V VSS = 0.0 V VAREF = 2.0 V - - - - - - - 0.20 - - - - - VAREF 0.34 4 4 4 4 mA
LSB
(VSS = 0.0 V, 1.8 V VDD < 2.0 V, Topr = -10 to 85C) (Note 5) Parameter
Analog reference voltage Power supply voltage of analog control circuit Analog reference voltage range (Note 4) Analog input voltage Power supply current of analog reference voltage Non linearity error Zero point error Full scale error Total error
Symbol
VAREF AVDD VAREF VAIN IREF
Condition
Min
AVDD - 0.1
Typ.
- VDD
Max
AVDD
Unit
V 1.8 VSS VDD = AVDD = VAREF = 1.8 V VSS = 0.0 V VDD = AVDD = 1.8 V VSS = 0.0 V VAREF = 1.8 V - - - - - - - 0.18 - - - - - VAREF 0.31 4 4 4 4 mA
LSB
Note 1: The total error includes all errors except a quantization error, and is defined as a maximum deviation from the ideal conversion line. Note 2: Conversion time is different in recommended value by power supply voltage. About conversion time, please refer to "2.15.2 Register configration". Note 3: Please use input voltage to AIN input Pin in limit of VAREF - VSS. When voltage of range outside is input, conversion value becomes unsettled and gives affect to other channel conversion value. Note 4: Analog Reference Voltage Range: VAREF = VAREF - VSS Note 5: When AD is used with VDD < 2.0 V, the guaranteed temperature range varies with the operating voltage. Note 6: When AD converter is not used, fix the AVDD pin and VAREFpin on the VDD level.
86FM29-177
2004-03-01


▲Up To Search▲   

 
Price & Availability of TMP86FM29

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X