Part Number Hot Search : 
V400B 35N08 BTB1184 01140 NE559 MC79M12 SB2510M LTC372
Product Description
Full Text Search
 

To Download SXT3904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN Silicon Switching Transistor
High current gain: 0.1 mA to 100 mA q Low collector-emitter saturation voltage
q
SXT 3904
Type SXT 3904
Marking 1A
Ordering Code (tape and reel) Q68000-A8396
Pin Configuration 1 2 3 B C E
Package1) SOT-89
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Total power dissipation, TS = 95 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient2) Junction - soldering point Rth JA Rth JS

Symbol VCE0 VCB0 VEB0 IC Ptot Tj Tstg
Values 40 60 6 200 1 150 - 65 ... + 150
Unit V
mA W C
125 55
K/W
1) 2)
For detailed information see chapter Package Outlines. Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/6 cm2 Cu.
Semiconductor Group
1
5.91
SXT 3904
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter breakdown voltage IC = 1 mA Collector-base breakdown voltage IC = 10 A Emitter-base breakdown voltage IE = 10 A Collector-base cutoff current VCB = 30 V Collector-emitter cutoff current VCE = 30 V, VBE = 3 V DC current gain IC = 100 A, VCE = 1 V IC = 1 mA, VCE = 1 V IC = 10 mA, VCE = 1 V IC = 50 mA, VCE = 1 V IC = 100 mA, VCE = 1 V Collector-emitter saturation voltage1) IC = 10 mA, IB = 1 mA IC = 50 mA, IB = 5 mA Base-emitter saturation voltage1) IC = 10 mA, IB = 1 mA IC = 50 mA, IB = 5 mA V(BR)CE0 V(BR)CB0 V(BR)EB0 ICB0 ICEV hFE 40 70 100 60 30 VCEsat - - VBEsat 0.65 - - - 0.85 0.95 - - 0.2 0.3 - - - - - - - 300 - - V 40 60 6 - - - - - - - - - - 50 50 - nA V Values typ. max. Unit
1)
Pulse test conditions: t 300 s, D 2 %.
Semiconductor Group
2
SXT 3904
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. AC characteristics Transition frequency IC = 10 mA, VCE = 20 V, f = 100 MHz Output capacitance VCB = 5 V, f = 1 MHz Input capacitance VEB = 0.5 V, f = 1 MHz Input impedance ICE = 1 mA, VCE = 10 V, f = 1 kHz Voltage feedback ratio IC = 1 mA, VCE = 10 V, f = 1 kHz Small-signal current gain IC = 1 mA, VCE = 10 V, f = 1 kHz Output admittance IC = 1 mA, VCE = 10 V, f = 1 kHz Noise figure IC = 0.1 mA, VCE = 5 V, f = 10 Hz to 15 kHz RS = 1 k Switching times VCC = 3 V, VBE = 0.5 V, IC = 10 mA, IB1 = 1 mA VCC = 3 V, IC = 10 mA, IB1 = IB2 = 1 mA fT Cobo Cibo hie hre hfe hoe NF 300 - - 1 0.5 100 1 - - - - - - - - - - 4 8 10 8 400 40 5 k 10- 4 -
S
Values typ. max.
Unit
MHz pF
dB
td tr ts tf
- - - -
- - - -
35 35 200 50
ns ns ns ns
Semiconductor Group
3
SXT 3904
Test circuits Delay and rise time
Storage and fall time
Semiconductor Group
4
SXT 3904
Total power dissipation Ptot = f (TA*; TS) * Package mounted on epoxy
Saturation voltage IC = f (VBE sat, VCE sat)
Permissible pulse load Ptot max/Ptot DC = f (tp)
Open-circuit reverse voltage transfer ratio h12e = f (IC) VCE = 10 V, f = 1 kHz
Semiconductor Group
5
SXT 3904
Small-signal current gain hfe = f (IC) VCE = 10 V, f = 1 MHz
Output admittance h22e = f (IC) VCE = 10 V, f = 1 MHz
Delay time td = f (IC) Rise time tr = f (IC)
Storage time ts = f (IC)
Semiconductor Group
6
SXT 3904
Fall time tf = f (IC)
Rise time tr = f (IC)
DC current gain hFE = f (IC) VCE = 1 V (standardized)
Semiconductor Group
7


▲Up To Search▲   

 
Price & Availability of SXT3904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X