Part Number Hot Search : 
20301 TCR5SB24 C431PC1 P89LPC POWER AME88 CX4SCSM5 39PLA23
Product Description
Full Text Search
 

To Download STPS3060CW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STPS3060CW
POWER SCHOTTKY RECTIFIER
MAJOR PRODUCTS CHARACTERISTICS IF(AV) VRRM VF (max) FEATURES AND BENEFITS HIGH REVERSE VOLTAGE NEGLIGIBLE SWITCHING LOSSES LOW FORWARD VOLTAGE DROP LOW THERMAL RESISTANCE 2 x15 A 60 V 0.65 V
A1 K A2
A2 K A1
DESCRIPTION Dual center tap schottky rectifier suited for switchmode power supply and high frequency DC to DC converters. Packaged in TO-247 this device is intended for use in high frequency inverters. ABSOLUTE RATINGS (limiting values) Symbol VRRM IF(RMS) IF(AV) IFSM IRRM Tstg Tj dV/dt Parameter Repetitive peak reverse voltage RMS forward current Average forward current Surge non repetitive forward current Peak repetitive reverse current Storage temperature range Maximum junction temperature Critical rate of rise reverse voltage Tc = 125C = 0.5 tp = 10 ms Sinusoidal tp = 2 s F = 1kHz Per diode Per diode Per device Per diode Per diode TO-247
Value 60 30 15 30 200 1 - 65 to + 150 150 10000
Unit V A A A A C
V/s
July 1998 - Ed: 2
1/4
STPS3060CW
THERMAL RESISTANCES Symbol Rth(j-c) Rth(c) When the diodes 1 and 2 are used simultaneously : TJ(diode 1) = P(diode1) x Rth(Per diode) + P(diode 2) x Rth(c) ELECTRICAL CHARACTERISTICS STATIC CHARACTERISTICS PER DIODE Symbol IR * Parameter Reverse leakage current Forward voltage drop Tests Conditions Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 125C
Pulse test : * tp = 5 ms, < 2 % ** tp = 380 s, < 2%
Parameter Junction to case Per diode total Coupling
Value 1.6 0.9 0.15
Unit C/W C/W
Min.
Typ.
Max. 30
Unit A mA V
VR = VRRM 5 IF = 20 A IF = 20 A IF = 10 A 0.58
25 0.96 0.8 0.65
VF **
To evaluate the conduction losses use the following equation : P = 0.56 x IF(AV) + 0.0113 IF2(RMS)
Fig. 1: Average forward power dissipation versus average forward current (per diode).
Fig. 2: Average current versus temperature( = 0.5) (per diode).
ambient
PF(av)(W) 16 14 12 10 8 6 4 2 0 0 2 4 6 IF(av) (A) 8 10 12
=tp/T
T
IF(av)(A)
= 0.05 = 0.1 = 0.2 = 0.5
16 14 12 10
= 1
Rth(j-a)=15C/W Rth(j-a)=Rth(j-c)
8 6 4
T
tp
2 16 0 0
=tp/T
tp
Tamb(C) 50 75 100 125 150
14
25
2/4
STPS3060CW
Fig. 3: Non repetitive surge peak forward curren t versus overload duration (maximum values) (per diode). Fig. 4: Relative variation of thermal transient impedance junction to case versus pulse duration (per diode) .
IM(A) 160 140 120 100 80 60 40 20 0 1E-3
IM t
Zth(j-c)/Rth(j-c) 1.0
Tc= 50C Tc= 75C
0.8 0.6 0.4 0.2
Single pulse = 0.5
= 0.2 = 0.1
Tc= 110C
T
=0.5
t(s) 1E-2 1E-1 1E+0
0.0 1E-3
t(s)
1E-2 1E-1
=tp/T
tp
1E+0
Fig. 5: Reverse leakage current versus reverse voltage applied (typical values) (per diode).
Fig. 6: Junction capacitance versus reverse voltage applied (typical values) (per diode).
IR(mA) 1E+1
Tj=125C
C(pF) 1000
F=1MHz Tj=25C
1E+0 1E-1 1E-2
Tj=100C
500
Tj=75C Tj=50C
200 VR(V) VR(V) 40 45 50 55 60 100 1 2 5 10 20 60
1E-3
5
10
15 20
25
30
35
Fig. 7: Forward voltage drop versus forward current (maximum values) (per diode).
VFM(V) 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.1 1
Tj=125C
IFM(A) 10 100 200
3/4
STPS3060CW
PACKAGE MECHANICAL DATA TO247 DIMENSIONS
V
REF.
Millimeters
Inches
Min. Typ. Max. Min. Typ. Max.
V Dia.
H
A
L5
L L2 L4 F2 F3 V2 F(x3) G = = M E F4 L3
F1
L1 D
A 4.85 5.15 0.191 0.203 D 2.20 2.60 0.086 0.102 E 0.40 0.80 0.015 0.031 F 1.00 1.40 0.039 0.055 F1 3.00 0.118 F2 2.00 0.078 F3 2.00 2.40 0.078 0.094 F4 3.00 3.40 0.118 0.133 G 10.90 0.429 H 15.45 15.75 0.608 0.620 L 19.85 20.15 0.781 0.793 L1 3.70 4.30 0.145 0.169 L2 18.50 0.728 L3 14.20 14.80 0.559 0.582 L4 34.60 1.362 L5 5.50 0.216 M 2.00 3.00 0.078 0.118 V 5 5 V2 60 60 Dia. 3.55 3.65 0.139 0.143
Marking: STPS3060CW Cooling method : C Weight : 4.4 g Recommended torque value : 0.8m.N Maximum torque value : 1.0m.N
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsIbility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. 4/4


▲Up To Search▲   

 
Price & Availability of STPS3060CW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X