Part Number Hot Search : 
800N06N M54HC 265010 LA38B SHM40 TPF4805S GP15A RLR2905
Product Description
Full Text Search
 

To Download SS24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SS22 THRU SS26
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 60 Volts
DO-214AA
Forward Current - 2.0 Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 For surface mounted applications Low profile package Built-in strain relief Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 250C/10 seconds at terminals
0.086 (2.20) 0.077 (1.95)
0.155 (3.94) 0.130 (3.30)
0.180 (4.57) 0.160 (4.06) 0.012 (0.305) 0.006 (0.152) 0.096 (2.44) 0.084 (2.13)
0.060 (1.52) 0.030 (0.76) 0.220 (5.59) 0.205 (5.21)
0.008 (0.203) MAX.
MECHANICAL DATA
Case: JEDEC DO-214AA molded plastic body Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Weight: 0.003 ounce, 0.093 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
SS22
SS23
SS24
SS25
SS26
UNITS
Device marking code Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TL (SEE FIG. 1) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 2.0A
(NOTE 1)
S2 VRRM VRMS VDC I(AV) 20 14 20
S3 30 21 30
S4 40 28 40 2.0
S5 50 35 50
S6 60 42 60 Volts Volts Volts Amps Amps
IFSM
50.0
VF IR RJA RJL TJ TSTG
0.50 0.4 10.0 75.0 17.0 -65 to +125 -65 to +150
0.70
Volts
Maximum DC reverse current (NOTE 1) TA=25C at rated DC blocking voltage TA=100C Maximum thermal resistance (NOTE 2) Operating junction temperature range Storage temperature range
NOTES: (1) Pulse test: 300s pulse width, 1% duty cycle (2) P.C.B. mounted with 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas
mA C/W -65 to +150 C C
4/98
RATINGS AND CHARACTERISTIC CURVES SS22 THRU SS26
FIG. 1 - FORWARD CURRENT DERATING CURVE FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
2.0
AVERAGE FORWARD CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD
PEAK FORWARD SURGE CURRENT, AMPERES
50 40 30 20 10 0
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) AT RATED TL
1.5
1.0
P.C.B. MOUNTED ON 0.2 X 0.2" (5.0 x 5.0mm)
0.5 COPPER PAD AREAS
SS22 - SS24 SS25 & SS26
1
10
NUMBER OF CYCLES AT 60HZ
100
0
50
60
70
80
90 100 110 120 130 140 150 160
LEAD TEMPERATURE,C
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
50
100
FIG. 4 - TYPICAL REVERSE CURRENT CHARACTERISTICS
SS22 - SS24 SS25 & SS26
INSTANTANEOUS FORWARD CURRENT AMPERES
10.0
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
PULSE WIDTH=300s 1% DUTY CYCLE TJ=125C TJ=25C
10
TA=125C
1
1
TJ=150C
TA=75C
0.1
0.1
0.01
TA=75C
SS22 - SS24 SS25 & SS26
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
INSTANTANEOUS FORWARD VOLTAGE VOLTS
0.001
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
500
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHz Vsig=50mVp-p
100
SS22 - SS24 SS25 & SS26
10 0.1
1
10
100
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of SS24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X