Part Number Hot Search : 
2SB493 10SC10M PC20056 T6232BB6 CM2129 PCF8578U LA5613 1M810S
Product Description
Full Text Search
 

To Download SML4750 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SML4735 THRU SML4763A
SURFACE MOUNT GLASS PASSIVATED ZENER
Zener Voltage - 6.2 to 91.0 Volts
DO-214AC
Steady State Power - 1.0 Watt
FEATURES
0.065 (1.65) 0.049 (1.25)
0.110 (2.79) 0.100 (2.54)
0.177 (4.50) 0.157 (3.99) 0.012 (0.305) 0.006 (0.152)
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 For surface mounted applications Glass passivated chip junction Low Zener impedance Low regulation factor High temperature soldering guaranteed: 250C/10 seconds at terminals
0.090 (2.29) 0.078 (1.98)
MECHANICAL DATA
0.008 (0.203) MAX. 0.208 (5.28) 0.194 (4.93)
0.060 (1.52) 0.030 (0.76)
Dimensions are in inches and (millimeters)
Case: JEDEC DO-214AC molded plastic over passivated junction Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes positive end (cathode) Mounting Position: Any Weight: 0.002 ounce, 0.064 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
OPERATING JUNCTION AND STORAGE TEMPERATURE RANGE: TJ, TSTG: -55C to +150C
NOMINAL ZENER VOLTAGE at IZT VZ
(NOTE 1)
MAXIMUM DYNAMIC IMPEDANCE TEST CURRENT IZT (mA) ZZT at IZT (Ohms)
(NOTE 1)
TYPE
DEVICE MARKING CODE
MAXIMUM DC REVERSE LEAKAGE CURRENT IZK (mA) IR (A) VR (Volts)
MAXIMUM SURGE CURRENT
(NOTE 2)
(Volts)
ZZK at IZK (Ohms)
IRM (mApk)
MAXIMUM FORWARD VOLTAGE at 200mA VF (Volts)
SML4735 SML4736 SML4737 SML4738 SML4739 SML4740 SML4741 SML4742 SML4743 SML4744 SML4745 SML4746 SML4747 SML4748 SML4749 SML4750 SML4751 SML4752 SML4753 SML4754 SML4755 SML4756 SML4757 SML4758 SML4759 SML4760 SML4761 SML4762 SML4763
6P2 6P8 7P5 8P2 9P1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91
6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91
41.0 37.0 34.0 31.0 28.0 25.0 23.0 21.0 19.0 17.0 15.5 14.0 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.0
2.0 3.5 4.0 4.5 5.0 7.0 8.0 9.0 10.0 14.0 16.0 20.0 22.0 23.0 25.0 35.0 40.0 45.0 50.0 60.0 70.0 80.0 95.0 110.0 125.0 150.0 175.0 200.0 250.0
700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000
1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
50.0 20.0 10.0 10.0 10.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
3.0 4.0 5.0 6.0 7.0 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2
730.0 660.0 605.0 550.0 500.0 454.0 414.0 380.0 344.0 305.0 285.0 250.0 225.0 205.0 190.0 170.0 150.0 135.0 125.0 115.0 110.0 95.0 90.0 80.0 70.0 65.0 60.0 55.0 50.0
1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2
NOTES: (1) Standard voltage tolerance is 10%, Suffix A 5% (2) Surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC Method (3) Maximum steady state power dissipation is 1.0 watt at TT=75C 1/20/99
RATINGS AND CHARACTERISTIC CURVES SML4735 THRU SML4763A
1.0
FIG. 1 - MAXIMUM CONTINUOUS POWER DISSIPATION
60 HZ RESISTIVE OR INDUCTIVE LOAD
FIG. 2 - TYPICAL ZENER IMPEDANCE
1,000
Zz, DYNAMIC ZENER IMPEDANCE, OHMS
TJ=25C
PM(AV), AVERAGE POWER DISSIPATION, WATTS
0.75
100
VZ=91V VZ=56V
0.5
10
VZ=30V
0.25
P.C B. MOUNTED ON 0.31 x 0.31 x 0.08" (8 x 8 x 2mm) COPPER AREAS PADS
0 25
1 0.5
VZ=6.2V
10
100
500
50
75
100
125
150
175
IZT, ZENER TEST CURRENT, mA
TERMINALS TEMPERATURE, C
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS FOR SML4763
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
10
INSTANTANEOUS FORWARD CURRENT, AMPERES
1
TJ=100C
1
PULSE WIDTH=300s 1% DUTY CYCLE
0.1
TJ=25C
0.1
TJ=25C
0.01
0
20
40
60
80
100
PERCENT OF RATED ZENER VOLTAGE, %
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 5 - TYPICAL TEMPERATURE COEFFICIENTS
110
VZ, TEMPERATURE COEFFICIENT, mV/C
90
TESTED at RATED IZT
70 50 30 10 0
0
10
20
30
40
50
60
70
80
90 100
VZ, ZENER VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of SML4750

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X