Part Number Hot Search : 
BU4209 FDP6670 CMX883 GU7918 GU7909 220M06 GU7918 HA00245
Product Description
Full Text Search
 

To Download SI7868ADP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Specification Comparison
Vishay Siliconix
SI7868ADP vs. Si7868DP
Description: Package: Pin Out: N-Channel, 20-V (D-S) MOSFET PowerPAK(R) SO-8 Identical
Part Number Replacements: SI7868ADP-T1-E3 Replaces Si7868DP-T1-E3 SI7868ADP-T1-E3 Replaces Si7868DP-T1 Summary of Performance: The SI7868ADP is the replacement to the original Si7868DP; both parts perform identically, including limits to the parametric tables below. ABSOLUTE MAXIMUM RATINGS (TA = 25oC UNLESS OTHERWISE NOTED) Parameter Symbol SI7868ADP Si7868DP Unit
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current Continuous Source Current (MOSFET Diode Conduction) Avalanche Current Power Dissipation TA = 25C TA = 70C VDS VGS ID IDM IS L = 0.1 mH TA = 25C IAS PD Tj & Tstg RthJA 20 +16 35 28 70 4.9 30 5.4 3.4 -55 to 150 23 20 +16 29 25 60 4.5 50 5.4 3.4 -55 to 150 23 W C C/W A V
TA = 70C Operating Junction & Storage Temperature Range Maximum Junction-to-Ambient
SPECIFICATIONS (TJ = 25OC UNLESS OTHERWISE NOTED)
Parameter Static
Gate-Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Current Drain-Source On-Resistance Forward Transconductance Diode Forward Voltage VGS = 10 V VGS= 10 V VGS = 4.5 V VGS(th) IGSS IDSS ID(on) rDS(on) gfs VSD Qg Qgs Qgd Rg td(on) tr td(off) tf trr 30 0.0018 0.0021 150 0.65 46 9.5 8.8 1.1 28 120 52 12 50 1.1 70 0.00225 0.00275 0.6 1.6 +100 1 30 0.0018 0.0022 95 0.63 50 12 11 1.2 53 49 150 75 65 1.1 75 nC 1.8 80 75 240 110 100 ns 0.00225 0.00275 0.6 1.5 +100 1 V nA A A S V
Symbol
Min
SI7868ADP Typ
Max
Min
Si7868DP Typ Max
Unit
Dynamic
Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance
0.5
1.7 45 180 80 20 75
0.5
Switching
Turn-On Time*
Turn-Off Time* Source-Drain Reverse Recovery Time
* Datasheet test conditions differ; RL = 1 , ID = 10 A, Rg = 1 on the SI7868ADP and RL = 10 , ID = 1 A, Rg = 6 on the Si7868DP.
Document Number 74054 15-Apr-05
www.vishay.com


▲Up To Search▲   

 
Price & Availability of SI7868ADP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X