Part Number Hot Search : 
AN1501 B25667 CFS2914 PM070WXF 1N5234B LEVEL S0400 E222M
Product Description
Full Text Search
 

To Download SF1004G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF1001G THRU SF1008G
10.0 AMPS. Glass Passivated Super Fast Rectifiers
Voltage Range 50 to 600 Volts Current 10.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
TO-220
Mechanical Data
Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Terminals: Leads solderable per MIL-STD202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: o 260 C/10 seconds .16",(4.06mm) from case. Weight: 2.24 grams
PIN 1 PIN 3 Positive CT CASE PIN 2
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% SF SF SF Symbol SF Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length @TC = 100 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 5.0A Maximum DC Reverse Current @ TA=25at Rated DC Blocking Voltage @ TA=100 Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3)
SF SF SF SF 1001G 1002G 1003G 1004G 1005G 1006G 1007G 1008G
Units V V V A A
VRRM VRMS VDC I(AV) IFSM VF IR
50 35 50
100 150 200 300 400 500 600 70 105 140 210 280 350 480 100 150 200 300 400 500 600
10.0 125 0.975 10.0 400 35 70 50 1.3 1.7
V uA uA nS pF /W
Trr Cj
RJC
3.5 Operating Temperature Range TJ -65 to +150 Storage Temperature Range TSTG -65 to +150 Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Mounted on Heatsink Size of 2 in x 3 in x 0.25 in Al-plate..
- 222 -
RATINGS AND CHARACTERISTIC CURVES (SF1001G THRU SF1008G)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
20 16 12 8 4 0
FIG.3- TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT. ( A)
TC=100 0C
100
10
0
50 CASE TEMPERATURE. ( C)
o
100
150
TC=25 0C
PEAK FORWARD SURGE CURRENT. (A)
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
TC=125 0C
1.0
120
8.3ms Single Half Sine Wave JEDEC Method
0.1
0
20
40
60
80
100
120
140
90 60
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.6- TYPICAL FORWARD CHARACTERISTICS PER LEG
100
30
INSTANTANEOUS FORWARD CURRENT. (A)
~S
1
2
5
10
20
50
100
F1
00
30 10
G
4G
10
NUMBER OF CYCLES AT 60Hz
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
100
Tj=25 0C
3.0 1.0
SF
8G 00 F1 ~S 7G 0 10 SF
10 0
~ 5G
90
CAPACITANCE.(pF)
80
0.3 0.1
70 60 50
.03 .01 .4 20 50 100 200 500
SF
SF
10
01
06
G
4G 00 F1 ~S 8G G 00 01 F1 10 ~S SF 5G 00
1 SF
Tj=25oC Pulse Width=300 s 1% Duty Cycle
.6
.8
1.0
1.2
1.4
1.6
1.8
1
2
5
10
REVERSE VOLTAGE. (V)
FORWARD VOLTAGE. (V)
- 223 -


▲Up To Search▲   

 
Price & Availability of SF1004G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X