Part Number Hot Search : 
OZ9976 EL4332CS 2FB60M H8S2639 54C922 70M50V5 LT3790 24C16DP
Product Description
Full Text Search
 

To Download SAA7126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
SAA7126H; SAA7127H Digital video encoder
Product specification File under Integrated Circuits, IC22 1999 May 31
Philips Semiconductors
Product specification
Digital video encoder
FEATURES * Monolithic CMOS 3.3 V device, 5 V I2C-bus optionally * Digital PAL/NTSC encoder * System pixel frequency 13.5 MHz * 54 MHz double-speed multiplexed D1 interface capable of splitting data into two separate channels (encoded and baseband) * Four Digital-to-Analog Converters (DACs) for CVBS (CSYNC, VBS), RED (Cr, C), GREEN (Y, VBS) and BLUE (Cb, CVBS) two times oversampled (signals in parenthesis are optionally). RED (Cr), GREEN (Y) and BLUE (Cb) signal outputs with 9-bit resolution, whereas all other signal outputs have 10-bit resolution; CSYNC is an advanced composite sync on the CVBS output for RGB display centring. * Real-time control of subcarrier * Cross-colour reduction filter * Closed captioning encoding and World Standard Teletext (WST) and North-American Broadcast Text System (NABTS) teletext encoding including sequencer and filter * Copy Generation Management System (CGMS) encoding (CGMS described by standard CPR-1204 of EIAJ); 20 bits in lines 20/283 (NTSC) can be loaded via the I2C-bus * Fast I2C-bus control port (400 kHz) * Line 23 Wide Screen Signalling (WSS) encoding * Video Programming System (VPS) data encoding in line 16 (CCIR line count) * Encoder can be master or slave * Programmable horizontal and vertical input synchronization phase * Programmable horizontal sync output phase * Internal Colour Bar Generator (CBG)
SAA7126H; SAA7127H
* Macrovision Pay-per-View copy protection system rev. 7.01 and rev. 6.1 as option; `handsfree' Macrovision pulse support through on-chip timer for pulse amplitude modulation; this applies to SAA7126H only. The device is protected by USA patent numbers 4631603, 4577216 and 4819098 and other intellectual property rights. Use of the Macrovision anti-copy process in the device is licensed for non-commercial home use only. Reverse engineering or disassembly is prohibited. Please contact your nearest Philips Semiconductors sales office for more information. * Controlled rise/fall times of output syncs and blanking * On-chip crystal oscillator (3rd-harmonic or fundamental crystal) * Down mode (low output voltage) or power-save mode of DACs * QFP44 package. GENERAL DESCRIPTION The SAA7126H; SAA7127H encodes digital Cb-Y-Cr video data to an NTSC or PAL CVBS or S-video signal. Simultaneously, RGB or bypassed but interpolated Cb-Y-Cr signals are available via three additional Digital-to-Analog Converters (DACs). The circuit at a 54 MHz multiplexed digital D1 input port accepts two CCIR compatible Cb-Y-Cr data streams with 720 active pixels per line in 4 : 2 : 2 multiplexed formats, for example MPEG decoded data with overlay and MPEG decoded data without overlay, whereas one data stream is latched at the rising, the other one at the falling clock edge. It includes a sync/clock generator and on-chip DACs.
ORDERING INFORMATION PACKAGE TYPE NUMBER NAME SAA7126H SAA7127H QFP44 DESCRIPTION plastic quad flat package; 44 leads (lead length 1.3 mm); body 10 x 10 x 1.75 mm VERSION SOT307-2
1999 May 31
2
Philips Semiconductors
Product specification
Digital video encoder
QUICK REFERENCE DATA SYMBOL VDDA VDDD IDDA IDDD Vi Vo(p-p) RL LElf(i) LElf(d) Tamb BLOCK DIAGRAM PARAMETER analog supply voltage digital supply voltage analog supply current digital supply current input signal voltage levels analog output signal voltages Y, C and CVBS without load (peak-to-peak value) load resistance low frequency integral linearity error low frequency differential linearity error ambient temperature
SAA7126H; SAA7127H
MIN. 3.15 3.0 - - 1.30 75 - - 0
TYP. 3.3 3.3 77 37 1.45 - - - -
MAX. 3.45 3.6 100 46 1.55 300 3 1 70 V V
UNIT
mA mA V LSB LSB C
TTL compatible
handbook, full pagewidth
XTALI RESET SDA SCL 40 42 41
RCV1
TTXRQ
LLC1
XTAL 35 34 7
RCV2 8
XCLK 43 37 4
VDDA2 VDDA4 VDDA1 VDDA3 25 28 31 36
VDD(I2C) SA RES
20 21 1 I2C-bus control
I2C-BUS INTERFACE I2C-bus control
SYNC/CLOCK I2C-bus control I2C-bus control Y ENCODER C OUTPUT INTERFACE D 30 CVBS
SAA7126H SAA7127H
Y
clock and timing
MP7 to MP0
9 to 16
MP1 MP2
DATA MANAGER
CbCr
23 TTX 44 I2C-bus control Y n.c. 24, 27 CbCr RGB PROCESSOR 29 A I2C-bus control 26
RED GREEN BLUE
5 VSSD1
18
38
6
17
39
19 RTCI
2 SP
3 AP
22 VSSA1
32
33
VSSD3 VSSD2
VDDD1 VDDD3 VDDD2
VSSA3 VSSA2
MHB498
Fig.1 Block diagram.
1999 May 31
3
Philips Semiconductors
Product specification
Digital video encoder
PINNING SYMBOL TYPE PIN RES SP AP LLC1 VSSD1 VDDD1 RCV1 RCV2 MP7 MP6 MP5 MP4 MP3 MP2 MP1 MP0 VDDD2 VSSD2 RTCI - I I I - - I/O I/O I I I I I I I I - - I 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 digital supply voltage 2 digital ground 2 reserved pin; do not connect DESCRIPTION
SAA7126H; SAA7127H
test pin; connected to digital ground for normal operation test pin; connected to digital ground for normal operation line-locked clock input; this is the 27 MHz master clock digital ground 1 digital supply voltage 1 raster control 1 for video port; this pin receives/provides a VS/FS/FSEQ signal raster control 2 for video port; this pin provides an HS pulse of programmable length or receives an HS pulse double-speed 54 MHz MPEG port; it is an input for "CCIR 656" style multiplexed Cb-Y-Cr data; data is sampled on the rising and falling clock edge; data sampled on the rising edge is then sent to the encoding part of the device; data sampled on the falling edge is sent to the RGB part of the device (or vice versa, depending on programming)
real-time control input (I2C-bus register SRES = 0): if the LLC1 clock is provided by an SAA7111 or SAA7151B, RTCI should be connected to the RTCO pin of the respective decoder to improve the signal quality. Sync reset input (I2C-bus register SRES = 1): a HIGH impulse resets synchronization of the encoder (first field, first line). sense input for I2C-bus voltage; connect to I2C-bus supply select I2C-bus address; LOW selects slave address 88H, HIGH selects slave address 8CH analog ground 1 for RED (Cr) (C) and GREEN (Y) (VBS) outputs analog output of RED (Cr) or (C) signal not connected analog supply voltage 1 for RED (Cr) (C) output analog output of GREEN (Y) or (VBS) signal not connected analog supply voltage 2 for GREEN (Y) (VBS) output analog output of BLUE (Cb) or (CVBS) signal analog output of CVBS (CSYNC) or (VBS) signal analog supply voltage 3 for BLUE (Cb) (CVBS) and CVBS (CSYNC) (VBS) outputs analog ground 2 for BLUE (Cb) (CVBS) and CVBS (CSYNC) (VBS) outputs analog ground 3 for the DAC reference ladder and the oscillator crystal oscillator output crystal oscillator input; if the oscillator is not used, this pin should be connected to ground analog supply voltage 4 for the DAC reference ladder and the oscillator
VDD(I2C) SA VSSA1 RED n.c. VDDA1 GREEN n.c. VDDA2 BLUE CVBS VDDA3 VSSA2 VSSA3 XTAL XTALI VDDA4
- I - O - - O - - O O - - - O I -
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
1999 May 31
4
Philips Semiconductors
Product specification
Digital video encoder
SAA7126H; SAA7127H
SYMBOL TYPE PIN XCLK VSSD3 VDDD3 RESET O - - I 37 38 39 40 clock output of the crystal oscillator digital ground 3 digital supply voltage 3
DESCRIPTION
reset input, active LOW. After reset is applied, all digital I/Os are in input mode; PAL black burst on CVBS, VBS and C; RGB outputs set to lowest voltage. The I2C-bus receiver waits for the START condition. I2C-bus serial clock input I2C-bus serial data input/output teletext request output, indicating when text bits are requested teletext bit stream input
SCL SDA TTXRQ TTX
I I/O O I
41 42 43 44
35 XTALI
37 XCLK
34 XTAL
handbook, full pagewidth
36 VDDA4
39 VDDD3
40 RESET
43 TTXRQ
38 VSSD3
42 SDA
41 SCL
44 TTX
RES 1 SP 2 AP 3 LLC1 4 VSSD1 5 VDDD1 6 RCV1 7 RCV2 8 MP7 9 MP6 10 MP5 11
33 VSSA3 32 VSSA2 31 VDDA3 30 CVBS 29 BLUE
SAA7126H SAA7127H
28 VDDA2 27 n.c. 26 GREEN 25 VDDA1 24 n.c. 23 RED
SA 21
VDDD2 17
VSSD2 18
VDD(I2C) 20
VSSA1 22
MP4 12
MP3 13
MP2 14
MP1 15
MP0 16
RTCI 19
MHB499
Fig.2 Pin configuration.
1999 May 31
5
Philips Semiconductors
Product specification
Digital video encoder
FUNCTIONAL DESCRIPTION The digital video encoder encodes digital luminance and colour difference signals into analog CVBS, S-video and simultaneously RGB or Cr-Y-Cb signals. NTSC-M, PAL B/G and sub-standards are supported. Both interlaced and non-interlaced operation is possible for all standards. The basic encoder function consists of subcarrier generation, colour modulation and insertion of synchronization signals. Luminance and chrominance signals are filtered in accordance with the standard requirements of "RS-170-A" and "ITU-R BT.470-3". For ease of analog post filtering the signals are twice oversampled with respect to the pixel clock before digital-to-analog conversion. The total filter transfer characteristics are illustrated in Figs 3 to 8. The DACs for Y, C and CVBS are realized with full 10-bit resolution; 9-bit resolution for RGB output. The Cr-Y-Cb to RGB dematrix can be bypassed optionally in order to provide the upsampled Cr-Y-Cb input signals. The 8-bit multiplexed Cb-Y-Cr formats are "CCIR 656" (D1 format) compatible, but the SAV and EAV codes can be decoded optionally; when the device is operated in slave mode. Two independent data streams can be processed, one latched by the rising edge of LLC1, the other latched by the falling edge of LLC1. The purpose of that is e.g. to forward one of the data streams containing both video and On Screen Display (OSD) information to the RGB outputs, and the other stream containing video only to the encoded outputs CVBS and S-video. For optimum display of RGB signals through a euro-connector TV set, an early composite sync pulse (up to 31LLC1 clock periods) can be provided optionally on the CVBS output. It is also possible to connect a Philips digital video decoder (SAA7111, SAA7711A, SAA7112 or SAA7151B) to the SAA7126H; SAA7127H. Information concerning the actual subcarrier, PAL-ID and (with SAA7111 and newer types) definite subcarrier phase can be inserted via the RTCI pin, connected to the RTCO pin of a decoder. The SAA7126H; SAA7127H synthesizes all necessary internal signals, colour subcarrier frequency and synchronization signals from that clock. Wide screen signalling data can be loaded via the I2C-bus and is inserted into line 23 for standards using a 50 Hz field rate.
SAA7126H; SAA7127H
VPS data for program dependent automatic start and stop of such featured VCR's is loadable via the I2C-bus. The IC also contains closed caption and extended data services encoding (line 21), and supports anti-taping signal generation in accordance with Macrovision. It is also possible to load data for copy generation management system into line 20 of every field (525/60 line counting). A number of possibilities are provided for setting different video parameters such as: * Black and blanking level control * Colour subcarrier frequency * Variable burst amplitude etc. During reset (RESET = LOW) and after reset is released, all digital I/O stages are set to the input mode and the encoder is set to PAL mode and outputs a `black burst' signal on CVBS and S-video outputs, while RGB outputs are set to their lowest output voltages. A reset forces the I2C-bus interface to abort any running bus transfer. Data manager In the data manager, alternatively to the external video data, a pre-defined colour look-up table located in this block can be read out in a pre-defined sequence (8 steps per active video line), achieving a colour bar test pattern generator without need for an external data source. Encoder VIDEO PATH The encoder generates out of Y, U and V baseband signals luminance and colour subcarrier output signals, suitable for use as CVBS or separate Y and C signals. Luminance is modified in gain and in offset (latter programmable in a certain range to enable different black level set-ups). After insertion of a fixed synchronization pulse tip level, in accordance with standard composite synchronization schemes, a blanking level can be set. Other manipulations used for the Macrovision anti-taping process such as additional insertion of AGC super-white pulses (programmable in height) are supported by SAA7126H only. In order to enable easy analog post filtering, luminance is interpolated from 13.5 MHz data rate to 27 MHz data rate, providing luminance in 10-bit resolution. The transfer characteristic of the luminance interpolation filter are illustrated in Figs 5 and 6. Appropriate transients at start/end of active video and for synchronization pulses are ensured.
1999 May 31
6
Philips Semiconductors
Product specification
Digital video encoder
Chrominance is modified in gain (programmable separately for U and V), standard dependent burst is inserted, before baseband colour signals are interpolated from a 6.75 MHz data rate to a 27 MHz data rate. One of the interpolation stages can be bypassed, thus providing a higher colour bandwidth, which can be made use of for Y and C output. The transfer characteristics of the chrominance interpolation filter are illustrated in Figs 3 and 4. The amplitude, beginning and ending of the inserted burst, is programmable in a certain range that is suitable for standard signals and for special effects. Behind the succeeding quadrature modulator, colour in 10-bit resolution is provided on the subcarrier. The numeric ratio between the Y and C outputs is in accordance with set standards. TELETEXT INSERTION AND ENCODING Pin TTX receives a WST or NABTS teletext bitstream sampled at the LLC clock. Two protocols are provided: at each rising edge of output signal (TTXRQ) a single teletext bit has to be provided after a programmable delay at input pin TTX. Or: the signal TTXRQ performs only a single LOW-to-HIGH transition and remains at HIGH level for 360, 296 or 288 teletext bits, depending on the chosen standard. Phase variant interpolation is achieved on this bitstream in the internal teletext encoder, providing sufficient small phase jitter on the output text lines. TTXRQ provides a fully programmable request signal to the teletext source, indicating the insertion period of bitstream at lines which are selectable independently for both fields. The internal insertion window for text is set to 360 (PAL-WST), 296 (NTSC-WST) or 288 (NABTS) teletext bits including clock run-in bits. The protocol and timing are illustrated in Fig.14. VIDEO PROGRAMMING SYSTEM (VPS) ENCODING Five bytes of VPS information can be loaded via the I2C-bus and will be encoded in the appropriate format into line 16. CLOSED CAPTION ENCODER Using this circuit, data in accordance with the specification of closed caption or extended data service, delivered by the control interface, can be encoded (line 21). Two dedicated pairs of bytes (two bytes per field), each pair preceded by run-in clocks and framing code, are possible. 1999 May 31 7
SAA7126H; SAA7127H
The actual line number where data is to be encoded in, can be modified in a certain range. The data clock frequency is in accordance with the definition for NTSC-M standard 32 times horizontal line frequency. Data LOW at the output of the DACs corresponds to 0 IRE, data HIGH at the output of the DACs corresponds to approximately 50 IRE. It is also possible to encode closed caption data for 50 Hz field frequencies at 32 times the horizontal line frequency. ANTI-TAPING (SAA7126H ONLY) For more information contact your nearest Philips Semiconductors sales office. RGB processor This block contains a dematrix in order to produce red, green and blue signals to be fed to a SCART plug. Before Y, Cb and Cr signals are de-matrixed, individual gain adjustment for Y and colour difference signals and 2 times oversampling for luminance and 4 times oversampling for colour difference signals is performed. The transfer curves of luminance and colour difference components of RGB are illustrated in Figs 7 and 8. Output interface/DACs In the output interface, encoded Y and C signals are converted from digital-to-analog in a 10-bit resolution. Y and C signals are also combined to a 10-bit CVBS signal. The CVBS output occurs with the same processing delay (equal to 51 LLC clock periods, measured from MP input to the analog outputs) as the Y, C and RGB outputs. Absolute amplitude at the input of the DAC for CVBS is reduced by 1516 with respect to Y and C DACs to make maximum use of conversion ranges. Red, green and blue signals are also converted from digital-to-analog, each providing a 9-bit resolution. Outputs of the DACs can be set together via software control to minimum output voltage (approximately 0.2 V DC) for either purpose. Alternatively, the buffers can be switched into 3-state output condition; this allows for `wired AND'ing with other 3-state outputs and can also be used as a power-save mode.
Philips Semiconductors
Product specification
Digital video encoder
Synchronization The synchronization of the SAA7126H; SAA7127H is able to operate in two modes; slave mode and master mode. In master mode (see Fig.10), the circuit generates all necessary timings in the video signal itself, and it can provide timing signals at the RCV1 and RCV2 ports. In slave mode, it accepts timing information either from the RCV pins or from the embedded timing data of the CCIR 656 data stream. For the SAA7126H; SAA7127H, the only difference between master and slave mode is that it ignores the timing information at its inputs in master mode. Thus, if in slave mode, any timing information is missing, the IC will continue running free without a visible effect. But there must not be any additional pulses (with wrong phase) because the circuit will not ignore them. In slave mode (see Fig.9), an interface circuit decides, which signal is expected at the RCV1 port and which information is taken from its active slope. The polarity can be chosen, if PRCV1 is logic 0 the rising slope will be active. The signal can be: * A Vertical Sync (VS) pulse; the active slope sets the vertical phase * An odd/even signal; the active slope sets the vertical phase, the internal field flag to odd and optionally sets the horizontal phase * A Field Sequence (FSEQ) signal; it marks the first field of the 4 (NTSC) or 8 (PAL) field sequence. In addition to the odd/even signal, it also sets the PAL phase and optionally defines the subcarrier phase. On the RCV2 port, the IC can provide a horizontal pulse with programmable start and stop phase; this pulse can be inhibited in the vertical blanking period to build up, for example, a composite blanking signal. The horizontal phase can be set via a separate input RCV2. In the event of VS pulses at RCV1, this is mandatory. It is also possible to set the signal path to blank via this input. From the CCIR 656 data stream, the SAA7126H; SAA7127H decodes only the start of the first line in the odd field. All other information is ignored and may miss. If this kind of slave mode is active, the RCV pins may be switched to output mode. In slave mode, the horizontal trigger phase can be programmed to any point in the line, the vertical phase
SAA7126H; SAA7127H
from line 0 to line 15 counted from the first serration pulse in half line steps. Whenever a synchronization information cannot be derived directly from the inputs, the SAA7126H; SAA7127H will calculate it from the internal horizontal, vertical and PAL phase. This gives good flexibility with respect to external synchronization but the circuit does not suppress illegal settings. In such an event, e.g the odd/even information may vanish as it does in the non-interlaced modes. In master mode, the line lengths are fixed to 1728 clocks at 50 Hz and 1716 clocks at 60 Hz. To allow non-interlaced frames, the field lengths can be varied by 0.5 lines. In the event of non-interlace, the SAA7126H; SAA7127H does not provide odd/even information and the output signal does not contain the PAL `Bruch sequence'. At the RCV1 pin the IC can provide: * A Vertical Sync (VS) signal with 2.5 (50 Hz) or 3 (60 Hz) lines duration * An odd/even signal which is LOW in odd fields * A Field Sequence (FSEQ) signal which is HIGH in the first field of the 4 or 8 field sequence. At the RCV2 pin, there is a horizontal pulse of programmable phase and duration available. This pulse can be suppressed in the programmable inactive part of a field giving a composite blank signal. The directions and polarities of the RCV ports can be chosen independently. Timing references can be found in Tables 29 and 37. Clock The input at LLC1 can either be an external clock source or the buffered on-chip clock XCLK. The internal crystal oscillator can be run with either a 3rd-harmonic or a fundamental crystal. I2C-bus interface The I2C-bus interface is a standard slave transceiver, supporting 7-bit slave addresses and 400 kbits/s guaranteed transfer rate. It uses 8-bit subaddressing with an auto-increment function. All registers are write and readable, except one read only status byte. The I2C-bus slave address is defined as 88H with pin 21 (SA) tied LOW and as 8CH with pin 21 (SA) tied HIGH.
1999 May 31
8
Philips Semiconductors
Product specification
Digital video encoder
Input levels and formats The SAA7126H; SAA7127H expects digital Y, Cb, Cr data with levels (digital codes) in accordance with "CCIR 601". For C and CVBS outputs, deviating amplitudes of the colour difference signals can be compensated by independent gain control setting, while gain for luminance is set to predefined values, distinguishable for 7.5 IRE set-up or without set-up. Table 1
SAA7126H; SAA7127H
The RGB, respectively Cr-Y-Cb path features a gain setting individually for luminance (GY) and colour difference signals (GCD). Reference levels are measured with a colour bar, 100% white, 100% amplitude and 100% saturation.
"CCIR 601" signal component levels
SIGNALS(1)
COLOUR Y White Yellow Cyan Green Magenta Red Blue Black Notes 1. Transformation: a) R = Y + 1.3707 x (Cr - 128) b) G = Y - 0.3365 x (Cb - 128) - 0.6982 x (Cr - 128) c) B = Y + 1.7324 x (Cb - 128). 235 210 170 145 106 81 41 16 Cb 128 16 166 54 202 90 240 128 Cr 128 146 16 34 222 240 110 128
R(2) 235 235 16 16 235 235 16 16
G(2) 235 235 235 235 16 16 16 16
B(2) 235 16 235 16 235 16 235 16
2. Representation of R, G and B (or Cr, Y and Cb) at the output is 9 bits at 27 MHz. Table 2 8-bit multiplexed format (similar to "CCIR 601") BITS TIME 0 Sample Luminance pixel number Colour pixel number Cb0 0 0 1 Y0 2 Cr0 1 3 Y1 4 Cb2 2 2 5 Y2 6 Cr2 3 7 Y3
1999 May 31
9
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... 1999 May 31 10 Philips Semiconductors Bit allocation map
Digital video encoder
Table 3
Slave receiver (slave address 88H) SUB ADDR (HEX) 00H 01H to 25H 26H 27H 28H 29H 2AH 2BH 2CH 2DH 2EH to 37H 38H 39H 3AH 54H 55H 56H 57H 58H 59H 5AH 5BH 5CH 5DH 5EH 5FH 60H 61H DATA BYTE(1) D7 VER2 0 WSS7 WSSON DECCOL SRES CG07 CG15 CGEN VBSEN1 0 0 0 CBENB VPSEN VPS57 VPS117 VPS127 VPS137 VPS147 CHPS7 GAINU7 GAINV7 GAINU8 GAINV8 CCRS1 0 DOWNB D6 VER1 0 WSS6 0 DECFIS 0 CG06 CG14 0 VBSEN0 0 0 0 0 CCIRS VPS56 VPS116 VPS126 VPS136 VPS146 CHPS6 GAINU6 GAINV6 DECOE DECPH CCRS0 0 DOWNA D5 VER0 0 WSS5 WSS13 BS5 BE5 CG05 CG13 0 CVBSEN 0 0 0 0 0 VPS55 VPS115 VPS125 VPS135 VPS145 CHPS5 GAINU5 GAINV5 BLCKL5 BLNNL5 BLNVB5 0 INPI D4 CCRDO 0 WSS4 WSS12 BS4 BE4 CG04 CG12 0 CEN 0 GY4 GCD4 SYMP 0 VPS54 VPS114 VPS124 VPS134 VPS144 CHPS4 GAINU4 GAINV4 BLCKL4 BLNNL4 BLNVB4 0 YGS D3 CCRDE 0 WSS3 WSS11 BS3 BE3 CG03 CG11 CG19 CVBSTRI 0 GY3 GCD3 DEMOFF 0 VPS53 VPS113 VPS123 VPS133 VPS143 CHPS3 GAINU3 GAINV3 BLCKL3 BLNNL3 BLNVB3 0 0 D2 0 0 WSS2 WSS10 BS2 BE2 CG02 CG10 CG18 RTRI 0 GY2 GCD2 CSYNC 0 VPS52 VPS112 VPS122 VPS132 VPS142 CHPS2 GAINU2 GAINV2 BLCKL2 BLNNL2 BLNVB2 0 SCBW D1 FSEQ 0 WSS1 WSS9 BS1 BE1 CG01 CG09 CG17 GTRI 0 GY1 GCD1 MP2C2 EDGE2 VPS51 VPS111 VPS121 VPS131 VPS141 CHPS1 GAINU1 GAINV1 BLCKL1 BLNNL1 BLNVB1 0 PAL D0 O_E 0 WSS0 WSS8 BS0 BE0 CG00 CG08 CG16 BTRI 0 GY0 GCD0 MP2C1 EDGE1 VPS50 VPS110 VPS120 VPS130 VPS140 CHPS0 GAINU0 GAINV0 BLCKL0 BLNNL0 BLNVB0 0 FISE
REGISTER FUNCTION Status byte (read only) Null Wide screen signal Wide screen signal Real-time control, burst start Sync reset enable, burst end Copy generation 0 Copy generation 1 CG enable, copy generation 2 Output port control Null Gain luminance for RGB Gain colour difference for RGB Input port control 1 VPS enable, input control 2 VPS byte 5 VPS byte 11 VPS byte 12 VPS byte 13 VPS byte 14 Chrominance phase Gain U Gain V Gain U MSB, real-time control, black level Gain V MSB, real-time control, blanking level CCR, blanking level VBI Null Standard control
SAA7126H; SAA7127H
Product specification
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... 1999 May 31 11 Philips Semiconductors SUB ADDR (HEX) 62H 63H 64H 65H 66H 67H 68H 69H 6AH 6BH 6CH 6DH 6EH 6FH 70H 71H 72H 73H 74H 75H 76H 77H 78H 79H 7AH 7BH 7CH 7DH 7EH 7FH DATA BYTE(1) D7 RTCE FSC07 FSC15 FSC23 FSC31 L21O07 L21O17 L21E07 L21E17 SRCV11 D6 BSTA6 FSC06 FSC14 FSC22 FSC30 L21O06 L21O16 L21E06 L21E16 SRCV10 D5 BSTA5 FSC05 FSC13 FSC21 FSC29 L21O05 L21O15 L21E05 L21E15 TRCV2 D4 BSTA4 FSC04 FSC12 FSC20 FSC28 L21O04 L21O14 L21E04 L21E14 ORCV1 D3 BSTA3 FSC03 FSC11 FSC19 FSC27 L21O03 L21O13 L21E03 L21E13 PRCV1 D2 BSTA2 FSC02 FSC10 FSC18 FSC26 L21O02 L21O12 L21E02 L21E12 CBLF D1 BSTA1 FSC01 FSC09 FSC17 FSC25 L21O01 L21O11 L21E01 L21E11 ORCV2 HTRIG1 VTRIG1 FLC1 SCCLN1 RCV2S1 RCV2E1 RCV2S9 TTXHS1 TTXHD1 VS_S1 TTXOVS1 TTXOVE1 TTXEVS1 TTXEVE1 FAL1 LAL1 TTXEVS8 0 LINE6 LINE14 D0 BSTA0 FSC00 FSC08 FSC16 FSC24 L21O00 L21O10 L21E00 L21E10 PRCV2 HTRIG0 VTRIG0 FLCO SCCLN0 RCV2S0 RCV2E0 RCV2S8 TTXHS0 TTXHD0 VS_S0 TTXOVS0 TTXOVE0 TTXEVS0 TTXEVE0 FAL0 LAL0 TTXOVS8 0 LINE5 LINE13
Digital video encoder
REGISTER FUNCTION RTC enable, burst amplitude Subcarrier 0 Subcarrier 1 Subcarrier 2 Subcarrier 3 Line 21 odd 0 Line 21 odd 1 Line 21 even 0 Line 21 even 1 RCV port control Trigger control Trigger control Multi control Closed caption, teletext enable RCV2 output start RCV2 output end MSBs RCV2 output TTX request H start TTX request H delay, length CSYNC advance, Vsync shift TTX odd request vertical start TTX odd request vertical end TTX even request vertical start TTX even request vertical end First active line Last active line TTX mode, MSB vertical Null Disable TTX line Disable TTX line Note
HTRIG7 HTRIG6 HTRIG5 HTRIG4 HTRIG3 HTRIG2 HTRIG10 HTRIG9 HTRIG8 VTRIG4 VTRIG3 VTRIG2 SBLBN BLCKON PHRES1 PHRES0 LDEL1 LDEL0 CCEN1 CCEN0 TTXEN SCCLN4 SCCLN3 SCCLN2 RCV2S7 RCV2S6 RCV2S5 RCV2S4 RCV2S3 RCV2S2 RCV2E7 RCV2E6 RCV2E5 RCV2E4 RCV2E3 RCV2E2 0 RCV2E10 RCV2E9 RCV2E8 0 RCV2S10 TTXHS7 TTXHS6 TTXHS5 TTXHS4 TTXHS3 TTXHS2 TTXHL3 TTXHL2 TTXHL1 TTXHL0 TTXHD3 TTXHD2 CSYNCA4 CSYNCA3 CSYNCA2 CSYNCA1 CSYNCA0 VS_S2 TTXOVS7 TTXOVS6 TTXOVS5 TTXOVS4 TTXOVS3 TTXOVS2 TTXOVE7 TTXOVE6 TTXOVE5 TTXOVE4 TTXOVE3 TTXOVE2 TTXEVS7 TTXEVS6 TTXEVS5 TTXEVS4 TTXEVS3 TTXEVS2 TTXEVE7 TTXEVE6 TTXEVE5 TTXEVE4 TTXEVE3 TTXEVE2 FAL7 FAL6 FAL5 FAL4 FAL3 FAL2 LAL7 LAL6 LAL5 LAL4 LAL3 LAL2 TTX60 LAL8 TTXO FAL8 TTXEVE8 TTXOVE8 0 0 0 0 0 0 LINE12 LINE11 LINE10 LINE9 LINE8 LINE7 LINE20 LINE19 LINE18 LINE17 LINE16 LINE15
SAA7126H; SAA7127H
Product specification
1. All bits labelled `0' are reserved. They must be programmed with logic 0.
Philips Semiconductors
Product specification
Digital video encoder
I2C-bus format Table 4 S Table 5 I2C-bus address; see Table 5 SLAVE ADDRESS ACK SUBADDRESS ACK DATA 0 ACK
SAA7126H; SAA7127H
--------
DATA n
ACK
P
Explanation of Table 4 PART DESCRIPTION START condition 1 0 0 0 1 0 0 X or 1 0 0 0 1 1 0 X; note 1 acknowledge, generated by the slave subaddress byte data byte continued data bytes and ACKs STOP condition
S Slave address ACK Subaddress; note 2 DATA -------P Notes
1. X is the read/write control bit; X = logic 0 is order to write; X = logic 1 is order to read. 2. If more than 1 byte of DATA is transmitted, then auto-increment of the subaddress is performed. Slave receiver Table 6 Subaddresses 26H and 27H LOGIC LEVEL - wide screen signalling bits 3 to 0 = aspect ratio 7 to 4 = enhanced services 10 to 8 = subtitles 13 to 11 = reserved WSSON 0 1 Table 7 Subaddress 28H LOGIC LEVEL - 0 1 DECFIS 0 1 DESCRIPTION starting point of burst in clock cycles disable colour detection bit of RTCI input enable colour detection bit of RTCI input field sequence as FISE in subaddress 61 field sequence as FISE bit in RTCI input bit RTCE must be set to logic 1 (see Fig.13) bit RTCE must be set to logic 1 (see Fig.13) REMARKS PAL: BS = 33 (21H); default after reset NTSC: BS = 25 (19H) DECCOL wide screen signalling output is disabled; default after reset wide screen signalling output is enabled DESCRIPTION
DATA BYTE WSS
DATA BYTE BS
1999 May 31
12
Philips Semiconductors
Product specification
Digital video encoder
Table 8 Subaddress 29H LOGIC LEVEL - 0 1 DESCRIPTION ending point of burst in clock cycles pin 19 is Real-Time Control Input (RTCI) pin 19 is Sync Reset input (SRES)
SAA7126H; SAA7127H
DATA BYTE BE SRES
REMARKS PAL: BE = 29 (1DH); default after reset NTSC: BE = 29 (1DH) a HIGH impulse resets synchronization of the encoder (first field, first line)
Table 9
Subaddresses 2AH to 2CH LOGIC LEVEL - DESCRIPTION LSB of the respective bytes are encoded immediately after run-in, the MSBs of the respective bytes have to carry the CRCC bits, in accordance with the definition of copy generation management system encoding format. copy generation data output is disabled; default after reset copy generation data output is enabled
DATA BYTE CG
CGEN
0 1
Table 10 Subaddress 2DH DATA BYTE BTRI GTRI RTRI CVBSTRI CEN CVBSEN VBSEN0 VBSEN1 LOGIC LEVEL 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 DESCRIPTION DAC for BLUE output in 3-state mode (high-impedance) DAC for BLUE output in normal operation mode; default after reset DAC for GREEN output in 3-state mode (high-impedance) DAC for GREEN output in normal operation mode; default after reset DAC for RED output in 3-state mode (high-impedance) DAC for RED output in normal operation mode; default after reset DAC for CVBS output in 3-state mode (high-impedance) DAC for CVBS output in normal operation mode; default after reset RED output signal is switched to R DAC; default after reset chrominance output signal is switched to R DAC BLUE output signal is switched to B DAC; default after reset CVBS output signal is switched to B DAC if CSYNC = 0, CVBS output signal is switched to CVBS DAC; default after reset if CSYNC = 0, luminance (VBS) output signal is switched to CVBS DAC GREEN output signal is switched to G DAC; default after reset luminance (VBS) output signal is switched to G DAC
1999 May 31
13
Philips Semiconductors
Product specification
Digital video encoder
Table 11 Subaddresses 38H and 39H DATA BYTE GY0 to GY4 GCD0 to GCD4 DESCRIPTION
SAA7126H; SAA7127H
gain luminance of RGB (Cr, Y and Cb) output, ranging from (1 - 1632) to (1 + 1532). Suggested nominal value = -6 (11010b), depending on external application. gain colour difference of RGB (Cr, Y and Cb) output, ranging from (1 - 1632) to (1 + 1532). Suggested nominal value = -6 (11010b), depending on external application.
Table 12 Subaddress 3AH DATA BYTE MP2C1 MP2C2 CSYNC LOGIC LEVEL 0 1 0 1 0 1 DEMOFF SYMP CBENB 0 1 0 1 0 1 Table 13 Subaddress 54H DATA BYTE EDGE1 EDGE2 CCIRS LOGIC LEVEL 0 1 0 1 0 1 VPSEN 0 1 DESCRIPTION MP1 data is sampled on the rising clock edge; default after reset MP1 data is sampled on the falling clock edge MP2 data is sampled on the rising clock edge; default after reset MP2 data is sampled on the falling clock edge If SYMP = 1, horizontal and vertical trigger is decoded out of "CCIR 656" compatible data at MP2 port; default after reset. If SYMP = 1, horizontal and vertical trigger is decoded out of "CCIR 656" compatible data at MP1 port. video programming system data insertion is disabled; default after reset video programming system data insertion in line 16 is enabled DESCRIPTION input data is twos complement from MP1 input port (encoder path) input data is straight binary from MP1 input port; default after reset input data is twos complement from MP2 input port (RGB path) input data is straight binary from MP2 input port; default after reset If VBSEN0 = 0, CVBS output signal is switched to CVBS DAC. If VBSEN0 = 1, luminance output signal is switched to CVBS DAC; default after reset. advanced composite sync is switched to CVBS DAC Y, Cb and Cr for RGB dematrix is active; default after reset Y, Cb and Cr for RGB dematrix is bypassed horizontal and vertical trigger is taken from RCV2 and RCV1 respectively; default after reset horizontal and vertical trigger is decoded out of "CCIR 656" compatible data at MP port data from input ports is encoded; default after reset colour bar with fixed colours is encoded
1999 May 31
14
Philips Semiconductors
Product specification
Digital video encoder
Table 14 Subaddresses 55H to 59H DATA BYTE VPS5 VPS11 VPS12 VPS13 VPS14 DESCRIPTION fifth byte of video programming system data eleventh byte of video programming system data twelfth byte of video programming system data thirteenth byte of video programming system data fourteenth byte of video programming system data
SAA7126H; SAA7127H
REMARKS LSBs of the respective bytes are encoded immediately after run-in and framing code in line 16; all other bytes are not relevant for VPS
Table 15 Subaddress 5AH DATA BYTE CHPS DESCRIPTION phase of encoded colour subcarrier (including burst) relative to horizontal sync; can be adjusted in steps of 360/256 degrees VALUE 6BH 95H A3H 46H Table 16 Subaddresses 5BH and 5DH DATA BYTE GAINU DESCRIPTION variable gain for Cb signal; input representation in accordance with "CCIR 601" CONDITIONS white-to-black = 92.5 IRE GAINU = 0 GAINU = 118 (76H) white-to-black = 100 IRE GAINU = 0 GAINU = 125 (7DH) Table 17 Subaddresses 5CH and 5EH DATA BYTE GAINV DESCRIPTION variable gain for Cr signal; input representation in accordance with "CCIR 601" CONDITIONS white-to-black = 92.5 IRE GAINV = 0 GAINV = 165 (A5H) white-to-black = 100 IRE GAINV = 0 GAINV = 175 (AFH) REMARKS GAINV = -1.55 x nominal to +1.55 x nominal output subcarrier of V contribution = 0 output subcarrier of V contribution = nominal GAINV = -1.46 x nominal to +1.46 x nominal output subcarrier of V contribution = 0 output subcarrier of V contribution = nominal REMARKS GAINU = -2.17 x nominal to +2.16 x nominal output subcarrier of U contribution = 0 output subcarrier of U contribution = nominal GAINU = -2.05 x nominal to +2.04 x nominal output subcarrier of U contribution = 0 output subcarrier of U contribution = nominal RESULT PAL-B/G and data from input ports PAL-B/G and data from look-up table NTSC-M and data from input ports NTSC-M and data from look-up table
1999 May 31
15
Philips Semiconductors
Product specification
Digital video encoder
Table 18 Subaddress 5DH DATA BYTE BLCKL DESCRIPTION CONDITIONS
SAA7126H; SAA7127H
REMARKS recommended value: BLCKL = 58 (3AH) output black level = 29 IRE output black level = 49 IRE recommended value: BLCKL = 51 (33H) output black level = 27 IRE output black level = 47 IRE disable odd/even field control bit from RTCI enable odd/even field control bit from RTCI (see Fig.13)
variable black level; input white-to-sync = 140 IRE; note 1 representation in accordance with BLCKL = 0; note 1 "CCIR 601" BLCKL = 63 (3FH); note 1 white-to-sync = 143 IRE; note 2 BLCKL = 0; note 2 BLCKL = 63 (3FH); note 2
DECOE
real-time control
logic 0 logic 1
Notes 1. Output black level/IRE = BLCKL x 2/6.29 + 28.9. 2. Output black level/IRE = BLCKL x 2/6.18 + 26.5. Table 19 Subaddress 5EH DATA BYTE BLNNL DESCRIPTION variable blanking level CONDITIONS white-to-sync = 140 IRE; note 1 BLNNL = 0; note 1 BLNNL = 63 (3FH); note 1 white-to-sync = 143 IRE; note 2 BLNNL = 0; note 2 BLNNL = 63 (3FH); note 2 DECPH real-time control logic 0 logic 1 Notes 1. Output black level/IRE = BLNNL x 2/6.29 + 25.4. 2. Output black level/IRE = BLNNL x 2/6.18 + 25.9; default after reset: 35H. Table 20 Subaddress 5FH DATA BYTE BLNVB CCRS DESCRIPTION variable blanking level during vertical blanking interval is typically identical to value of BLNNL select cross-colour reduction filter in luminance; see Table 21 REMARKS recommended value: BLNNL = 46 (2EH) output blanking level = 25 IRE output blanking level = 45 IRE recommended value: BLNNL = 53 (35H) output blanking level = 26 IRE output blanking level = 46 IRE disable subcarrier phase reset bit from RTCI enable subcarrier phase reset bit from RTCI (see Fig.13)
1999 May 31
16
Philips Semiconductors
Product specification
Digital video encoder
Table 21 Logic levels and function of CCRS CCRS1 0 0 1 1 CCRS0 0 1 0 1
SAA7126H; SAA7127H
DESCRIPTION no cross-colour reduction; for overall transfer characteristic of luminance see Fig.5 cross-colour reduction #1 active; for overall transfer characteristic see Fig.5 cross-colour reduction #2 active; for overall transfer characteristic see Fig.5 cross-colour reduction #3 active; for overall transfer characteristic see Fig.5
Table 22 Subaddress 61H DATA BYTE FISE PAL SCBW LOGIC LEVEL 0 1 0 1 0 1 YGS INPI DOWNA DOWNB 0 1 0 1 0 1 0 1 Table 23 Subaddress 62AH DATA BYTE RTCE LOGIC LEVEL 0 1 DESCRIPTION no real-time control of generated subcarrier frequency; default after reset real-time control of generated subcarrier frequency through SAA7151B or SAA7111; for timing see Fig.13 858 total pixel clocks per line NTSC encoding (non-alternating V component) PAL encoding (alternating V component); default after reset enlarged bandwidth for chrominance encoding (for overall transfer characteristic of chrominance in baseband representation see Figs 3 and 4) standard bandwidth for chrominance encoding (for overall transfer characteristic of chrominance in baseband representation see Figs 3 and 4); default after reset luminance gain for white - black 100 IRE; default after reset luminance gain for white - black 92.5 IRE including 7.5 IRE set-up of black PAL switch phase is nominal; default after reset PAL switch phase is inverted compared to nominal if RTC is enabled (see Table 23) DAC for CVBS in normal operational mode; default after reset DAC for CVBS forced to lowest output voltage DACs for R, G and B in normal operational mode DACs for R, G and B forced to lowest output voltage; default after reset DESCRIPTION 864 total pixel clocks per line; default after reset
1999 May 31
17
Philips Semiconductors
Product specification
Digital video encoder
Table 24 Subaddress 62BH DATA BYTE BSTA DESCRIPTION amplitude of colour burst; input representation in accordance with "CCIR 601" CONDITIONS white-to-black = 92.5 IRE; burst = 40 IRE; NTSC encoding BSTA = 0 to 2.02 x nominal white-to-black = 92.5 IRE; burst = 40 IRE; PAL encoding BSTA = 0 to 2.82 x nominal white-to-black = 100 IRE; burst = 43 IRE; NTSC encoding BSTA = 0 to 1.90 x nominal white-to-black = 100 IRE; burst = 43 IRE; PAL encoding BSTA = 0 to 3.02 x nominal
SAA7126H; SAA7127H
REMARKS recommended value: BSTA = 63 (3FH) recommended value: BSTA = 45 (2DH) recommended value: BSTA = 67 (43H) recommended value: BSTA = 47 (2FH); default after reset
Table 25 Subaddresses 63H to 66H (four bytes to program subcarrier frequency) DATA BYTE DESCRIPTION CONDITIONS f fsc 32 FSC = round ------- x 2 ; f llc note 1 REMARKS FSC3 = most significant byte; FSC0 = least significant byte
FSC0 to FSC3 ffsc = subcarrier frequency (in multiples of line frequency); fllc = clock frequency (in multiples of line frequency) Note 1. Examples:
a) NTSC-M: ffsc = 227.5, fllc = 1716 FSC = 569408543 (21F07C1FH). b) PAL-B/G: ffsc = 283.7516, fllc = 1728 FSC = 705268427 (2A098ACBH). Table 26 Subaddresses 67H to 6AH DATA BYTE L21O0 L21O1 L21E0 L21E1 DESCRIPTION first byte of captioning data, odd field second byte of captioning data, odd field first byte of extended data, even field second byte of extended data, even field REMARKS LSBs of the respective bytes are encoded immediately after run-in and framing code, the MSBs of the respective bytes have to carry the parity bit, in accordance with the definition of line 21 encoding format.
1999 May 31
18
Philips Semiconductors
Product specification
Digital video encoder
Table 27 Subaddress 6BH DATA BYTE PRCV2 LOGIC LEVEL 0 1 ORCV2 CBLF 0 1 0 DESCRIPTION
SAA7126H; SAA7127H
polarity of RCV2 as output is active HIGH, rising edge is taken when input, respectively; default after reset polarity of RCV2 as output is active LOW, falling edge is taken when input, respectively pin RCV2 is switched to input; default after reset pin RCV2 is switched to output If ORCV2 = HIGH, pin RCV2 provides an HREF signal (horizontal reference pulse that is defined by RCV2S and RCV2E, also during vertical blanking interval); default after reset. If ORCV2 = LOW and bit SYMP = LOW, the signal input to RCV2 is used for horizontal synchronization only (if TRCV2 = 1); default after reset. If ORCV2 = HIGH, pin RCV2 provides a `composite-blanking-not' signal, for example a reference pulse that is defined by RCV2S and RCV2E, excluding vertical blanking interval, which is defined by FAL and LAL. If ORCV2 = LOW and bit SYMP = LOW, the signal input to RCV2 is used for horizontal synchronization (if TRCV2 = 1) and as an internal blanking signal. polarity of RCV1 as output is active HIGH, rising edge is taken when input; default after reset polarity of RCV1 as output is active LOW, falling edge is taken when input pin RCV1 is switched to input; default after reset pin RCV1 is switched to output horizontal synchronization is taken from RCV1 port (at bit SYMP = LOW) or from decoded frame sync of "CCIR 656" input (at bit SYMP = HIGH); default after reset horizontal synchronization is taken from RCV2 port (at bit SYMP = LOW) defines signal type on pin RCV1; see Table 28
1
PRCV1
0 1
ORCV1 TRCV2
0 1 0 1
SRCV1
-
Table 28 Logic levels and function of SRCV1 DATA BYTE AS OUTPUT SRCV11 0 0 1 1 SRCV10 0 1 0 1 VS FS FSEQ not applicable VS FS FSEQ not applicable vertical sync each field; default after reset frame sync (odd/even) field sequence, vertical sync every fourth field (PAL = 0) or eighth field (PAL = 1) - AS INPUT FUNCTION
Table 29 Subaddresses 6CH and 6DH DATA BYTE HTRIG DESCRIPTION sets the horizontal trigger phase related to signal on RCV1 or RCV2 input values above 1715 (FISE = 1) or 1727 (FISE = 0) are not allowed; increasing HTRIG decreases delays of all internally generated timing signals; reference mark: analog output horizontal sync (leading slope) coincides with active edge of RCV used for triggering at HTRIG = 39H
1999 May 31
19
Philips Semiconductors
Product specification
Digital video encoder
Table 30 Subaddress 6DH DATA BYTE VTRIG DESCRIPTION sets the vertical trigger phase related to signal on RCV1 input
SAA7126H; SAA7127H
increasing VTRIG decreases delays of all internally generated timing signals, measured in half lines; variation range of VTRIG = 0 to 31 (1FH) Table 31 Subaddress 6EH DATA BYTE SBLBN BLCKON PHRES LDEL FLC LOGIC LEVEL 0 1 0 1 - - - DESCRIPTION vertical blanking is defined by programming of FAL and LAL; default after reset vertical blanking is forced in accordance with "CCIR 624" (50 Hz) or RS170A (60 Hz) encoder in normal operation mode output signal is forced to blanking level; default after reset selects the phase reset mode of the colour subcarrier generator; see Table 32 selects the delay on luminance path with reference to chrominance path; see Table 33 field length control; see Table 34
Table 32 Logic levels and function of PHRES DATA BYTE DESCRIPTION PHRES1 0 0 1 1 PHRES0 0 1 0 1 no reset or reset via RTCI from SAA7111 if bit RTCE = 1; default after reset reset every two lines reset every eight fields reset every four fields
Table 33 Logic levels and function of LDEL DATA BYTE DESCRIPTION LDEL1 0 0 1 1 LDEL0 0 1 0 1 no luminance delay; default after reset 1 LLC luminance delay 2 LLC luminance delay 3 LLC luminance delay
Table 34 Logic levels and function of FLC DATA BYTE DESCRIPTION FLC1 0 0 1 1 FLC0 0 1 0 1 interlaced 312.5 lines/field at 50 Hz, 262.5 lines/field at 60 Hz; default after reset non-interlaced 312 lines/field at 50 Hz, 262 lines/field at 60 Hz non-interlaced 313 lines/field at 50 Hz, 263 lines/field at 60 Hz non-interlaced 313 lines/field at 50 Hz, 263 lines/field at 60 Hz
1999 May 31
20
Philips Semiconductors
Product specification
Digital video encoder
Table 35 Subaddress 6FH DATA BYTE CCEN TTXEN SCCLN LOGIC LEVEL - 0 1 -
SAA7126H; SAA7127H
DESCRIPTION enables individual line 21 encoding; see Table 36 disables teletext insertion; default after reset enables teletext insertion selects the actual line, where closed caption or extended data are encoded; line = (SCCLN + 4) for M-systems; line = (SCCLN + 1) for other systems
Table 36 Logic levels and function of CCEN DATA BYTE DESCRIPTION CCEN1 0 0 1 1 CCEN0 0 1 0 1 line 21 encoding off; default after reset enables encoding in field 1 (odd) enables encoding in field 2 (even) enables encoding in both fields
Table 37 Subaddresses 70H to 72H DATA BYTE RCV2S start of output signal on RCV2 pin values above 1715 (FISE = 1) or [1727 (FISE = 0)] are not allowed; first active pixel at analog outputs (corresponding input pixel coinciding with RCV2) at RCV2S = 11AH [0FDH] RCV2E end of output signal on RCV2 pin values above 1715 (FISE = 1) or [1727 (FISE = 0)] are not allowed; last active pixel at analog outputs (corresponding input pixel coinciding with RCV2) at RCV2E = 694H (687H) Table 38 Subaddress 73H DATA BYTE TTXHS DESCRIPTION start of signal on pin TTXRQ; see Fig.14 REMARKS PAL: TTXHS = 42H NTSC: TTXHS = 54H Table 39 Subaddress 74H DATA BYTE TTXHL TTXHD DESCRIPTION length of TTXRQ window; only active at old TTX protocol: bit TTXO = 1 indicates the delay in clock cycles between rising edge of TTXRQ output and valid data at pin TTX REMARKS TTXHL = 0: TTXRQ = 1398LLC; TTXHL = 15: TTXRQ = 1413LLC minimum value: TTXHD = 2 DESCRIPTION
1999 May 31
21
Philips Semiconductors
Product specification
Digital video encoder
Table 40 Subaddress 75H DATA BYTE VS_S DESCRIPTION
SAA7126H; SAA7127H
vertical sync shift between RCV1 and RCV2 (switched to output); in master mode it is possible to shift H-sync (RCV2; CBLF = 0) against V-sync (RCV1; SRCV1 = 00) standard value: VS_S = 3 advanced composite sync against RGB output from 0LLC to 31LLC
CSYNCA
Table 41 Subaddresses 76H, 77H and 7CH DATA BYTE TTXOVS DESCRIPTION first line of occurrence of signal on pin TTXRQ in odd field line = (TTXOVS + 4) for M-systems line = (TTXOVS + 1) for other systems TTXOVE last line of occurrence of signal on pin TTXRQ in odd field line = (TTXOVE + 3) for M-systems line = TTXOVE for other systems Table 42 Subaddresses 78H, 79H and 7CH DATA BYTE TTXEVS DESCRIPTION first line of occurrence of signal on pin TTXRQ in even field line = (TTXEVS + 4) for M-systems line = (TTXEVS + 1) for other systems TTXEVE last line of occurrence of signal on pin TTXRQ in even field line = (TTXEVE + 3) for M-systems line = TTXEVE for other systems Table 43 Subaddress 7CH DATA BYTE TTXO LOGIC LEVEL 0 1 TTX60 0 1 DESCRIPTION new TTX protocol selected: at each rising edge of TTXRQ a single TTX bit is requested see Fig.14; default after reset old TTX protocol selected: the encoder provides a window of TTXRQ going HIGH; the length of the window depends on the chosen TTX standard see Fig.14 enables NABTS (FISE = 1) or European TTX (FISE = 0); default after reset enables world standard teletext 60 Hz (FISE = 1) PAL: TTXEVS = 16H; NTSC: TTXEVS = 10H REMARKS PAL: TTXEVS = 04H; NTSC: TTXEVS = 05H PAL: TTXOVE = 16H; NTSC: TTXOVE = 10H REMARKS PAL: TTXOVS = 05H; NTSC: TTXOVS = 06H
Table 44 Subaddresses 7AH to 7CH DATA BYTE FAL LAL DESCRIPTION first active line = FAL + 4 for M-systems, = FAL + 1 for other systems, measured in lines FAL = 0 coincides with the first field synchronization pulse last active line = LAL + 3 for M-systems, = LAL for other system, measured in lines LAL = 0 coincides with the first field synchronization pulse
1999 May 31
22
Philips Semiconductors
Product specification
Digital video encoder
Table 45 Subaddresses 7EH and 7FH DATA BYTE LINE DESCRIPTION
SAA7126H; SAA7127H
individual lines in both fields (PAL counting) can be disabled for insertion of teletext by the respective bits, disabled line = LINExx (50 Hz field rate) this bit mask is effective only, if the lines are enabled by TTXOVS/TTXOVE and TTXEVS/TTXEVE
In subaddresses 5BH, 5CH, 5DH, 5EH and 62H all IRE values are rounded up. Slave transmitter Table 46 Slave transmitter (slave address 89H) REGISTER FUNCTION Status byte DATA BYTE SUBADDRESS D7 00H VER2 D6 VER1 D5 VER0 D4 D3 D2 0 D1 FSEQ D0 O_E CCRDO CCRDE
Table 47 Subaddress 00H DATA BYTE VER CCRDO LOGIC LEVEL - 1 0 CCRDE 1 0 FSEQ O_E 1 0 1 0 DESCRIPTION version identification of the device: it will be changed with all versions of the IC that have different programming models; current version is 000 binary closed caption bytes of the odd field have been encoded the bit is reset after information has been written to the subaddresses 67H and 68H; it is set immediately after the data has been encoded closed caption bytes of the even field have been encoded the bit is reset after information has been written to the subaddresses 69H and 6AH; it is set immediately after the data has been encoded during first field of a sequence (repetition rate: NTSC = 4 fields, PAL = 8 fields) not first field of a sequence during even field during odd field
1999 May 31
23
Philips Semiconductors
Product specification
Digital video encoder
SAA7126H; SAA7127H
handbook, full pagewidth 6
MBE737
Gv
(dB)
0 -6
-12 -18 -24
(1) (2)
-30 -36 -42 -48 -54 0 (1) SCBW = 1. (2) SCBW = 0. 2 4 6 8 10 12 f (MHz) 14
Fig.3 Chrominance transfer characteristic 1.
handbook, halfpage
2
MBE735
Gv (dB) 0
(1)
(2)
-2
-4
-6
0
0.4
0.8
1.2 f (MHz) 1.6
(1) SCBW = 1. (2) SCBW = 0.
Fig.4 Chrominance transfer characteristic 2.
1999 May 31
24
Philips Semiconductors
Product specification
Digital video encoder
SAA7126H; SAA7127H
Gv handbook, full pagewidth (dB) 0 -6 -12 -18 -24 -30 -36 -42 -48 -54 0 2 4 6 8 10 12 f (MHz) 14
(4) (2) (3) (1)
6
MGD672
(1) (2) (3) (4)
CCRS1 = 0; CCRS0 = 1. CCRS1 = 1; CCRS0 = 0. CCRS1 = 1; CCRS0 = 1. CCRS1 = 0; CCRS0 = 0.
Fig.5 Luminance transfer characteristic 1.
handbook, halfpage
MBE736
1
Gv (dB) 0
(1)
-1 -2
-3 -4 -5
0
2
4
f (MHz)
6
(1) CCRS1 = 0; CCRS0 = 0.
Fig.6 Luminance transfer characteristic 2.
1999 May 31
25
Philips Semiconductors
Product specification
Digital video encoder
SAA7126H; SAA7127H
handbook, full pagewidth
Gv 6 0 -6 -12 -18 -24 -30 -36 -42 -48 -54
MGB708
(dB)
0
2
4
6
8
10
12
f (MHz)
14
Fig.7 Luminance transfer characteristic in RGB.
handbook, full pagewidth
Gv 6 0 -6 -12 -18 -24 -30 -36 -42 -48 -54
MGB706
(dB)
0
2
4
6
8
10
12
f (MHz)
14
Fig.8 Colour difference transfer characteristic in RGB.
1999 May 31
26
Philips Semiconductors
Product specification
Digital video encoder
SAA7126H; SAA7127H
handbook, full pagewidth
CVBS output
RCV2 input
55LLC MP input
51LLC
MHB500
HTRIG = 0 PRCV2 = 0. TRCV2 = 1. ORCV2 = 0.
Fig.9 Sync and video input timing.
handbook, full pagewidth
CVBS output
RCV2 output
MHB501
49LLC
RCV2S = 0. PRCV2 = 0. ORCV2 = 1.
Fig.10 Sync and video output timing.
1999 May 31
27
Philips Semiconductors
Product specification
Digital video encoder
CHARACTERISTICS VDDD = 3.0 to 3.6 V; Tamb = 0 to 70 C; unless otherwise specified. SYMBOL Supplies VDDA VDDD IDDA IDDD Inputs VIL LOW-level input voltage (pins LLC1, RCV1, RCV2, MP7 to MP0, RTCI, SA, RESET and TTX) HIGH-level input voltage (pins LLC1, RCV1, RCV2, MP7 to MP0, RTCI, SA, RESET and TTX) input leakage current input capacitance clocks data Outputs; pins RCV1, RCV2 and TTXRQ VOL VOH LOW-level output voltage HIGH-level output voltage IOL = 2 mA IOH = 2 mA analog supply voltage digital supply voltage analog supply current digital supply current note 1 VDDD = 3.3 V; note 1 PARAMETER CONDITIONS
SAA7126H; SAA7127H
MIN.
MAX.
UNIT
3.15 3.0 - - -0.5
3.45 3.6 100 46
V V mA mA
+0.8
V
VIH
2.0
VDDD + 0.3
V
ILI Ci
- - -
1 10 8 8
A pF pF pF
I/Os at high-impedance - - 2.4 -0.5 Vi = LOW or HIGH IOL = 3 mA during acknowledge -10 - 3
0.4 -
V V
I2C-bus; SDA and SCL VIL VIH Ii VOL Io TLLC1 LOW-level input voltage HIGH-level input voltage input current LOW-level output voltage (pin SDA) output current 0.3VDD(I2C) +10 0.4 - V A V mA 0.7VDD(I2C) VDD(I2C) + 0.3 V
Clock timing (pins LLC1 and XCLK) cycle time duty factor tHIGH/TLLC1 duty factor tHIGH/TXCLK tr tf tSU;DAT tHD;DAT fn f/fn rise time fall time note 2 LLC1 input XCLK output typical 50% note 2 note 2 34 40 40 - - 41 60 60 5 6 - - ns % % ns ns
Input timing; pins LLC1, RCV1, RCV2, MP7 to MP0, RTCI, SA and TTX input data set-up time input data hold time 6 3 - -50 ns ns
Crystal oscillator nominal frequency (usually 27 MHz) permissible deviation of nominal frequency 3rd-harmonic note 3 28 30 +50 MHz 10-6
1999 May 31
Philips Semiconductors
Product specification
Digital video encoder
SAA7126H; SAA7127H
SYMBOL CRYSTAL SPECIFICATION Tamb CL RS C1 C0 CL th td Vo(p-p) Vo Rs(int) RL B LElf(i) LElf(d) td(pipe)(MP) Notes
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT C pF fF pF
ambient temperature load capacitance series resistance motional capacitance (typical) parallel capacitance (typical)
0 8 -
70 - 80
1.5 - 20% 1.5 + 20% 3.5 - 20% 3.5 + 20%
Data and reference signal output timing output load capacitance output hold time output delay time 7.5 4 - 40 - 25 pF ns ns
CVBS and RGB outputs output signal voltage (peak-to-peak value) inequality of output signal voltages internal serial resistance output load resistance output signal bandwidth of DACs low frequency integral linearity error of DACs low frequency differential linearity error of DACs total pipeline delay from MP port 27 MHz -3 dB note 4 1.30 - 1 75 10 - - - 1.55 2 3 300 - 3 1 51 V % MHz LSB LSB LLC
1. At maximum supply voltage with highly active input signals. 2. The data is for both input and output direction. 3. If an internal oscillator is used, crystal deviation of nominal frequency is directly proportional to the deviation of subcarrier frequency and line/field frequency. 4. For full digital range, without load, VDDA = 3.3 V. The typical voltage swing is 1.45 V, the typical minimum output voltage (digital zero at DAC) is 0.2 V.
1999 May 31
29
Philips Semiconductors
Product specification
Digital video encoder
SAA7126H; SAA7127H
handbook, full pagewidth
t HIGH XCLK
TLLC1 2.6 V 1.5 V 0.6 V tf tr
t HIGH LLC1
TLLC1 2.4 V 1.5 V 0.8 V
tSU; DAT input data
t HD; DAT
tf
tr 2.0 V
valid td
not valid
valid 0.8 V
th output data valid
not valid
2.4 V valid 0.6 V
MHB502
Fig.11 Clock data timing.
handbook, full pagewidth
LLC
MP(n)
Cb(0)
Y(0)
Cr(0)
Y(1)
Cb(2)
RCV2
MGB699
The data demultiplexing phase is coupled to the internal horizontal phase. The phase of the RCV2 signal is programmed to tbf (tbf for 50 Hz) in this example in output mode (RCV2S).
Fig.12 Functional timing.
1999 May 31
30
Philips Semiconductors
Product specification
Digital video encoder
Explanation of RTCI data bits
SAA7126H; SAA7127H
handbook, full pagewidth
H/L transition count start LOW HPLL increment (1) 128
13 0
4 bits reserved FSCPLL increment (2)
22
3 bits reserved
(4) (3)
(5) (6)
(7)
0
RTCI time slot: 0 1
14 19 64 67 69 72 74 68
MHB503
not used in SAA7126H/27H
valid sample
invalid sample
8/LLC
(8)
(1) (2) (3) (4) (5) (6) (7) (8)
SAA7111/12 provides 14 to 0 bits, resulting in 2 reserved bits before FSCPLL increment. SAA7151 provides 21 to 0 bits only, resulting in 5 reserved bits before sequence bit. Sequence bit: PAL: 0 = (R - Y) line normal, 1 = (R - Y) line inverted; NTSC: 0 = no change. Reset bit: only from SAA7111 and SAA7112 decoder. FISE bit: 0 = 50 Hz, 1 = 60 Hz. Odd/even bit: odd_even from external. Colour detection: 0 = no colour detected, 1 = colour detected. Reserved bits: 229 with 50 Hz systems, 226 with 60 Hz systems.
Fig.13 RTCI timing. 1. The HPLL increment is not evaluated by SAA7126H; SAA7127H. 2. The SAA7126H; SAA7127H generates the subcarrier frequency from the FSCPLL increment if enabled (see item 7.). 3. The PAL bit indicates the line with inverted (R - Y) component of colour difference signal. 4. If the reset bit is enabled (RTCE = 1; DECPH = 1; PHRES = 00), the phase of the subcarrier is reset in each line whenever the reset bit of RTCI input is set to logic 1. 5. If the FISE bit is enabled (RTCE = 1; DECFIS = 1), the SAA7126H; SAA7127H takes this bit instead of the FISE bit in subaddress 61H. 6. If the odd/even bit is enabled (RTCE = 1; DECOE = 1), the SAA7126H; SAA7127H ignores it's internally generated odd/even flag and takes the odd/even bit from RTCI input. 7. If the colour detection bit is enabled (RTCE = 1; DECCOL = 1) and no colour was detected (colour detection bit = 0), the subcarrier frequency is generated by the SAA7126H; SAA7127H. In the other case (colour detection bit = 1) the subcarrier frequency is evaluated out of FSCPLL increment. If the colour detection bit is disabled (RTCE = 1; DECCOL = 0), the subcarrier frequency is evaluated out of FSCPLL increment, independent of the colour detection bit of RTCI input.
1999 May 31
31
Philips Semiconductors
Product specification
Digital video encoder
Teletext timing Time tFD is the time needed to interpolate input data TTX and insert it into the CVBS and VBS output signal, such that it appears at tTTX = 9.78 s (PAL) or tTTX = 10.5 s (NTSC) after the leading edge of the horizontal synchronization pulse. Time td(pipe)(MP) is the pipeline delay time introduced by the source that is gated by TTXRQ in order to deliver TTX data. This delay is programmable by register TTXHD. For every active HIGH state at output pin TTXRQ, a new teletext bit must be provided by the source (new protocol) or a window of TTXRQ going HIGH is provided and the number of teletext bits, depending on the chosen TTX standard, is requested at input pin TTX (old protocol). Since the beginning of the pulses representing the TTXRQ signal and the delay between the rising edge of TTXRQ and valid teletext input data are fully programmable (TTXHS and TTXHD), the TTX data is always inserted at the correct position after the leading edge of outgoing horizontal synchronization pulse.
SAA7126H; SAA7127H
Time ti(TTXW) is the internally used insertion window for TTX data; it has a constant length that allows insertion of 360 teletext bits at a text data rate of 6.9375 Mbits/s (PAL), 296 teletext bits at a text data rate of 5.7272 Mbits/s (world standard TTX) or 288 teletext bits at a text data rate of 5.7272 Mbits/s (NABTS). The insertion window is not opened if the control bit TTXEN is zero. Using appropriate programming, all suitable lines of the odd field (TTXOVS and TTXOVE) plus all suitable lines of the even field (TTXEVS and TTXEVE) can be used for teletext insertion.
handbook, full pagewidth
CVBS/Y t TTX text bit #: TTX t PD TTXRQ (new) t FD 1 2 3 4 5 6 7 8 9 10 11 12 t i(TTXW) 13 14 15 16 17 18 19 20 21 22 23 24
TTXRQ (old)
MHB504
Fig.14 Teletext timing.
1999 May 31
32
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
ook, full pagewidth
1999 May 31
0.1 H 1 nF XTALI 35
APPLICATION INFORMATION
Philips Semiconductors
Digital video encoder
DGND
+3.3 V digital 10 pF
+3.3 V analog
10 pF 27.0 MHz X1 3rd harmonic XTAL 34
0.1 F DGND 0.1 F AGND VDDD1 to VDDD3 6, 17, 39 VDDA4 36 DAC1
0.1 F AGND use one capacitor for each VDDA VDDA1 to VDDA3 25, 28, 31 2 (1) 23 RED 23 75 2 (1) 26 GREEN 23 75 UR 0.70 V (p-p)(2) AGND
use one capacitor for each VDDD
DAC2
UG 0.70 V (p-p)(2) AGND
33
digital inputs and outputs
SAA7126H SAA7127H
DAC3
2 (1)
29 BLUE
23 75
UB 0.70 V (p-p)(2) AGND
DAC4
2 (1)
30 CVBS
4.7 75
SAA7126H; SAA7127H
UCVBS 1.23 V (p-p)(2) AGND
5, 18, 38 VSSD1 to VSSD3 DGND
22, 32, 33 VSSA1 to VSSA3 AGND
MHB505
Product specification
(1) Typical value. (2) For 100100 colour bar.
Fig.15 Application circuit.
Philips Semiconductors
Product specification
Digital video encoder
Analog output voltages
SAA7126H; SAA7127H
The analog output voltages are dependent on the open-loop voltage of the operational amplifiers for full-scale conversion (typical value 1.375 V), the internal series resistor (typical value 2 ), the external series resistor and the external load impedance. The digital output signals in front of the DACs under nominal conditions occupy different conversion ranges, as indicated in Table 48 for a 100100 colour bar signal. Values for the external series resistors result in a 75 load. Table 48 Digital output signals conversion range CONVERSION RANGE (peak-to-peak) CVBS, SYNC TIP-TO-PEAK CARRIER (digits) 1016 Y (VBS) SYNC TIP-TO-WHITE (digits) 881 RGB (Y) BLACK-TO-WHITE AT GDY = GDC = -6 (digits) 712
1999 May 31
34
Philips Semiconductors
Product specification
Digital video encoder
PACKAGE OUTLINE
SAA7126H; SAA7127H
QFP44: plastic quad flat package; 44 leads (lead length 1.3 mm); body 10 x 10 x 1.75 mm
SOT307-2
c
y X
A 33 34 23 22 ZE
e E HE wM bp pin 1 index 44 1 bp D HD wM 11 ZD B vM B vMA 12 detail X A A2 (A 3) Lp L
A1
e
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 2.10 A1 0.25 0.05 A2 1.85 1.65 A3 0.25 bp 0.40 0.20 c 0.25 0.14 D (1) 10.1 9.9 E (1) 10.1 9.9 e 0.8 HD 12.9 12.3 HE 12.9 12.3 L 1.3 Lp 0.95 0.55 v 0.15 w 0.15 y 0.1 Z D (1) Z E (1) 1.2 0.8 1.2 0.8 10 0o
o
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT307-2 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION
ISSUE DATE 95-02-04 97-08-01
1999 May 31
35
Philips Semiconductors
Product specification
Digital video encoder
SOLDERING Introduction to soldering surface mount packages This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (document order number 9398 652 90011). There is no soldering method that is ideal for all surface mount IC packages. Wave soldering is not always suitable for surface mount ICs, or for printed-circuit boards with high population densities. In these situations reflow soldering is often used. Reflow soldering Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several methods exist for reflowing; for example, infrared/convection heating in a conveyor type oven. Throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. Typical reflow peak temperatures range from 215 to 250 C. The top-surface temperature of the packages should preferable be kept below 230 C. Wave soldering Conventional single wave soldering is not recommended for surface mount devices (SMDs) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. To overcome these problems the double-wave soldering method was specifically developed.
SAA7126H; SAA7127H
If wave soldering is used the following conditions must be observed for optimal results: * Use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. * For packages with leads on two sides and a pitch (e): - larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; - smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves at the downstream end. * For packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves downstream and at the side corners. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. Manual soldering Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24 V or less) soldering iron applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
1999 May 31
36
Philips Semiconductors
Product specification
Digital video encoder
SAA7126H; SAA7127H
Suitability of surface mount IC packages for wave and reflow soldering methods SOLDERING METHOD PACKAGE WAVE BGA, SQFP PLCC(3), SO, SOJ not suitable suitable(2) suitable not recommended(3)(4) not recommended(5) suitable suitable suitable suitable suitable HLQFP, HSQFP, HSOP, HTSSOP, SMS not LQFP, QFP, TQFP SSOP, TSSOP, VSO Notes 1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the Drypack information in the "Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods". 2. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink (at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version). 3. If wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. The package footprint must incorporate solder thieves downstream and at the side corners. 4. Wave soldering is only suitable for LQFP, TQFP and QFP packages with a pitch (e) equal to or larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 5. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm. REFLOW(1)
1999 May 31
37
Philips Semiconductors
Product specification
Digital video encoder
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
SAA7126H; SAA7127H
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. PURCHASE OF PHILIPS I2C COMPONENTS
Purchase of Philips I2C components conveys a license under the Philips' I2C patent to use the components in the I2C system provided the system conforms to the I2C specification defined by Philips. This specification can be ordered using the code 9398 393 40011.
1999 May 31
38
Philips Semiconductors
Product specification
Digital video encoder
NOTES
SAA7126H; SAA7127H
1999 May 31
39
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101 1248, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 20 0733, Fax. +375 172 20 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 68 9211, Fax. +359 2 68 9102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381, Fax. +1 800 943 0087 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Sydhavnsgade 23, 1780 COPENHAGEN V, Tel. +45 33 29 3333, Fax. +45 33 29 3905 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615 800, Fax. +358 9 6158 0920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 4099 6161, Fax. +33 1 4099 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 2353 60, Fax. +49 40 2353 6300 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 02 67 52 2531, Fax. +39 02 67 52 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5057 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381, Fax +9-5 800 943 0087 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 58088 Newville 2114, Tel. +27 11 471 5401, Fax. +27 11 471 5398 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2886, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Yukari Dudullu, Org. San. Blg., 2.Cad. Nr. 28 81260 Umraniye, ISTANBUL, Tel. +90 216 522 1500, Fax. +90 216 522 1813 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381, Fax. +1 800 943 0087 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 62 5344, Fax.+381 11 63 5777
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1999
Internet: http://www.semiconductors.philips.com
SCA 65
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
545006/01/pp40
Date of release: 1999 May 31
Document order number:
9397 750 05278


▲Up To Search▲   

 
Price & Availability of SAA7126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X