Part Number Hot Search : 
TW8824 CY62137F 21M10 MC333 H11A33SD C8107 012N492 B099461
Product Description
Full Text Search
 

To Download RL206G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
RL201G THRU RL207G
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FEATURES
* * * * * High reliability Low leakage Low forward voltage drop High current capability Glass passivated junction
DO-15
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.38 gram
1.0 (25.4) MIN. .034 (0.9) DIA. .028 (0.7)
.300 (7.6) .230 (5.8) .140 (3.6) .104 (2.6) DIA.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
1.0 (25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 75 oC Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note) Typical Thermal Resistance Operating and Storage Temperature Range ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 2.0A DC Maximum DC Reverse Current @TA = 25 oC at Rated DC Blocking Voltage @TA = 100 oC Maximum Full Load Reverse Current Average, Full Cycle o .375" (9.5mm) lead length at TL = 75 C NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts SYMBOL VF RL201G RL202G RL203G RL204G RL205G 1.1 5.0 50 30 RL206G RL207G UNITS Volts uAmps uAmps 2001-6 SYMBOL VRRM VRMS VDC IO IFSM CJ R JA TJ, TSTG RL201G RL202G 50 35 50 100 70 100 RL203G RL204G RL205G 200 140 200 400 280 400 2.0 70 20 40 -65 to + 175
0
RL206G 800 560 800
RL207G 1000 700 1000
UNITS Volts Volts Volts Amps Amps pF C/ W 0 C
600 420 600
IR
RATING AND CHARACTERISTIC CURVES ( RL201G THRU RL207G )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD CURRENT, (A)
AVERAGE FORWARD CURRENT, (A)
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 20 10 4 2 1.0 .4 .2 .1 .04 .02 .01 .6 .8 1.0 1.2 1.4 1.5 INSTANTANEOUS FORWARD VOLTAGE, (V) FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10 4 1.0 .4 .1 .04 .01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
TJ = 25 TJ = 100 TJ = 25 Pulse Width=300us 1% Duty Cycle
2.5 2.0 1.5 1.0 .5 0 0 25 50 75 100 125 150 175 AMBIENT TEMPERATURE, ( )
Single Phase Half Wave 60Hz Resistive or Inductive Load
PEAK FORWARD SURGE CURRENT, (A)
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT 100 80 60 40 20 0 1 2 4 6 8 10 20 40 60 80 100 NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave (JEDED Method)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE, (pF)
200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, ( V )
TJ = 25
INSTANTANEOUS REVERSE CURRENT, (uA)
RECTRON


▲Up To Search▲   

 
Price & Availability of RL206G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X