|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Data Sheet PT7C5022 Series Crystal Oscillator Module ICs ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| Features * * * * * * * * * * * * Up to 30MHz operation Fundamental oscillation Capacitors 8pF CG and 10pF CD built-in (except A2A, A4A series) Inverter amplifier feedback resistor built-in TTL input level 8 mA (VDD = 4.5 V) drive capability 4 mA (VDD = 2.7 V) drive capability Output three-state function 2.7 to 5.5 V supply voltage (AxA series) 4.5 to 5.5 V supply voltage (BxA series) Clock output (fO, fO/2, fO/4, fO/8 determined by internal connection, fO is oscillator frequency) 6-Pin SOT23 package Description The PT7C5022 series are crystal oscillator module ICs that incorporate high-frequency, low current consumption oscillator and output buffer circuits. Feedback resistors and high-frequency capacitors are built-in, eliminating the need for external components to make a stable fundamental-harmonic oscillator. Ordering Information Part No. PT7C5022AxATA PT7C5022AxATAE PT7C5022BxATA Package SOT23-6 Lead free SOT23-6 SOT23-6 Lead free SOT23-6 Operating Range Industrial Industrial Industrial Industrial Application Used for crystal oscillate PT7C5022BxATAE Note: Below is the detailed definition of part no. PT7C Device Type Clock series XO 5022 Series Serial Type Series AxA BxA VDD range (V) 2.7~5.5 4.5~5.5 5022 A 1 A TA T Package T: TA: SOT23-6 DE: die form Output frequency and build-in capacitance Suffix foutput (V) 1 2 3 4 5 7 fO fO fO/2 fO/2 fO/4 fO/8 Build-in C (pF) 8, 10 8, 10 8, 10 Series BxA AxA PT0193(06/05) 1 Ver: 1 Data Sheet PT7C5022 Series Crystal Oscillator Module ICs ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| Series configuration Built-in capacitance (pF) CG PT7C5022A1A PT7C5022A2A PT7C5022A3A AxA PT7C5022A4A PT7C5022A5A PT7C5022A7A BxA PT7C5022B1A fo /2 fo/4 8 fo /8 fo 8 10 4~30 4.5 ~ 5.5 TTL 10 4~30 4~30 fo fo fo /2 8 8 CD 10 4~24 10 2.7 ~ 5.5 CMOS High impedance 4~30 Recommended operating freq. (MHz) 3V VDD 5V VDD Series Part No. Output freq. VDD (V) Output level Standby output state gm ratio is 1; feedback resistor Rf is 600. Block Diagram Function Description When INH goes LOW, the output on Q becomes high impedance INH HIGH (or open) Low Q Any fO , fO /2, fO /4, fO /8 output frequency High impedance Oscillator Normal operation Stopped PT0193(06/05) 2 Ver: 1 Data Sheet PT7C5022 Series Crystal Oscillator Module ICs ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| Pin Information Pin Configuration PT7C5022xxxT PT7C5022xxx 1 INH XT 6 2 XT VDD 5 3 GND Q 4 SOT23-6 package Pin Description Pin 1 2 3 4 5 6 Sym INH XT GND Q VDD XT Type I I P O P O Description Output state control input. High impedance when LOW. Pull-up resistor built in. Amplifier input. Ground. Output. Output frequency (fo, fo /2, fo /4, fo /8) determined by internal connection, fo is oscillator frequency. Supply voltage. Amplifier output. Crystal oscillator connected between XT and XT. Crystal oscillator connected between XT and XT. PT0193(06/05) 3 Ver: 1 Data Sheet PT7C5022 Series Crystal Oscillator Module ICs ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| Maximum Ratings Storage Temperature (die form)......................................................- 65oC to +150oC Storage Temperature (package form) .........................................- 55oC to +125oC Ambient Temperature with Power Applied................................................- 40oC to +85oC Supply Voltage to Ground Potential (VDD to GND ..................- 0.5V to 7.0V DC Input (All Other Inputs except VDD & GND) ..-0.5V to VDD +0.5V DC Output Current........................................................................ 13mA Power Dissipation.........................................................................250mW (package form) Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other condi-tions above those indicated in the operational sec-tions of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. Recommended Operating Conditions 3 V operation: AxA series f 30MHz, CL15pF Parameter Supply voltage Input voltage Operating temperature Sym VDD VIN TOPR Conditions Min 2.7 GND -20 Typ Max 3.6 VDD 80 Unit V V C 5 V operation: AxA series, BxA series f 30MHz, CL15pF Parameter Supply voltage Input voltage Operating temperature Sym VDD VIN TOPR Conditions Min 4.5 GND -20 Typ Max 5.5 VDD 80 Unit V V C PT0193(06/05) 4 Ver: 1 Data Sheet PT7C5022 Series Crystal Oscillator Module ICs ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| DC Electrical Characteristics 3V operation: AxA series VDD = 2.7 to 3.6V, TA = -20 to 80C, unless otherwise noted. Sym. IDD Parameter Condition Min 2.0 25 200 7.44 9.3 2.1 - Typ 4 100 600 8 10 2.4 0.3 - Max 7 0.5 250 1000 8.56 Unit mA V V k k INH = open, Measurement cct 3, load cct 1, CL = 15 pF, 30 Current consumption MHz cr ystal oscillator INH pin INH pin Measurement cct 4 Measurement cct 5 Design value, determined by the internal wafer pattern PT7C5022A1A, PT7C5022A3A, PT7C5022A5A, PT7C5022A7A VIH High level input voltage VIL RUP Rf CG Built-in capacitance CD VOH VOL High level output voltage Low level output voltage Output leakage current Low level input voltage INH pull-up resistance Feedback resistance pF 10.7 0.4 10 A 10 V V Q: Measurement cct 1, IOH = 4mA Q: Measurement cct 2, IOL = 4mA Q: Measurement cct 2, VDD = 3.6V, VINH = LOW VOH = VDD VOL = GND IZ 5V operation: AxA series/BxA series VDD = 4.5 to 5.5 V, TA = -20 to 80C, unless otherwise noted. Sym. IDD Parameter Current consumption Condition INH = open, Measurement cct 3, CL = 15 pF, 30MHz crystal Load cct 1 PT7C5022AxA Load cct 2 PT7C5022BxA Min 2.0 25 200 7.44 9.3 3.9 - Typ 7 7 100 600 8 10 4.2 0.3 - Max 12 Unit mA 12 0.8 250 1000 8.56 pF 10.7 0.4 10 A 10 Ver: 1 V V V V k k VIH VIL RUP Rf CG High level input voltage Low level input voltage INH pull-up resistance Feedback resistance INH INH Measurement cct 4 Measurement cct 5 Design value, determined by the internal wafer pattern PT7C5022A1A, PT7C5022A3A, PT7C5022A5A, PT7C5022A7A, PT7C5022B1A Built-in capacitance CD VOH VOL High level output voltage Low level output voltage Output leakage current Q: Measurement cct 1, IOH = 8 mA Q: Measurement cct 1, IOL = 8 mA VOH = VDD IZ Q: Measurement cct 2, INH=LOW VOL = GND PT0193(06/05) 5 Data Sheet PT7C5022 Series Crystal Oscillator Module ICs ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| AC Electrical Characteristics Output duty level (CMOS) Output duty level (TTL) tf tf Output duty cycle (CMOS) Output duty cycle (TTL) Output Enable/Disable Delay PT0193(06/05) 6 Ver: 1 Data Sheet PT7C5022 Series Crystal Oscillator Module ICs ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| CMOS: AxA series 3V operation: VDD = 2.7 to 3.6V, TA = -20 to 80C, unless otherwise noted. Sym Parameter Conditions 0.2VDD to 0.8VDD tr Output rise time Measurement cct 6, load cct 1, CL = 15 pF 0.1VDD to 0.9VDD 0.8VDD to 0.2VDD tf Output fall time Measurement cct 6, load cct 1, CL = 15 pF 0.9VDD to 0.1VDD Duty Output duty cycle tPLZ tPZL Measurement cct 6, load cct 1, TA = 25C, VDD = 3V, CL = 15 pF, f = 30MHz 45 10 20 55 100 ns 100 % 10 5 20 10 ns Min Typ 5 Max Unit 10 ns Output disable delay time (Note) Measurement cct 7, load cct 1, TA = 25C, VDD = 3 V, CL =15 pF Output enable delay time (Note) Note: Oscillator stop function is built-in. When INH goes LOW, normal output stops. When INH goes HIGH, normal output is not resumed until after the oscillator start-up time has elapsed. 5V operation: VDD = 4.5 to 5.5 V, TA = -20 to 80C, unless otherwise noted. Sym tr tf Parameter Output rise time Output fall time Conditions Measurement cct 6, load cct 1, 0.1VDD to 0.9VDD, CL = 15 pF Measurement cct 6, load cct 1, 0.1VDD to 0.9VDD, CL = 15 pF Measurement cct 6, load cct 1,TA = 25C, VDD = 5 V, CL = 15 pF, f = 30MHz Min 45 Typ 3.5 3.5 Max 7 7 55 100 ns 100 Unit ns ns % Duty Output duty cycle1 tPLZ tPZL Output disable delay time (Note) Measurement cct 6, load cct 1, TA = 25C, VDD = 5 V, CL =15 pF Output enable delay time (Note) Note: Oscillator stop function is built-in. When INH goes LOW, normal output stops. When INH goes HIGH, normal output is not resumed until after the oscillator start-up time has elapsed. TTL: BxA series 5V operation: VDD = 4.5 to 5.5 V, TA = -20 to 80C, unless otherwise noted. Sym tr3 tf3 Parameter Output rise time Output fall time Conditions Measurement cct 6, load cct 2, 0.4V to 2.4V, CL = 15 pF Measurement cct 6, load cct 2, 2.4V to 0.4V, CL = 15 pF Measurement cct 6, load cct 2,TA = 25C, VDD = 5 V, CL = 15 pF, f = 30MHz Min 45 - Typ 2.5 2.5 - Max 7 7 55 100 Unit ns ns % Duty Output duty cycle tPLZ tPZL Output disable delay time (Note) Measurement cct 7, load cct 2, TA = 25C, VDD = 5 V, CL =15 pF Output enable delay time (Note) ns 100 Note: Oscillator stop function is built-in. When INH goes LOW, normal output stops. When INH goes HIGH, normal output is not resumed until afte r the oscillator start-up time has elapsed. PT0193(06/05) 7 Ver: 1 Data Sheet PT7C5022 Series Crystal Oscillator Module ICs ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| Measurement Circuit Measurement cct 6 Measurement cct 7 PT0193(06/05) 8 Ver: 1 Data Sheet PT7C5022 Series Crystal Oscillator Module ICs ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| Load cct 1 Load cct 2 PT0193(06/05) 9 Ver: 1 Data Sheet PT7C5022 Series Crystal Oscillator Module ICs ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| Mechanical Information SOT23-6 Package Drawing 1.90 1.50 1.70 2.50 3.10 0.35 0.80 0.30 0.50 2.80 3.10 0.95 0-10o 0.20 0.55 0.90 1.10 0.01 0.13 0.09 0.20 X.XX X.XX DENOTES DIMENSIONS IN MILLIMETERS Note: 1) Controlling dimensions in millimeters. 2) Ref: JDDEC MO-178AB PT0193(06/05) 10 Ver: 1 Data Sheet PT7C5022 Series Crystal Oscillator Module ICs ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| SOT-23 Package Top Marking Instruction hyNZ PART NO. 2 BIT CODE (See Table11 ) DATE CODE YEAR & WORK WEEK (See Table 2) Sample: hyNZ PART NO.: PT7C5022A1A DATE CODE: YEAR 2004 WW26 Table 1 : PART NO PT7C5022A1A PT7C5022A2A PT7C5022A3A PT7C5022A4A PT7C5022A5A PT7C5022A6A PT7C5022A7A 2 BIT CODE PART NO PT7C5022B1A PT7C5022B2A PT7C5022B3A PT7C5022B4A PT7C5022B5A PT7C5022B6A PT7C5022B7A 2 BIT CODE hy hz ia ib ic id ie if ig ih ii ij ik il PT0193(06/05) 11 Ver: 1 Data Sheet PT7C5022 Series Crystal Oscillator Module ICs ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| Table 2 Year 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 1998 A A A A A A A A A A A A A A A A A A A A A A A A A A B B B B B B B B B B B B B B B B B B B B B B B B B B WW A 1 B 2 C 3 D 4 E 5 F 6 G 7 H 8 I 9 J 10 11 K L 12 13 M 14 N 15 O P 16 17 Q 18 R S 19 T 20 21 U V 22 23 W X 24 Y 25 Z 26 27 A 28 B 29 C 30 D E 31 F 32 33 G 34 H I 35 J 36 37 K L 38 39 M 40 N 41 O P 42 43 Q 44 R S 45 T 46 47 U V 48 49 W X 50 Y 51 Z 52 Year 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 1999 C C C C C C C C C C C C C C C C C C C C C C C C C C D D D D D D D D D D D D D D D D D B D D D D D D D D WW A 1 B 2 C 3 D 4 E 5 F 6 G 7 H 8 I 9 J 10 11 K L 12 13 M 14 N 15 O P 16 17 Q 18 R S 19 T 20 21 U V 22 23 W X 24 Y 25 Z 26 27 A 28 B 29 C 30 D E 31 F 32 33 G 34 H I 35 J 36 37 K L 38 39 M 40 N 41 O P 42 43 Q 44 R S 45 T 46 47 U V 48 49 W X 50 Y 51 Z 52 Year 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 E E E E E E E E E E E E E E E E E E E E E E E E E E F F F F F F F F F F F F F F F F F F F F F F F F F F WW A 1 B 2 C 3 D 4 E 5 F 6 G 7 H 8 I 9 J 10 11 K L 12 13 M 14 N 15 O 16 P 17 Q 18 R 19 S T 20 21 U 22 V 23 W 24 X 25 Y Z 26 27 A 28 B 29 C 30 D 31 E F 32 33 G 34 H I 35 J 36 37 K L 38 39 M 40 N 41 O 42 P 43 Q 44 R 45 S T 46 47 U 48 V 49 W 50 X 51 Y Z 52 Year 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 2001 G G G G G G G G G G G G G G G G G G G G G G G G G G H H H H H H H H H H H H H H H H H H H H H H H H H H WW A 1 B 2 C 3 D 4 E 5 F 6 G 7 H 8 I 9 J 10 11 K L 12 13 M 14 N 15 O P 16 17 Q 18 R S 19 T 20 21 U V 22 23 W X 24 Y 25 Z 26 27 A 28 B 29 C 30 D E 31 F 32 33 G 34 H I 35 J 36 37 K L 38 39 M 40 N 41 O P 42 43 Q 44 R S 45 T 46 47 U V 48 49 W X 50 Y 51 Z 52 Year 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 2002 J J J J J J J J J J J J J J J J J J J J J J J J J J K K K K K K K K K K K K K K K K K K K K K K K K K K WW A 1 B 2 C 3 D 4 E 5 F 6 G 7 H 8 I 9 J 10 11 K L 12 13 M 14 N 15 O P 16 17 Q 18 R S 19 T 20 21 U V 22 23 W X 24 Y 25 Z 26 27 A 28 B 29 C 30 D E 31 F 32 33 G 34 H I 35 J 36 37 K L 38 39 M 40 N 41 O P 42 43 Q 44 R S 45 T 46 47 U V 48 49 W X 50 Y 51 Z 52 Year 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 2003 L L L L L L L L L L L L L L L L L L L L L L L L L L M M M M M M M M M M M M M M M M M M M M M M M M M M WW A 1 B 2 C 3 D 4 E 5 F 6 G 7 H 8 I 9 J 10 11 K L 12 13 M 14 N 15 O P 16 17 Q 18 R S 19 T 20 21 U V 22 23 W X 24 Y 25 Z 26 27 A 28 B 29 C 30 D E 31 F 32 33 G 34 H I 35 J 36 37 K L 38 39 M 40 N 41 O P 42 43 Q 44 R S 45 T 46 47 U V 48 49 W X 50 Y 51 Z 52 Year 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 2004 N N N N N N N N N N N N N N N N N N N N N N N N N N O O O O O O O O O O O O O O O O O O O O O O O O O O WW A 1 B 2 C 3 D 4 E 5 F 6 G 7 H 8 I 9 J 10 11 K L 12 13 M 14 N 15 O 16 P 17 Q 18 R 19 S T 20 21 U 22 V 23 W 24 X 25 Y Z 26 27 A 28 B 29 C 30 D 31 E F 32 33 G 34 H I 35 J 36 37 K L 38 39 M 40 N 41 O 42 P 43 Q 44 R 45 S T 46 47 U 48 V 49 W 50 X 51 Y Z 52 PT0193(06/05) 12 Ver: 1 Data Sheet PT7C5022 Series Crystal Oscillator Module ICs ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| Notes Pericom Technology Inc. Email: support@pti.com.cn China: Web Site: www.pti.com.cn, www.pti-ic.com No. 20 Building, 3/F, 481 Guiping Road, Shanghai, 200233, China Tel: (86)-21-6485 0576 Fax: (86)-21-6485 2181 Unit 1517, 15/F, Chevalier Commercial Centre, 8 Wang Hoi Rd, Kowloon Bay, Hongkong Tel: (852)-2243 3660 Fax: (852)- 2243 3667 3545 North First Street, San Jose, California 95134, USA Tel: (1)-408-435 0800 Fax: (1)-408-435 1100 Asia Pacific: U.S.A.: Pericom Technology Incorporation reserves the right to make changes to its products or specifications at any time, without notice, in order to improve design or performance and to supply the best possible product. Pericom Technology does not assume any responsibility for use of any circuitry described other than the circuitry embodied in Pericom Technology product. The company makes no representations that circuitry described herein is free from patent infringement or other rights, of Pericom Technology Incorporation. PT0193(06/05) 13 Ver: 1 |
Price & Availability of PT7C5022 |