![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PC 1602-E OUTLINE DIMENSION & BLOCK DIAGRAM H1 1.0 0.5 5.55 0.3 0.15 0.2 0.05 2.85 A1 5.25 66.7 0.5 61.0 56.2 14 19.6 0.5 23.3 0.5 23.3 0.5 (P1.0 x 13) 13.425 7.5 1 0.5 A2 14.0 1.45 1.5 63.8 87.0 1.5 0.7(max) 66.7 0.5 0.3 0.1 PCB:62.7 0.2 10.0 1.0 COM 16 3.55 3.4 1.85 0.5 5.4 5.0 0.5 1.1 1.1 EL B/L SEC A1-A2 DB7 DB0 E R/W RS Vss Vdd Vo LCD CONTROLLER LSI LCD PANEL A 0.55 A 0.05 2.95 SEG 40 SEG 40 0.65 0.05 CONTROL SIGNALS 4 SEGMENT DRIVER The tolerance unless classified Overall Size View Area Dot Size Dot Pitch 66.7 x 23.3 61.0 x 15.9 0.55 x 0.65 0.60 x 0.70 0.3mm MECHANICAL SPECIFICATION Module W /O B/L EL B/L LED B/L H2 / H1 / 4.2 / 4.6 PIN ASSIGNMENT Pin no. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 ABSOLUTE MAXIMUM RATING Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin Item Supply for logic voltage 6.3 5.55 Symbol Vdd Vo RS R/W E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 Vss Function Power supply(Vdd>Vss) Operating Voltage For LCD Register selection input Data signal input for select Data read / write Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line Power Supply (Vss=0) Min. -0.3 -0.3 -0.3 Max. Units V 7 13 V Vdd+0.3 V ELECTRICAL CHARACTERISTICS Item Symbol Condition Min. Typical Max. Units 2.7 Power supply voltage Vdd-Vss 25oC 5.5 V Top N WNW NW V -20oC 5 5.3 5.6 V LCD operation voltage Vop V V 50oC 4.3 3.7 4 V 70oC 5.2 V 4.8 4.9 3 2 Vdd=5V mA VB/L=4.2V mA VB/L=4.2V mA 4.4 4.7 5 25oC 3.9 4.8 4.2 5.1 4.5 5.4 0oC LCM current consumption (No B/L) Idd LED/edge LED/array Backlight current consumption LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request. 10.0 0.2 15.0 0.25 11.85 19.9 20.6 15.9 10.0 13.0 |
Price & Availability of PC1602E
![]() |