Part Number Hot Search : 
L74HC CNX62A L1050 120UF 050000 2SD2218 FR102 XF001
Product Description
Full Text Search
 

To Download PC1601L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC 1601-L
OUTLINE DIMENSION & BLOCK DIAGRAM
122.0 0.5 3.5 HOLE 4- 3.5 15.98 1.8 1 33.0 0.5
P2.54 x 13=33.02
115.0 2.0 H1 H2 4- 1.0 A K 13.0 25.2 17.0
14- 1.0 14
23.4
13.0 9.66 5.2
10.5
5.3
3.45 8.05 61.0
99.0 105.9
DB7 DB0 E R/W RS Vss Vdd Vo LCD CONTROLLER LSI
COM 16
LCD PANEL 0.92
SEG 40
4.5
94.84
1.6
6.0 4.84 0.06
8.56
8.06
1.1
A K
BACKLIGHT
The tolerance unless classified
Overall Size View Area Dot Size Dot Pitch 122.0 x 33.0 99.0 x 13.0 0.92 x 1.10 0.98 x 1.16
0.3mm
H2 / H1 5.2 / 9.8 5.2 / 9.8 8.9 / 13.5
MECHANICAL SPECIFICATION
Module W /O B/L EL B/L LED B/L
PIN ASSIGNMENT
Pin no.
1 2 3 4 5 6 7 8 9 10 11 12 13 14
ABSOLUTE MAXIMUM RATING
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin Item
Supply for logic voltage
Symbol
Vss Vdd Vo RS R/W E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7
Function
Power supply(GND) Power supply(+) Contrast Adjust Register select signal Data read / write Enable signal Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line
Min. -0.3 -0.3 -0.3
0.06
Max. Units V 7 13 V Vdd+0.3 V
ELECTRICAL CHARACTERISTICS
Item Symbol Condition Min. Typical Max. Units V 25oC 2.7 5.5 Power supply voltage Vdd-Vss Top N WNW NW V -20oC 7.1 7.5 7.9 V LCD operation voltage Vop V V 4.5 3.9 4.2 V 70oC 6.3 V 5.7 6 2.5 1.5 Vdd=5V mA VB/L=4.2V mA VB/L=4.2V mA 190
4.6 4.9 5.2 25oC 50oC 4.2 6.1 4.4 6.4 4.8 6.7 0oC
LCM current consumption (No B/L)
Idd
LED/edge LED/array
Backlight current consumption
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.


▲Up To Search▲   

 
Price & Availability of PC1601L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X