Part Number Hot Search : 
X24042S8 MMBTS A2910 2SK2477 C3510W 3706N LU221 CLED04D0
Product Description
Full Text Search
 

To Download P0102AL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
P01xxxL
0.25A SCRS
A
SENSITIVE
Table 1: Main Features Symbol IT(RMS) VDRM/VRRM IGT Value 0.25 100 and 200 1 and 200 Unit A V A
A
G
K
G
DESCRIPTION Thanks to highly sensitive triggering levels, the P01xxxL SCR series is suitable for all applications where the available gate current is limited such as stand-by mode power supplies, smoke and alarm detectors... Available in SOT23-3L, it provides optimized space saving on high density printed circuit boards.
K
SOT23-3L
Table 2: Order Codes Part Numbers P0102AL 5AA4 P0102BL 5AA4 P0109AL 5AA4 Marking P2A P2B P9A
Table 3: Absolute Ratings (limiting values) Symbol Parameter IT(RMS) IT(AV) ITSM It dI/dt IGM PG(AV) Tstg Tj RMS on-state current (180 conduction angle) Average on-state current (180 conduction angle) Non repetitive surge peak on-state current It Value for fusing Critical rate of rise of on-state current IG = 2 x IGT , tr 100 ns Peak gate current Average gate power dissipation Storage junction temperature range Operating junction temperature range tp = 8.3 ms tp = 10 ms tp = 10 ms F = 60 Hz tp = 20 s Tamb = 36C Tamb = 36C Tj = 25C Tj = 25C Tj = 125C Tj = 125C Tj = 125C
Value 0.25 0.16 7
Unit A A A
6 0.18 50 0.5 0.02 - 40 to + 150 - 40 to + 125 A2S A/s A W C
April 2005
REV. 4
1/7
P01xxxL
Tables 4: Electrical Characteristics (Tj = 25C, unless otherwise specified) Symbol Test Conditions P0102xL IGT VGT VGD VRG IH IL dV/dt VTM Vt0 Rd IDRM IRRM VD = 12 V RL = 140 Tj = 125C MAX. MAX. MIN. MIN. RGK = 1 k RGK = 1 k RGK = 1 k Tj = 125C Tj = 25C Tj = 125C Tj = 125C Tj = 25C Tj = 125C MAX. MAX. MIN. MAX. MAX. MAX. MAX. 100 200 1.7 1.0 1000 1 A 200 0.8 0.1 8 6 7 100
P0109AL 1
Unit A V V V mA mA V/s V V m
VD = VDRM RL = 3.3 k RGK = 1 k IRG = 10 A IT = 50 mA IG = 1 mA
VD = 67 % VDRM ITM = 0.4 A
tp = 380 s
Threshold voltage Dynamic resistance VDRM = VRRM
Table 5: Thermal resistance Symbol Rth(j-a)
Parameter
Value 400
Unit C/W
Junction to ambient (mounted on FR4 with recommended pad layout)
Figure 1: Maximum average power dissipation versus average on-state current
P(W)
0.30 0.28 0.26 0.24 0.22 0.20 0.18 0.16 0.14 0.12 0.10 0.08 0.06 0.04 0.02 0.00 0.00
Figure 2: Average and D.C. on-state current versus case temperature
IT(AV)(A)
0.30
= 180
0.25
D.C.
0.20 0.15 0.10
360
= 180
0.05
IT(AV)(A)
0.02 0.04 0.06 0.08 0.10 0.12
0.00
0.14 0.16 0.18
Tcase(C)
0 25 50 75 100 125
2/7
P01xxxL
Figure 3: Relative variation of thermal impedance junction to ambient versus pulse duration
K=[Zth(j-a)/Rth(j-a)]
1.00
6 5 4
Figure 4: Relative variation of gate trigger current, holding current and latching current versus junction temperature (typical values)
IGT,IH,IL[Tj] / IGT,IH,IL[Tj=25C]
0.10
3
IGT
2 1
IH & IL RGK = 1k
0.01 1E-2 1E-1
tp(s)
1E+0 1E+1 1E+2
0 -40 -20 0
Tj(C)
20 40 60 80 100 120 140
Figure 5: Relative variation of holding current versus gate-cathode resistance (typical values)
IH[RGK] / IH[RGK=1k]
20
Tj = 25C
Figure 6: Relative variation of dV/dt immunity versus gate-cathode resistance (typical values)
dV/dt[RGK] / dV/dt[RGK=1k]
10.0
Tj = 125C VD = 0.67 x VDRM
18 16 14 12 10 8 6 4 2 0 1E-2 1E-1
1.0
RGK(k)
1E+0 1E+1
0.1 0 200 400 600 800
RGK(k)
1000 1200 1400 1600 1800 2000
Figure 7: Relative variation of dV/dt immunity versus gate-cathode capacitance (typical values)
dV/dt[CGK] / dV/dt[RGK=1k]
10
VD = 0.67 x VDRM Tj = 125C RGK = 1k
Figure 8: Surge peak on-state current versus number of cycles
ITSM(A)
7 6
tp=10ms
8
5
6
One cycle
4 3 2
Non repetitive Tj initial=25C
4
2
1
Repetitive Tamb=25C
Number of cycles
10 100 1000
0 0 1 2
CGK(nF)
3 4 5 6 7
0 1
3/7
P01xxxL
Figure 9: Non-repetitive surge peak on-state current for a sinusoidal pulse with width tp < 10ms, and corresponding value of It
ITSM(A), I2t (A2s)
100.0
Tj initial = 25C
Figure 10: On-state characteristics (maximum values)
ITM(A)
1E+1
Tj max.: Vt0=1.0V Rd=1 Tj=max
ITSM
10.0
1E+0
Tj=25C
1.0
1E-1
I2t
tp(ms)
0.1 0.01 0.10 1.00 10.00
1E-2 0.5 1.0 1.5 2.0 2.5
VTM(V)
3.0 3.5 4.0 4.5 5.0 5.5 6.0
Figure 11: Thermal resistance junction to ambient versus copper surface under tab (Epoxy printed circuit board FR4, copper thickness: 35 mm)
Rth(j-a)(C/W)
500
400
300
200
100
S(cm)
0 0 10 20 30 40 50 60 70 80 90 100
Figure 12: Ordering Information Scheme
P 01 02 A L
Sensitive SCR series Current 01 = 0.25A Sensitivity 02 = 200A 09 = 1A Voltage A = 100V B = 200V Package L = SOT23-3L Packing mode 5AA4 = Tape & Reel
Blank
5AA4
4/7
P01xxxL
Table 6: Product Selector Part Number P0102AL 5AA4 P0102BL 5AA4 P0109AL 5AA4
Voltage 100 V 200 V 100 V
Sensitivity 200 A 200 A 1 A
Package
SOT23-3L
Figure 13: SOT23-3L Package Mechanical Data DIMENSIONS
A E
REF. A
Millimeters Min. 0.89 0 0.3 0.085 2.75 0.85 1.7 1.2 2.1 0.35 Max. 1.4 0.1 0.51 0.18 3.04 1.05 2.1 1.6 2.75 0.65
Inches Min. 0.035 0 0.012 0.003 0.108 0.033 0.067 0.047 0.083 0.014 Max. 0.055 0.004 0.02 0.007 0.12 0.041 0.083 0.063 0.108 0.026
e B e1 D
A1 B c D e
A1
S
e1 E H L S
L H
c
0.6 typ.
0.024 typ.
Figure 14: Foot Print Dimensions (in millimeters)
0.95 0.61
1.26
0.73
3.25
5/7
P01xxxL
Table 7: Ordering Information Ordering type Marking P0102AL 5AA4 P0102BL 5AA4 P0109AL 5AA4 P2A P2B P9A SOT23-3L 0.01 g 3000 Tape & reel
Package
Weight
Base qty
Delivery mode
Table 8: Revision History Date Revision Sep-2000 11-Apr-2005 3 4 Last update.
Description of Changes P0102AL and P0109AL added.
6/7
P01xxxL
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2005 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
7/7


▲Up To Search▲   

 
Price & Availability of P0102AL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X