Part Number Hot Search : 
LT1160IS ST486DX 223J1000 1N5401G TS414 102MP3 19C20 BYV36E
Product Description
Full Text Search
 

To Download NE5232 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
NE/SA/AU5232 Matched dual high-performance low-voltage operational amplifier
Product data 2002 May 21
Philips Semiconductors
Philips Semiconductors
Product data
Matched dual high-performance low-voltage operational amplifier
NE/SA/AU5232
DESCRIPTION
The NE/SA/AU5232 is a matched, low voltage, high performance dual operational amplifier. Among its unique input and output characteristics is the capability for both input and output rail-to-rail operation, particularly critical in low voltage applications. The output swings to less than 50 mV of both rails across the entire power supply range. The NE/SA/AU5232 is capable of delivering 5.5 V peak-to-peak across a 600 load and will typically draw only 700 A per amplifier. The bandwidth is 2.5 MHz and the 1% settling time is 1.4 s.
PIN CONFIGURATION
D, N Packages
OUTPUT A INVERTING INPUT A NON INVERTING INPUT A V- 1 2 3 4 A -+ B +- 8 7 6 5 V+ OUTPUT B INVERTING INPUT B NON INVERTING INPUT B
SL01163
FEATURES
rails
* Wide common-mode input voltage range: 250 mV beyond both * Output swing within 50 mV of both rails * Functionality to 1.8 V typical * Low current consumption: 700 A per amplifier * 15 mA output current capability * Unity gain bandwidth: 2.5 MHz * Slew rate: 0.8 V/s * Low noise: 33 nV/Hz * Electrostatic discharge protection * Short-circuit protection * Output inversion prevention
Figure 1. Pin configuration.
APPLICATIONS
* Automotive electronics * Signal conditioning and sensing amplification * Portable instrumentation
- Test and measurement - Medical monitors and diagnostics - Remote meters
* Audio equipment * Security systems * Communications
- Pagers - Cellular telephone - LAN - 5 V Datacom bus
* Error amplifier in motor drives * Transducer buffer amplifier
ORDERING INFORMATION
ORDER CODE NE5232D NE5232N SA5232D SA5232N AU5232N AU5232D DESCRIPTION 8-Pin Plastic Small Outline (SO) package 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Small Outline (SO) package 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Small Outline (SO) package TEMPERATURE RANGE 0 C to +70 C 0 C to +70 C -40 C to +85 C -40 C to +85 C -40 C to +125 C -40 C to +125 C DWG # SOT96-1 SOT97-1 SOT96-1 SOT97-1 SOT97-1 SOT96-1
2002 May 21
2
853-2347 28261
Philips Semiconductors
Product data
Matched dual high-performance low-voltage operational amplifier
NE/SA/AU5232
ABSOLUTE MAXIMUM RATINGS
SYMBOL VCC VESD VS VDP IDP Vi(dif) Vi(CM) Vi(CM) PD Tj VSC Tstg Tsld JA Single supply voltage ESD protection voltage at any pin5 human body model robot model Dual supply voltage Voltage at any device pin1 Current into any device pin1 Differential input voltage2 Common-mode input voltage (positive) Common-mode input voltage (negative) Power dissipation3 Operating junction temperature3 Supply voltage allowing indefinite output short circuit to either rail3,4 Storage temperature range Lead soldering temperature (10 sec max) Thermal impedance 8-pin plastic DIP 8-pin plastic SO PARAMETER RATING 7 2000 200 3.5 VS 0.5 50 0.5 VCC + 0.5 VEE - 0.5 500 +150 7 -65 to +150 +230 UNIT V V V V V mA V V V mW C V C C C/W C/W
NOTES: 1. Each pin is protected by ESD diodes. The voltage at any pin is limited by the ESD diodes. 2. The differential input of each amplifier is limited by two internal diodes, connected in parallel and opposite to each other. For more differential input range, use differential resistors in series with the input pins. 3. The maximum operating junction temperature is +150 C. At elevated temperatures, devices must be derated according to the package thermal resistance and device mounting conditions. Derates above +25 C: N package at 9.5 mW/C; D package at 6.25 mW/C. 4. Simultaneous short circuits of two amplifiers to the positive or negative rail can exceed the power dissipation ratings and cause eventual destruction of the device. 5. Guaranteed by design.
RECOMMENDED OPERATING CONDITIONS
SYMBOL VCC VS Vi(CM) Vi(CM) Single supply voltage Dual supply voltage Common-mode input voltage (positive) Common-mode input voltage (negative) Temperature NE SA AU PARAMETER RATING +2 to +5.5 1 to 2.75 VCC + 0.25 VEE - 0.25 0 to +70 -40 to +85 -40 to +125 UNIT V V V V C C C
Tamb
2002 May 21
3
Philips Semiconductors
Product data
Matched dual high-performance low-voltage operational amplifier
NE/SA/AU5232
DC ELECTRICAL CHARACTERISTICS
VCC = 2 V to 5.5 V, VEE = 0 V, Tamb = 25 C; VEE < Vi(CM) < VCC; unless otherwise stated. LIMITS SYMBOL PARAMETER TEST CONDITIONS MIN VCC = 5.5V ICC Supply current VCC = 5.5 V; over full temp. range Over full temp. range NE5232 TYP 1.4 1.5 0.2 0.4 4 0.4 Over full temp. range 0.8 3 Over full temp. range 4 0.02 VEE < Vi(CM) < VEE +0.5 V IB Input bias current1 Over full temp. range VEE +1 V < Vi(CM) < VCC Over full temp. range IB/T IB Input bias current drift with temperature Input bias current difference between any amplifier in the same package at the same ackage common mode level. Common-mode input range VEE < Vi(CM) < VEE +0.5 V Over full temp. range VEE +1 V < Vi(CM) < VCC Over full temp. range VOS 6 mV Vi(CM) VOS 6 mV; Over full temp. range VEE < Vi(CM) < VEE+0.5V; VEE+1V < Vi(CM) < VCC Over full temp. range VEE < Vi(CM) < VCC Over full temp. range VEE < Vi(CM) < VCC Over full temp. range Over full temp. range Over full temp. range IPEAK = 0.1 mA Out ut Output voltage swing VOUT Output voltage swing for g g VCC = 2.75 V, VEE = -2.75 V IPEAK = 10 mA IPEAK = 5 mA; over full temp. range RL = 2 k RL = 600 VEE+0.05 VEE+0.25 VEE+0.22 VEE+0.2 VEE+0.25 VEE-0.25 VEE-0.1 80 75 65 60 80 80 10 5 90 100 100 90 80 100 90 12 8 110 90 VCC-0.05 VCC-0.25 VCC-0.22 VCC-0.2 VCC-0.25 VEE+0.1 VEE+0.25 VEE+0.2 VEE+0.2 VEE+0.25 -200 -225 -90 -100 25 35 0.5 10 25 5 15 30 50 20 30 VCC+0.25 VCC+0.1 VEE-0.25 VEE-0.1 80 75 65 60 80 80 10 5 90 100 90 12 8 110 90 VCC-0.1 VCC-0.25 VCC-0.2 VCC-0.2 VCC-0.25 V V dB mA dB 90 100 dB 70 100 3 4 20 30 .3 -200 -250 MAX 2.0 2.3 4 5 MIN SA5232 TYP 1.4 1.6 0.2 0.6 4 0.4 1.2 3 6 0.03 -90 -150 25 35 0.5 10 50 5 25 30 70 20 50 VCC+0.25 VCC+0.1 V nA 75 120 nA/C nA 3 mV 4 30 60 .3 nA nA/C MAX 2.0 2.4 4 5 mA UNIT
VOS VOS/T
Offset voltage Offset voltage drift with temperature Offset voltage difference between any amplifiers in y the same package at the same common mode level1 Offset current Offset current drift with temperature
mV V/C
VOS
IOS IOS/T
Common-mode rejection ratio, ratio small signal CMRR Common-mode rejection j ratio, large signal PSRR IL AVOL O Power supply rejection yj ratio Peak load current, sink and , source Open-loop Open loop voltage gain
NOTE: 1. These parameters are measured for VEE < VCM < VEE+0.5 V and for VEE+1 V < VCM < VCC. By design these parameters are intermediate for common mode ranges between the measured regions.
2002 May 21
4
Philips Semiconductors
Product data
Matched dual high-performance low-voltage operational amplifier
NE/SA/AU5232
DC ELECTRICAL CHARACTERISTICS
VCC = 2 V to 5.5 V, VEE = 0 V, Tamb = 25 C; VEE < Vi(CM) < VCC; unless otherwise stated. LIMITS SYMBOL PARAMETER TEST CONDITIONS MIN VCC = 5.5V ICC Supply current VCC = 5.5 V; over full temp. range Over full temp. range AU5232 TYP 1.4 1.6 0.2 0.6 4 0.4 Over full temp. range Over full temp. range VEE < Vi(CM) < VEE +0.5 V IB IB/T IB Input bias current1 Over full temp. range VEE +1 V < Vi(CM) < VCC Over full temp. range Input bias current drift with temperature VEE < Vi(CM) < VEE +0.5 V Input bias current difference between any amplifier in the y same package at the same common mode level. Over full temp. range VEE +1 V < Vi(CM) < VCC Over full temp. range VOS 6 mV Vi(CM) Common-mode input range VOS 6 mV; Over full temp. range VEE < Vi(CM) < VEE+0.5V; VEE+1V < Vi(CM) < VCC Over full temp. range Common-mode Common mode rejection ratio, large signal ratio PSRR IL AVOL O Power supply rejection ratio Peak load current, sink and source current Open-loop Open loop voltage gain VEE < Vi(CM) < VCC Over full temp. range VEE < Vi(CM) < VCC Over full temp. range Over full temp. range Over full temp. range IPEAK = 0.1 mA Output voltage swing Out ut VOUT Output voltage swing for g g VCC = 2.75 V, VEE = -2.75 V IPEAK = 10 mA IPEAK = 5 mA; over full temp. range RL = 2 k RL = 600 VEE+0.1 VEE+0.25 VEE+0.2 VEE+0.2 VEE+0.25 VEE-0.25 VEE-0.1 80 70 65 55 80 75 10 5 90 100 90 12 8 110 90 VCC-0.1 VCC-0.25 VCC-0.2 VCC-0.2 VCC-0.25 V V dB mA dB 90 100 dB -200 -250 1.2 3 6 0.03 -90 -150 25 35 0.5 10 50 5 25 30 70 20 50 VCC+0.25 VCC+0.1 V nA 75 120 nA/C nA 3 4 30 60 .3 MAX 2.0 2.4 4 5 mA UNIT
VOS VOS/T VOS IOS IOS/T
Offset voltage Offset voltage drift with temperature Offset voltage difference between any amplifiers in the g y same package at the same common mode level1 Offset current Offset current drift with temperature
mV V/C mV nA nA/C
Common-mode rejection ratio, small signal j , g CMRR
NOTE: 1. These parameters are measured for VEE < VCM < VEE+0.5 V and for VEE+1 V < VCM < VCC. By design these parameters are intermediate for common mode ranges between the measured regions.
2002 May 21
5
Philips Semiconductors
Product data
Matched dual high-performance low-voltage operational amplifier
NE/SA/AU5232
AC ELECTRICAL CHARACTERISTICS
Tamb = +25 C; VCC = 2 V to 5.5 V; RL = 10 k; CL = 100 pF; unless otherwise stated. LIMITS SYMBOL SR BW M tS VN THD PARAMETER Slew rate Unity gain bandwidth: -3 dB Phase Margin 1% settling time Input referred voltage noise Total harmonic distortion TEST CONDITIONS MIN Over full temperature range Over full temperature range CL = 50 pF AV = 1, 1 V step AV = 1, RS = 0 , at 1 kHz 10 kHz, 1VP-P, AV = 1 0.5 2 NE5232 TYP 0.8 2.5 55 1.4 33 0.1 4.0 MAX MIN 0.5 2 SA/AU5232 TYP 0.8 2.5 55 1.4 33 0.1 4.0 MAX V/s MHz deg s nV/Hz1/2 % UNIT
OUTPUT INVERSION PREVENTION
VIN VCC 5V VIN VGND t 47 k VGND CONVENTIONAL OP AMP PHILIPS NE5232 VOUT 47 k VCC VIN VOUT VCC 5V
+ -
VOUT
t
VGND
SL01617
Figure 2. Output inversion prevention.
2002 May 21
6
Philips Semiconductors
Product data
Matched dual high-performance low-voltage operational amplifier
NE/SA/AU5232
SO8: plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
2002 May 21
7
Philips Semiconductors
Product data
Matched dual high-performance low-voltage operational amplifier
NE/SA/AU5232
DIP8: plastic dual in-line package; 8 leads (300 mil)
SOT97-1
2002 May 21
8
Philips Semiconductors
Product data
Matched dual high-performance low-voltage operational amplifier
NE/SA/AU5232
NOTES
2002 May 21
9
Philips Semiconductors
Product data
Matched dual high-performance low-voltage operational amplifier
NE/SA/AU5232
Data sheet status
Data sheet status [1] Objective data Preliminary data Product status [2] Development Qualification Definitions This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Product data
Production
[1] Please consult the most recently issued data sheet before initiating or completing a design. [2] The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
Contact information
For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825
(c) Koninklijke Philips Electronics N.V. 2002 All rights reserved. Printed in U.S.A. Date of release: 06-02
For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
Document order number:
9397 750 09837
Philips Semiconductors
2002 May 21 10


▲Up To Search▲   

 
Price & Availability of NE5232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X