Part Number Hot Search : 
1N3768 2309NZ 2409S TR711 P010033 BB510 1N3768 10023
Product Description
Full Text Search
 

To Download MMFT960T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MMFT960T1/D
Medium Power Field Effect Transistor
N-Channel Enhancement-Mode Silicon Gate TMOS SOT-223 for Surface Mount
This TMOS medium power field effect transistor is designed for high speed, low loss power switching applications such as switching regulators, dc-dc converters, solenoid and relay drivers. The device is housed in the SOT-223 package which is designed for medium power surface mount applications. * Silicon Gate for Fast Switching Speeds * RDS(on) = 1.7 Ohm Max * Low Drive Requirement * The SOT-223 Package can be soldered using wave or reflow. The formed leads absorb thermal stress during soldering eliminating the possibility of damage to the die. * Available in 12 mm Tape and Reel Use MMFT960T1 to order the 7 inch/1000 unit reel Use MMFT960T3 to order the 13 inch/4000 unit reel
1 GATE 3 SOURCE 2,4 DRAIN
MMFT960T1
Motorola Preferred Device
MEDIUM POWER TMOS FET 300 mA 60 VOLTS RDS(on) = 1.7 OHM MAX
(R)
4 1
2 3
CASE 318E-04, STYLE 3 TO-261AA
MAXIMUM RATINGS (TC = 25C unless otherwise noted)
Rating Drain-to-Source Voltage Gate-to-Source Voltage -- Non-Repetitive Drain Current Total Power Dissipation @ TA = 25C(1) Derate above 25C Operating and Storage Temperature Range Symbol VDS VGS ID PD TJ, Tstg Value 60 30 300 0.8 6.4 - 65 to 150 Unit Volts Volts mAdc Watts mW/C C
DEVICE MARKING
FT960
THERMAL CHARACTERISTICS
Thermal Resistance -- Junction-to-Ambient Maximum Temperature for Soldering Purposes Time in Solder Bath RJA TL 156 260 10 C/W C Sec
1. Device mounted on a FR-4 glass epoxy printed circuit board using minimum recommended footprint.
TMOS is a registered trademark of Motorola, Inc. Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
REV 3
Motorola Small-Signal Transistors, FETs and Diodes Device Data (c) Motorola, Inc. 1997
1
MMFT960T1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage (VGS = 0, ID = 10 A) Zero Gate Voltage Drain Current (VDS = 60 V, VGS = 0) Gate-Body Leakage Current (VGS = 15 Vdc, VDS = 0) V(BR)DSS IDSS IGSS 60 -- -- -- -- -- -- 10 50 Vdc Adc nAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage (VDS = VGS, ID = 1.0 mAdc) Static Drain-to-Source On-Resistance (VGS = 10 Vdc, ID = 1.0 A) Drain-to-Source On-Voltage (VGS = 10 V, ID = 0.5 A) (VGS = 10 V, ID = 1.0 A) Forward Transconductance (VDS = 25 V, ID = 0.5 A) VGS(th) RDS(on) VDS(on) -- -- gfs -- -- -- 600 0.8 1.7 -- mmhos 1.0 -- -- -- 3.5 1.7 Vdc Ohms Vdc
DYNAMIC CHARACTERISTICS
Input Capacitance Output Capacitance Transfer Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge 1. Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%. (VGS = 10 V, ID = 1 0 A V 1.0 A, VDS = 48 V) (VDS = 25 V, VGS = 0, V 0 f = 1.0 MHz) Ciss Coss Crss Qg Qgs Qgd -- -- -- -- -- -- 65 33 7.0 3.2 1.2 2.0 -- -- -- -- -- -- nC pF
TYPICAL ELECTRICAL CHARACTERISTICS
5 TJ = 25C I D, DRAIN CURRENT (AMPS) VGS = 10 V 3 8V 7V 2 6V 5V 4V 0 0 4 6 8 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) 2 10 0 0 2 4 6 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) 10 I D, DRAIN CURRENT (AMPS) 4 0.8 1 TJ = 25C TJ = - 55C TJ = 125C 0.6
0.4 VDS = 10 V 0.2
1
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
2
Motorola Small-Signal Transistors, FETs and Diodes Device Data
MMFT960T1
TYPICAL ELECTRICAL CHARACTERISTICS
RDS(on) , DRAIN-SOURCE RESISTANCE (NORMALIZED)
RDS(on) , DRAIN-SOURCE RESISTANCE (OHMS)
5 VGS = 10 V 4
10 ID = 1 A VGS = 10 V
3 TJ = 125C 2 25C 1 - 55C 0 0 0.5 1 1.5 2 ID, DRAIN CURRENT (AMPS) 2.5
1
0.1 - 75
- 50
- 25 0 25 50 75 100 TJ, JUNCTION TEMPERATURE (C)
125
150
Figure 3. On-Resistance versus Drain Current
Figure 4. On-Resistance Variation with Temperature
250 225 I D, DRAIN CURRENT (AMPS) 200 C, CAPACITANCE (pF) 1 175 150 125 100 75 50 25 0 0.3 0.6 0.9 1.2 1.5 VSD, SOURCE-DRAIN DIODE FORWARD VOLTAGE (VOLTS) 0 0 5 Crss 10 15 20 25 VDS, DRAIN-SOURCE VOLTAGE (VOLTS) 30 Coss Ciss VGS = 0 V f = 1 MHz TJ = 25C
TJ = 125C 0.1
TJ = 25C
Figure 5. Source-Drain Diode Forward Voltage
Figure 6. Capacitance Variation
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
10 ID = 1 A TJ = 25C gFS , TRANSCONDUCTANCE (mhos) 9 8 7 6 5 4 3 2 1 0 0 0.5 1 1.5 2 2.5 3 Qg, TOTAL GATE CHARGE (nC) 3.5 4 VDS = 30 V VDS = 48 V
2 VDS = 10 V 1.5
1 TJ = - 55C 0.5 125C 0 25C
0
0.5
1 1.5 ID, DRAIN CURRENT (AMPS)
2
2.5
Figure 7. Gate Charge versus Gate-to-Source Voltage
Figure 8. Transconductance
Motorola Small-Signal Transistors, FETs and Diodes Device Data
3
MMFT960T1
INFORMATION FOR USING THE SOT-223 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to insure proper solder connection
0.15 3.8 0.079 2.0
interface between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process.
0.091 2.3 0.079 2.0 0.059 1.5 0.059 1.5
0.091 2.3
0.248 6.3
0.059 1.5
inches mm
SOT-223
SOT-223 POWER DISSIPATION
The power dissipation of the SOT-223 is a function of the pad size. This can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by TJ(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient, and the operating temperature, TA . Using the values provided on the data sheet for the SOT-223 package, PD can be calculated as follows: PD = TJ(max) - TA RJA dissipation can almost be doubled with this method, area is taken up on the printed circuit board which can defeat the purpose of using surface mount technology. A graph of RJA versus collector pad area is shown in Figure 9.
160 R JA , Thermal Resistance, Junction to Ambient ( C/W) Board Material = 0.0625 G-10/FR-4, 2 oz Copper 0.8 Watts TA = 25C
140
120 1.25 Watts* 1.5 Watts
The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into the equation for an ambient temperature TA of 25C, one can calculate the power dissipation of the device which in this case is 0.8 watts. PD = 150C - 25C = 0.8 watts 156C/W The 156C/W for the SOT-223 package assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 0.8 watts. There are other alternatives to achieving higher power dissipation from the SOT-223 package. One is to increase the area of the collector pad. By increasing the area of the collector pad, the power dissipation can be increased. Although the power
100 *Mounted on the DPAK footprint 0.2 0.4 0.6 A, Area (square inches) 0.8 1.0
Another alternative would be to use a ceramic substrate or an aluminum core board such as Thermal CladTM. Using a board material such as Thermal Clad, an aluminum core board, the power dissipation can be doubled using the same footprint.
80 0.0
Figure 9. Thermal Resistance versus Collector Pad Area for the SOT-223 Package (Typical)
4
Motorola Small-Signal Transistors, FETs and Diodes Device Data
MMFT960T1
SOLDER STENCIL GUIDELINES
Prior to placing surface mount components onto a printed circuit board, solder paste must be applied to the pads. A solder stencil is required to screen the optimum amount of solder paste onto the footprint. The stencil is made of brass or stainless steel with a typical thickness of 0.008 inches. The stencil opening size for the SOT-223 package should be the same as the pad size on the printed circuit board, i.e., a 1:1 registration.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference should be a maximum of 10C.
* The soldering temperature and time should not exceed * When shifting from preheating to soldering, the * After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device. maximum temperature gradient should be 5C or less. 260C for more than 10 seconds.
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of control settings that will give the desired heat pattern. The operator must set temperatures for several heating zones, and a figure for belt speed. Taken together, these control settings make up a heating "profile" for that particular circuit board. On machines controlled by a computer, the computer remembers these profiles from one operating session to the next. Figure 10 shows a typical heating profile for use when soldering a surface mount device to a printed circuit board. This profile will vary among soldering systems but it is a good starting point. Factors that can affect the profile include the type of soldering system in use, density and types of components on the board, type of solder used, and the type of board or substrate material being used. This profile shows temperature versus time. The line on the graph shows the
STEP 1 PREHEAT ZONE 1 "RAMP" 200C STEP 2 STEP 3 VENT HEATING "SOAK" ZONES 2 & 5 "RAMP" DESIRED CURVE FOR HIGH MASS ASSEMBLIES 150C 150C 100C 100C DESIRED CURVE FOR LOW MASS ASSEMBLIES 50C 140C
actual temperature that might be experienced on the surface of a test board at or near a central solder joint. The two profiles are based on a high density and a low density board. The Vitronics SMD310 convection/infrared reflow soldering system was used to generate this profile. The type of solder used was 62/36/2 Tin Lead Silver with a melting point between 177 -189C. When this type of furnace is used for solder reflow work, the circuit boards and solder joints tend to heat first. The components on the board are then heated by conduction. The circuit board, because it has a large surface area, absorbs the thermal energy more efficiently, then distributes this energy to the components. Because of this effect, the main body of a component may be up to 30 degrees cooler than the adjacent solder joints.
STEP 6 STEP 7 STEP 5 STEP 4 VENT COOLING HEATING HEATING ZONES 3 & 6 ZONES 4 & 7 205 TO "SPIKE" "SOAK" 219C 170C PEAK AT SOLDER 160C JOINT SOLDER IS LIQUID FOR 40 TO 80 SECONDS (DEPENDING ON MASS OF ASSEMBLY)
TIME (3 TO 7 MINUTES TOTAL)
TMAX
Figure 10. Typical Solder Heating Profile Motorola Small-Signal Transistors, FETs and Diodes Device Data 5
MMFT960T1
PACKAGE DIMENSIONS
A F
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
4
S
1 2 3
B
D L G J C 0.08 (0003) H M K
INCHES DIM MIN MAX A 0.249 0.263 B 0.130 0.145 C 0.060 0.068 D 0.024 0.035 F 0.115 0.126 G 0.087 0.094 H 0.0008 0.0040 J 0.009 0.014 K 0.060 0.078 L 0.033 0.041 M 0_ 10 _ S 0.264 0.287
MILLIMETERS MIN MAX 6.30 6.70 3.30 3.70 1.50 1.75 0.60 0.89 2.90 3.20 2.20 2.40 0.020 0.100 0.24 0.35 1.50 2.00 0.85 1.05 0_ 10 _ 6.70 7.30
CASE 318E-04 ISSUE H TO-261AA
STYLE 3: PIN 1. 2. 3. 4.
GATE DRAIN SOURCE DRAIN
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
6
Motorola Small-Signal Transistors, FETs and Diodes MMFT960T1/D Device Data


▲Up To Search▲   

 
Price & Availability of MMFT960T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X