Part Number Hot Search : 
TC4211 CA3338M SMP1060 AUIRF H5RE29AC AHF2812D D5300 10006
Product Description
Full Text Search
 

To Download MCC44 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC44 MCD44
Thyristor Modules Thyristor/Diode Modules
ITRMS = 2x80 A ITAVM = 2x51 A VRRM = 800-1800 V
TO-240 AA
2 1 3 6 7
VRSM VDSM V 900 1300 1500 1700 1900 Symbol ITRMS, IFRMS ITAVM, IFAVM ITSM, IFSM
VRRM VDRM V 800 1200 1400 1600 1800
Type Version MCC MCC MCC MCC MCC 44-08 44-12 44-14 44-16 44-18 1B io1 B / io1 B / io1 B / io1 B / io1 B / 8B io8 B io8 B io8 B io8 B io8 B Version MCD MCD MCD MCD MCD 44-08 44-12 44-14 44-16 44-18 1B 8B
4
5
io1 B / io8 B io1 B / io8 B io1 B / io8 B io1 B / io8 B io1 B / io8 B
3 671 542
Conditions TVJ = TVJM TC = 83C; 180 sine TC = 85C; 180 sine TVJ = 45C; VR = 0; TVJ = TVJM; t = 10 ms; VR = 0; t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine
Maximum Ratings 80 51 49 1150 1230 1000 1070 6600 6280 5000 4750 150 A A A A A A A A2s A2s As A2s A/s
2
MCC Version 1 B
3 1 5 42
MCD Version 1 B
I2dt
TVJ = 45C; VR = 0, TVJ = TVJM; VR = 0;
3
6
1
52
MCC Version 8 B
3 1 52
(di/dt)cr
TVJ = TVJM; repetitive, IT = 150 A f = 50Hz; tP = 200s; VD = 2/3 VDRM; IG = 0.45 A; non repetitive, IT = ITAVM diG/dt = 0.45 A/s TVJ = TVJM; VDR = /3 VDRM RGK = ; method 1 (linear voltage rise) TVJ = TVJM; IT = ITAVM; tP = 30 s tP = 300 s
2
MCD Version 8 B Features
500 1000 10 5 0.5 10 -40...+125 125 -40...+125
A/s V/s W W W V C C C V~ V~ * International standard package, JEDEC TO-240 AA * Direct copper bonded Al2O3-ceramic base plate * Planar passivated chips * Isolation voltage 3600 V~ * UL registered, E 72873 * Gate-cathode twin pins for version 1B Applications * DC motor control * Softstart AC motor controller * Light, heat and temperature control Advantages * Space and weight savings * Simple mounting with two screws * Improved temperature and power cycling * Reduced protection circuits
419
(dv/dt)cr PGM PGAV VRGM TVJ TVJM Tstg VISOL Md Weight
50/60 Hz, RMS; IISOL 1 mA;
t = 1 min t=1s
3000 3600
Mounting torque (M5) Terminal connection torque (M5) typical including screws
2.5-4.0/22-35 Nm/lb.in. 2.5-4.0/22-35 Nm/lb.in. 90 g
IXYS reserves the right to change limits, test conditions and dimensions
(c) 2004 IXYS All rights reserved
1-4
MCC44 MCD44
Symbol IRRM, IDRM VT, VF VT0 rT VGT IGT VGD IGD IL IH tgd tq QS IRM RthJC RthJK dS dA a Conditions TVJ = TVJM; VR = VRRM; VD = VDRM IT, IF = 200 A; TVJ = 25C For power-loss calculations only (TVJ = 125C) VD = 6 V; VD = 6 V; TVJ = TVJM; TVJ TVJ TVJ TVJ = = = = 25C -40C 25C -40C Characteristic Values 5 1.75 0.85 5.3 1.5 1.6 100 200 0.2 10 450 200 2 typ. 150 90 11 0.53 0.265 0.73 0.365 12.7 9.6 50 mA V V m V V mA mA V mA mA mA s s C A K/W K/W K/W K/W mm mm m/s2
10 0.1 100 IGD, TVJ = 125C 101 102 4: PGAV = 0.5 W 5: PGM = 5W 6: PGM = 10 W 103 IG 3 1 1 4 2 5 6 VG 10 1: IGT, TVJ = 125C
V
2: IGT, TVJ = 25C 3: IGT, TVJ = -40C
VD = 2/3 VDRM
TVJ = 25C; tP = 10 s, VD = 6 V IG = 0.45 A; diG/dt = 0.45 A/s TVJ = 25C; VD = 6 V; RGK = TVJ = 25C; VD = 1/2 VDRM IG = 0.45 A; diG/dt = 0.45 A/s TVJ = TVJM; IT = 120 A, tP = 200 s; -di/dt = 10 A/s VR = 100 V; dv/dt = 20 V/s; VD = 2/3 VDRM TVJ = TVJM; IT /IF = 50 A, -di/dt = 0.64 A/s per per per per thyristor/diode; DC current module thyristor/diode; DC current module
mA 104
Fig. 1 Gate trigger characteristics
1000 TVJ = 25C
s
tgd typ. 100 Limit
other values see Fig. 8/9
Creepage distance on surface Strike distance through air Maximum allowable acceleration
Optional accessories for module-type MCC 44 version 1 B Keyed gate/cathode twin plugs with wire length = 350 mm, gate = yellow, cathode = red Type ZY 200L (L = Left for pin pair 4/5) UL 758, style 1385, Type ZY 200R (R = right for pin pair 6/7) CSA class 5851, guide 460-1-1
1 10
100 IG
mA
1000
Fig. 2 Gate trigger delay time Dimensions in mm (1 mm = 0.0394") MCC/MCD Version 1 B MCC Version 8 B MCD Version 8 B
IXYS reserves the right to change limits, test conditions and dimensions
2-4
(c) 2004 IXYS All rights reserved
333 419
MCC44 MCD44
Fig. 3 Surge overload current ITSM, IFSM: Crest value, t: duration
Fig. 4 i2dt versus time (1-10 ms)
Fig. 4a Maximum forward current at case temperature Fig. 5 Power dissipation versus onstate current and ambient temperature (per thyristor or diode)
Fig. 6 Three phase rectifier bridge: Power dissipation versus direct output current and ambient temperature
IXYS reserves the right to change limits, test conditions and dimensions
(c) 2004 IXYS All rights reserved
3-4
419
MCC44 MCD44
Fig. 7 Three phase AC-controller: Power dissipation versus RMS output current and ambient temperature
Fig. 8 Transient thermal impedance junction to case (per thyristor or diode) RthJC for various conduction angles d: d DC 180 120 60 30 RthJC (K/W) 0.53 0.55 0.58 0.6 0.62
Constants for ZthJC calculation: i 1 2 3 Rthi (K/W) 0.015 0.026 0.489 ti (s) 0.0035 0.02 0.195
Fig. 9 Transient thermal impedance junction to heatsink (per thyristor or diode) RthJK for various conduction angles d: d DC 180 120 60 30 RthJK (K/W) 0.73 0.75 0.78 0.8 0.82
Constants for ZthJK calculation: i 1 2 3 4
IXYS reserves the right to change limits, test conditions and dimensions
Rthi (K/W) 0.015 0.026 0.489 0.2
ti (s) 0.0035 0.02 0.195 0.68
419
4-4
(c) 2004 IXYS All rights reserved


▲Up To Search▲   

 
Price & Availability of MCC44

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X