Part Number Hot Search : 
SDM150 MC14081B 74HCT14D ADA102 250BZX SD526 L7113GT DFLZ18
Product Description
Full Text Search
 

To Download MBRS360TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20586 rev. C 03/03
MBRS360TR
SCHOTTKY RECTIFIER 3 Amp
SMC
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ t p= 5 s sine VF TJ @3.0 Apk, TJ= 125C range
Description/Features
The MBRS360TR surface-mount Schottky rectifier has been designed for applications requiring low forward drop and small foot prints on PC boards. Typical applications are in disk drives, switching power supplies, converters, free-wheeling diodes, battery charging, and reverse battery protection. Small foot print, surface mountable Very low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
MBRS360TR Units
3.0 60 790 0.61 - 55 to 150 A V A V C
Device Marking: IR36
2.75 (.108) 3.15 (.124)
5.59 (.220) 6.22 (.245)
CATHODE
ANODE
6.60 (.260) 7.11 (.280) .152 (.006) .305 (.012) 2.00 (.079) 2.62 (.103) .102 (.004) 0.76 (.030) 1.52 (.060) 7.75 (.305) 8.13 (.320) .203 (.008)
1 POLARITY 2 PART NUMBER 1 2
Outline SMC Dimensions in millimeters and (inches) For recommended footprint and soldering techniques refer to Application Note # AN-994
www.irf.com
1
MBRS360TR
Bulletin PD-20586 rev. C 03/03
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
MBRS360TR
60
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current
Value
3.0 4.0
Units Conditions
A 50% duty cycle @ TL = 118 C, rectangular wave form 50% duty cycle @ TL = 105 C, rectangular wave form A 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse mJ A TJ = 25 C, IAS = 1.0A, L = 10mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. Va = 1.5 x Vr typical Following any rated load condition and with rated VRRM applied
IFSM
Max. Peak One Cycle Non-Repetitive Surge Current
790 80 5.0 1.0
EAS IAR
Non Repetitive Avalanche Energy Repetitive Avalanche Current
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (1)
Typ
0.57 0.72 0.51 0.62
Max Units Conditions
0.74 0.9 0.61 0.77 0.5 20 30 180 3.0 10000 V V V V mA mA mA pF nH V/s @ 3A @ 6A @ 3A @ 6A TJ = 25 C TJ = 100C TJ = 125 C VR = 5VDC(test signal range 100KHz to 1Mhz) 25C Measured lead to lead 5mm from package body (Rated VR) VR = rated VR TJ = 125 C TJ = 25 C
IRM
Max. Reverse Leakage Current
(1)
-
CT LS
Max. Junction Capacitance Typical Series Inductance
-
dv/dt Max. Voltage Rate of Change
(1) Pulse Width < 300s, Duty Cycle < 2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Storage Temperature Range (**) 46 C/W DC operation
Value
- 55 to 150 12
Units
C C C/W DC operation
Conditions
Max. Junction Temperature Range (*) - 55 to 150
RthJL Max. Thermal Resistance Junction to Lead RthJA Max. Thermal Resistance Junction to Ambient wt Approximate Weight Case Style Device Marking
(*) dPtot
0.24(0.008) g (oz.) SMC IR36 Similar to DO-214AB
1 < thermal runaway condition for a diode on its own heatsink dTj Rth( j-a) (**) Mounted 1 inch square PCB
2
www.irf.com
MBRS360TR
Bulletin PD-20586 rev. C 03/03
10
100 10 1 0.1 0.01
25C T = 150C J 125C 100C 75C 50C
F
Instantaneous Forward Current - I
Tj = 150C Tj = 100C Tj = 25C
Reverse Current - I R (mA)
(A)
0.001
0 5 10 15 20 25 30 35 Reverse Voltage - VR (V) 40
1
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
1000
Junction Capacitance - C T (p F)
T = 25C J
100
0.1 0.2
10
0.4 0.6 0.8 1 Forward Voltage Drop - VFM (V) 1.2
0
10
20
30
40
50
60
70
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
100
(C/W)
thJC
10
Thermal Impedance Z
1
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
Notes:
PDM
t1 t2
Single Pulse (Thermal Resistance)
1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC + Tc
0.1 0.00001
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance Z thJC Characteristics (Per Leg)
www.irf.com
3
MBRS360TR
Bulletin PD-20586 rev. C 03/03
160
Allowable Lead Temperature (C)
Average Power Loss (Watts)
150 140 130 120 110 100 90 80 70 see note (2) 60 0 1
DC
D=0.20 D=0.25 D=0.33 D=0.50 D=0.75
3 2.5 2 1.5 1 0.5 0
RMS Limit
Square wave (D = 0.50) Rated Vr applied
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 DC DC
2
3
4
5
0
1
2
3
4
5
Average Forward Current - I F(AV) (A) Fig. 4 - Maximum Average Forward Current Vs. Allowable Lead Temperature
Average Forward Current - I F(AV) (A) Fig. 5 - Maximum Average Forward Dissipation Vs. Average Forward Current
Non-Repetitive Surge Current - I
FSM
(A)
1000
100
At Any Rated Load Condition And With rated Vrrm Applied Following Surge
10 10
100
1000
10000
Square Wave Pulse Duration - Tp (Microsec) Fig. 6 - Maximum Peak Surge Forward Current Vs. Pulse Duration
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
MBRS360TR
Bulletin PD-20586 rev. C 03/03
Tape & Reel Information
330 (13)
16 (0.63)
8 (0.32) 16 (0.63)
FEED DIRECTION
Dimensions in millimetres and (inches)
Marking & Identification
Each device has 2 rows for identification. The first row designates the device as manufactured by International Rectifier as indicated by the letters "IR", and the Part Number (indicates the current and the voltage rating). The second row indicates the year, the week of manufacturing and the Site ID.
Ordering Information
MBRS360TR - TAPE AND REEL WHEN ORDERING, INDICATE THE PART NUMBER AND THE QUANTITY ( IN MULTIPLES OF 3000 PIECES). EXAMPLE: MBRS360TR - 6000 PIECES
IR36
VOLTAGE CURRENT
IR LOGO
YYWWX
SITE ID WEEK YEAR
www.irf.com
5
MBRS360TR
Bulletin PD-20586 rev. C 03/03
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 03/03
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of MBRS360TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X