Part Number Hot Search : 
40N60 2SC1324 400JL6 ESD7321 16F16 1N4739AW S1205 MA4AGSW
Product Description
Full Text Search
 

To Download MBD330DWT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Dual SCHOTTKY Barrier Diodes
Application circuit designs are moving toward the consolidation of device count and into smaller packages. The new SOT-363 package is a solution which simplifies circuit design, reduces device count, and reduces board space by putting two discrete devices in one small six- leaded package. The SOT-363 is ideal for low-power surface mount applications where board space is at a premium, such as portable products.
Surface Mount Comparisons:
Area (mm 2 ) Max Package P D (mW) Device Count SOT-363 4.6 120 2 SOT-23 7.6 225 1
1 2 3
MBD110DWT1 MBD330DWT1 MBD770DWT1
6 5 4
SOT-363 CASE 419B-01, STYLE 6
Space Savings:
Package SOT-363 1 x SOT-23 40% 2 x SOT-23 70% Cathode 6 N/C 5 Anode 4
The MBD110DW, MBD330DW, and MBD770DW devices are spin-offs of our popular MMBD101LT1, MMBD301LT1, and MMBD701LT1 SOT-23 devices. They are designed for high-efficiency UHF and VHF detector applications. Readily available to many other fast switching RF and digital applications. * Extremely Low Minority Carrier Lifetime * Very Low Capacitance * Low Reverse Leakage
1 Anode
2 N/C
3 Cathode
MAXIMUM RATINGS
Rating Reverse Voltage MBD110DWT1 MBD330DWT1 MBD770DWT1 Forward Power Dissipation T A = 25C Junction Temperature Storage Temperature Range PF TJ T stg Symbol VR Value 7.0 30 70 120 -55 to +125 -55 to +150 Unit Vdc
mW C C
DEVICE MARKING
MBD110DWT1 = M4 MBD330DWT1 = T4 MBD770DWT1 = H5 Thermal Clad is a trademark of the Bergquist Company.
MBD110-1/5
LESHAN RADIO COMPANY, LTD.
MBD110DWT1 MBD330DWT1 MBD770DWT1
ELECTRICAL CHARACTERISTICS (T A = 25C unless otherwise noted)
Characteristic Reverse Breakdown Voltage (I R = 10 A) Symbol V (BR)R MBD110DWT1 MBD330DWT1 MBD770DWT1 CT MBD110DWT1 CT MBD330DWT1 MBD770DWT1 IR MBD110DWT1 MBD330DWT1 MBD770DWT1 NF MBD110DWT1 VF MBD110DWT1 MBD330DWT1 MBD770DWT1 -- -- -- -- -- 0.5 0.38 0.52 0.42 0.7 0.6 0.45 0.6 0.5 1.0 -- 6.0 -- Vdc -- -- -- 0.02 13 9.0 0.25 200 200 A nAdc nAdc dB -- -- 0.9 0.5 1.5 1.0 -- 0.88 1.0 pF Min 7.0 30 70 Typ 10 -- -- Max -- -- -- pF Unit Volts
Diode Capacitance (V R = 0, f = 1.0 MHz, Note 1) Total Capacitance (V R = 15 Volts, f = 1.0 MHz) (V R = 20 Volts, f = 1.0 MHz) Reverse Leakage (V R = 3.0 V) (V R = 25 V) (V R = 35 V) Noise Figure (f = 1.0 GHz, Note 2) Forward Voltage (I F = 10 mA) (I F = 1.0 mAdc) (I F = 10 mA) (I F = 1.0 mAdc) (I F = 10 mA)
MBD110-2/5
LESHAN RADIO COMPANY, LTD.
MBD110DWT1 MBD330DWT1 MBD770DWT1
TYPICAL CHARACTERISTICS -- MBD110DWT1
1.0 0.7 0.5
100
0.2
I F, FORWARD CURRENT (mA)
40 50 60 70 80 90 100 110 120 130
I R, REVERSE LEAKAGE ( A)
10
0.1 0.07 0.05
1.0
0.02 0.01 30
0.1 0.3 0.4 0.5 0.6 0.7 0.8
T A , AMBIENT TEMPERATURE (C)
V F , FORWARD VOLTAGE (VOLTS)
Figure 1. Reverse Leakage
Figure 2. Forward Voltage
1.0
11 10 9
C, CAPACITANCE (pF)
0.9
NF, NOISE FIGURE (dB)
8 7 6 5 4 3 2 1
0.8
0.7
0.6 0 1.0 2.0 3.0 4.0
0.1
0.2
0.5
1.0
2.0
5.0
10
V R , REVERSE VOLTAGE (VOLTS)
P LO , LOCAL OSCILLATOR POWER (mW)
Figure 3. Capacitance
Figure 4. Noise Figure NOTES ON TESTING AND SPECIFICATIONS Note 1 - C C and C T are measured using a capacitance bridge (Boonton Electronics Model 75A or equivalent). Note 2 - Noise figure measured with diode under test in tuned diode mount using UHF noise source and local oscillator (LO) frequency of 1.0 GHz. The LO power is adjusted for 1.0 mW. I F amplifier NF = 1.5 dB, f = 30 MHz, see Figure 5. Note 3 - L S is measured on a package having a
Figure 5. Noise Figure Test Circuit
short instead of a die, using an impedance bridge (Boonton Radio Model 250A RX Meter).
MBD110-3/5
LESHAN RADIO COMPANY, LTD.
MBD110DWT1 MBD330DWT1 MBD770DWT1
TYPICAL CHARACTERISTICS MBD330DWT1
2.4 2.0 1.6 1.2 0.8 0.4 0 0
, MINORITY CARRIER LIFETIME (ps)
3.0 6.0 9.0 12 15 18 21 24 27 30
2.8
500
C T , TOTAL CAPACITANCE (pF)
400
300
200
100
0 0 10 20 30 40 50 60 70 80 90 100
V R , REVERSE VOLTAGE (VOLTS)
I F , FORWARD CURRENT (mA)
Figure 6. Total Capacitance
Figure 7. Minority Carrier Lifetime
10
100
I R , REVERSE LEAKAGE (A)
1.0
I F , FORWARD CURRENT (mA)
10
0.1
1.0
0.01
0.001 0
0.1 6.0 12 18 24 30 0.2 0.4 0.6 0.8 1.0 1.2
V R , REVERSE VOLTAGE (VOLTS)
V F , FORWARD VOLTAGE (VOLTS)
Figure 8. Reverse Leakage
Figure 9. Forward Voltage
MBD110-4/5
LESHAN RADIO COMPANY, LTD.
MBD110DWT1 MBD330DWT1 MBD770DWT1
TYPICAL CHARACTERISTICS MBD770DWT1
1.6
, MINORITY CARRIER LIFETIME (ps)
5.0 10 15 20 25 30 35 40 45 50
2.0
500
C T , TOTAL CAPACITANCE (pF)
400
1.2
300
0.8
200
0.4
100
0 0
0 0 10 20 30 40 50 60 70 80 90 100
V R , REVERSE VOLTAGE (VOLTS)
I F , FORWARD CURRENT (mA)
Figure 10 . Total Capacitance
Figure 11. Minority Carrier Lifetime
10
100
I R , REVERSE LEAKAGE (A)
1.0
I F , FORWARD CURRENT (mA)
10
0.1
1.0
0.01
0.001 0
0.1 10 20 30 40 50 0.2 0.4 0.8 1.2 1.6 2.0
V R , REVERSE VOLTAGE (VOLTS)
V F , FORWARD VOLTAGE (VOLTS)
Figure 12. Reverse Leakage
Figure 13. Forward Voltage
MBD110-5/5


▲Up To Search▲   

 
Price & Availability of MBD330DWT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X