Part Number Hot Search : 
04001 N4730 12S12 PLS153AN DTA115EM 2SK2508 A50HGVM F1D38
Product Description
Full Text Search
 

To Download MAX782CD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-0146; Rev 2; 5/94
In
Kit ed d tion lua Inclu Eva tion a form
Triple-Output Power-Supply Controller for Notebook Computers
___________________________Features
o o o o o Dual PWM Buck Controllers (+3.3V and +5V) Dual PCMCIA VPP Outputs (0V/5V/12V) Three Precision Comparators or Level Translators 95% Efficiency 420A Quiescent Current; 70A in Standby (linear regulators alive) o 5.5V to 30V Input Range o Small SSOP Package o Fixed Output Voltages Available: 3.3 (standard) 3.45 (High-Speed PentiumTM) 3.6 (PowerPCTM)
_______________General Description
The MAX782 is a system-engineered power-supply controller for notebook computers or similar battery-powered equipment. It provides two high-performance step-down (buck) pulse-width modulators (PWMs) for +3.3V and +5V, and dual PCMCIA VPP outputs powered by an integral flyback winding controller. Other functions include dual, lowdropout, micropower linear regulators for CMOS/RTC backup, and three precision low-battery-detection comparators. High efficiency (95% at 2A; greater than 80% at loads from 5mA to 3A) is achieved through synchronous rectification and PWM operation at heavy loads, and IdleMode TM operation at light loads. It uses physically small components, thanks to high operating frequencies (300kHz/200kHz) and a new current-mode PWM architecture that allows for output filter capacitors as small as 30F per ampere of load. Line- and load-transient response are terrific, with a high 60kHz unity-gain crossover frequency allowing output transients to be corrected within four or five clock cycles. Low system cost is achieved through a high level of integration and the use of low-cost, external N-channel MOSFETs. The integral flyback winding controller provides a low-cost, +15V high-side output that regulates even in the absence of a load on the main output. Other features include low-noise, fixed-frequency PWM operation at moderate to heavy loads and a synchronizable oscillator for noise-sensitive applications such as electromagnetic pen-based systems and communicating computers. The MAX782 is a monolithic BiCMOS IC available in fine-pitch, SSOP surface-mount packages.
MAX782
______________Ordering Information
PART MAX782CBX MAX782RCBX MAX782SCBX TEMP. RANGE 0C to +70C 0C to +70C 0C to +70C PIN-PACKAGE 36 SSOP 36 SSOP 36 SSOP VOUT 3.3V 3.45V 3.6V
Ordering Information continued on last page.
__________________Pin Configuration
TOP VIEW
ON3 1 D1 2 D2 3 D3 4 VH 5 Q3 6 Q2 7 Q1 8 VPPA 9 VDD 10 VPPB 11 GND 12 36 SS3 35 CS3 34 FB3 33 DH3
_______________________Applications
Notebook Computers Portable Data Terminals Communicating Computers Pen-Entry Systems
MAX782
32 LX3 31 BST3 30 DL3 29 V+ 28 VL 27 FB5 26 PGND 25 DL5 24 BST5 23 LX5 22 DH5 21 CS5 20 SS5 19 ON5
______Typical Application Diagram
+3.3V 5.5V TO 30V VPP CONTROL ON3 ON5 SYNC VPP (0V/5V/12V) VPP (0V/5V/12V) 4 SUSPEND POWER LOW-BATTERY WARNING DUAL PCMCIA SLOTS POWER SECTION P MEMORY +5V PERIPHERALS
REF 13 SYNC 14 DA1 15 DA0 16 DB1 17 DB0 18
MAX782
SSOP
TMIdle-Mode is a trademark of Maxim Integrated Products. Pentium is a trademark of Intel. PowerPC is a trademark of IBM. ________________________________________________________________ Maxim Integrated Products 1
Call toll free 1-800-998-8800 for free samples or literature.
Triple-Output Power-Supply Controller for Notebook Computers MAX782
ABSOLUTE MAXIMUM RATINGS
V+ to GND .................................................................-0.3V, +36V PGND to GND........................................................................2V VL to GND ...................................................................-0.3V, +7V BST3, BST5 to GND ..................................................-0.3V, +36V LX3 to BST3.................................................................-7V, +0.3V LX5 to BST5.................................................................-7V, +0.3V Inputs/Outputs to GND (D1-D3, ON5, REF, SYNC, DA1, DA0, DB1, DB0, ON5, SS5, CS5, FB5, CS3, FB3, SS3, ON3) ..........-0.3V, (VL + 0.3V) VDD to GND.................................................................-0.3V, 20V VPPA, VPPB to GND.....................................-0.3V, (VDD + 0.3V) VH to GND ...................................................................-0.3V, 20V Q1-Q3 to GND.................................................-0.3V, (VH + 0.3V) DL3, DL5 to PGND...........................................-0.3V, (VL + 0.3V) DH3 to LX3 ..................................................-0.3V, (BST3 + 0.3V) DH5 to LX5 ..................................................-0.3V, (BST5 + 0.3V) REF, VL, VPP Short to GND........................................Momentary REF Current.........................................................................20mA VL Current ...........................................................................50mA VPPA, VPPB Current .........................................................100mA Continuous Power Dissipation (TA = +70C) SSOP (derate 11.76mW/C above +70C) ...................941mW Operating Temperature Ranges: MAX782CBX/MAX782__CBX ...............................0C to +70C MAX782EBX/MAX782__EBX ............................-40C to +85C Storage Temperature Range .............................-65C to +160C Lead Temperature (soldering, 10sec) .............................+300C
Stresses beyond those listed under "Absolute Maximum Ratings`" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(V+ = 15V, GND = PGND = 0V, IVL = IREF = 0mA, ON3 = ON5 = 5V, other digital input levels are 0V or +5V, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER +3.3V AND 5V STEP-DOWN CONTROLLERS Input Supply Range FB5 Output Voltage 0mV < (CS5-FB5) < 70mV, 6V < V+ < 30V (includes load and line regulation) MAX782 0mV < (CS3-FB3) < 70mV, 6V < V+ < 30V MAX782R (includes load and line regulation) MAX782S Either controller (CS_ - FB_ = 0mV to 70mV) Either controller (V+ = 6V to 30V) CS3-FB3 or CS5-FB5 CS5-FB5 (VDD < 13V, flyback mode) CONDITIONS MIN 5.5 4.80 3.17 3.32 3.46 5.08 3.35 3.50 3.65 2 0.03 100 -100 4.0 TYP MAX 30 5.20 3.46 3.60 3.75 UNITS V V V V V % %/V mV A mA V V mA A A
FB3 Output Voltage Load Regulation Line Regulation Current-Limit Voltage SS3/SS5 Source Current SS3/SS5 Fault Sink Current 15V FLYBACK CONTROLLER VDD Regulation Setpoint VDD Shunt Setpoint VDD Shunt Current Quiescent VDD Current VDD Off Current PCMCIA REGULATORS (Note 1)
80 -50 2.5 2
120 -160 6.5
Falling edge, hysteresis = 1% Rising edge, hysteresis = 1% VDD = 20V VDD = 18V, ON3 = ON5 = 5V, VPPA/B programmed to 12V with no external load VDD = 18V, ON3 = ON5 = 5V, VPPA/B programmed to Hi-Z or 0V Program to 12V, 13V < VDD < 19V, 0mA < IL < 60mA
13 18 2
14 20 3 140 15 300 30
11.6 4.85 -0.3
12.1 5.05
12.5 5.20 0.3 35 A V
VPPA/VPPB Output Voltage VPPA/VPPB Off Input Current 2
Program to 5V, 13V < VDD < 19V, 0mA < IL < 60mA Program to 0V, 13V < VDD < 19V, -0.3mA < IL < 0.3mA Program to Hi-Z, VDD = 19V, 0V < VPP < 12V
_______________________________________________________________________________________
Triple-Output Power-Supply Controller for Notebook Computers
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, GND = PGND = 0V, IVL = IREF = 0mA, ON3 = ON5 = 5V, other digital input levels are 0V or +5V, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER CONDITIONS MIN TYP MAX UNITS INTERNAL REGULATOR AND REFERENCE VL Output Voltage VL Fault Lockout Voltage VL/FB5 Switchover Voltage REF Output Voltage REF Fault Lockout Voltage REF Load Regulation V+ Standby Current Quiescent Power Consumption (both PWM controllers on) V+ Off Current COMPARATORS D1-D3 Trip Voltage D1-D3 Input Current Q1-Q3 Source Current Q1-Q3 Sink Current Q1-Q3 Output High Voltage Q1-Q3 Output Low Voltage Quiescent VH Current Falling edge, hysteresis = 1% D1 = D2 = D3 = 0V to 5V VH = 15V, Q1-Q3 forced to 2.5V VH = 15V, Q1-Q3 forced to 2.5V ISOURCE = 5A, VH = 3V ISINK = 20A, VH = 3V VH = 18V, D1 = D2 = D3 = 5V, no external load SYNC = 3.3V SYNC = 0V or 5V 270 170 200 200 Not tested 240 SYNC = 3.3V SYNC = 0V or 5V ON3, ON5, DA0, DA1, DB0, DB1, SYNC ON3, ON5, DA0, DA1, DB0, DB1 SYNC ON3, ON5, DA0, DA1, DB0, DB1, VIN = 0V or 5V DL3, DL5 forced to 2V BST3-LX3 = BST5-LX5 = 4.5V, DH3, DH5 forced to 2V High or low High or low, BST3-LX3 = BST5-LX5 = 4.5V 1 1 7 7 2.4 VL-0.5 1 89 92 92 95 0.8 200 350 6 300 200 12 200 VH-0.5 0.4 10 330 230 20 500 1.61 1.69 100 30 1000 V nA A A V V A ON5 = ON3 = 0V, 5.5V < V+ < 30V, 0mA < IL < 25mA Falling edge, hysteresis = 1% Rising edge of FB5, hysteresis = 1% No external load (Note 2) Falling edge 0mA < IL < 5mA D1 = D2 = D3 = ON3 = ON5 = DA0 = DA1 = DB0 = DB1 = 0V, V+ = 30V D1 = D2 = D3 = DA0 = DA1 = DB0 = DB1 = 0V, FB5 = CS5 = 5.25V, FB3 = CS3 = 3.5V FB5 = CS5 = 5.25V, VL switched over to FB5 4.5 3.6 4.2 3.24 2.4 30 70 6.0 30 5.5 4.2 4.7 3.36 3.2 75 110 8.6 60 V V V V V mV A mW A
MAX782
OSCILLATOR AND INPUTS/OUTPUTS Oscillator Frequency SYNC High Pulse Width SYNC Low Pulse Width SYNC Rise/Fall Time Oscillator SYNC Range Maximum Duty Cycle Input Low Voltage Input High Voltage Input Current DL3/DL5 Sink/Source Current DH3/DH5 Sink/Source Current DL3/DL5 On Resistance DH3/DH5 On Resistance kHz ns ns ns kHz % V V A A A
Note 1: Output current is further limited by maximum allowable package power dissipation. Note 2: Since the reference uses VL as its supply, V+ line regulation error is insignificant.
_______________________________________________________________________________________
3
Triple-Output Power-Supply Controller for Notebook Computers MAX782
__________________________________________Typical Operating Characteristics
(Circuit of Figure 1, Transpower transformer type TTI5870, TA = +25C, unless otherwise noted.)
EFFICIENCY vs. +5V OUTPUT CURRENT, 200kHz
100 VIN = 10V EFFICIENCY (%) EFFICIENCY (%) 90 VIN = 15V 90 VIN = 6V 100
EFFICIENCY vs. +5V OUTPUT CURRENT, 300kHz
IDD = 0mA +3.3V OFF
IDD OUTPUT CURRENT vs. INPUT VOLTAGE COILTRONIX CTX03-12062 TRANSFORMER
10 +3V LOAD = 0mA RSENSE = 0.020
VIN = 6V IDD LOAD CURRENT (A) 1 +5V LOAD = 0A-1A
VIN = 15V VIN = 30V
+5V LOAD = 3A 0.1
80 COMPONENTS, OF TABLE 5. SYNC = 0V, +3.3V OFF, IDD = 0mA 0.01 0.1 1 10
80
70 0.001
70 0.001
0.01 0.01 0.1 1 10 5 10 15 20 25 30 +5V OUTPUT CURRENT (A) INPUT VOLTAGE (V)
+5V OUTPUT CURRENT (A)
EFFICIENCY vs. +3.3V OUTPUT CURRENT, 200kHz
100 +5V ON, +5V LOAD = 0mA IDD = 0mA, COMPONENTS OF TABLE 5 EFFICIENCY (%) EFFICIENCY (%) 90 VIN = 6V VIN = 10V VIN = 15V 90 100
EFFICIENCY vs. +3.3V OUTPUT CURRENT, 300kHz
IDD = 0mA +5V ON +5V LOAD = 0mA 10000 VIN = 6V INPUT CURRENT (A) 1000
QUIESCENT INPUT CURRENT vs. INPUT VOLTAGE
+3.3V LOAD = +5V LOAD = 0mA
VIN = 15V VIN = 30V 80
+5V, +3V ON
80
100 +5V, +3V OFF
70 0.001
0.01
0.1
1
10
70 0.001
10 0.01 0.1 1 10 0 5 10 15 20 25 30 +3.3V OUTPUT CURRENT (A) INPUT VOLTAGE (V)
+3.3V OUTPUT CURRENT (A)
+5V OUTPUT CURRENT vs. MINIMUM INPUT VOLTAGE, 300kHz
9 MINIMUM INPUT VOLTAGE (V) IDD = 300mA 8 MINIMUM INPUT VOLTAGE (V) 9
+5V OUTPUT CURRENT vs. MINIMUM INPUT VOLTAGE, 200kHz
COMPONENTS OF TABLE 4, SYNC = 0V IDD = 300mA 1000 SWITCHING FREQUENCY (kHz)
SWITCHING FREQUENCY vs. LOAD CURRENT
CIRCUIT OF FIGURE 1, SYNC = REF (300kHz) ON3 = ON5 = 5V +5V, VIN = 7.5V
8
100
7
IDD = 140mA
7
IDD = 140mA
10
+5V, VIN = 30V
6
IDD = 60mA IDD = 0mA
6
IDD = 60mA IDD = 0mA
1
+3.3V, VIN = 7.5V
5 0.01
5 0.1 1 10 0.01 0.1 1 10 +5V OUTPUT CURRENT (A) +5V LOAD CURRENT (A)
0.1 100A
1mA
10mA
100mA
1A
LOAD CURRENT
4
_______________________________________________________________________________________
Triple-Output Power-Supply Controller for Notebook Computers
_____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1, Transpower transformer type TTI5870, TA = +25C, unless otherwise noted.)
MAX782
PULSE-WIDTH MODULATION MODE WAVEFORMS
IDLE-MODE WAVEFORMS
LX VOLTAGE 10V/div
LX VOLTAGE 10V/div
+5V OUTPUT VOLTAGE 50mV/div
+5V OUTPUT VOLTAGE 50mV/div
HORIZONTAL = 500ns/div +5V OUTPUT CURRENT = 1A INPUT VOLTAGE = 16V
HORIZONTAL = 5s/div +5V OUTPUT CURRENT = 42mA INPUT VOLTAGE = 16V
+5V LOAD-TRANSIENT RESPONSE
+3.3V LOAD-TRANSIENT RESPONSE
3A 0A
LOAD CURRENT
3A 0A
LOAD CURRENT
+5V OUTPUT 50mV/div
+3.3V OUTPUT 50mV/div
HORIZONTAL = 200s/div VIN = 15V
HORIZONTAL = 200s/div VIN = 15V
_______________________________________________________________________________________
5
Triple-Output Power-Supply Controller for Notebook Computers MAX782
_____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1, Transpower transformer type TTI5870, VDD 13V, TA = +25C, unless otherwise noted.)
+5V LINE-TRANSIENT RESPONSE, RISING
+5V LINE-TRANSIENT RESPONSE, FALLING
+5V OUTPUT 50mV/div
+5V OUTPUT 50mV/div
VIN, 10V TO 16V 2V/div
VIN, 16V TO 10V 2V/div HORIZONTAL = 20s/div ILOAD = 2A HORIZONTAL = 20s/div ILOAD = 2A
+3.3V LINE-TRANSIENT RESPONSE, RISING
+3.3V LINE-TRANSIENT RESPONSE, FALLING
+3.3V OUTPUT 50mV/div
+3.3V OUTPUT 50mV/div
VIN, 10V TO 16V 2V/div
VIN, 16V TO 10V 2V/div HORIZONTAL = 20s/div ILOAD = 2A HORIZONTAL = 20s/div ILOAD = 2A
6
_______________________________________________________________________________________
Triple-Output Power-Supply Controller for Notebook Computers
______________________________________________________________Pin Description
PIN NAME ON3 D1 FUNCTION Logic input to turn on +3.3V. Logic high turns on the regulator. Connect to VL for automatic start-up. #1 level-translator/comparator noninverting input. Inverting comparator input is internally connected to 1.650V. Controls Q1. Connect to GND if unused. #2 level-translator/comparator noninverting input. Inverting comparator input is internally connected to 1.650V. Controls Q2. Connect to GND if unused. #3 level-translator/comparator noninverting input. Inverting comparator input is internally connected to 1.650V. Controls Q3. Connect to GND if unused. External supply input for level-translator/comparator. For N-channel FET drive, connect to VDD or external +13V to +18V supply. For low-battery comparators, connect to +3.3V or +5V (or to VL/REF). #3 level-translator/comparator output. Sources 20A from VH when D3 is high. Sinks 500A to GND when D3 is low, even with VH = 0V. #2 level-translator/comparator output. Sources 20A from VH when D2 is high. Sinks 500A to GND when D2 is low, even with VH = 0V. #1 level-translator/comparator output. Sources 20A from VH when D1 is high. Sinks 500A to GND when D1 is low, even with VH = 0V. 0V, 5V, 12V, Hi-Z PCMCIA VPP output. Sources up to 60mA. Controlled by DA0 and DA1. 15V flyback input (feedback). A weak shunt regulator conducts 3mA to GND when VDD exceeds 19V. Also the supply input to the VPP regulators. 0V, 5V, 12V, Hi-Z PCMCIA VPP output. Sources up to 60mA. Controlled by DB0 and DB1. Low-current analog ground 3.3V reference output. Sources up to 5mA for external loads. Bypass to GND with 1F/mA load or 0.22F minimum. Oscillator frequency control and synchronization input: Connect to VL or to GND for f = 200kHz; connect to REF for f = 300kHz. For external synchronization in the 240kHz to 350kHz range, a high-to-low transition causes the start of a new cycle. Intel 82365 compatible PCMCIA VPP control inputs (see Table 1) Logic input to turn on +5V. Logic high turns on the regulator. Connect to VL for automatic startup. +5V-supply soft-start control input. Ramp time to full current limit is 1ms/nF of capacitance to GND. +5V-supply current-sense input. +100mV = current limit in buck mode, -100mV = current limit in flyback mode (where the 100mV are referenced to FB5). +5V-supply external MOSFET high-side switch-drive output +5V-supply inductor connection _______________________________________________________________________________________ 7
MAX782
1
2
3
D2
4
D3
5
VH
6
Q3
7
Q2
8 9 10 11 12 13
Q1 VPPA VDD VPPB GND REF
14
SYNC
15-18 19 20 21 22 23
DA1, DA0, DB1, DB0 ON5 SS5 CS5 DH5 LX5
Triple-Output Power-Supply Controller for Notebook Computers MAX782
_________________________________________________Pin Description (continued)
PIN 24 25 26 27 28 29 30 31 32 33 34 35 36 NAME BST5 DL5 PGND FB5 VL V+ DL3 BST3 LX3 DH3 FB3 CS3 SS3 FUNCTION +5V-supply boost capacitor connection (0.1F to LX5) +5V-supply external MOSFET synchronous-rectifier drive output Power ground +5V-supply feedback input and low-side current-sense terminal Internal 5V-supply output. Bypass with 4.7F. This pin is linearly regulated from V+ or switched to the +5V output to improve efficiency. VL is always on and can source up to 5mA for external loads. Main (battery) input: 5.5V to 30V +3.3V-supply external MOSFET synchronous-rectifier drive output +3.3V-supply boost capacitor connection (0.1F to LX3) +3.3V-supply inductor connection +3.3V-supply external MOSFET high-side switch-drive output +3.3V-supply feedback and low-side current-sense terminal +3.3V-supply current-sense input. Maximum is +100mV referenced to FB3. +3.3V-supply soft-start control input. Ramp time to full current limit is 1ms/nF of capacitance to GND.
Table 1. Truth Table for VPP Control Pins
D_0 0 0 1 1 D_1 0 1 0 1 VPP_ 0V 5V 12V Hi-Z
_______________Detailed Description
The MAX782 converts a 5.5V to 30V input to five outputs (Figure 1). It produces two high-power, switch-mode, pulse-width modulated (PWM) supplies, one at +5V and the other at +3.3V. These two supplies operate at either 200kHz or 300kHz, allowing extremely small external components to be used. Output current capability depends on external components, and can exceed 5A
on each supply. A 15V high-side (VDD) supply is also provided, delivering an output current that can exceed 300mA, depending on the external components chosen. Two linear regulators supplied by the 15V VDD line create programmable VPP supplies for PCMCIA slots. These supplies (VPPA, VPPB) can be programmed to be grounded or high impedance, or to deliver 5V or 12V at up to 60mA. An internal 5V, 25mA supply (VL) and a 3.3V, 5mA reference voltage (REF) are also generated, as shown in Figure 2. Fault-protection circuitry shuts off the PWM and high-side supply when the internal supplies lose regulation. Three precision comparators are included. Their output stages permit them to be used as level translators for driving high-side external power MOSFETs: For example, to facilitate switching VCC lines to PCMCIA slots.
8
_______________________________________________________________________________________
Triple-Output Power-Supply Controller for Notebook Computers MAX782
BATTERY INPUT 5.5V TO 30V (NOTE 1) C1 33F 16 VPP CONTROL INPUTS 15 18 17 D1A 1N4148 C5 0.1F +3.3V at 3A R1 25m L1 10H D3 1N5819 N1 31 33 32 30 N3 35 DA0 DA1 DB0 DB1 VPPB VDD C13 33F
29 V+
28 VL VPPA 9 11 10 C2 4.7F C11 1F C10 1F D1B 1N4148 C4 0.1F N2 +5V at 5mA 0V, 5V, 12V 0V, 5V, 12V D2 EC11FS1
+15V AT 300mA, SEE HIGH-SIDE SUPPLY (VDD) SECTION. C12 2.2F +5V at 3A
MAX782
BST3 DH3 LX3 DL3 CS3 BST5 DH5 LX5 DL5 CS5 FB5 SS5 VH D1-D3 Q1-Q3 REF PGND 13 26 24 22 23 25 21 27 20 5 2, 3, 4 8, 7, 6
1:2.2 L2 10H D4 1N5819
N4
R2 20m
C14 C7 150F 150F
C6 330F
(NOTE 2) +3.3V ON/OFF +5V ON/OFF OSC SYNC
C9 0.01F
34 FB3 36 SS3 1 ON3 19 ON5 14 SYNC GND 12
C8 0.01F 3 3
(NOTE 2) COMPARATOR SUPPLY INPUT COMPARATOR INPUTS COMPARATOR OUTPUTS
N1- N4 = Si9410DY NOTE 1: BATTERY VOLTAGE RANGE 6.5V to 30V WITH COMPONENTS SHOWN SEE LOW-VOLTAGE (6-CELL) OPERATION SECTION. NOTE 2: SEE FIGURE 5.
3.3V AT 5mA C3 1F
Figure 1. MAX782 Application Circuit
+3.3V Supply
The +3.3V supply is produced by a current-mode PWM step-down regulator using two small N-channel MOSFETs, a catch diode, an inductor, and a filter capacitor. Efficiency is greatly enhanced by the use of the second MOSFET (connected from LX3 to PGND), which acts as a synchronous rectifier. A 100nF capacitor connected to BST3 provides the drive voltage for the high-side (upper) N-channel MOSFET. A current limit set by an external sense resistor prevents excessive inductor current during start-up or under short-circuit conditions. A soft-start capacitor can be chosen to tailor the rate at which the output ramps up. This supply can be turned on by connecting ON3 to logic high, or can be turned off by connecting ON3 to GND. All logic levels are TTL and CMOS compatible.
+5V Supply
The +5V output is produced by a current-mode PWM step-down regulator similar to the +3.3V supply. This supply uses a transformer primary as its inductor, the secondary of which is used for the high-side (VDD) supply. It also has current limiting and soft-start. It can be turned off by connecting ON5 to GND, or turned on by connecting ON5 to logic high. The +5V supply's dropout voltage, as configured in Figure 1, is typically 400mV at 2A. As VIN approaches 5V, the +5V output gracefully falls with VIN until the VL regulator output hits its undervoltage lockout threshold. At this point, the +5V supply turns off. The default frequency for both PWM controllers is 300kHz (with SYNC connected to REF), but 200kHz may be used by connecting SYNC to GND or VL.
9
_______________________________________________________________________________________
Triple-Output Power-Supply Controller for Notebook Computers MAX782
V+ +5V LDO LINEAR REGULATOR 5V 4.5V +3.3V REFERENCE ON P 3.3V PWM CONTROLLER (SEE FIG. 3) FB3 CS3 BST3 DH3 LX3 DL3 SS3
VL
3.3V REF
GND
PGND 4V FAULT ON3
2.8V STANDBY
SYNC
300kHz/200kHz ON OSCILLATOR
5V PWM CONTROLLER (SEE FIG. 3)
FB5 CS5 BST5 DH5 LX5 DL5 SS5
VPPA DA0 DA1
LINEAR REGULATOR
ON
VPPB DB0 DB1
LINEAR REGULATOR 13V VDD REG
ON5
VDD 13V TO 19V D3 Q3 1.65V D2 Q2 1.65V D1 Q1 1.65V VH 19V
Figure 2. MAX782 Block Diagram
10 ______________________________________________________________________________________
Triple-Output Power-Supply Controller for Notebook Computers MAX782
CS_ 1X
60kHz LPF REF, 3.3V (OR INTERNAL 5V REFERENCE) MAIN PWM COMPARATOR
FB_
R Q S LEVEL SHIFT
BST_ DH_ LX_
SLOPE COMP
OSC
MINIMUM CURRENT (IDLE-MODE) 25mV VL 4A CURRENT LIMIT SHOOTTHROUGH CONTROL
0mV-100mV SS_ 30R
3.3V ON_ N
1R
SYNCHRONOUS RECTIFIER CONTROL R -100mV N S VL Q LEVEL SHIFT DL_ PGND
N VDD REG (SEE FIG. 2) 1s SINGLE-SHOT
Figure 3. PWM Controller Block Diagram
______________________________________________________________________________________ 11
Triple-Output Power-Supply Controller for Notebook Computers MAX782
+3.3V and +5V PWM Buck Controllers
The two current-mode PWM controllers are identical except for different preset output voltages and the addition of a flyback winding control loop to the +5V side (see Figure 3, +3.3V/+5V PWM Controller Block Diagram). Each PWM is independent except for being synchronized to a master oscillator and sharing a common reference (REF) and logic supply (VL). Each PWM can be turned on and off separately via ON3 and ON5. The PWMs are a direct-summing type, lacking a traditional integrator-type error amplifier and the phase shift associated with it. They therefore do not require any external feedback compensation components if the filter capacitor ESR guidelines given in the Design Procedure are followed. The main gain block is an open-loop comparator that sums four input signals: an output voltage error signal, current-sense signal, slope-compensation ramp, and precision voltage reference. This direct-summing method approaches the ideal of cycle-by-cycle control of the output voltage. Under heavy loads, the controller operates in full PWM mode. Every pulse from the oscillator sets the output latch and turns on the high-side switch for a period determined by the duty cycle (approximately VOUT/VIN). As the high-side switch turns off, the synchronous rectifier latch is set and, 60ns later, the low-side switch turns on (and stays on until the beginning of the next clock cycle, in continuous mode, or until the inductor current crosses through zero, in discontinuous mode). Under fault conditions where the inductor current exceeds the 100mV current-limit threshold, the high-side latch is reset and the high-side switch is turned off. At light loads, the inductor current fails to exceed the 25mV threshold set by the minimum current comparator. When this occurs, the PWM goes into idle-mode, skipping most of the oscillator pulses in order to reduce the switching frequency and cut back switching losses. The oscillator is effectively gated off at light loads because the minimum current comparator immediately resets the high-side latch at the beginning of each cycle, unless the FB_ signal falls below the reference voltage level. A flyback winding controller regulates the +15V VDD supply in the absence of a load on the main +5V output. If VDD falls below the preset +13V VDD regulation threshold, a 1s one-shot is triggered that extends the on-time of the low-side switch beyond the point where the inductor current crosses zero (in discontinuous mode). This causes inductor (primary) current to reverse, pulling current out of the output filter capacitor and causing the flyback transformer to operate in the
12
forward mode. The low impedance presented by the transformer secondary in forward mode allows the +15V filter capacitor to be quickly charged again, bringing VDD into regulation.
Soft-Start/SS_ Inputs Connecting capacitors to SS3 and SS5 allows gradual build-up of the +3.3V and +5V supplies after ON3 and ON5 are driven high. When ON3 or ON5 is low, the appropriate SS capacitors are discharged to GND. When ON3 or ON5 is driven high, a 4A constant current source charges these capacitors up to 4V. The resulting ramp voltage on the SS_ pins linearly increases the current-limit comparator setpoint so as to increase the duty cycle to the external power MOSFETs up to the maximum output. With no SS capacitors, the circuit will reach maximum current limit within 10s. Soft-start greatly reduces initial in-rush current peaks and allows start-up time to be programmed externally. Synchronous Rectifiers Synchronous rectification allows for high efficiency by reducing the losses associated with the Schottky rectifiers. Also, the synchronous rectifier MOSFETS are necessary for correct operation of the MAX782's boost gate-drive and VDD supplies. When the external power MOSFET N1 (or N2) turns off, energy stored in the inductor causes its terminal voltage to reverse instantly. Current flows in the loop formed by the inductor, Schottky diode, and load, an action that charges up the filter capacitor. The Schottky diode has a forward voltage of about 0.5V which, although small, represents a significant power loss, degrading efficiency. A synchronous rectifier, N3 (or N4), parallels the diode and is turned on by DL3 (or DL5) shortly after the diode conducts. Since the on resistance (rDS(ON)) of the synchronous rectifier is very low, the losses are reduced. The synchronous rectifier MOSFET is turned off when the inductor current falls to zero. Cross conduction (or "shoot-through") is said to occur if the high-side switch turns on at the same time as the synchronous rectifier. The MAX782's internal breakbefore-make timing ensures that shoot-through does not occur. The Schottky rectifier conducts during the time that neither MOSFET is on, which improves efficiency by preventing the synchronous-rectifier MOSFET's lossy body diode from conducting. The synchronous rectifier works under all operating conditions, including discontinuous-conduction and idle-mode. The +5V synchronous rectifier also controls the 15V VDD voltage (see the High-Side Supply (VDD) section).
______________________________________________________________________________________
Triple-Output Power-Supply Controller for Notebook Computers MAX782
Boost Gate-Driver Supply Gate-drive voltage for the high-side N-channel switch is generated with a flying-capacitor boost circuit as shown in Figure 4. The capacitor is alternately charged from the VL supply via the diode and placed in parallel with the high-side MOSFET's gate-source terminals. On startup, the synchronous rectifier (low-side) MOSFET forces LX_ to 0V and charges the BST_ capacitor to 5V. On the second half-cycle, the PWM turns on the high-side MOSFET by connecting the capacitor to the MOSFET gate by closing an internal switch between BST_ and DH_. This provides the necessary enhancement voltage to turn on the high-side switch, an action that "boosts" the 5V gate-drive signal above the battery voltage. Ringing seen at the high-side MOSFET gates (DH3 and DH5) in discontinuous-conduction mode (light loads) is a natural operating condition caused by the residual energy in the tank circuit formed by the inductor and stray capacitance at the LX_ nodes. The gate driver negative rail is referred to LX_, so any ringing there is directly coupled to the gate-drive supply. Modes of Operation
PWM Mode Under heavy loads - over approximately 25% of full load - the +3.3V and +5V supplies operate as continuous-current PWM supplies (see Typical Operating Characteristics). The duty cycle (%ON) is approximately: %ON = VOUT/VIN Current flows continuously in the inductor: First, it ramps up when the power MOSFET conducts; then, it ramps down during the flyback portion of each cycle as energy is put into the inductor and then discharged into the load. Note that the current flowing into the inductor when it is being charged is also flowing into the load, so the load is continuously receiving current from the inductor. This minimizes output ripple and maximizes inductor use, allowing very small physical and electrical sizes. Output ripple is primarily a function of the filter capacitor (C7 or C6) effective series resistance (ESR) and is typically under 50mV (see the Design Procedure section). Output ripple is worst at light load and maximum input voltage. Idle Mode Under light loads (<25% of full load), efficiency is further enhanced by turning the drive voltage on and off for only a single clock period, skipping most of the clock pulses entirely. Asynchronous switching, seen as "ghosting" on an oscilloscope, is thus a normal operating
BATTERY INPUT
VL VL BST_
LEVEL TRANSLATOR
DH_
PWM
VL
LX_
DL_
Figure 4. Boost Supply for Gate Drivers
condition whenever the load current is less than approximately 25% of full load. At certain input voltage and load conditions, a transition region exists where the controller can pass back and forth from idle-mode to PWM mode. In this situation, short bursts of pulses occur that make the current waveform look erratic, but do not materially affect the output ripple. Efficiency remains high.
Current Limiting The voltage between CS3 (CS5) and FB3 (FB5) is continuously monitored. An external, low-value shunt resistor is connected between these pins, in series with the inductor, allowing the inductor current to be continuously measured throughout the switching cycle. Whenever this voltage exceeds 100mV, the drive voltage to the external high-side MOSFET is cut off. This protects the MOSFET, the load, and the battery in case of short circuits or temporary load surges. The current-limiting resistor R1 (R2) is typically 25m (20m) for 3A load current. Oscillator Frequency; SYNC Input The SYNC input controls the oscillator frequency. Connecting SYNC to GND or to VL selects 200kHz operation; connecting to REF selects 300kHz operation. SYNC can also be driven with an external 240kHz to 350kHz CMOS/TTL source to synchronize the internal oscillator. Normally, 300kHz is used to minimize the inductor and filter capacitor sizes, but 200kHz may be necessary for low input voltages (see Low-Voltage (6-cell) Operation).
______________________________________________________________________________________
13
Triple-Output Power-Supply Controller for Notebook Computers MAX782
High-Side Supply (VDD)
The 15V VDD supply is obtained from the rectified and filtered secondary of transformer L2. VDD is enabled whenever the +5V supply is on (ON5 = high). The primary and secondary of L2 are connected so that, during the flyback portion of each cycle (when MOSFET N2 is off and N4 is on), energy stored in the core is transferred into the +5V load through the primary and into VDD through the secondary, as determined by the turns ratio. The secondary voltage is added to the +5V to make VDD. See the Typical Operating Characteristics for the VDD supply's load capability. Unlike other coupled-inductor flyback converters, the VDD voltage is regulated regardless of the loading on the +5V output. (Most coupled-inductor converters can only support the auxiliary output when the main output is loaded.) When the +5V supply is lightly loaded, the circuit achieves good control of VDD by pulsing the MOSFET normally used as the synchronous rectifier. This draws energy from the +5V supply's output capacitor and uses the transformer in a forward-converter mode (i.e., the +15V output takes energy out of the secondary when current is flowing in the primary). Note that these forward-converter pulses are interspersed with normal synchronous-rectifier pulses, and they only occur at light loads on the +5V rail. The transformer secondary's rectified and filtered output is only roughly regulated, and may be between 13V and 19V. It is brought back into VDD, which is also the feedback input, and used as the source for the PCMCIA VPP regulators (see Generating Additional VPP Outputs Using External Linear Regulators). It can also be used as the VH power supply for the comparators or any external MOSFET drivers. When the input voltage is above 20V, or when the +5V supply is heavily loaded and VDD is lightly loaded, L2's interwinding capacitance and leakage inductance can produce voltages above that calculated from the turns ratio. A 3mA shunt regulator limits VDD to 19V. Clock-frequency noise on the VDD rail of up to 3Vp-p is a facet of normal operation, and can be reduced by adding more output capacitance.
Table 2. VPP Program Codes
DA0 0 0 1 1 DA1 0 1 0 1 VPPA 0V 5V 12V Hi-Z
DB0 0 0 1 1
DB1 0 1 0 1
VPPB 0V 5V 12V Hi-Z
ply (VDD), and each can furnish up to 60mA. Bypass VPPA and VPPB to GND with at least 1F, with the bypass capacitors less than 20mm from the VPP pins. The outputs are programmed with DA0, DA1, DB0 and DB1, as shown in Table 2. These codes are Intel 82365 (PCMCIA digital controller) compatible. For other interfaces, one of the inputs can be permanently wired high or low and the other toggled to turn the supply on and off. The truth table shows that either a "0" or "1" can be used to turn each supply on. The high-impedance state is to accomodate external programming voltages. The two VPP outputs can be safely connected in parallel for increased load capability if the control inputs are also tied together (i.e., DA0 to DB0, DA1 to DB1). If VPAA and VPPB are connected in parallel, some devices may exhibit several milliamps of increased quiescent supply current when enabled, due to slightly mismatched output voltage set points.
Comparators
Three noninverting comparators can be used as precision voltage comparators or high-side drivers. The supply for these comparators (VH) is brought out and may be connected to any voltage between +3V and +19V. The noninverting inputs (D1-D3) are high impedance, and the inverting input is internally connected to a 1.650V reference. Each output (Q1-Q3) sources 20A from VH when its input is above 1.650V, and sinks 500A to GND when its input is below 1.650V. The Q1-Q3 outputs can be fixed together in wired-OR configuration since the pull-up current is only 20A. Connecting VH to a logic supply (5V or 3V) allows the comparators to be used as low-battery detectors. For driving N-channel power MOSFETs to turn external loads on and off, VH should be 6V to 12V higher than the load voltage. This enables the MOSFETs to be fully turned on and results in low rDS(ON). VDD is a convenient source for VH.
PCMCIA-Compatible Programmable VPP Supplies
Two independent regulators are provided to furnish PCMCIA VPP supplies. The VPPA and VPPB outputs can be programmed to deliver 0V, 5V, 12V, or to be high impedance. The 0V output mode has a 250 pull-down to discharge external filter capacitors and ensure that flash EPROMs cannot be accidentally programmed. These linear regulators operate from the high-side sup14
______________________________________________________________________________________
Triple-Output Power-Supply Controller for Notebook Computers
The comparators are always active when V+ is above +4V, even when VH is 0V. Thus, Q1-Q3 will sink current to GND even when VH is 0V, but they will only source current from VH when VH is above approximately 1.5V. If Q1, Q2, or Q3 is externally pulled above VH, an internal diode conducts, pulling VH a diode drop below the output and powering anything connected to VH. This voltage will also power the other comparator outputs. as no-load (standby) operation when a battery charger is connected but no battery is installed. VIN(MAX) cannot exceed 30V. VIN(MIN), the minimum input (battery) voltage. This value should be taken at the full-load operating current under the lowest battery conditions. If VIN(MIN) is below about 6.5V, the power available from the VDD supply will be reduced. In addition, the filter capacitance required to maintain good AC load regulation increases, and the current limit for the +5V supply has to be increased for the same load level.
MAX782
Internal VL and REF Supplies
An internal linear regulator produces the 5V used by the internal control circuits. This regulator's output is available on pin VL and can source 5mA for external loads. Bypass VL to GND with 4.7F. To save power, when the +5V switch-mode supply is above 4.5V, the internal linear regulator is turned off and the high-efficiency +5V switch-mode supply output is connected to VL. The internal 3.3V bandgap reference (REF) is powered by the internal 5V VL supply, and is always on. It can furnish up to 5mA. Bypass REF to GND with 0.22F, plus 1F/mA of load current. Both the VL and REF outputs remain active, even when the switching regulators are turned off, to supply memory keep-alive power. These linear-regulator ouputs can be directly connected to the corresponding step-down regulator outputs (i.e., REF to +3.3V, VL to +5V) to keep the main supplies alive in standby mode. However, to ensure start-up, standby load currents must not exceed 5mA on each supply.
+3.3V Inductor (L1)
Three inductor parameters are required: the inductance value (L), the peak inductor current (ILPEAK), and the coil resistance (RL). The inductance is: VOUT x (VIN(MAX) - VOUT) L = ------------------------VIN(MAX) x f x IOUT x LIR VOUT = output voltage, 3.3V; VIN(MAX) = maximum input voltage (V); f = switching frequency, normally 300kHz; IOUT = maximum +3.3V DC load current (A); LIR = ratio of inductor peak-to-peak AC current to average DC load current, typically 0.3. A higher value of LIR allows smaller inductance, but results in higher losses and higher ripple. The highest peak inductor current (ILPEAK) equals the DC load current (IOUT) plus half the peak-to-peak AC inductor current (ILPP). The peak-to-peak AC inductor current is typically chosen as 30% of the maximum DC load current, so the peak inductor current is 1.15 times IOUT. The peak inductor current at full load is given by: VOUT x (VIN(MAX) - VOUT) ILPEAK = IOUT + --------------------------. 2 x f x L x VIN(MAX) The coil resistance should be as low as possible, preferably in the low milliohms. The coil is effectively in series with the load at all times, so the wire losses alone are approximately: Power loss = IOUT2 x RL In general, select a standard inductor that meets the L, ILPEAK, and RL requirements (see Tables 3 and 4). If a standard inductor is unavailable, choose a core with an LI2 parameter greater than L x I LPEAK2, and use the largest wire that will fit the core. where:
Fault Protection The +3.3V and +5V PWM supplies, the high-side supply, and the comparators are disabled when either of two faults is present: VL < +4.0V or REF < +2.8V (85% of its nominal value).
__________________Design Procedure
Figure 1's schematic and Table 2's component list show values suitable for a 3A, +5V supply and a 3A, +3.3V supply. This circuit operates with input voltages from 6.5V to 30V, and maintains high efficiency with output currents between 5mA and 3A (see the Typical Operating Characteristics). This circuit's components may be changed if the design guidelines described in this section are used - but before beginning the design, the following information should be firmly established: VIN(MAX), the maximum input (battery) voltage. This value should include the worst-case conditions under which the power supply is expected to function, such
______________________________________________________________________________________
15
Triple-Output Power-Supply Controller for Notebook Computers MAX782
+5V Transformer (T1)
Table 3 lists two commercially available transformers and parts for a custom transformer. The following instructions show how to determine the transformer parameters required for a custom design: LP, the primary inductance value ILPEAK, the peak primary current LI2, the core's energy rating RP and RS, the primary and secondary resistances N, the primary-to-secondary turns ratio. The transformer primary is specified just as the +3.3V inductor, using VOUT = +5.0V; but the secondary output (VDD) power must be added in as if it were part of the primary. VDD current (IDD) usually includes the VPPA and VPPB output currents. The total +5V power, PTOTAL, is the sum of these powers: PTOTAL = P5 + PDD where: P5 = VOUT x IOUT; PDD = VDD x IDD; and: VOUT = output voltage, 5V; IOUT = maximum +5V load current (A); VDD = VDD output voltage, 15V; IDD = maximum VDD load current (A); so: PTOTAL = (5V x IOUT) + (15V x IDD) and the equivalent +5V output current, ITOTAL, is: ITOTAL = PTOTAL / 5V = [(5V x IOUT) + (15V x IDD)] / 5V. The primary inductance, LP, is given by: VOUT x (VIN(MAX) - VOUT) LP = ------------------------------ VIN(MAX) x f x ITOTAL x LIR where: VOUT = output voltage, 5V; VIN(MAX) = maximum input voltage; f = switching frequency, normally 300kHz; ITOTAL = maximum equivalent load current (A); LIR = ratio of primary peak-to-peak AC current to average DC load current, typically 0.3. The highest peak primary current (I LPEAK) equals the total DC load current (ITOTAL) plus half the peak-to-peak AC primary current (ILPP). The peak-to-peak AC primary current is typically chosen as 30% of the maximum DC load current, so the peak primary current is 1.15 times ITOTAL. A higher value of LIR allows smaller inductance, but results in higher losses and higher ripple. The peak current in the primary at full load is given by: VOUT x (VIN(MAX) - VOUT) ILPEAK = ITOTAL + --------------------------. 2 x f x LP x VIN(MAX) Choose a core with an LI2 parameter greater than LP x ILPEAK2.
16
The winding resistances, RP and RS, should be as low as possible, preferably in the low milliohms. Use the largest gauge wire that will fit on the core. The coil is effectively in series with the load at all times, so the resistive losses in the primary winding alone are approximately (ITOTAL)2 x RP. The minimum turns ratio, NMIN, is 5V:(15V-5V). Use 1:2.2 to accommodate the tolerance of the +5V supply. A greater ratio will reduce efficiency of the VPP regulators. Minimize the diode capacitance and the interwinding capacitance, since they create losses through the VDD shunt regulator. These are most significant when the input voltage is high, the +5V load is heavy, and there is no load on VDD. Ensure the transformer secondary is connected with the right polarity: A VDD supply will be generated with either polarity, but proper operation is possible only with the correct polarity. Test for correct connection by measuring the VDD voltage when VDD is unloaded and the input voltage (VIN) is varied over its full range. Correct connection is indicated if VDD is maintained between 13V and 20V.
Current-Sense Resistors (R1, R2)
The sense resistors must carry the peak current in the inductor, which exceeds the full DC load current. The internal current limiting starts when the voltage across the sense resistors exceeds 100mV nominally, 80mV minimum. Use the minimum value to ensure adequate output current capability: For the +3.3V supply, R1 = 80mV / (1.15 x I OUT); for the +5V supply, R2 = 80mV/(1.15 x ITOTAL), assuming that LIR = 0.3. Since the sense resistance values (e.g. R1 = 25m for IOUT = 3A) are similar to a few centimeters of narrow traces on a printed circuit board, trace resistance can contribute significant errors. To prevent this, Kelvin connect the CS_ and FB_ pins to the sense resistors; i.e., use separate traces not carrying any of the inductor or load current, as shown in Figure 5. Run these traces parallel at minimum spacing from one another. The wiring layout for these traces is critical for stable, low-ripple outputs (see the Layout and Grounding section).
MOSFET Switches (N1-N4)
The four N-channel power MOSFETs are usually identical and must be "logic-level" FETs; that is, they must be fully on (have low r DS(ON) ) with only 4V gatesource drive voltage. The MOSFET r DS(ON) should ideally be about twice the value of the sense resistor. MOSFETs with even lower r DS(ON) have higher gate capacitance, which increases switching time and transition losses.
______________________________________________________________________________________
Triple-Output Power-Supply Controller for Notebook Computers
The output ripple in continuous-current mode is: VOUT(RPL) = ILPP(MAX) x (ESRCF+1/(2 x x f x CF)).
FAT, HIGH-CURRENT TRACES MAIN CURRENT PATH
MAX782
KELVIN SENSE TRACES
SENSE RESISTOR
In idle-mode, the ripple has a capacitive and resistive component: 4 x 10-4 x L VOUT(RPL)(C) = -------------- x RCS2 x CF 1 1 ------ + ---------- Volts VOUT VIN - VOUT
(
)
MAX782
Figure 5. Kelvin Connections for the Current-Sense Resistors
0.02 x ESRCF VOUT(RPL)(R) = ------------- Volts RCS The total ripple, VOUT(RPL), can be approximated as follows: if VOUT(RPL)(R) < 0.5 VOUT(RPL)(C), then VOUT(RPL) = VOUT(RPL)(C), otherwise, VOUT(RPL) = 0.5 VOUT(RPL)(C) + VOUT(RPL)(R).
Diode D2
MOSFETs with low gate-threshold voltage specifications (i.e., maximum VGS(TH) = 2V rather than 3V) are preferred, especially for high-current (5A) applications. The voltage rating of D2 should be at least 2 x VIN + 5V plus a safety margin. A rating of at least 75V is necessary for the maximum 30V supply. A Schottky diode is preferable for lower input voltages, and is required for input voltages under 7V. Use a highspeed silicon diode (with a higher breakdown voltage and lower capacitance) for high input voltages. D2's current rating should exceed twice the maximum current load on VDD.
Output Filter Capacitors (C6, C7, C14)
The output filter capacitors determine the loop stability and output ripple voltage. To ensure stability, the minimum capacitance and maximum ESR values are: VREF CF > -------------------------- VOUT x RCS x 2 x x GBWP and, VOUT x RCS ESRCF < ------------ VREF where: CF = output filter capacitance, C6 or C7 (F); VREF = reference voltage, 3.3V; VOUT = output voltage, 3.3V or 5V; RCS = sense resistor (); GBWP = gain-bandwidth product, 60kHz; ESRCF = output filter capacitor ESR (). Be sure to select output capacitors that satisfy both the minimum capacitance and maximum ESR requirements. To achieve the low ESR required, it may be appropriate to use a capacitance value 2 or 3 times larger than the calculated minimum.
Diodes D3 and D4
Use 1N5819s or similar Schottky diodes. D3 and D4 conduct only about 3% of the time, so the 1N5819's 1A current rating is conservative. The voltage rating of D3 and D4 must exceed the maximum input supply voltage from the battery. These diodes must be Schottky diodes to prevent the lossy MOSFET body diodes from turning on, and they must be placed physically close to their associated synchronous rectifier MOSFETs.
Soft-Start Capacitors (C8, C9)
A capacitor connected from GND to either SS pin causes that supply to ramp up slowly. The ramp time to full current limit, tSS, is approximately 1ms for every nF of capacitance on SS_, with a minimum value of 10s. Typical capacitor values are in the 10nF to 100nF range; a 5V rating is sufficient.
______________________________________________________________________________________
17
Triple-Output Power-Supply Controller for Notebook Computers MAX782
Because this ramp is applied to the current-limit circuit, the actual time for the output voltage to ramp up depends on the load current and output capacitor value. Using Figure 1's circuit with a 2A load and no SS capacitor, full output voltage is reached about 600s after ON_ is driven high.
Bypass Capacitors
Input Filter Capacitors (C1, C13) Use at least 3F/W of output power for the input filter capacitors, C1 and C13. They should have less than 150m ESR, and should be located no further than 10mm from N1 and N2 to prevent ringing. Connect the negative terminals directly to PGND. Do not exceed the surge current ratings of input bypass capacitors. VPP and VDD Bypass Capacitors (C10, C11, C12) Use 2.2F for VDD, and 1F for VPPA and VPPB.
Boost Capacitors (C4, C5)
Capacitors C4 and C5 store the boost voltage and provide the supply for the DH3 and DH5 drivers. Use 0.1F and place each within 10mm of the BST_ and LX_ pins.
Boost Diodes (D1A, D1B)
Use high-speed signal diodes; e.g., 1N4148 or equivalent.
Table 3. Surface-Mount Components
(See Figure 1 for schematic diagram and Table 4 for phone numbers.) COMPONENT C1, C13 C2 C3 C4, C5 C6 C7, C14 C8, C9 C10, C11 C12 D1A, D1B D2 D3, D4 L1 N1-N4 R1 R2 SPECIFICATION 33F, 35V tantalum capacitors 4.7F, 16V tantalum capacitor 1F, 20V tantalum capacitor 0.1F, 16V ceramic capacitors 330F, 10V tantalum capacitor 150F, 10V tantalum capacitors 0.01F, 16V ceramic capacitors 1F, 35V tantalum capacitors 2.2F, 25V tantalum capacitor 1N4148SMTN diodes (fast recovery) Fast-recovery high voltage diode 1N5819 SMT diodes 10H, 2.65A inductor N-channel MOSFETs (SO-8) 0.025, 1% (SMT) resistor 0.020, 1% (SMT) resistor Transformer (these two have different sizes and pinouts) Transformer (for 5.5V, 200kHz operation) L2 Custom Transformer: Core Set Bobbin Clamp Primary Secondary Sprague Sprague Sprague Murata-Erie Sprague Sprague Murata-Erie Sprague Sprague Philips Nihon Nihon Sumida Siliconix IRC IRC Coiltronics Transpower Technologies Coiltronics TDK TDK TDK MANUFACTURER PART NO. 595D336X0035R2B 595D475X0016A2B 595D475X0016A2B GRM42-6X7R104K50V 595D337X0010R2B 595D157X0010D2B GRM42-6X7R103K50V 595DD105X0035A2B 595DD225X0025B2B BAW56 EC11FS1 EC10QS04 CDR125-100 Si9410DY LR2010-01-R025-F LR2010-01-R020-F CTX03-12067-1 TTI5870 CTX03-12062-1 PC40EEM12.7/13.7-A160 BEM12.7/13.7-118G FEM12.7/13.7-A 8 turns #24 AWG 18 turns #26 AWG
18
______________________________________________________________________________________
Triple-Output Power-Supply Controller for Notebook Computers
Table 4. Surface-Mount Components
Company Factory FAX [country code] USA Phone
Central Semi Coiltronics IRC Murata-Erie Nihon Siliconix Sprague Sumida TDK Transpower Tech.
[ 1] (516) 435-1824 [ 1] (407) 241-9339 [ 1] (213) 772-9028 [ 1] 404 736-3030 [81] 3-3494-7414 [ 1] (408) 727-5414 [ 1] (603) 224-1430 [81] 3-3607-5144 [81] 3-3278-5358 [ 1] 702 831-3521
(516) 435-1110 (407) 241-7876 (512) 992-7900 (404) 736-1300 (805) 867-2555 (408) 988-8000 (603) 224-1961 (708) 956-0666 (708) 803-6100 (702) 831-0140
The major loss mechanisms under heavy loads are, in usual order of importance: q I2R losses q gate-charge losses q diode-conduction losses q transition losses q capacitor-ESR losses q losses due to the operating supply current of the IC. Inductor core losses are fairly low at heavy loads because the inductor current's AC component is small. Therefore, they are not accounted for in this analysis. Efficiency = P OUT /P IN x 100% = P OUT /(P OUT + PDTOTAL) x 100% PDTOTAL = PD(I2R) + PDGATE + PDDIODE + PDTRAN + PDCAP + PDIC PD(I2R) = resistive loss = (ILOAD2) x (RCOIL + rDS(ON) + RCS) where RCOIL is the DC resistance of the coil, rDS(ON) is the drain-source on resistance of the MOSFET, and RCS is the current-sense resistor value. Note that the r DS(ON) term assumes that identical MOSFETs are employed for both the synchronous rectifier and highside switch, because they time-share the inductor current. If the MOSFETs are not identical, losses can be estimated by averaging the two individual r DS(ON) terms according to duty factor. PDGATE = gate driver loss = qG x f x VL where VL is the MAX782's logic supply voltage (nominally 5V) and qG is sum of the gate charge for lowside and high-side switches. Note that gate charge losses are dissipated in the IC, not the MOSFETs, and therefore contribute to package temperature rise. For matched MOSFETs, qG is simply twice the gate charge of a single MOSFET (a data sheet specification). If the +5V buck SMPS is turned off, replace VL in this equation with VIN. PDIODE = diode conduction losses = ILOAD x VD x tD x f where t D is the diode's conduction time (typically 110ns), VD is the forward voltage of the Schottky diode, and f is the switching frequency. VIN2 x CRSS x ILOAD x f PDTRAN = transition loss = ---------------------- IDRIVE
MAX782
__________Applications Information
Efficiency Considerations
Achieving outstanding efficiency over a wide range of loads is a result of balanced design rather than bruteforce overkill, particularly with regard to selecting the power MOSFETs. Generally, the best approach is to design for two loading conditions, light load and heavy load (corresponding to suspend and run modes in the host computer), at some nominal battery voltage (such as 1.2V/cell for NiCd or NiMH). Efficiency improves as the input voltage is reduced, as long as the high-side switch saturation voltage is low relative to the input voltage. If there is a choice, use the lowest-voltage battery pack possible, but with at least six cells.
Heavy-Load Efficiency Losses due to parasitic resistances in the switches, coil, and sense resistor dominate at high load-current levels. Under heavy loads, the MAX782 operates in the continuous-conduction mode, where there is a large DC offset to the inductor current plus a small sawtooth AC component (see the +3.3V Inductor section). This DC current is exactly equal to the load current - a fact that makes it easy to estimate resistive losses through the assumption that total inductor current is equal to this DC offset current.
______________________________________________________________________________________
19
Triple-Output Power-Supply Controller for Notebook Computers
where CRSS is the reverse transfer capacitance of the high-side MOSFET (a data sheet parameter), f is the switching frequency, and IDRIVE is the peak current available from the MAX782's large high-side gate drive r ou t put s ( DH5 or DH3, appr ox im a t e l y 1 A ) . Additional switching losses are introduced by other sources of stray capacitance at the switching node, including the catch diode capacitance, coil interwinding capacitance, and low-side switch-drain capacitance. They are given as PD SW = VIN2 x CSTRAY x f, but are usually negligible compared to CRSS losses. The low-side switch introduces only tiny switching losses, since its drain-source voltage is already low when it turns on. PDCAP = capacitor ESR loss = IRMS2 x ESR and, IRMS = RMS AC input current VOUT(VIN - VOUT) = ILOAD x ---------------- VIN where ESR is the equivalent series resistance of the input bypass capacitor. Note that losses in the output filter capacitors are small when the circuit is heavily loaded, because the current into the capacitor is not chopped. The output capacitor sees only the small AC sawtooth ripple current. Ensure that the input bypass capacitor has a ripple current rating that exceeds the value of IRMS. PDIC is the IC's quiescent power dissipation and is a data sheet parameter (6mW typically for the entire IC at VIN = 15V). This power dissipation is almost completely independent of supply voltage whenever the +5V step-down switch-mode power supply is on, since power to the chip is bootstrapped from the +5V output. When calculating the efficiency of each individual buck controller, use 3mW for PDIC, since each controller consumes approximately half of the total quiescent supply current. Example: +5V buck SMPS at 300kHz, VIN = 15V, ILOAD = 2A, RCS = RCOIL = ESR = 25m, both transistors are Si9410DY with rDS(ON) = 0.05, CRSS = 160pF, and qG = 30nC. PDTOTAL = 400mW (I2R) + 90mW (GATE) + 36mW (DIODE) + 22mW (TRAN) + 22mW (CAP) + 3mW (IC) = 573mW Efficiency = 10W/(10W + 573mW) x 100% = 94.6% (actual measured value = 94%). cycle. New loss mechanisms, insignificant at heavy loads, start to become important. The basic difference is that, in discontinuous mode, the inductor current's AC component is large compared to the load current. This increases core losses and losses in the output filter capacitors. Ferrite cores are recommended over powdered toroid types for best light-load efficiency. At light loads, the inductor delivers triangular current pulses rather than the nearly constant current found in continuous mode. These pulses ramp up to a point set by the idle-mode current comparator, which is internally fixed at approximately 25% of the full-scale current-limit level. This 25% threshold provides an optimum balance between low-current efficiency and output voltage noise (the efficiency curve would actually look better if this threshold were set at about 45%, but the output noise would then be too high). Reducing I2R losses though the brute-force method of specifying huge, low-rDS(ON) MOSFETs can result in atrocious efficiency, especially at mid-range and lightload conditions. Even at heavy loads, the gate charge losses introduced by huge 50A MOSFETs usually more than offset any gain obtained through lower rDS(ON).
MAX782
Layout and Grounding
Good layout is necessary to achieve the designed output power, high efficiency, and low noise. Good layout includes use of a ground plane, appropriate component placement, and correct routing of traces using appropriate trace widths. The following points are in order of importance: 1. A ground plane is essential for optimum performance. In most applications, the power supply is located on a multilayer motherboard, and full use of the four or more copper layers is recommended. Use the top and bottom layers for interconnections, and the inner layers for an uninterrupted ground plane. 2. Keep the Kelvin-connected current-sense traces short, close together, and away from switching nodes. See Figure 5. 3. Place the LX node components N1, N3, D3, and L1 as close together as possible. This reduces resistive and switching losses and keeps noise due to ground inductance confined. Do the same with the other LX node components N2, N4, D4, and L2. 4. The input filter capacitor C1 should be less than 10mm away from N1's drain. The connecting copper trace carries large currents and must be at least 2mm wide, preferably 5mm. Similarly, place C13 close to N2's drain, and connect them with a wide trace.
Light-Load Efficiency Under light loads, the PWMs operate in the discontinuous-conduction mode, where the inductor current discharges to zero at some point during each switching
20
______________________________________________________________________________________
Triple-Output Power-Supply Controller for Notebook Computers
5. Keep the gate connections to the MOSFETs short for low inductance (less than 20mm long and more than 0.5mm wide) to ensure clean switching. 6. To achieve good shielding, it is best to keep all high-voltage switching signals (MOSFET gate drives DH3 and DH5, BST3 and BST5, and the two LX nodes) on one side of the board and all sensitive nodes (CS3, CS5, FB3, FB5 and REF) on the other side. 7. Connect the GND and PGND pins directly to the ground plane, which should ideally be an inner layer of a multilayer board. 8. Connect the bypass capacitor C2 very close (less than 10mm) to the VL pin. 9. Minimize the capacitance at the transformer secondary. Place D5 and C12 very close to each other and to the secondary, then route the output to the IC's VDD pin with a short trace. Bypass with 0.1F close to the VDD pin if this trace is longer than 50mm. The layout for the evaluation board is shown in the Evaluation Kit section. It provides an effective, lownoise, high-efficiency example.
MAX782
+5V SUPPLY FB5 1M
R1
MAX782
D_ Q_ +5V POWER-READY
604k
R2
1.65V
GND
Figure 6. Power-Ready Signal for the +5V Supply
Power-Ready and Power Sequencing
A "power-ready" signal can be generated from one of the comparator outputs by connecting one of the supplies (e.g., the +5V output - see Figure 6) through a high-resistance voltage divider to the comparator input. The threshold for the +5V-output comparator is set by R1 and R2 according to the formula: VTH = 1.65V x (R1 + R2) / R2. For example, choosing R1 = 1M and R2 = 604k sets the nominal threshold to 4.38V. If the power-ready signal is required to indicate when both the +3.3V and the +5V supplies have come up, use the MAX707 supervisory circuit shown in Figure 7. The threshold for the +3.3V-line comparator is set by R1 and R2 according to the formula: VTH = 1.25V x (R1 + R2) / R2. For example, choosing R1 = 1.2M and R2 = 1M sets the nominal threshold to 2.75V. The threshold for the +5V supply is preset inside the MAX707, and is typically 4.65V. The reset outputs remain asserted while either supply line is below its threshold, and for at least 140ms after both lines are fully up. If sequencing of the +3.3V and +5V supplies is critical, several approaches are possible. For example, the SS3 and SS5 capacitors can be sized to ensure that the two supplies come up in the desired order. This technique requires that the SS capacitors be selected specifically for each individual situation, because the loading on each supply affects its power-up speed.
+5V SUPPLY +3.3V SUPPLY VCC
RESET R1 1.24M 4.65V PFI
POWER READY
RESET
RESET POWER READY MR
PFO R2 1M 1.25V
MAX707
GND
Figure 7. Power-Ready Signal Covers Both +3.3V and +5V Supplies with External Voltage Monitor IC (MAX707)
Another approach uses the "power-ready" comparator output signal (see Figure 6) from one supply as a control input to the ON_ pin of the other supply.
______________________________________________________________________________________
21
Triple-Output Power-Supply Controller for Notebook Computers MAX782
+5V SUPPLY C4 100nF VCC R4 1M P SET1 HYST1 C2 100 nF POWER READY R6 1M C3 100nF ON3 VCC_EN0 D1 D2 FB3 s VCC_EN1 Q2 g d OUT2 N2 SLOT VCC MECHANICAL SWITCH NOTE: MOSFET BODY DIODES SHOWN FOR CLARITY. C1 22nF R2 390k GND PCMCIA 2.0 DIGITAL CONTROLLER VDD VH FB5 d +5V SUPPLY
+3.3V SUPPLY
MAX782 Q1
g s +3.3V SUPPLY
N1
ICL7665
R5 820k 1.3V
R3 1M
R1 1M SET2
N
Figure 9. Simple Switching for PCMCIA Slot VCC
Figure 8. Power-Up Sequencing for the Intel 486SL
FB5 PCMCIA 2.0 DIGITAL CONTROLLER
+5V
Figure 8 shows a more complex example of power sequencing. On power-up, the Intel 486SL computer requires the +5V supply to come up before the +3.3V supply. A power-ready signal is required 50ms later. This circuit's ON3 output connects to the MAX782's ON3 pin, and can be wire-OR connected with an opendrain output to enable another circuit to turn the +3.3V supply off.
MAX782 Q1
N3
VCC_EN0
D1
FB3
+3.3V
SLOT VCC
VCC_EN1
D2
Q2
N1 100F
PCMCIA Slot +3.3V/+5V VCC Switching
The MAX782 contains level shifters that simplify driving external power MOSFETs to switch PCMCIA card VCC to 3.3V and 5V. While a PCMCIA card is being inserted into the socket, the VCC pins on the card edge should be powered down to 0V so "hot insertion" does not damage the PCMCIA card. The simplest way to do this is to use a mechanical switch that has to be physically opened before the PCMCIA card can be inserted. The switch, which disconnects VCC, can be closed only when the card has been fitted snugly into its socket. Figure 9's circuit illustrates this approach and correctly shows the connections to both MOSFETs: N2 appears to be inserted with drain and source the wrong way around, but this is necessary to prevent its body diode from pulling the +3.3V supply up to 5V when VCC is connected to the +5V supply.
22
VDD
VH N2
NOTE: MOSFET BODY DIODES SHOWN FOR CLARITY.
Figure 10. Using the Level Shifters to Switch PCMCIA Slot VCC
Figure 10's circuit provides an alternative method of connecting the VCC supply to the PCMCIA slot. While it avoids using a mechanical switch, it does not provide the security of a physical interlock. Placing the two MOSFETs N1 and N2 with their body diodes facing in opposite directions allows VCC to be shut down to 0V without using a mechanical switch, and allows VCC to be driven to 5V without the +3.3V supply being pulled up to 5V.
______________________________________________________________________________________
Triple-Output Power-Supply Controller for Notebook Computers MAX782
Table 5. Components for Low-Voltage Operation
(Circuit of Figure 1, f = 200kHz, VIN Range = 5.5V to 12V) Coiltronics CTX03-12062 (low-leakage inductance, 10H primary) 660F 25m 1N5819 or equivalent Schottky diode
PCMCIA 2.0 DIGITAL CONTROLLER VCC_EN0 VDD
MAX782
FB5 FB3
Transformer L2: Filter Capacitor C6: Sense Resistor: Flyback Rectifier D2:
1M
+5V
+3.3V
1M 2N3904 SLOT VCC
The MAX782 has three comparators/level-shifters that can be used for this purpose, and two that are needed for each PCMCIA port. Two transistors can be used as shown in Figure 11 to provide two additional TTL-input MOSFET gate drivers for a second PCMCIA slot. The component values have been carefully chosen to provide smooth switching from 5V to 3.3V without make-beforebreak glitches, and without a break in the VCC supply.
510k 100F
1M VCC_EN1 2N3904
NOTE: MOSFET BODY DIODES SHOWN FOR CLARITY.
Low-Voltage (6-Cell) Operation
Low input voltages, such as the 6V end-of-life voltage of a 6-cell NiCd battery, place extra demands on the +5V buck regulator because of the very low input-output differential voltage. The standard application circuit works well with supply voltages down to 6.5V; at input voltages less than 6.5V, some component changes are needed (see Table 5), and the operating frequency must be set to 200kHz. The two main issues are load-transient response and load capability of the +15V VDD supply. The +5V supply's load-transient response is impaired due to reduced inductor-current slew rate, which is in turn caused by reduced voltage applied across the buck inductor during the high-side switch-on time. So, the +5V output sags when hit with an abrupt load current change, unless the +5V filter capacitor value is increased. Note that only the capacitance is affected and ESR requirements don't change. Therefore, the added capacitance can be supplied by an additional low-cost bulk capacitor in parallel with the normal low-ESR switching-regulator capacitor. The equation for voltage sag under a step-load change follows: ISTEP2 x L VSAG = ---------------------------------- 2 x CF x (VIN(MIN) x DMAX - VOUT) where DMAX is the maximum duty cycle. Higher duty cycles are possible when the oscillator frequency is reduced to 200kHz, due to fixed propagation delays through the PWM comparator becoming a lesser part of the whole period. The tested worst-case limit for DMAX is 92% at 200kHz. Lower inductance values can reduce
Figure 11. Using Discrete Circuitry to Switch PCMCIA 2.0 Slot VCC
the filter capacitance requirement, but only at the expense of increased noise at high input voltages (due to higher peak currents). The components shown in Table 5 allow the main +5V supply to deliver 2A from VIN = 5.5V, or alternatively allow the +15V supply to deliver 70mA while simultaneously providing +5V at 2A from V IN = 5.7V. Note: Components for +3.3V don't need to be changed. The +15V supply's load capability is also affected by low input voltages, especially under heavy loads. When the +5V supply is heavily loaded, there simply isn't enough extra duty cycle left for the flyback winding controller to deliver energy to the secondary. VDD loadcurrent limitations are thus determined by the worstcase duty-cycle limits, and also by any parasitic resistance or inductance on the transformer secondary. These parasitics, most notably the transformer leakage inductance and the forward impedance of the +15V rectifier diode, limit the rate-of-rise of current in the secondary during the brief interval when primary current reverses and the transformer conducts in the forward mode. See the Typical Operating Characteristics. For low-voltage applications that require heavy +15V load currents (for example, 6-cell circuits where +12V VPP must deliver 120mA or more), see the MAX783 data sheet. This device is similar to the MAX782 except the +15V flyback winding controller has been shifted from the +5V side to the +3.3V side.
23
______________________________________________________________________________________
Triple-Output Power-Supply Controller for Notebook Computers MAX782
Total Shutdown Circuits
When the +5V and +3.3V supplies are off, the complete MAX782 circuit consumes only about 70A, plus any leakage through the off MOSFETs. Some NiCd batteries can be damaged if they are fully discharged and then left for long periods (months) under load. Even 100A can do damage if left long enough. The complete power-supply system can be shut down by taking ON5 low, cutting the supply to the MAX782's V+ pin, while the bootstrapped +5V supply is turned off. This removes the supply from the controller, and turns off all the supplies. In this condition, the current consumption drops to the level of the leakage currents in the off transistors. Switching the V+ supply off is easy because the V+ line draws very little power; switching the entire power input from the battery would be more difficult. Figure 12 shows a logic interface for a momentary switch that toggles the whole system on and off. The logic circuit runs from the battery supply, so the input voltage from the battery is limited to the normal operating range for the flip-flop gates, which is usually 18V for 4000-series CMOS circuits. The active-high OFF input permits the supplies to be turned off under logic control as well as when the switch is pushed. If this logic input is not required, omit R1 and Q1. The supplies can only be turned on using the hardware switch. For automatic turn-off, connect the OFF input to a battery-voltage sensing comparator or to a timer powered from VL. Ensure that any signal connected to OFF does not glitch high at power-up.
(+5.5V TO +18V) VBATT ON/ OFF 1M 1F 1M 1M 1N4148 1M R ON ZETEX ZVP2106G SOT 223 V+ 1M Q1 2N4401 VL CD4011B 1N4148 S
ON
1N4148
1F OFF
R1 1M
MAX782
ON5 PGND
1N4148 ON5
Figure 12. Hardware/Software Total Shutdown Circuit
VDD FROM MAX782
Q1 2N4403
OUT
C1 100nF
R4 1k
C3 10nF
R1 16.9k
C2 6.8F
Generating Additional VPP Outputs Using External Linear Regulators
Figure 13 shows a low-dropout linear regulator designed to provide an additional VPP output from the VDD line. It can be turned off with a logic-level signal; its output can be switched to 5V or 12V; and it provides excellent rejection of the high-frequency noise on VDD. If a monolithic linear regulator is used, choose one having good PSRR performance at 300kHz.
3 FROM MAX782 REF R5 100k 7 U1 OP27 2 4 C4 10nF 6
R2 6.34k
R3 26.7k
OFF/ON
Q2 2N7002
12/5
Q3 2N7002
OFF/ON 1 0 0 X = DON'T CARE
12/5 X 0 1
VOUT (V) 0 5 12
Figure 13. External Regulator For Additional VPP Outputs
24 ______________________________________________________________________________________
Triple-Output Power-Supply Controller for Notebook Computers
________Evaluation Kit Information
The MAX782 evaluation kit (EV kit) is an assembled, surface-mount demonstration board. The kit embodies the standard application circuit and uses dip switches to control the 3V, 5V, and VPP outputs. The board accepts battery input voltages between 6.5V and 30V, and provides up to 30W of output power. All functions are controlled by standard CMOS/TTL logic levels. When active, outputs Q1-Q3 pull up to VH. Resistor R16, located on the back of the board, pulls the highside driver voltage VH up to +15V. By removing R16 and installing a resistor at the empty R15 site, VH may be tied to the +3.3V output. Alternately, both R15 and R16 may be omitted and the user may supply an arbitrary voltage between 3V and 20V at the VH edge pad. Note that Q1-Q3 are not meant to drive high-current loads directly. The D1-D3 comparators can be used as precision voltage detectors by installing resistor dividers at each input (R11/R12, R10/R13, R9/R14).
MAX782
___________Ev Kit Quick Reference
To set up the EV kit, use the following procedure: 1. Connect a power supply to the BATT IN terminals. The supply voltage should be between 6.5V and 30V. Input current may be several amps, depending on the input voltage and the output power demanded. 2. Turn on the +5V output by setting the ON5 dip switch to ON. The 5V OUT edge pad now supplies +5V at up to 3A, and +15V is now available at the +15V OUT edge pad. 3. Turn on the +3.3V output by setting the ON3 dip switch to ON. The 3.3V OUT edge pad now supplies +3.3V at up to 3A. The two regulators may be operated independently. 4. To use the VPPA/VPPB programmable voltage outputs, ON5 must be enabled. Set the four-circuit dip switch to the desired code and measure the output at the VPPA and VPPB edge pads. DA0 and DA1 control VPPA's state; DB0 and DB1 control VPPB's state.
Power-Supply Controls
ON3 - Enable 3.3V power supply ON5 - Enable 5.0V power supply SYNC - Switch-mode power-supply frequency input (optional)
VPP Voltage Outputs
The PCMCIA-compatible programmable voltage outputs are controlled by the DA0, DA1, DB0, and DB1 logic-level inputs. The MAX782 provides industrystandard Intel 82365-comptaible VPPA/VPPB PCMCIA controls (see Pin Description). The four-circuit dip switch connects the same way as the edge pads. From left to right, switch 1 controls DA1, switch 2 controls DA0, switch 3 controls DB1, and switch 4 controls DB0. VPPA and VPPB are capable of supplying 60mA each.
_______Ev Kit Detailed Description
Battery Input
BATT IN - Battery input, 6.5V to 30V GND - Ground The battery input voltage should be between 6.5V and 30V. The input voltage upper limit is set by the voltage rating of the input bypass capacitors, C1 and C13, and may not exceed the MAX782's 30V maximum rating. Higher input voltages generally require physically larger input capacitors.
Low-Battery Detection Comparators
To demonstrate the level shifters / high-side drivers, ON5 must be enabled so the +15V (VDD) is available to pull up the Q1-Q3 outputs. Measure the high-side driver supply at the VH edge pad. Logic-level edge pads D1-D3 control the outputs Q1-Q3. Q1-Q3 pull up to VH whenever the corresponding input D1-D3 is at a logic-high level.
______________________________________________________________________________________
25
MAX782
R3 1M R4 R5 R6 1M 1M 1M BATT IN
Triple-Output Power-Supply Controller for Notebook Computers
Figure 14. MAX782 EV Kit Schematic
C1 33F 35V C13 33F 35V 29 V+ X2A DA1 VH VH C2 4.7F R16 560 VPPA VPPB C11 1F 35V +15V OUT L2 C6 2.2F 25V 16V VL VPPA VPPB VDD BST5 DH5 N2 LX5 DL5 CS5 FB5 REF X1A 1 ON3 ON5 SYNC R12 OPEN 2 D1 D2 4 D3 SS3 GND PGND SS5 36 12 26 20 C9 0.01F R8 1M R7 R9 R10 R11 1M 1M 1M 1M 3 R13 OPEN R14 OPEN Q1 Q2 Q3 14 8 7 6 19 X1B 13 N1-N4 = Si9410DY D1 = BAW56L OR TWO 1N4148s R17 100k C3 1F 20V 27 21 25 N4 23 R2 0.02 D4 1N5819 22 D2 EC11FS1 24 D1 C4 0.1F 10 C10 1F 35V 11 9 28 DA0 DB1 DB0 5 X2B X2C X2D 18 17 16 15 R15 OPEN C5 BST3 DH3 LX3 DL3 CS3 FB3 0.1F R1 0.025 L1 10H 32 30 35 34 N1 33 D1 31
26
MAX782
D3 1N5819 N3 C16 150F 10V 5V OUT C6 330F 10V SYNC Q1 Q2 Q3 C8 0.01F
DA1
DA0 DB1
DB0
3.3V OUT
C7 150F 10V
ON3
ON5
______________________________________________________________________________________
D18
D2B
D3B
Triple-Output Power-Supply Controller for Notebook Computers MAX782
Figure 15. MAX782 EV Kit Top Component Layout and Silk Screen, Top View
______________________________________________________________________________________
27
Triple-Output Power-Supply Controller for Notebook Computers MAX782
Figure 16. MAX782 EV Kit Ground Plane (Layers 2 and 3), Top View
28 ______________________________________________________________________________________
Triple-Output Power-Supply Controller for Notebook Computers MAX782
Figure 17. MAX782 EV Kit Top Layer (Layer 1), Top View
______________________________________________________________________________________
29
Triple-Output Power-Supply Controller for Notebook Computers MAX782
Figure 18. MAX782 EV Kit, Bottom Component Layout and Silk Screen, Bottom View
30 ______________________________________________________________________________________
Triple-Output Power-Supply Controller for Notebook Computers MAX782
Figure 19. MAX782 EV Kit Bottom Layer (Layer 4), Top View
______________________________________________________________________________________
31
Triple-Output Power-Supply Controller for Notebook Computers MAX782
___________________Chip Topography
D2 D3 VH Q3 Q2 Q1 VPPA DL3 V+ VDD VL 0.181" (4.597mm) FB5 PGND DL5 ON3 D1 CS3 FB3 SS3 DH3 LX3 BST3
_Ordering Information (continued)
PART MAX782C/D MAX782EBX MAX782REBX MAX782SEBX EV KIT MAX782EVKIT-SO TEMP. RANGE 0C to +70C -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE Dice* 36 SSOP 36 SSOP 36 SSOP VOUT -- 3.3V 3.45V 3.6V
TEMP. RANGE 0C to +70C
BOARD TYPE Surface Mount
* Contact factory for dice specifications.
VPPB GND
REF SYNC DA1 ON5 CS5 DB1 SS5 DA0 DB0 0.132" (3.353mm) DH5
BST5 LX5
TRANSISTOR COUNT: 1569 SUBSTRATE CONNECTED TO GND
________________________________________________________Package Information
DIM A A1 B C D E e H L INCHES MAX MIN 0.104 0.094 0.011 0.004 0.017 0.011 0.012 0.009 0.610 0.604 0.298 0.292 0.032 BSC 0.416 0.398 0.035 0.020 8 0 MILLIMETERS MIN MAX 2.39 2.64 0.10 0.28 0.30 0.44 0.23 0.32 15.34 15.49 7.42 7.57 0.80 BSC 10.10 10.57 0.51 0.89 0 8
21-0032A
E
H
D A
0.127mm 0.004in.
e
B
A1
C
L
36-PIN PLASTIC SHRINK SMALL-OUTLINE PACKAGE
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
32 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600 (c) 1994 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX782CD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X