Part Number Hot Search : 
10SB1 G9001 FN2139 M38034 TEA6101 GC11824F AL1401 BCM8603
Product Description
Full Text Search
 

To Download MASWSS0006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs SP2T 2.5V High Power Switch DC - 3 GHz Preliminary
Jan 17 2002
MASWSS0006
Features
* * * * * *
Low Voltage Operation 2.5V Low Harmonics > 65 dBc at +34 dBm & 1 GHz Low Insertion Loss 0.45 dB at 1 GHz High Isolation 18.5 dB at 2 GHz Miniature SOT-26 Package 0.5 micron GaAs pHEMT Process
Functional Schematic
PIN 1 PIN 6
RF1 39 pF GND
V1 RFC 39 pF V2
Description
M/A-COM's MASWSS0006 is a GaAs PHEMT MMIC single pole two throw (SP2T) high power switch in a low cost miniature SOT-26 package. The MASWSS0006 is ideally suited for applications where high power, low control voltage, low insertion loss, high isolation, small size and low cost are required. Typical applications are for GSM and DCS handset systems that connect separate transmit and receive functions to a common antenna, as well as other related handset and general purpose applications. This part can be used in all systems operating up to 3 GHz requiring high power at low control voltage. The MASWSS0006 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.
39 pF
RF2
Pin Configuration
PIN No. 1 2 PIN Name RF1 GND RF2 V1 RFC V2 Description RF Port 1 RF Ground RF Port 2 Control 1 RF Common Port Control 2
Absolute Maximum Ratings
Parameter Max Input Power (0.5 - 3 GHz, 2.5V Control) Operating Voltage Operating Temperature Storage Temperature
1
3 4 5 6
Absolute Maximum +38 dBm +8.5 volts -40 oC to +85 oC -65 oC to +150 oC
1. Exceeding any one or combination of these limits may cause permanent damage.
GaAs SP2T 2.5V High Power Switch Electrical Specifications: TA = 25C, Z0 = 50 2
Parameter Insertion Loss Test Conditions DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 2 GHz 2 - 3 GHz Two Tone +21 dBm, 1 MHz Spacing, > 50 MHz Vc = 0V/3V Vc = 0V/2.5V 1 GHz, PIN = +34 dBm, Vc = 0V/2.5V 1 GHz, PIN = +34 dBm, Vc = 0V/2.5V 10% to 90% RF, 90% to 10% RF 50% control to 90% RF, and 50% control to 10% RF In Band |Vc| = 2.5V Units dB dB dB dB dB dB dB dB dBm dBm dBc dBc uS uS mV uA 65 65 23 17.5 Min.
MASWSS0006
V 1.00
Typ. 0.45 0.55 0.65 24.5 18.5 14 20 16 64 38
Max. 0.65 0.75
Isolation
Return Loss IP3 P1dB 2nd Harmonic 3rd Harmonic Trise, Tfall Ton, Toff Transients Gate Leakage
1 1 10 100
2. Insertion Loss can be optimized by varying the DC Blocking Capacitor value, ie. 1000 pF for 100 MHz - 500 MHz, 39 pF for 0.5 GHz - 3 GHz.
Truth Table 3
V1 +2.5 to +5V 0 + 0.2V 3. V2 0 + 0.2V +2.5 to +5V ANT- RF1 On Off ANT - RF2 Off On
External DC blocking capacitors are required on all RF ports
2
Specifications subject to change without notice.
North America: Tel. (800) 366-2266, Fax (800) 618-8883 Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020 Visit www.macom.com for additional data sheets and product information.
GaAs SP2T 2.5V High Power Switch Typical Performance Curves
Insertion Loss vs. Frequency, 25 oC, 39 pF
0 -0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1 0.5 1 1.5 2 2.5 3
MASWSS0006
V 1.00
Isolation vs. Frequency, 25 oC, 39 pF
0 -5 -10 -15 -20 -25 -30 -35 0.5 1 1.5 2 2.5 3
Frequency (GHz)
Frequency (GHz)
Harmonic Rejection vs. Control Voltage, 25 oC, 39 pF
-60
Pin = +34 dBm @ 1 GHz
-65 -70
3rd Harmonic
-75 -80 -85
2nd Harmonic
-90 2.2 2.4 2.6 2.8 3
Frequency (GHz)
3
Specifications subject to change without notice.
North America: Tel. (800) 366-2266, Fax (800) 618-8883 Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020 Visit www.macom.com for additional data sheets and product information.
GaAs SP2T 2.5V High Power Switch SOT-26 Plastic Package
MASWSS0006
V 1.00
4
Specifications subject to change without notice.
North America: Tel. (800) 366-2266, Fax (800) 618-8883 Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020 Visit www.macom.com for additional data sheets and product information.
GaAs SP2T 2.5V High Power Switch Handling Procedures
The following precautions should be observed to avoid damage:
MASWSS0006
V 1.00
Static Sensitivity
Gallium Arsenide Integrated Circuits are ESD sensitive and can be damaged by static electricity. Proper ESD techniques should be used when handling these devices.
Ordering Information
Part Number MASWSS0006 MASWSS0006TR MASWSS0006SMB Package SOT-26 6-lead Plastic Package 1000 piece reel Sample Test Board
5
Specifications subject to change without notice.
North America: Tel. (800) 366-2266, Fax (800) 618-8883 Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MASWSS0006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X