Part Number Hot Search : 
XU308 MJD112T4 GS204U 6545AIBZ AN502 CM1431 S20K275 HN4065CG
Product Description
Full Text Search
 

To Download M74HC699B1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54/74HC696/697 M54/74HC698/699
HC696/698 U/D DECADE COUNTER/REGISTER (3-STATE) HC697/699 U/D 4 BIT BINARY COUNTER/REGISTER (3-STATE)
.HI .LOWPOWERDI .HI .OUTPUTDRI .SYMMETRI .BALANCEDPROPAGATI .WI .PI
GH SPEED fMAX = 50 MHz (TYP.) AT VCC = 5 V SSIPATION ICC = 4 A (MAX.) AT TA = 25 C GH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.) VE CAPABILITY 15 LSTTL LOADS (for QA to QD) 10 LSTTL LOADS (for RCO) CAL OUTPUT IMPEDANCE |IOH| = IOL = 6 mA (MIN.) FOR QA TO QD |IOH| = IOL = 4 mA (MIN.) FOR RCO OUTPUT ON DELAYS tPLH = tPHL DE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V N AND FUNCTION COMPATIBLE WITH LSTTL 54/74LS696/697/698/699
B1R (Plastic Package)
F1R (Ceramic Package)
M1R (Micro Package)
C1R (Chip Carrier)
ORDER CODES : M54HCXXXF1R M74HCXXXM1R M74HCXXXB1R M74HCXXXC1R
DESCRIPTION The HC696/697 are high speed CMOS up/down counters fabricated with silicon gate C2MOS technology. They achieve the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power dissipation. The HC696/698 are BCD DECADE COUNTER, and the HC697/699 are 4-BIT BINARY COUNTER. Both devices have register. They count on the positive edge of the counter clock input (CCK) when selected by the "Counter Mode". If the input U/D is held "H", the internal counter counts up, and held "L", counts down. The internal counter's outputs are stored in the output register at the positive edge of register clock (RCK). The counter features enable P and enable T and a ripple-carry output for easy expansion. the register/counter select input, R/C, selects the counter when low or the register when high for the three state outputs, QA, QB, Qc and QD. Both the counter clock CCK and register clock RCK are positive-edge triggered. The counter clear CCLR is active low and is synchronous for HC698/699, and asynchronous for HC696/697. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
March 1993
PIN CONNECTIONS (top view)
NC = No Internal Connection
1/22
M54/M74HC696/697/698/699
PIN DESCRIPTION
PIN No 1 2 3, 4, 5, 6 7, 14 8 9 11 12 13 15, 16, 17, 18 19 10 20 SYMBOL U/D CCK A to D EMP/ENT CCLR RCK R/C G LOAD QA to QD RCO GND V CC NAME AND FUNCTION Up Down Counter Selector Counter Clock Data Inputs Enable P and T Counter Clear (Active LOW) Register Clock Register Counter Selector Enable Input Load Counter (Active LOW) Data Outputs Load Counter (Active HIGH) Ground (0V) Positive Supply Voltage
INPUT AND OUTPUT EQUIVALENT CIRCUIT
IEC LOGIC SYMBOL
HC696
HC697
HC698
HC699
2/22
M54/M74HC696/697/698/699
TRUTH TABLE
INPUTS CCLR LOAD ENP X X X L H H H H H H X X
(*) X Z a-d a'-d'
OUTPUTS U/D X X X X X H L X X X RCK X X X X X X X X R/C X L L L L L L L H H G H L L L L L L L L L QA Z L a QB Z L QC Z L QD Z L d
ENT X X X X H L L X X X
CCK X X (*)
FUNCTION HIGH IMPEDANCE CLEAR COUNTER LOAD COUNTER NO COUNT NO COUNT COUNT UP COUNT DOWN NO COUNT LOAD REGISTER NO LOAD
X L H H H H X X X
X X H X L L X X X
b c NO CHANGE NO CHANGE COUNT UP COUNT DOWN NO CHANGE b' c' NO CHANGE
X X
a'
d'
: For HC698/699 : Don't care : High impedance : The level of steady state input at inputs a through D respectively : The level of steady state outputs at internal counter outputs QA' through QD' respectively HC697/9 - RCO = (UP * QA * QB * QC * QD * ENT + UP * QA * QB * QC * QD * ENT)
RCO function : HC696/8 - RCO = (UP * QA * QD * ENT + UP * QA * QD * ENT)
BLOCK DIAGRAM
3/22
M54/M74HC696/697/698/699
LOGIC DIAGRAM (HC696)
4/22
M54/M74HC696/697/698/699
TIMING CHART (HC696)
5/22
M54/M74HC696/697/698/699
LOGIC DIAGRAM (HC697)
6/22
M54/M74HC696/697/698/699
TIMING CHART (HC697)
7/22
M54/M74HC696/697/698/699
LOGIC DIAGRAM (HC698)
8/22
M54/M74HC696/697/698/699
DECADE COUNTER, SYNCHRONOUS CLEAR (HC698)
9/22
M54/M74HC696/697/698/699
LOGIC DIAGRAM (HC699)
10/22
M54/M74HC696/697/698/699
BINARY COUNTER, SYNCHRONOUS CLEAR (HC699)
11/22
M54/M74HC696/697/698/699
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO ICC or IGND PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source Sink Current Per Output Pin (RCO) (QA to QD) DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 35 70 500 (*) -65 to +150 300 Unit V V V mA mA mA mA mW
o o
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition isnotimplied. (*) 500 mW: 65 oC derate to 300 mW by 10mW/oC: 65 oC to 85 oC
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Parameter Supply Voltage Input Voltage Output Voltage Operating Temperature: Input Rise and Fall Time M54HC Series M74HC Series VCC = 2 V VCC = 4.5 V VCC = 6 V Value 2 to 6 0 to VCC 0 to VCC -55 to +125 -40 to +85 0 to 1000 0 to 500 0 to 400 Unit V V V C o C ns
o
12/22
M54/M74HC696/697/698/699
DC SPECIFICATIONS
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 V OH High Level Output Voltage (RCO) 2.0 4.5 6.0 4.5 V OH High Level Output Voltage (QA - QD) 6.0 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage (RCO) 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage (QA - QD) 2.0 4.5 6.0 4.5 6.0 II IOZ ICC Input Leakage Current 3 State Output Off State Current Quiescent Supply Current 6.0 6.0 6.0 VI = IO=-20 A VIH or V IL IO=-4.0 mA IO=-5.2 mA VI = IO=-20 A VIH or V IL IO=-6.0 mA IO=-7.8 mA VI = IO= 20 A VIH or V IL IO= 4.0 mA IO= 5.2 mA VI = IO= 20 A VIH or V IL IO= 6.0 mA IO= 7.8 mA VI = VCC or GND VI = VIH or VIL VO = VCC or GND VI = VCC or GND 1.9 4.4 5.9 4.18 5.68 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 0.1 0.1 0.26 0.26 0.1 0.5 4 TA = 25 oC 54HC and 74HC Min. Typ. Max. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.13 5.63 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 0.1 0.1 0.1 0.33 0.33 1 5 40 Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 0.1 0.1 0.1 0.40 0.40 1 10 80 A A A V V V V 1.5 3.15 4.2 0.5 1.35 1.8 V V Unit
VIH
High Level Input Voltage Low Level Input Voltage
V IL
13/22
M54/M74HC696/697/698/699
AC ELECTRICAL CHARACTERISTICS (Input t r = t f = 6 ns)
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 tPLH tPHL tPLH tPHL Propagation Delay Time (CCK - RCO) Propagation Delay Time (R/C - Q) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 tPLH tPHL tPLH tPHL Propagation Delay Time (ENT - RCO) Propagation Delay Time (CCLR - Q) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 50 CL (pF) TA = 25 oC 54HC and 74HC Min. Typ. 25 7 6 30 8 7 90 28 24 103 32 27 82 24 20 95 28 24 109 32 27 61 20 17 73 24 20 63 18 15 78 for HC696 HC697 26 22 90 30 26 98 29 25 12 45 53 Max. 60 12 10 75 15 13 215 43 37 245 49 42 185 37 31 215 43 37 245 49 42 155 31 26 185 37 31 140 28 24 195 39 33 235 47 40 220 44 37 4 20 24 Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. 75 19 13 95 19 16 270 54 46 305 61 52 230 46 39 270 54 46 305 61 52 195 39 33 230 46 39 175 35 30 245 49 42 295 59 50 275 55 47 3.4 17 20 MHz Min. Max. 90 18 15 115 23 20 325 65 55 370 74 63 280 56 48 325 65 55 370 74 63 235 47 40 280 56 48 210 42 36 295 59 50 355 71 60 330 66 56 ns
Unit
tTLH tTHL tTLH tTHL tPLH tPHL
Output Transition Time (Qn) Output Transition Time (RCO) Propagation Delay Time (CCK - Q)
50
ns
50
ns
50
ns
150
ns
tPLH tPHL
Propagation Delay Time (RCK - Q)
50
ns
150
ns
50
ns
150
ns
50
ns
50
ns
150 for HC696 HC697 5 50 25 30
ns
tPLH tPHL fMAX
Propagation Delay Time (CCLR - RCO) Maximum Clock Frequency
50
ns
14/22
M54/M74HC696/697/698/699
AC ELECTRICAL CHARACTERISTICS (Continued)
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 50 50 CL (pF) TA = 25 oC 54HC and 74HC Min. Typ. Max. RL = 1K 45 15 13 57 19 16 32 17 14 40 8 for HC696 HC697 for HC698 HC699 7 40 8 7 16 4 3 64 16 14 16 4 3 44 11 9 44 11 9 50 for HC696 HC697 5 71 77 120 24 20 150 30 26 115 23 20 75 15 13 75 15 13 50 10 9 150 30 26 50 10 9 100 20 17 100 20 17 5 5 5 5 5 5 10 Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 150 30 26 190 38 32 145 29 25 95 19 16 95 19 16 65 13 11 190 38 32 65 13 11 125 25 21 125 25 21 5 5 5 5 5 5 10 180 36 31 225 45 38 175 35 30 110 22 19 110 22 19 75 15 13 220 44 37 75 15 13 150 30 26 145 29 25 5 5 5 5 5 5 10 ns pF pF ns
Unit
tPZL tPZH
Output Enable Time
50
ns
150
RL = 1K
ns
tPLZ tPHZ tW(H) tW(L) tW(L)
Output Disable Time Minimum Pulse Width (CCK, RCK) Minimum Pulse Width (CCLR) Minimum Set-up Time (CCLR) Minimum Set-up Time (LOAD, ENT, ENP) Minimum Set-up Time (A, B, C, D) Minimum Set-up Time (CCK, RCK) Minimum Set-up Time (U/D) Minimum Hold Time Minimum Removal Time Input Capacitance Power Dissipation Capacitance
50
RL = 1K
ns
50
ns
ts
50
ns
ts
50
ns
ts
50
ns
ts
50
ns
ts
50
ns
th
ns
tREM
CIN CPD (*)
HC696/697/699 HC698
(*) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD *VCC *fIN + ICC/2 (per circuit)
15/22
M54/M74HC696/697/698/699
SWITCHING CHARACTERISTICS TEST WAVEFORM (HC696/697)
16/22
M54/M74HC696/697/698/699
SWITCHING CHARACTERISTICS TEST WAVEFORM (continued)
OUTPUT DISABLE, ENABLE
TEST CIRCUIT ICC (Opr.)
17/22
M54/M74HC696/697/698/699
Plastic DIP20 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.34 8.5 2.54 22.86 7.1 3.93 0.130 0.053 0.254 1.39 0.45 0.25 25.4 0.335 0.100 0.900 0.280 0.155 1.65 TYP. MAX. MIN. 0.010 0.055 0.018 0.010 1.000 0.065 inch TYP. MAX.
DIM.
P001J
18/22
M54/M74HC696/697/698/699
Ceramic DIP20 MECHANICAL DATA
mm MIN. A B D E e3 F G I L M N1 P Q 7.9 2.29 0.4 1.27 0.22 0.51 0.5 22.86 2.79 0.55 1.52 0.31 1.27 0.090 0.016 0.050 0.009 0.020 3.3 1.78 0.020 0.900 0.110 0.022 0.060 0.012 0.050 TYP. MAX. 25 7.8 0.130 0.070 MIN. inch TYP. MAX. 0.984 0.307
DIM.
4 (min.), 15 (max.) 8.13 5.71 0.311 0.320 0.225
P057H
19/22
M54/M74HC696/697/698/699
SO20 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F L M S 7.40 0.50 12.60 10.00 1.27 11.43 7.60 1.27 0.75 8 (max.) 0.291 0.19 13.00 10.65 0.35 0.23 0.50 45 (typ.) 0.496 0.393 0.050 0.450 0.299 0.050 0.029 0.512 0.419 0.10 mm TYP. MAX. 2.65 0.20 2.45 0.49 0.32 0.013 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.007 0.096 0.019 0.012
P013L
20/22
M54/M74HC696/697/698/699
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
21/22
M54/M74HC696/697/698/699
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
22/22


▲Up To Search▲   

 
Price & Availability of M74HC699B1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X