Part Number Hot Search : 
AQV255 IRFZ4 SB8150CT BCM5238 W56932CY IPECRG NE5537 ADUM330
Product Description
Full Text Search
 

To Download M66272 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P
. on. icati ange pecif ct to ch nal s je t a fi are sub no his is ic limits tr ce: T Noti parame e Som
RY INA IM REL
MITSUBISHI
M66272FP
LCD CONTROLLER with VRAM
* Displayable LCD * Binary display Monochrome STN-LCD of up to 153600 dots(equivalent to 1/2 VGA) * 4 gray scale display Monochrome STN-LCD of up to 76800 dots(equivalent to 1/4 VGA) Reflective color STN-LCD of up to 76800 dots (equivalent to 1/4 VGA) * Interface with MPU * Capability of switching the interface with two-way 8/16-bit MPU * Provides WAIT output pin(WAIT output when access from MPU to VRAM is gained) * Capability of controlling BHE or LWR/HWR at the interface with a 16-bit MPU * Interface with LCD * LCD display data bus is a 4-bit or 8-bit parallel output. * 4 kinds of control signals: CP, LP, FLM and M * Display functions * Graphic display only * Binary or 4 gray scale display(gray scale palette is used to set pseudo medium 2 gray scale.) * Reflective color(ECB) uses a gray scale function. * Vertical scrolling is allowed within memory range. * Additional function for LCD module built-in system * Capability of interfacing with two-way 8/16-bit MPU(16-bit MPU byte access is not allowed.) * Access from MPU to VRAM is gained via the I/O register. * 5V or 3V single power supply
DESCRIPTION
The M66272FP is a graphic display-only controller for dot matrix type STN-LCD which is used widely for OA equipment, PDA, amusement equipment, etc. It is capable of displaying six types of LCD by combining the panel configuration(single or dual scan), LCD display function(binary or gray scale), LCD display data bus width(4 or 8 bit).
Panel configuration Single scan Binary/ gray scale LCD display data 4bit Binary 8bit 4bit Gray scale 8bit Binary 4bit Gray scale 4bit Displayable LCD size Equivalent to 640 x 240 Equivalent to 320 x 240
Equivalent to 320 x 240 x 2 screens Equivalent to 320 x 120 x 2 screens
Dual scan
The M66272FP can support the reflective color type LCD (ECB : Electrically Controlled Birefringence). The IC has a built-in 19200-byte VRAM as a display data memory. All of the VRAM addresses are externally opened. Direct addressing of display data can be performed from MPU, thus display data processing such as drawing can be efficiently carried out. The built-in arbiter circuit(cycle steal system) which gives priority to display access allows timing-free access from MPU to VRAM, preventing display screen distortion. The IC provides has a function for LCD module built-in system by lessening connect pins between the MPU and the IC.
FEATURES
* Display memory * Built-in 19200-byte(153.6-Kbit) VRAM(Equivalent to 320 x 240 dots x 2 screens) * All addresses of built-in VRAM are externally opened.
APPLICATION
* PPC/FAX operation panel, display/operation panel of other OA equipment, multifunction/public telephone * PDA/electronic notebook/information terminal, portable terminal * Game, Amusements, kid's computer etc.
PIN CONFIGURATION (TOP VIEW)
61
64
63
62
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
VSS DISPLAY DATA TRANSFER CLOCK CP DISPLAY DATA LATCH PULSE LP FIRST LINE MARKER SIGNAL FLM VD<0> VD<1> VD<2> VD<3> LCD DISPLAY DATA BUS VD<4> VD<5> VD<6> VD<7> VDD N.C N.C VSS
41
VSS VDD LCD ALTERNATING M SIGNAL LCDENB LCD CONTROL D<15> SIGNAL D<14> D<13> D<12> MPU DATA BUS D<11> D<10> D<9> D<8> VDD VSS D<7> D<6> D<5> D<4> MPU DATA BUS D<3> D<2> D<1> D<0> VDD VSS
65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 20 21 22 23 10 11 12 13 14 15 16 17 18 19 24 1 2 3 4 5 6 7 8 9
40 39 38 37 36 35 34
M66272FP
33 32 31 30 29 28 27 26 25
VSS N.C N.C N.C CSE CYCLE STEAL ENABLE VSS VDD SWAP BUS SWAP A<14> A<13> A<12> MPU ADDRESS A<11> BUS A<10> A<9> A<8> VSS
MPU CLOCK MPUCLK VSS RESET RESET 8/16MPU SELECT MPUSEL VSS BUS HIGH ENABLE BHE A<0> A<1> A<2> A<3> MPU ADDRESS BUS A<4> A<5> A<6> A<7> VDD
IOCS HWR LWR RD MCS WAIT VDD
VSS
Outline 80P6N-A
CONTROL REGISTER CHIP SELECT HIGH WRITE STROBE LOW WRITE STROBE READ STROBE VRAM CHIP SELECT WAIT
VSS
N.C : No Connection
1
P
. on. icati ange pecif ct to ch nal s je t a fi are sub no his is ic limits tr ce: T Noti parame e Som
RY INA IM REL
MITSUBISHI
M66272FP
LCD CONTROLLER with VRAM
BLOCK DIAGRAM 1
15
VDD
8 23 34 42 52 63 77
-
22 26
MPU ADDRESS BUS
A<14:0>
-
ADDRESS BUFFER
61
32
CONTROL REGISTER
LCD DISPLAY TIMING CONTROL CIRCUIT GRAY SCALE PATTERN TABLE
66 67 68 62
LCDENB SIGNAL DISPLAY DATA CP TRANSFER CLOCK LP
LCD CONTROL
43
DISPLAY DATA LATCH PULSE FLM FIRST LINE MARKER SIGNAL M LCD ALTERNATING SIGNAL
-
MPU DATA BUS D<15:0>
50 53
-
DATA BUFFER
60
VRAM
CONTROL REGISTER IOCS CHIP SELECT VRAM CHIP SELECT MCS
2 6 3 4 5 12 11 14 33 9 7 36
-
19200byte
HWR LOW W RITE STROBE LWR READ STROBE RD 8/16MPU SELECT MPUSEL RESET RESET BUS HIGH ENABLE BHE BUS SWAP SWAP MPU CLOCK MPUCLK WAIT WAIT CYCLE STEAL ENABLE CSE
HIGH WRITE STROBE
LCD DISPLAY DATA CONTROL CIRCUIT
69
VD<7:0> LCD DISPLAY
DATA BUS
76
MPU I/F CONTROL CIRCUIT
BUS ARBITER TIMIG CONTROL CLOCK CONTROL (BASIC TIMING CONTROL) (CYCLE STEAL CONTROL)
1 10 13 24 25 35 40 41 51 64 65 80
37 38 39 78 79
VSS
N.C
BLOCK DIAGRAM 2 (When interfacing with the LCD module built-in system and having the maximum number of pins connected with MPU)
INPUT FIXED PIN
3 6 11 12 14 15 26 32 33
OPEN PIN
7
VDD
8 23 34 42 52 63 77
-
MPU ADDRESS BUS
16
A<7:1>
22
MPU DATA BUS
D<15:0>
50 53
60
DATA BUFFER
-
VRAM ADDRESS INDEX REGISTER
CONTROL REGISTER IOCS CHIP SELECT
2
DATA PORT REGISTER
VRAM 19200byte
GRAY SCALE PATTERN TABLE
43
-
-
LOW WRITE STROBE READ STROBE
LWR RD
4
5
MPU CLOCK
MPUCLK
9
2
-
ADDRESS BUFFER CONTROL REGISTER LCD DISPLAY TIMING CONTROL CIRCUIT
61
LCDENB SIGNAL
LCD CONTROL
66 67 68 62
DISPLAY DATA CP TRANSFER CLOCK LP DISPLAY DATA LATCH PULSE FLM FIRST LINE MARKER SIGNAL LCD ALTERNATING M SIGNAL
LCD DISPLAY DATA CONTROL CIRCUIT
69
VD<7:0> LCD DISPLAY
DATA BUS
76
MPU I/F CONTROL CIRCUIT
BUS ARBITER TIMIG CONTROL CLOCK CONTROL (BASIC TIMING CONTROL)
1 10 13 24 25 35 40 41 51 64 65 80 36 37 38 39 78 79
VSS
N.C
P
tion. ange. ifica h spec t to c final bjec u not a s are s it is is h m tric li ce: T Noti parame e Som
RY INA IM REL
MITSUBISHI
M66272FP
LCD CONTROLLER with VRAM
PIN DESCRIPTIONS
Item Pin name Output D<15:0> Input/ Output
Input/
Function MPU data bus When selecting 8 bit MPU by MPUSEL input, connect D<15:8> to VDD or VSS.
MPU address bus When selecting 8-bit MPU, use A<14:0>. When selecting 16-bit MPU, use A<14:1> as a address bus. By combining A<0> and BHE, access to internal VRAM can be gained. When driving two screens (dual scan mode), notice that the allowable setup range of VRAM address is restricted. Use A<7:0> for selecting address of control register.
Number of pins
16
A<14:0>
Input
15
IOCS MCS HWR
Input Input
Chip select input of control register When this pin is "L", select the internal control register. Assign to I/O space of MPU. Chip select input of VRAM When this pin is "L", select the internal VRAM. Assign to memory space of MPU. High-Write strobe input When this pin is "L", write data to the internal VRAM. HWR is valid only in using 16-bit MPU controlled byte access by LWR and HWR. Low-Write strobe input When this pin is "L", write data to the internal control register or VRAM. Read strobe input When this pin is "L", read data from the internal control register or VRAM. 8/16-bit MPU select input According to MPU, set "VSS" for 8-bit MPU and set "VDD" for 16-bit MPU. Reset input Use reset signal of MPU. When this pin is "L", initialize (reset) all internal control registers and counters. MPU clock Input system clock output from MPU. Bus-High-Enable input This pin is valid when using 16-bit MPU controlling byte access with A<0> and BHE. Connect to "VDD" to select 8-bit MPU.
Bus swap input When selecting 16-bit MPU, connect SWAP to "VSS" to transfer VD in order of Upper/Lower byte of MPU data bus, reversally connect to "VDD" in order of Lower/Upper byte. When selecting 8-bit MPU, connect to "VSS". Even if connecting to "VDD", use D<7:0> to access to register of 8-bit width. WAIT output for MPU This signal makes WAIT for MPU. Change WAIT to "L" at timing of falling edge of overlapping with MCS and RD or LWR and HWR. And return to "H" at synchronization with the rising edge of MPUCLK after internal processing. (Output WAIT only when requested access from MPU to VRAM is gained during cycle steal access.)
1 1
Input Input Input Input
1 1 1 1
LWR RD MPU interface MPUSEL
RESET MPUCLK
Input
1 1 1
Input Input
BHE
SWAP
Input
1
WAIT
Output
1
CSE VD<7:0>
Output Output
Cycle Steal Enable output State output of internal cycle steal access.
Display data bus for LCD Transfer the LCD display data in synchronization with a rising edge of CP by putting 4-bit or 8-bit in parallel. The VD output pin in use differs depending on the number of driven screens and the display mode. Display data transfer clock Shift clock for the transfer of display data to LCD. Take the display data of VD to LCD at falling edge of CP. Display data latch pulse This clock use both as the latch pulse of display data for LCD and the transfer of scanning signal. LP is output when it finishes transferring display data of a line. Latch of display data and the transfer of scanning signal at falling edge of LP. First Line Marker signal output Output the start pulse of scanning line. This signal is "H" active, the IC for driving scanning line catches FLM at falling edge of LP.
1 8 1
CP
Output
LP LCD interface FLM M
Output
1
Output Output
1
LCD alternating signal output Signal for driving LCD by alternating current. LCD (ON/OFF) control signal output Output data which is set at bit "0" of mode register (R1) in the control register. This signal can be used for controlling the LCD power supply, because LCDENB is set to "L" by RESET. Power supply pin
Ground
1
LCDENB Output VDD Others VSS N.C
1 7 12 5
3
No connection
P
. ation nge. ecific t to cha c al sp a fin re subje not a his is ic limits tr ce: T Noti parame e Som
RY INA IM REL
MITSUBISHI
M66272FP
LCD CONTROLLER with VRAM
OUTLINE
M66272FP is a graphic display only controller for displaying a dot matrix type STN-LCD. * LCD display mode It is capable of displaying six types of LCD by combining the panel configuration, binary/gray scale, LCD display data bus width. Display mode
1
Panel Binary/ LCD display configuration gray scale data 4bit Binary Single scan Gray scale 8bit 4bit 8bit Dual scan Binary Gray scale 4bit 4bit
Displayable LCD size Equivalent to 640 x 240 Equivalent to 320 x 240
Equivalent to 320 x 240 x 2 screens Equivalent to 320 x 240 x 2 screens
* Cycle steal system Cycle steal system is interact method of transforming display data for LCD from VRAM and accessing VRAM from MPU on the basic cycle (MAINCLK) of internal operation. Basic timing is two clocks of MAINCLK, and assign first clock to the access from MPU to VRAM and second clock to the transfer of display data from VRAM to LCD. In accessing VRAM from MPU, output WAIT. Change WAIT to "L" at the timing of the falling edge of overlapping with MCS and RD or LWR / HWR, and return to "H" at synchronizing with rising edge of MPUCLK after internal processing. For the cycle steal system, this IC provides a cycle steal control function to improve data transfer efficiency in a line. This function gains access with the cycle steal system by taking WAIT for MPU during the display term with necessity for the display data transfer from built-in VRAM to LCD. On the other side, it does not output WAIT for keeping throughput of MPU during horizontal synchronous term (idle running term) with no necessity for the display data transfer from VRAM to LCD side. * Output to LCD side LCD display data VD<7:0> is output in parallel per 4 bits or 8 bits in synchronization with the rising edge of CP. Pin VD differs depending on the display mode. Single scan 4-bit transfer 8-bit transfer Dual scan 4-bit transfer VD<7:4> VD<3:0> Display mode 1
3
2 3 4 5 6
* Control register When accessing the control register from MPU, use pins IOCS, LWR, RD, A<7:0> and D<7:0>. (However, use D<15:0> only when 16-bit MPU controls the LCD module built-in support function.) The IC contains the following registers as control registers. Operation control Gray scale pattern table R1 to R11 R17 to R80
Supporting LCD module built-in type R12 to 14 or R15 to 16
* VRAM This IC has a built-in 19200-byte VRAM which is equivalent to two screens of 320 x 240 dots LCD. When accessing VRAM from MPU, use pins MCS, HWR, LWR, RD, BHE, A<14:0> and D<15:0>. Use of MPUSEL input can support both 8-bit MPU and 16-bit MPU. The VRAM address settable range is restricted depending on the panel configuration, as follows. VRAM address settable range When single scan mode * A<14:0>=0000 to 4AFFH --- 19200 byte 0000H VRAM 4AFFH When dual scan mode * For the 1st screen --- A<14:0>=0000 to 257FH --- 9600 byte * For the 2nd screen --- A<14:0>=2580 to 4AFFH --- 9600 byte 0000H VRAM for the 1st screen 257FH 2580H VRAM for the 2nd screen 4AFFH
VD<7:0>
2 4
VD<3:0>
5 6
When display data for a line has been sent, LP outputs data in synchronization with the falling edge of MAINCLK. The IC enables adjustment to an optimum value of the frame frequency as requested from the LCD PANEL side by adjusting pulse width of LP with the LPW register value. FLM is output when the display data for the first line has been sent. M output is an LCD alternating signal for driving LCD with alternating current. M output cycles can be set in lines with the M output cycle variable register and is available to prevent LCD from deterioration. * Gray scale display function Gray scale display can assign 2-bit VRAM data to a picture element of LCD display to show the display density at four levels. Gray scale display pattern tables 0 and 1 (4 x 4 matrix x 16 patterns x 2 medium gray scale), consisting of SRAM of 64 bytes in total, can set any gray scale display pattern. * Application to reflective color type LCD The above gradation display function is available to control about four display colors on the reflective color type LCD with ECB (Electrically Controlled Birefringence).
4


▲Up To Search▲   

 
Price & Availability of M66272

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X