Part Number Hot Search : 
74HC37 SA26107 L7812 L7812 74HC37 SD340YS 74HC37 SD340YS
Product Description
Full Text Search
 

To Download LH534A00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LH534A00
FEATURES * 524,288 words x 8 bit organization * Access time: 120 ns (MAX.) * Static operation * TTL compatible I/O * Three-state outputs * Single +5 V power supply * Power consumption: Operating: 357.5 mW (MAX.) Standby: 550 W (MAX.) * Package: 32-pin, 8 x 20 mm2 TSOP (Type I) DESCRIPTION
The LH534A00 is a 4M-bit mask-programmable ROM organized as 524,288 x 8 bits. It is fabricated using silicon-gate CMOS process technology.
A11 A9 A8 A13 A14 A17 NC VCC A18 A16 A15 A12 A7 A6 A5 A4
CMOS 4M (512K x 8) MROM
PIN CONNECTIONS
32-PIN TSOP (Type I) TOP VIEW
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
OE A10 CE D7 D6 D5 D4 D3 GND D2 D1 D0 A0 A1 A2 A3
534A00-1
Figure 1. Pin Connections for TSOP Package
1
LH534A00
CMOS 4M MROM
A18 9 A17 6 A16 A15 A14 A13 10 11 5 4
A11 1 A10 31 A9 A8 A7 A6 2 3 13 14
A5 15 A4 16 A3 17 A2 18 A1 19 A0 20
ADDRESS BUFFER
A12 12
ADDRESS DECODER
MEMORY MATRIX (524,288 x 8)
COLUMN SELECTOR
SENSE AMPLIFIER
CE 30
CE BUFFER
TIMING GENERATOR
OUTPUT BUFFER OE 32 OE BUFFER
8 24 VCC GND
21 D0
22 D1
23 D2
25 D3
26 D4
27 D5
28 D6
29 D7
534A00-2
Figure 2. LH534A00 Block Diagram
PIN DESCRIPTION
SIGNAL PIN NAME SIGNAL PIN NAME
A0 - A18 D0 - D7 CE
Address input Data output Chip enable input
OE VCC GND
Output enable input Power supply (+5 V) Ground
2
CMOS 4M MROM
LH534A00
TRUTH TABLE
CE OE DATA OUTPUT SUPPLY CURRENT
H L
X H L
High-Z High-Z Output
Standby Operating Operating
NOTE: X = H or L, High-Z = High-impedance
ABSOLUTE MAXIMUM RATINGS
PARAMETER SYMBOL RATING UNIT
Supply voltage Input voltage Output voltage Operating temperature Storage temperature
VCC VIN VOUT Topr Tstg
- 0.3 to +7.0 - 0.3 to V CC + 0.3 - 0.3 to V CC + 0.3 -20 to +70 -65 to +150
V V V C C
RECOMMENDED OPERATING CONDITIONS (TA = -20C to +70C)
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
Supply voltage
VCC
4.5
5.0
5.5
V
DC CHARACTERISTICS (VCC = 5 V 10%, TA = -20C to +70C)
PARAMETER SYMBOL CONDITIONS MIN. MAX. UNIT NOTE
Input `High' voltage Input `Low' voltage Output `High' voltage Output `Low' voltage Input leakage current Output leakage current
VIH VIL VOH VOL | ILl | | ILO | ICC1 ICC2 ICC3 ICC4 I OH = -400 A I OL = 2.0 mA V IN = 0 V to VCC V OUT = 0 V to VCC t RC = 120 ns t RC = 1 s t RC = 120 ns t RC = 1 s CE = V IH CE = V CC - 0.2 V f = 1 MHz T A = 25C
2.2 - 0.3 2.4
VCC + 0.3 0.8
V V V
0.4 10 10 65 50 60 45 3 100 10 10
V A A mA mA mA mA mA A pF pF 1 2 2 3 3
Operating current
Standby current Input capacitance Output capacitance
ISB1 ISB2 CIN COUT
NOTES: 1. CE/OE = VIH 2. VIN = VIH or VIL, CE = VIL, outputs open 3. VIN = (VCC - 0.2 V) or 0.2 V, CE = 0.2 V, outputs open
3
LH534A00
CMOS 4M MROM
AC CHARACTERISTICS (VCC = 5 V 10%, TA = -20C to +70C)
PARAMETER SYMBOL MIN. MAX. UNIT NOTE
Read cycle time Address access time Chip enable access time Output enable delay time Output hold time CE to output in High-Z OE to output in High-Z
tRC tAA tACE tOE tOH tCHZ tOHZ
120 120 120 60 0 60
ns ns ns ns ns ns 1
NOTE: 1. This is the time required for the outputs to become high-impedance.
AC TEST CONDITIONS
PARAMETER RATING
Input voltage amplitude Input rise/fall time Input/output reference level Output load condition
0.4 to 2.6 V 10 ns 1.5 V 1 TTL + 100 pF
CAUTION
To stabilize the power supply, it is recommended that a high-frequency bypass capacitor be connected between the VCC pin and the GND pin.
tRC
A0 - A18 tAA (NOTE) CE tACE (NOTE) OE tOE (NOTE) tOHZ tOH tCHZ
D0 - D7
DATA VALID
NOTE: The output data becomes valid when the last intervals, tAA, tACE, or tOE, have concluded.
534A00-3
Figure 3. Timing Diagram
4
CMOS 4M MROM
LH534A00
PAGKAGE DIAGRAM
32TSOP (Type I) (TSOP032-P-0820)
0.30 [0.012] 0.10 [0.004] 32 0.50 [0.020] TYP. 17
18.60 [0.732] 18.20 [0.717]
20.30 [0.799] 19.70 [0.776]
19.00 [0.748]
1 8.20 [0.323] 7.80 [0.307]
16 0.20 [0.008] 0.10 [0.004] 1.10 [0.043] 0.90 [0.035] 1.20 [0.047] MAX. 0.425 [0.017] 0.20 [0.008] 0.00 [0.000]
0.15 [0.006]
DIMENSIONS IN MM [INCHES]
MAXIMUM LIMIT MINIMUM LIMIT
32TSOP
32-pin, 8 x 20 mm2 TSOP (Type I)
ORDERING INFORMATION
LH534A00 Device Type
T Package
32-pin, 8 x 20 mm2 TSOP (Type I) (TSOP032-P-0820)
CMOS 4M (512K x 8) Mask-Programmable ROM Example: LH534A00T (CMOS 4M (512K x 8) Mask-Programmable ROM, 32-pin, 8 x 20 mm2 TSOP (Type I))
534A00-4
5


▲Up To Search▲   

 
Price & Availability of LH534A00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X