Part Number Hot Search : 
ZJ10B PSBH50 D1433 MMBT390 MAX951 TDA21201 AD707BQ EPJ5011
Product Description
Full Text Search
 

To Download K7R320982M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 K7R323682M K7R321882M K7R320982M Document Title
1Mx36 & 2Mx18 & 4Mx9 QDR TM II b2 SRAM
1Mx36-bit, 2Mx18-bit, 4Mx9-bit QDRTM II b2 SRAM
Revision History
Rev. No. 0.0 0.1 History 1. Initial document. 1. 2. 3. 4. 5. 6. Pin name change from DLL to Doff. Vddq range change from 1.5V to 1.5V~1.8V. Update JTAG test conditions. Reserved pin for high density name change from NC to Vss/SA Delete AC test condition about Clock Input timing Reference Level Delete clock description on page 2 and add HSTL I/O comment Draft Date June, 30 2001 Dec. 5 2001 Remark Advance Preliminary
0.2
1. Update current characteristics in DC electrical characteristics 2. Change AC timing characteristics 3. Update JTAG instruction coding and diagrams 1. 2. 3. 4. 5. 1. 2. 3. 4. Add 4Mx9 Organization. Add -FC25 part (Part Number, Idd, AC Characteristics) Add AC electrical characteristics. Change AC timing characteristics. Change DC electrical characteristics(ISB1) Change the data Setup/Hold time. Change the Access Time.(tCHQV, tCHQX, etc.) Change the Clock Cycle Time.(MAX value of tKHKH) Change the JTAG instruction coding.
July, 29. 2002
Preliminary
0.3
Sep. 6. 2002
Preliminary
0.4
Oct. 7. 2002
Preliminary
0.5
1. Change the Boundary scan exit order. 2. Change the AC timing characteristics(-25, -20) 3. Correct the Overshoot and Undershoot timing diagrams. 1. Change the JTAG Block diagram 1. Correct the JTAG ID register definition 2. Correct the AC timing parameter (delete the tKHKH Max value) 3. Change the Isb1 current. 1. Change the Maximum Clock cycle time. 2. Correct the 165FBGA package ball size. 1. Final spec release 1. Delete the x8 Org. Part
Dec. 16, 2002
Preliminary
0.6 0.7
Dec. 26, 2002 Mar. 20, 2003
Preliminary Preliminary
0.8
April. 4, 2003
Preliminary
1.0 2.0
Oct. 31, 2003 Dec. 1, 2003
Final Final
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this device. If you have any questions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
-1-
Dec. 2003 Rev 2.0
K7R323682M K7R321882M K7R320982M
1Mx36 & 2Mx18 & 4Mx9 QDR TM II b2 SRAM
1Mx36-bit, 2Mx18-bit, 4Mx9-bit QDRTM II b2 SRAM
FEATURES
* 1.8V+0.1V/-0.1V Power Supply. * DLL circuitry for wide output data valid window and future freguency scaling. * I/O Supply Voltage 1.5V+0.1V/-0.1V for 1.5V I/O, 1.8V+0.1V/-0.1V for 1.8V I/O. * Separate independent read and write data ports with concurrent read and write operation * HSTL I/O * Full data coherency, providing most current data . * Synchronous pipeline read with self timed early write. * Registered address, control and data input/output. * DDR(Double Data Rate) Interface on read and write ports. * Fixed 2-bit burst for both read and write operation. * Clock-stop supports to reduce current. * Two input clocks(K and K) for accurate DDR timing at clock rising edges only. * Two input clocks for output data(C and C) to minimize clock-skew and flight-time mismatches. * Two echo clocks (CQ and CQ) to enhance output data traceability. * Single address bus. * Byte write (x9, x18, x36) function. * Sepatate read/write control pin(R and W) * Simple depth expansion with no data contention. * Programmable output impenance. * JTAG 1149.1 compatible test access port. * 165FBGA(11x15 ball aray FBGA) with body size of 15x17mm Organization Part Number K7R323682M-FC20 K7R323682M-FC16 X18 K7R321882M-FC20 K7R321882M-FC16 X9 K7R320982M-FC20 K7R320982M-FC16 Cycle Time 5.0 6.0 5.0 6.0 5.0 6.0 Access Time 0.45 0.50 0.45 0.50 0.45 0.50 Unit ns ns ns ns ns ns
X36
FUNCTIONAL BLOCK DIAGRAM
36 (or 18) D(Data in)
DATA REG
36 (or 18) 19 (or 20) WRITE/READ DECODE
36 (or 18)
WRITE DRIVER
19 (or 20) ADDRESS
ADD REG
OUTPUT SELECT
R W BWX
4(or 2)
CTRL LOGIC
1Mx36 (2Mx18) MEMORY ARRAY
SENSE AMPS
OUTPUT REG
72 (or 36)
72 (or 36)
OUTPUT DRIVER
36 (or 18) Q(Data Out) CQ, CQ (Echo Clock out)
K K C C
CLK GEN SELECT OUTPUT CONTROL
Notes: 1. Numbers in ( ) are for x18 device, x9 device also the same with appropriate adjustments of depth and width.
QDR SRAM and Quad Data Rate comprise a new family of products developed by Cypress, Hitachi, IDT, Micron, NEC and Samsung techno logy.
-2-
Dec. 2003 Rev 2.0
K7R323682M K7R321882M K7R320982M
PIN CONFIGURATIONS(TOP VIEW)
1 A B C D E F G H J K L M N P R CQ Q27 D27 D28 Q29 Q30 D30 Doff D31 Q32 Q33 D33 D34 Q35 TDO 2 VSS/SA* Q18 Q28 D20 D29 Q21 D22 VREF Q31 D32 Q24 Q34 D26 D35 TCK 3 NC/SA* D18 D19 Q19 Q20 D21 Q22 VDDQ D23 Q23 D24 D25 Q25 Q26 SA 4 W SA VSS VSS VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VSS VSS SA SA
1Mx36 & 2Mx18 & 4Mx9 QDR TM II b2 SRAM
K7R323682M(1Mx36)
5 BW 2 BW 3 SA VSS VSS VDD VDD VDD VDD VDD VSS VSS SA SA SA 6 K K SA VSS VSS VSS VSS VSS VSS VSS VSS VSS SA C C 7 BW1 BW0 SA VSS VSS VDD VDD VDD VDD VDD VSS VSS SA SA SA 8 R SA VSS VSS V DDQ V DDQ V DDQ V DDQ V DDQ V DDQ V DDQ VSS VSS SA SA 9 SA D17 D16 Q16 Q15 D14 Q13 VDDQ D12 Q12 D11 D10 Q10 Q9 SA 10 VSS/SA* Q17 Q7 D15 D6 Q14 D13 VREF Q4 D3 Q11 Q1 D9 D0 TMS 11 CQ Q8 D8 D7 Q6 Q5 D5 ZQ D4 Q3 Q2 D2 D1 Q0 TDI
Notes : 1. * Checked No Connect(NC) or Vss pins are reserved for higher density address, i.e. 3A for 72Mb, 10A for 144Mb and 2A fo 288Mb. r 2. BW0 controls write to D0:D8, BW1 controls write to D9:D17, BW2 controls write to D18:D26 and BW3 controls write to D27:D35.
PIN NAME
SYMBOL K, K C, C CQ, CQ Doff SA D0-35 PIN NUMBERS 6B, 6A 6P, 6R 11A, 1A 1H 9A,4B,8B,5C-7C,5N-7N,4P,5P,7P,8P,3R-5R,7R-9R 10P,11N,11M,10K,11J,11G,10E,11D,11C,10N,9M,9L 9J,10G,9F,10D,9C,9B,3B,3C,2D,3F,2G,3J,3L,3M,2N 1C,1D,2E,1G,1J,2K,1M,1N,2P 11P,10M,11L,11K,10J,11F,11E,10C,11B,9P,9N,10L 9K,9G,10F,9E,9D,10B,2B,3D,3E,2F,3G,3K,2L,3N 3P,1B,2C,1E,1F,2J,1K,1L,2M,1P 4A 8A 7B,7A,5A,5B 2H,10H 11H 5F,7F,5G,7G,5H,7H,5J,7J,5K,7K 4E,8E,4F,8F,4G,8G,3H,4H,8H,9H,4J,8J,4K,8K,4L,8L 2A,10A,4C,8C,4D-8D,5E-7E,6F,6G,6H,6J,6K,5L-7L,4M, 8M,4N,8N 10R 11R 2R 1R 3A DESCRIPTION Input Clock Input Clock for Output Data Output Echo Clock DLL Disable when low Address Inputs Data Inputs 1 NOTE
Q0-35 W R B W0, BW1,BW2, B W3 V REF ZQ VDD VDDQ VSS TMS TDI TCK TDO NC
Data Outputs Write Control Pin,active when low Read Control Pin,active when low Block Write Control Pin,active when low Input Reference Voltage Output Driver Impedance Control Input Power Supply ( 1.8 V ) Output Power Supply ( 1.5V or 1.8V ) Ground JTAG Test Mode Select JTAG Test Data Input JTAG Test Clock JTAG Test Data Output No Connect 3 2
Notes: 1. C, C, K or K cannot be set to VREF voltage. 2. When ZQ pin is directly connected to VDD output impedance is set to minimum value and it cannot be connected to ground or left unconnected. 3. Not connected to chip pad internally.
-3-
Dec. 2003 Rev 2.0
K7R323682M K7R321882M K7R320982M
1Mx36 & 2Mx18 & 4Mx9 QDR TM II b2 SRAM
2 3 SA D9 D10 Q10 Q11 D12 Q13 VDDQ D14 Q14 D15 D16 Q16 Q17 SA 4 W SA VSS VSS VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VSS VSS SA SA 5 BW 1 NC SA VSS VSS VDD VDD VDD VDD VDD VSS VSS SA SA SA 6 K K SA VSS VSS VSS VSS VSS VSS VSS VSS VSS SA C C 7 NC BW0 SA VSS VSS VDD VDD VDD VDD VDD VSS VSS SA SA SA 8 R SA VSS VSS V DDQ V DDQ V DDQ V DDQ V DDQ V DDQ V DDQ VSS VSS SA SA 9 SA NC NC NC NC NC NC VDDQ NC NC NC NC NC NC SA 10 VSS/SA* NC Q7 NC D6 NC NC VREF Q4 D3 NC Q1 NC D0 TMS 11 CQ Q8 D8 D7 Q6 Q5 D5 ZQ D4 Q3 Q2 D2 D1 Q0 TDI
PIN CONFIGURATIONS(TOP VIEW) K7R321882M(2Mx18)
1 A B C D E F G H J K L M N P R CQ NC NC NC NC NC NC Doff NC NC NC NC NC NC TDO VSS/SA* Q9 NC D11 NC Q12 D13 VREF NC NC Q15 NC D17 NC TCK
Notes: 1. * Checked No Connect(NC) or Vss pins are reserved for higher density address, i.e. 10A for 72Mb and 2A for 144Mb. 2. BW0 controls write to D0:D8 and BW1 controls write to D9:D17.
PIN NAME
SYMBOL K, K C, C CQ, CQ Doff SA D0-17 Q0-17 W R B W0, BW1 VREF ZQ VDD VDDQ V SS TMS TDI TCK TDO NC PIN NUMBERS 6B, 6A 6P, 6R 11A, 1A 1H 3A,9A,4B,8B,5C-7C,5N-7N,4P,5P,7P,8P,3R-5R,7R-9R 10P,11N,11M,10K,11J,11G,10E,11D,11C,3B,3C,2D, 3F,2G,3J,3L,3M,2N 11P,10M,11L,11K,10J,11F,11E,10C,11B,2B,3D,3E, 2F,3G,3K,2L,3N,3P 4A 8A 7B, 5A 2H,10H 11H 5F,7F,5G,7G,5H,7H,5J,7J,5K,7K 4E,8E,4F,8F,4G,8G,3H,4H,8H,9H,4J,8J,4K,8K,4L,8L 2A,10A,4C,8C,4D-8D,5E-7E,6F,6G,6H,6J,6K,5L-7L,4M-8M,4N,8N 10R 11R 2R 1R 7A,1B,5B,9B,10B,1C,2C,9C,1D,9D,10D,1E,2E,9E,1F,9F, 10F,1G,9G,10G,1J,2J,9J,1K,2K,9J,1L,9L,10L,1M,2M, 9M,1N,9N,10N,1P,2P,9P DESCRIPTION Input Clock Input Clock for Output Data Output Echo Clock DLL Disable when low Address Inputs Data Inputs Data Outputs Write Control Pin,active when low Read Control Pin,active when low Block Write Control Pin,active when low Input Reference Voltage Output Driver Impedance Control Input Power Supply ( 1.8 V ) Output Power Supply ( 1.5V or 1.8V ) Ground JTAG Test Mode Select JTAG Test Data Input JTAG Test Clock JTAG Test Data Output No Connect 3 2 1 NOTE
Notes: 1. C, C, K or K cannot be set to V R E F voltage. 2. When ZQ pin is directly connected to VDD output impedance is set to minimum value and it cannot be connected to ground or left unconnected. 3. Not connected to chip pad internally.
-4-
Dec. 2003 Rev 2.0
K7R323682M K7R321882M K7R320982M
1Mx36 & 2Mx18 & 4Mx9 QDR TM II b2 SRAM
2 3 SA NC NC NC Q4 NC Q5 VDDQ NC NC D6 NC NC Q7 SA 4 W SA VSS VSS VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VSS VSS SA SA 5 NC NC SA VSS VSS VDD VDD VDD VDD VDD VSS VSS SA SA SA 6 K K SA VSS VSS VSS VSS VSS VSS VSS VSS VSS SA C C 7 NC BW SA VSS VSS VDD VDD VDD VDD VDD VSS VSS SA SA SA 8 R SA VSS VSS V DDQ V DDQ V DDQ V DDQ V DDQ V DDQ V DDQ VSS VSS SA SA 9 SA NC NC NC NC NC NC VDDQ NC NC NC NC NC NC SA 10 SA NC NC NC D2 NC NC VREF Q1 NC NC NC NC D8 TMS 11 CQ Q3 D3 NC Q2 NC NC ZQ D1 NC Q0 D0 NC Q8 TDI
PIN CONFIGURATIONS(TOP VIEW) K7R320982M(4Mx9)
1 A B C D E F G H J K L M N P R CQ NC NC NC NC NC NC Doff NC NC NC NC NC NC TDO VSS/SA* NC NC D4 NC NC D5 VREF NC NC Q6 NC D7 NC TCK
Notes: 1. * Checked No Connect(NC) or Vss pins are reserved for higher density address, i.e. 2A for 72Mb. 2. BW controls write to D0:D8 .
PIN NAME
SYMBOL K, K C, C CQ, CQ Doff SA D0-8 Q0-8 W R BW VREF ZQ VDD VDDQ V SS TMS TDI TCK TDO PIN NUMBERS 6B, 6A 6P, 6R 11A, 1A 1H 3A,9A,10A,4B,8B,5C-7C,5N-7N,4P,5P,7P,8P,3R-5R,7R-9R 11M,11J,10E,11C,2D,2G,3L,2N,10P 11L,10J,11E,11B,3E,3G,2L,3P,11P 4A 8A 7B 2H,10H 11H 5F,7F,5G,7G,5H,7H,5J,7J,5K,7K 4E,8E,4F,8F,4G,8G,3H,4H,8H,9H,4J,8J,4K,8K,4L,8L 2A,4C,8C,4D-8D,5E-7E,6F,6G,6H,6J,6K,5L-7L,4M-8M,4N,8N 10R 11R 2R 1R 7A,5A,1B,2B,3B,5B,9B,10B,1C,2C,3C,9C,10C,1D,3D,9D,10D,11D 1E,2E,9E,1F,2F,3F,9F,10F,11F,1G,9G,10G,11G,1J,2J,3J,9J 1K,2K,3K,10K,11K,9K,1L,9L,10L,1M,2M,3M,9M,10M,1N,3N,9N 10N,11N,1P,2P,9P DESCRIPTION Input Clock Input Clock for Output Data Output Echo Clock DLL Disable when low Address Inputs Data Inputs Data Outputs Write Control Pin,active when low Read Control Pin,active when low Nybble Write Control Pin,active when low Input Reference Voltage Output Driver Impedance Control Input Power Supply ( 1.8 V ) Output Power Supply ( 1.5V or 1.8V ) Ground JTAG Test Mode Select JTAG Test Data Input JTAG Test Clock JTAG Test Data Output 2 1 NOTE
NC
No Connect
3
Notes: 1. C, C, K or K cannot be set to V R E F voltage. 2. When ZQ pin is directly connected to VDD output impedance is set to minimum value and it cannot be connected to ground or left unconnected. 3. Not connected to chip pad internally.
-5-
Dec. 2003 Rev 2.0
K7R323682M K7R321882M K7R320982M
GENERAL DESCRIPTION
1Mx36 & 2Mx18 & 4Mx9 QDR TM II b2 SRAM
The K7R323682M,K7R321882M and K7R320982M are 37,748,736-bits QDR(Quad Data Rate) Synchronous Pipelined Burst SRAMs. They are organized as 1,048,576 words by 36bits for K7R323682M, 2,097,152 words by 18 bits for K7R321882M and 4,194,304 words by 9bits for K7R320982M. The QDR operation is possible by supporting DDR read and write operations through separate data output and input ports with the same cycle. Memory bandwidth is maxmized as data can be transfered into sram on every rising edge of K and K , and transfered out of sram on every rising edge of C and C. And totally independent read and write ports eliminate the need for high speed bus turn around. Address, data inputs, and all control signals are synchronized to the input clock ( K or K ). Normally data outputs are synchronized to output clocks ( C and C ), but when C and C are tied high, the data outputs are synchronized to the input clocks ( K and K ). Read data are referenced to echo clock ( CQ or CQ ) outputs. Read address is registered on rising edges of the input K clocks, and write address is registered on rising edges of the input K clocks. Common address bus is used to access address both for read and write operations. The internal burst counter is fiexd to 2-bit sequential for both read and write operations. Synchronous pipeline read and early write enable high speed operations. Simple depth expansion is accomplished by using R and W for port selection. Byte write operation is supported with BW0 and BW1 ( BW 2 and B W3) pins for x18 ( x36 ) device and only BW pin for x9 device. Nybble write operation is supported with NW 0 and NW1 pins for x8 device. IEEE 1149.1 serial boundary scan (JTAG) simplifies monitoriing package pads attachment status with system. The K7R323682M,K7R321882M and K7R320982M are implemented with SAMSUNG's high performance 6T CMOS technology and is available in 165pin FBGA packages. Multiple power and ground pins minimize ground bounce.
Read Operations
Read cycles are initiated by activating R at the rising edge of the positive input clock K. Address is presented and stored in the read address register synchronized with K clock. For 2-bit burst DDR operation, it will access two 36-bit or 18-bit or 9-bit or 8-bit data words with each read command. The first pipelined data is transfered out of the device triggered by C clock following next K clock rising edge. Next burst data is triggered by the rising edge of following C clock rising edge. Continuous read operations are initated with K clock rising edge. And pipelined data are transferred out of device on every rising edge of both C and C clocks. In case C and C tied to high, output data are triggered by K and K insted of C and C. When the R is disabled after a read operation, the K7R323682M,K7R321882M and K7R320982M will first complete burst read operation before entering into deselect mode at the next K clock rising edge. Then output drivers disabled automatically to high impedance state.
Power-Up/Power-Down Supply Voltage Sequencing
The following power-up supply voltage application is recommended: VSS, VDD, VDDQ, VREF, then V I N. VDD and VDDQ can be applied simultaneously, as long as V DDQ does not exceed V DD by more than 0.5V during power-up. The following power-down supply voltage removal sequence is recommended: V IN, V REF, VDDQ, VDD, VSS. VDD and V DDQ can be removed simultaneously, as long as VDDQ does not exceed VDD by more than 0.5V during power-down.
-6-
Dec. 2003 Rev 2.0
K7R323682M K7R321882M K7R320982M
Write Operations
1Mx36 & 2Mx18 & 4Mx9 QDR TM II b2 SRAM
Write cycles are initiated by activating W at the rising edge of the positive input clock K. Address is presented and stored in the write address register synchronized with following K clock. For 2-bit burst DDR operation, it will write two 36-bit or 18-bit or 9-bit or 8-bit data words with each write command. The first "early" data is transfered and registered in to the device synchronous with same K clock rising edge with W presented. Next burst data is transfered and registered synchronous with following K clock rising edge. Continuous write operations are initated with K rising edge. And "early writed" data is presented to the device on every rising edge of both K and K clocks. When the W is disabled, the K7R323682M,K7R321882M and K7R320982M will enter into deselect mode. The device disregards input data presented on the same cycle W disabled. The K7R323682M, K7R321882M and K7R320982M support byte write operations. With activating BW0 or BW1 ( BW2 or BW3 ) in write cycle, only one byte of input data is presented. In K7R321882M, BW0 controls write operation to D0:D8, BW1 controls write operation to D9:D17. And in K7R323682M BW2 controls write operation to D18:D26, BW 3 controls write operation to D27:D35. And in K7R320982M BW controls write operation to D0:D8.
Programmable Impedance Output Buffer Operation
The designer can program the SRAM's output buffer impedance by terminating the ZQ pin to VSS through a precision resistor(RQ). The value of RQ (within 15%) is five times the output impedance desired. For example, 250 resistor will give an output impedance of 50. Impedance updates occur early in cycles that do not activate the outputs, such as deselect cycles. In all cases impedance updates are transparent to the user and do not produce access time "push-outs" or other anomalous behavior in the SRAM. To guarantee optimum output driver impedance after power up, the SRAM needs 1024 non-read cycles.
Clock Consideration
K7R323682M,K7R321882M and K7R320982M utlizes internal DLL(Delay-Locked Loops) for maximum output data valid window. It can be placed into a stopped-clock state to minimize power with a modest restart time of 1024 clock cycles. Circuitry automatically resets the DLL when absence of input clock is detected.
Single Clock Mode
K7R323682M,K7R321882M and K7R320982M can be operated with the single clock pair K and K, insted of C or C for output clocks. To operate these devices in single clock mode, C and C must be tied high during power up and must be maintained high during operation. After power up, this device can't change to or from single clock mode. System flight time and clock skew could not be compensated in this mode.
Depth Expansion
Separate input and output ports enables easy depth expansion. Each port can be selected and deselected independently and read and write operation do not affect each other. Before chip deselected, all read and write pending operations are completed.
Echo clock operation
To assure the output tracibility, the SRAM provides the output Echo clock, pair of compliment clock CQ and CQ, which are synchronized with internal data output. Echo clocks run free during normal operation. The Echo clock is triggered by internal output clock signal, and transfered to external through same structures as output driver.
-7-
Dec. 2003 Rev 2.0
K7R323682M K7R321882M K7R320982M
1Mx36 & 2Mx18 & 4Mx9 QDR TM II b2 SRAM
STATE DIAGRAM
POWER-UP
READ NOP
READ
WRITE
WRITE NOP
READ
WRITE
READ
LOAD NEW READ ADDRESS
LOAD NEW WRITE ADDRESS
WRITE
ALWAYS (FIXED)
READ
WRITE
ALWAYS (FIXED)
DDR READ
WRITE PORT NOP DDR WRITE
Notes : 1. Internal burst counter is fixed as 2-bit linear, i.e. when first address is A0+0, next internal burst address is A0+1. 2. "READ" refers to read active status with R=Low, "READ " refers to read inactive status with R=high. "WRITE" and " WRITE" are the same case. 3. Read and write state machine can be active simulateneously. 4. State machine control timing sequence is controlled by K.
-8-
Dec. 2003 Rev 2.0
K7R323682M K7R321882M K7R320982M
TRUTH TABLES
SYNCHRONOUS TRUTH TABLE
K Stopped R X H L X W D(A0) X H X L Previous state X X Din at K(t)
1Mx36 & 2Mx18 & 4Mx9 QDR TM II b2 SRAM
D D(A1) Previous state X X Din at K(t) Q(A0) Previous state High-Z DOUT at C(t+1) X
Q Q(A1) Previous state High-Z DOUT at C(t+2) X
OPERATION Clock Stop No Operation Read Write
Notes: 1. X means "Don t Care". 2. The rising edge of clock is symbolized by ( ). 3. Before enter into clock stop status, all pending read and write operations will be completed.
WRITE TRUTH TABLE(x18)
K
Notes: 1. X means "Dont Care". 2. All inputs in this table must meet setup and hold time around the rising edge of input clock K or K ( ). 3. Assumes a WRITE cycle was initiated. 4. This table illustates operation for x18 devices. x9 device operation is similar except that BW controls D0:D8.
K
BW0 L L L L H H H H
BW1 L L H H L L H H
OPERATION WRITE ALL BYTEs ( K ) WRITE ALL BYTEs ( K ) WRITE BYTE 0 ( K ) WRITE BYTE 0 ( K ) WRITE BYTE 1 ( K ) WRITE BYTE 1 ( K ) WRITE NOTHING ( K ) WRITE NOTHING ( K )
WRITE TRUTH TABLE(x36)
K
Notes: 1. X means "Dont Care". 2. All inputs in this table must meet setup and hold time around the rising edge of input clock K or K ( ). 3. Assumes a WRITE cycle was initiated.
K
BW0 L L L L H H H H H H
BW 1 L L H H L L H H H H
BW2 L L H H H H L L H H
BW 3 L L H H H H L L H H
OPERATION WRITE ALL BYTEs ( K ) WRITE ALL BYTEs ( K ) WRITE BYTE 0 ( K ) WRITE BYTE 0 ( K ) WRITE BYTE 1 ( K ) WRITE BYTE 1 ( K ) WRITE BYTE 2 and BYTE 3 ( K ) WRITE BYTE 2 and BYTE 3 ( K ) WRITE NOTHING ( K ) WRITE NOTHING ( K )
-9-
Dec. 2003 Rev 2.0
K7R323682M K7R321882M K7R320982M
ABSOLUTE MAXIMUM RATINGS*
PARAMETER Voltage on VDD Supply Relative to VSS Voltage on VDDQ Supply Relative to VSS Voltage on Input Pin Relative to VSS Storage Temperature Operating Temperature Storage Temperature Range Under Bias
1Mx36 & 2Mx18 & 4Mx9 QDR TM II b2 SRAM
SYMBOL VDD VDDQ V IN TSTG TOPR TBIAS
RATING -0.5 to 2.9 -0.5 to V DD -0.5 to VDD+0.3 -65 to 150 0 to 70 -10 to 85
UNIT V V V C C C
*Note: 1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operati ng sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VDDQ must not exceed VDD during normal operation.
DC ELECTRICAL CHARACTERISTICS(VDD=1.8V 0.1V, TA=0C to +70C)
PARAMETER Input Leakage Current Output Leakage Current Operating Current (x36): DDR SYMBOL IIL IOL ICC TEST CONDITIONS VDD=Max ; VIN=V SS to VDDQ Output Disabled, VDD=Max , IOUT=0mA Cycle Time tKHKH Min VDD=Max , IOUT=0mA Cycle Time tKHKH Min VDD=Max , IOUT=0mA Cycle Time tKHKH Min Device deselected, I OUT=0mA, f=Max, All Inputs 0.2V or V DD-0.2V Output High Voltage Output Low Voltage Output High Voltage Output Low Voltage Input Low Voltage Input High Voltage VOH1 VOL1 VOH2 VOL2 VIL VIH IOH=-1.0mA IOL=1.0mA -20 -16 -20 -16 -20 -16 -20 -16 MIN -2 -2 MAX +2 +2 870 740 760 650 720 620 300 270 mA 1,6 mA 1,5 UNIT NOTES A A mA 1,5
Operating Current (x18): DDR
ICC
mA
1,5
Operating Current ( x9): DDR
ICC
Standby Current(NOP): DDR
ISB1
VDDQ/2-0.12 VDDQ/2+0.12 VDDQ/2-0.12 VDDQ/2+0.12 VDDQ-0.2 VSS -0.3 VREF+0.1 VDDQ 0.2 VREF-0.1 VDDQ+0.3
V V V V V V
2,7 3,7 4 4 8,9 8,10
Notes: 1. Minimum cycle. IOUT=0mA. 2. |IOH|=(VDDQ/2)/(RQ/5) 15% for 175 RQ 350 . 3. |IOL|=(VDDQ/2)/(RQ/5) 15% for 175 RQ 350. 4. Minimum Impedance Mode when ZQ pin is connected to VDDQ . 5. Operating current is calculated with 50% read cycles and 50% write cycles. 6. Standby Current is only after all pending read and write burst opeactions are completed. 7. Programmable Impedance Mode. 8. These are DC test criteria. DC design criteria is V R E F50mV. The AC VIH/VIL levels are defined separately for measuring timing parameters. 9. V IL (Min)DC=-0.3V, VIL (Min)AC=-1.5V(pulse width 3ns). 10. VIH (Max)DC= VDDQ+0.3, V IH (Max)AC=VDDQ+0.85V(pulse width 3ns).
- 10 -
Dec. 2003 Rev 2.0
K7R323682M K7R321882M K7R320982M
1Mx36 & 2Mx18 & 4Mx9 QDR TM II b2 SRAM
AC ELECTRICAL CHARACTERISTICS (VDD=1.8V 0.1V, TA=0C to +70C)
PARAMETER Input High Voltage Input Low Voltage SYMBOL VIH (AC) V IL (AC) MIN VREF + 0.2 MAX VREF - 0.2 UNIT V V NOTES 1,2 1,2
Notes: 1. This condition is for AC function test only, not for AC parameter test. 2. To maintain a valid level, the transitioning edge of the input must : a) Sustain a constant slew rate from the current AC level through the target AC level, V IL(AC) or VIH(AC) b) Reach at least the target AC level c) After the AC target level is reached, continue to maintain at least the target DC level, VIL(DC) or V IH(DC)
Overershoot Timing
20% tKHKH(MIN) VDDQ+0.5V VDDQ+0.25V VDDQ
Undershoot Timing
VIH
VSS VSS-0.25V VSS-0.5V
VIL
Note: For power-up, V IH VDDQ+0.3V and V D D 1.7V and VDDQ 1.4V t 200ms
20% tKHKH(MIN)
OPERATING CONDITIONS (0C TA 70C)
PARAMETER Supply Voltage Reference Voltage Ground SYMBOL VDD VDDQ V REF VSS Min 1.7 1.4 0.68 0 MAX 1.9 1.9 0.95 0 UNIT V V V V
AC TEST CONDITIONS
Parameter Core Power Supply Voltage Output Power Supply Voltage Input High/Low Level Input Reference Level Input Rise/Fall Time Output Timing Reference Level
Note: Parameters are tested with RQ=250
Symbol VDD VDDQ VIH/VIL VREF TR/T F
Value 1.7~1.9 1.4~1.9 1.25/0.25 0.75 0.3/0.3 VDDQ/2
Unit V V V V ns V
AC TEST OUTPUT LOAD
VREF 0.75V VDDQ/2 50 Zo=50 250 ZQ
SRAM
- 11 -
Dec. 2003 Rev 2.0
K7R323682M K7R321882M K7R320982M
1Mx36 & 2Mx18 & 4Mx9 QDR TM II b2 SRAM
AC TIMING CHARACTERISTICS(VDD=1.8V0.1V, TA=0C to +70C)
PARAMETER Clock Clock Cycle Time (K, K, C, C) Clock Phase Jitter (K, K, C, C) Clock High Time (K, K , C, C) Clock Low Time (K, K, C, C) Clock to Clock (K K, C C) Clock to data clock (K C, K C) DLL Lock Time (K, C) K Static to DLL reset Output Times C, C High to Output Valid C, C High to Output Hold C, C High to Echo Clock Valid C, C High to Echo Clock Hold CQ, CQ High to Output Valid CQ, CQ High to Output Hold C, High to Output High-Z C, High to Output Low-Z Setup Times Address valid to K rising edge Control inputs valid to K rising edge Data-in valid to K, K rising edge Hold Times K rising edge to address hold K rising edge to control inputs hold K, K rising edge to data-in hold tKHAX tKHIX tKHDX 0.40 0.40 0.40 0.50 0.50 0.50 ns ns ns tAVKH tIVKH tDVKH 0.40 0.40 0.40 0.50 0.50 0.50 ns ns ns 2 tCHQV tCHQX tCHCQV tCHCQX tCQHQV tCQHQX tCHQZ tCHQX1 -0.45 -0.35 0.45 -0.50 -0.45 0.35 -0.40 0.50 -0.45 0.45 -0.50 0.40 0.45 -0.50 0.50 0.50 ns ns ns ns ns ns ns ns 3 3 3 3 tKHKH tKC var tKHKL tKLKH tKHKH tKHCH tKC lock tKC reset 2.00 2.00 2.20 0.00 1024 30 2.30 5.00 7.88 0.20 2.40 2.40 2.70 0.00 1024 30 2.80 6.00 8.40 0.20 ns ns ns ns ns ns cycle ns 6 5 SYMBOL -20 MIN MAX MIN -16 MAX UNITS NOTES
Notes: 1. All address inputs must meet the specified setup and hold times for all latching clock edges. 2. Control signal are R and W. In case of BW0,BW1 ( BW2, BW3, also for x36) signal follow the data setup/hold times. 3. If C,C are tied high, K, become the references for C,C timing parameters. K 4. To avoid bus contention, at a given voltage and temperature tCHQX1 is bigger than tCHQZ. The specs as shown do not imply bus contention beacuse tCHQX 1 is a MIN parameter that is worst case at totally different test conditions (0C, 1.9V) than tCHQZ, which is a MAX parameter(worst case at 70C, 1.7V) It is not possible for two SRAMs on the same board to be at such different voltage and temperature. 5. Clock phase jitter is the variance from clock rising edge to the next expected clock rising edge. 6. Vdd slew rate must be less than 0.1V DC per 50 ns for DLL lock retention. DLL lock time begins once Vdd and input clock are stable.
- 12 -
Dec. 2003 Rev 2.0
K7R323682M K7R321882M K7R320982M
PIN CAPACITANCE
PRMETER Address Control Input Capacitance Input and Output Capacitance Clock Capacitance
1Mx36 & 2Mx18 & 4Mx9 QDR TM II b2 SRAM
SYMBOL CIN COUT CCLK
TESTCONDITION VIN=0V VOUT=0V -
Typ 4 6 5
Max 5 7 6
Unit pF pF pF
NOTES
Note: 1. Parameters are tested with RQ=250 and V DDQ=1.5V.
2. Periodically sampled and not 100% tested.
THERMAL RESISTANCE
PRMETER Junction to Ambient Junction to Case Junction to Pins SYMBOL JA JC JB Typ 20.8 2.3 4.3 Unit NOTES
C/W C/W C/W
Note: Junction temperature is a function of on-chip power dissipation, package thermal impedance, mounting site temperature and mounting site thermal impedance. TJ=TA + PD x JA
APPLICATION INRORMATION
R=250 CQ CQ Q RW BW0 BW1 C C K K SRAM#4 ZQ ZQ
ZQ R=250 CQ CQ Q R W BW0 BW1 C C K K SRAM#1
Vt R
Data In Data Out Address R W BW
D SA
D SA
R
Vt Vt
MEMORY CONTROLLER
Return CLK Source CLK Return CLK Source CLK
Vt Vt
R=50 Vt=VREF
SRAM1 SRAM1 SRAM4 SRAM4
Input Input Input Input
CQ CQ CQ CQ
- 13 -
Dec. 2003 Rev 2.0
K7R323682M K7R321882M K7R320982M
1Mx36 & 2Mx18 & 4Mx9 QDR TM II b2 SRAM
TIMING WAVE FORMS OF READ AND NOP
READ
tKHKH
READ
tKLKH
NOP
READ
NOP
K
tKHKL
tKHKH
K
tAVKH tKHAX
SA
A1
tIVKH tKHIX
A2
A3
R
tCHQX 1
Q(Data Out)
tKHKH tKLKH tKHCH
Q1-1
tCHQV
Q1-2
tCHQX
Q2-1
Q2-2
tCHQZ
Q3-1
C
tKHKL tKHK H
C
tCHQV tCHCQV tCQHQV tCHCQV tCQHQX tCHCQX
CQ
CQ
tCHCQX
Dont Care
2. Outputs are disabled one cycle after a NOP.
Undefined
Note : 1. Q1-1 refers to output from address A1+0, Q1-2 refers to output from address A1+1 i.e. the next internal burst address following A1+0.
TIMING WAVE FORMS OF WRITE AND NOP
WRITE
tKHKH
WRITE
NOP
WRITE
NOP
K
tKHKL
tKLKH tKHK H
K
tAVKH tKHAX
SA
tIVKH tKHIX
A1
A2
A3
W
tKHIX
D(Data In)
D1-1
D1-2
D2-1
D2-2
D3-1
tDVKH
D3-2
tKHDX
Don t Care
Undefined
Note: 1.D1-1 refers to input to address A1+0, D1-2 refers to input to address A1+1, i.e the next internal burst address following A1+ 0. 2. BWx ( NWx ) assumed active.
- 14 -
Dec. 2003 Rev 2.0
K7R323682M K7R321882M K7R320982M
1Mx36 & 2Mx18 & 4Mx9 QDR TM II b2 SRAM
TIMING WAVE FORMS OF READ, WRITE AND NOP
READ K WRITE READ WRITE READ WRITE NOP WRITE NOP
K
SA
A1
A2
A3
A4
A5
A6
A7
W
R
D(Data In)
D2-1
D2-2
D4-1
D4-2
D6-1
D6-2
D7-1
D7-2
Q(Data Out)
Q1-1
Q1-2
Q3-1
Q3-2
Q5-1
Q5-2
C
C
CQ
CQ
Dont Care
Note: 1. If address A1=A2, data Q1-1=D2-1, data Q1-2=D2-2. Write data is forwarded immediately as read results. 2.BWx ( NWx ) assumed active.
Undefined
- 15 -
Dec. 2003 Rev 2.0
K7R323682M K7R321882M K7R320982M
1Mx36 & 2Mx18 & 4Mx9 QDR TM II b2 SRAM
IEEE 1149.1 TEST ACCESS PORT AND BOUNDARY SCAN-JTAG
This part contains an IEEE standard 1149.1 Compatible Test Access Port(TAP). The package pads are monitored by the Serial Scan circuitry when in test mode. This is to support connectivity testing during manufacturing and system diagnostics. Internal data is not driven out of the SRAM under JTAG control. In conformance with IEEE 1149.1, the SRAM contains a TAP controller, Instruction Register, Bypass Register and ID register. The TAP controller has a standard 16-state machine that resets internally upon power-up, therefore, TRST signal is not required. It is possible to use this device without utilizing the TAP. To disable the TAP controller without interfacing with normal operation of the SRAM, TCK must be tied to VSS to preclude mid level input. TMS and TDI are designed so an undriven input will produce a response identical to the application of a logic 1, and may be left unconnected. But they may also be tied to VDD through a resistor. TDO should be left unconnected.
JTAG Block Diagram
JTAG Instruction Coding
IR2 IR1 0 0 0 0 0 1 1 0 0 1 1 IR0 0 1 0 1 0 1 0 1 Instruction EXTEST IDCODE SAMPLE-Z RESERVED SAMPLE RESERVED RESERVED BYPASS TDO Output Boundary Scan Register Identification Register Boundary Scan Register Do Not Use Boundary Scan Register Do Not Use Do Not Use Bypass Register Notes 1 3 2 6 5 6 6 4
A,D K,K C,C Q CQ CQ TDI BYPASS Reg. Identification Reg. Instruction Reg. Control Signals TMS TCK TAP Controller SRAM CORE
0 1 1 1 1
TDO
NOTE : 1. Places DQs in Hi-Z in order to sample all input data regardless of other SRAM inputs. This instruction is not IEEE 1149.1 compliant. 2. Places DQs in Hi-Z in order to sample all input data regardless of other SRAM inputs. 3. TDI is sampled as an input to the first ID register to allow for the serial shift of the external TDI data. 4. Bypass register is initiated to V SS when BYPASS instruction is invoked. The Bypass Register also holds serially loaded TDI when exiting the Shift DR states. 5. SAMPLE instruction dose not places DQs in Hi-Z. 6. This instruction is reserved for future use.
TAP Controller State Diagram
1 0 Test Logic Reset 0 Run Test Idle 1 1 Select DR 0 Capture DR 0 Shift DR 1 1 Exit1 DR 0 Pause DR 1 Exit2 DR 1 1 Update DR 0 0 0 0 1 1 1 Select IR 0 Capture IR 1
0
Shift IR 1 Exit1 IR 0 Pause IR 1 Exit2 IR 1 Update IR 1 0 0 0 0
- 16 -
Dec. 2003 Rev 2.0
K7R323682M K7R321882M K7R320982M
SCAN REGISTER DEFINITION
Part 1Mx36 2Mx18 4Mx9 Instruction Register 3 bits 3 bits 3 bits
1Mx36 & 2Mx18 & 4Mx9 QDR TM II b2 SRAM
Bypass Register 1 bit 1 bit 1 bit ID Register 32 bits 32 bits 32 bits Boundary Scan 109 bits 109 bits 109 bits
ID REGISTER DEFINITION
Part 1Mx36 2Mx18 4Mx9 Revision Number (31:29) 000 000 000 Part Configuration (28:12) 00def0wx0t0q0b0s0 00def0wx0t0q0b0s0 00def0wx0t0q0b0s0 Samsung JEDEC Code (11: 1) 00001001110 00001001110 00001001110 Start Bit(0) 1 1 1
Note : Part Configuration /def=010 for 36Mb, /wx=11 for x36, 10 for x18, 00 for x9. /t=1 for DLL Ver., 0 for non-DLL Ver. /q=1 for QDR, 0 for DDR /b=1 for 4Bit Burst, 0 for 2Bit Burst /s=1 for Separate I/O, 0 for Common I/O
BOUNDARY SCAN EXIT ORDER
ORDER 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 PIN ID 6R 6P 6N 7P 7N 7R 8R 8P 9R 11P 10P 10N 9P 10M 11N 9M 9N 11L 11M 9L 10L 11K 10K 9J 9K 10J 11J 11H 10G 9G 11F 11G 9F 10F 11E 10E ORDER 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 PIN ID 10D 9E 10C 11D 9C 9D 11B 11C 9B 10B 11A 10A 9A 8B 7C 6C 8A 7A 7B 6B 6A 5B 5A 4A 5C 4B 3A 2A 1A 2B 3B 1C 1B 3D 3C 1D ORDER 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 PIN ID 2C 3E 2D 2E 1E 2F 3F 1G 1F 3G 2G 1H 1J 2J 3K 3J 2K 1K 2L 3L 1M 1L 3N 3M 1N 2M 3P 2N 2P 1P 3R 4R 4P 5P 5N 5R Internal
Note : 1. NC pins are read as "X" ( i.e. dont care.)
- 17 -
Dec. 2003 Rev 2.0
K7R323682M K7R321882M K7R320982M
1Mx36 & 2Mx18 & 4Mx9 QDR TM II b2 SRAM
JTAG DC OPERATING CONDITIONS
Parameter Power Supply Voltage Input High Level Input Low Level Output High Voltage(IOH=-2mA) Output Low Voltage(IOL=2mA) Symbol VDD VIH VIL VOH VOL Min 1.7 1.3 -0.3 1.4 VSS Typ 1.8 Max 1.9 V DD+0.3 0.5 VDD 0.4 Unit V V V V V Note
Note: 1. The input level of SRAM pin is to follow the SRAM DC specification.
JTAG AC TEST CONDITIONS
Parameter Input High/Low Level Input Rise/Fall Time Input and Output Timing Reference Level
Note: 1. See SRAM AC test output load on page 11.
Symbol VIH/VIL TR/TF
Min 1.8/0.0 1.0/1.0 0.9
Unit V ns V
Note
1
JTAG AC Characteristics
Parameter TCK Cycle Time TCK High Pulse Width TCK Low Pulse Width TMS Input Setup Time TMS Input Hold Time TDI Input Setup Time TDI Input Hold Time SRAM Input Setup Time SRAM Input Hold Time Clock Low to Output Valid Symbol tCHCH tCHCL tCLCH tMVCH tCHMX tDVCH tCHDX tSVCH tCHSX tCLQV Min 50 20 20 5 5 5 5 5 5 0 Max 10 Unit ns ns ns ns ns ns ns ns ns ns Note
JTAG TIMING DIAGRAM
TCK
tCHCH tMVCH tCHMX tCHCL tCLCH
TMS
tDVCH tCHDX
TDI
tSVCH tCHSX
PI (SRAM)
tCLQV
TDO
- 18 -
Dec. 2003 Rev 2.0
K7R323682M K7R321882M K7R320982M
165 FBGA PACKAGE DIMENSIONS
1Mx36 & 2Mx18 & 4Mx9 QDR TM II b2 SRAM
15mm x 17mm Body, 1.0mm Bump Pitch, 11x15 Ball Array
B
Top View
A
C D
A G
Side View
E
B
F
Bottom View
H
E
Symbol A B C D
Value 15 0.1 17 0.1 1.3 0.1 0.35 0.05
Units mm mm mm mm
Note
Symbol E F G H
Value 1.0 14.0 10.0 0.5 0.05
Units mm mm mm mm
Note
- 19 -
Dec. 2003 Rev 2.0


▲Up To Search▲   

 
Price & Availability of K7R320982M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X