Part Number Hot Search : 
SL5421 09XA3 LL1545A IM11GR 012104 030CT TL3700 W005G
Product Description
Full Text Search
 

To Download JRC-19F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ,
JRC-19F (4078)
E158859
21x10x12 Features
Small size, light weight. Low coil power consumption. PC board mounting. Suitable for household electrical appliance, automation system, electronic equipment, instrument, meter, telecommunication facilities and remote control facilities.
R2133344
Ordering Information
JRC-19F 2C 3V 0.2
1 2 3 4 1 Part numberJRC-19F 2 Contact arrangement2A:2A2C:2C 3 Coil rated Voltage(V)DC:3,4.5,5,6,12,24,48, 4 Coil power consumption0.15:0.15W0.2:0.2W 0.36:0.36W0.51:0.51W
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical life Mechanical 2A DPSTNO f2C DPDT(B-M) Ag Ag Ni(Au clad) 2A/24VDC; 0.5A 1A/125VAC 30VDC ; 48W 60VA 24VDC 220VAC Max. Switching Current:2A 50m Item 3.12 of IEC255-7 105 Item 3.30 of IEC255-7 107 Item 3.31 of IEC255-7
Coil Parameter
Dash numbers 003-150 004-150 005-150 006-150 012-150 024-150 003-200 004-200 005-200 006-200 012-200 024-200 003-360 004-360 005-360 006-360 012-360 024-360 003-510 004-510 005-510 006-510 012-510 024-510 048-510 Coil voltage VDC Rated 3 4.5 5 6 12 24 3 4.5 5 6 12 24 3 4.5 5 6 12 24 3 4.5 5 6 12 24 48 Max 3.9 5.9 6.5 7.8 15.6 31.2 3.9 5.9 6.5 7.8 15.6 31.2 3.9 5.9 6.5 7.8 15.6 31.2 3.9 5.9 6.5 7.8 15.6 31.2 62.4 Coil resistance 10% 60 135 166.7 240 960 3840 45 101 125 180 720 2880 25 56 70 100 400 1600 17.6 39.7 49 70.6 282.4 1129.4 4517.6 Pickup voltage VDC(max) (75%of rated voltage ) 2.25 3.15 3.50 4.20 8.40 18.0 2.25 3.15 3.50 4.20 8.40 18.0 2.25 3.15 3.50 4.20 8.40 18.0 2.25 3.15 3.50 4.20 8.40 18.0 36.0 release voltage VDC(min) (10% of rated voltage) 0.3 0.45 0.5 0.6 1.2 2.4 0.3 0.45 0.5 0.6 1.2 2.4 0.3 0.45 0.5 0.6 1.2 2.4 0.3 0.45 0.5 0.6 1.2 2.4 4.8 Coil power consumption W Operate Time ms Release Time ms
0.15
6
5
0.20
6
5
0.36
6
5
0.51
6
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
47
www.dblectro.com


▲Up To Search▲   

 
Price & Availability of JRC-19F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X